Part Number Hot Search : 
XC2V250 F11N60 P6KE82 BR101 C3506 3N213 MAX176 F1006
Product Description
Full Text Search
 

To Download IRFR210PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95068A
IRFR210PBF IRFU210PbF
*
Lead-Free
www.irf.com
1
12/9/04
IRFR/U210PbF
2
www.irf.com
IRFR/U210PbF
www.irf.com
3
IRFR/U210PbF
4
www.irf.com
IRFR/U210PbF
www.irf.com
5
IRFR/U210PbF
6
www.irf.com
IRFR/U210PbF
Peak Diode Recovery dv/dt Test Circuit
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+ +
-
* dv/dt controlled by RG * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
*
Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14 For N Channel HEXFETS
www.irf.com 7
IRFR/U210PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: THIS IS AN IRFR120 WITH ASSEMBLY LOT CODE 1234 ASSEMBLED ON WW 16, 1999 IN THE ASSEMBLY LINE "A" Note: "P" in assembly line position indicates "Lead-Free" PART NUMBER INTERNATIONAL RECTIFIER LOGO
IRFU120 12 916A 34
ASSEMBLY LOT CODE
DATE CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
PART NUMBER INTERNATIONAL RECTIFIER LOGO
IRFU120 12 34
DATE CODE P = DESIGNATES LEAD-FREE PRODUCT (OPTIONAL) YEAR 9 = 1999 WEEK 16 A = ASSEMBLY SITE CODE
ASSEMBLY LOT CODE
8
www.irf.com
IRFR/U210PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
E XAMPLE : T HIS IS AN IRF U120 WIT H ASS E MBLY LOT CODE 5678 AS SE MB LE D ON WW 19, 1999 IN T HE AS S EMB LY LINE "A" Note: "P" in as s embly line pos ition indicates "Lead-Free" INT E RNAT IONAL RECT IF IE R LOGO PART NUMBE R
IRF U120 919A 56 78
AS SE MBLY LOT CODE
DAT E CODE YE AR 9 = 1999 WEE K 19 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO PART NUMBER
IRF U120 56 78
AS S EMBLY L OT CODE
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = AS S EMBLY S IT E CODE
www.irf.com
9
IRFR/U210PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04 10 www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFR210PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X