Part Number Hot Search : 
LV4924VH 02M48RT KCU20A30 CHIPS LB11990W 476M0 5ETP12 220MC
Product Description
Full Text Search
 

To Download ICS650-07B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICS650-07B Broadcom Clock Source
Description
The ICS650-07B is a low cost, low jitter, high performance clock synthesizer customized for Broadcom. Using analog Phase-Locked Loop (PLL) techniques, the device accepts a 25.00 MHz clock or fundamental mode crystal input to produce multiple output clocks of 25.0 MHz, two 125.0 MHz, 133.33 MHz, and a selectable 33.3/66.6 MHz clock. All output clocks are frequency locked together. The ICS650-07B outputs all have 0 ppm synthesis error. Do not use the 125 MHz outputs to drive Gigabit Ethernet SERDES. Instead, the 25 MHz clock can be driven into our ICS601 in the X5 mode. The ICS601 has low enough jitter and phase noise for all popular SERDES.
Features
* Packaged in 20 pin narrow (150 mil) SSOP (QSOP) * 25.00 MHz fundamental crystal or clock input * Four fixed output clocks of 25 MHz, 133.33 MHz, and two copies of 125 MHz * One selectable output clock of 33.3 or 66.6 MHz * Zero ppm synthesis error in all clocks * PCI clock switching occurs within 1 s * Ideal for Broadcom's BCM5600 chipset * Full CMOS output swing * Advanced, low power, sub-micron CMOS process * 3.0 V to 5.5 V operating voltage
Block Diagram
VDD GND
4
3
Output Buffer
PCI CLK 125.00 MHz 125.00 MHz 133.33 MHz
PS
Clock Synthesis and Control Circuitry
Output Buffer Output Buffer
25.00 MHz crystal or clock
X1 Clock Buffer/ Crystal Oscillator
Output Buffer
Output Buffer
25.00 MHz
X2
OE (all outputs)
Optional crystal capacitors are shown and may be required for tuning of initial accuracy (determined once per board).
1 Revision 042600 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel * www.icst.com
MD S 650-07B A
ICS650-07B Broadcom Clock Source
Pin Assignment
PS X2 X1/ICLK VDD DC GND 125M 125M DC 133M 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VDD VDD 25M PCICLK VDD OE GND DC DC GND
PCI CLK Output Select Table
PS Pin 1 0 1 PCICLK Pin 17 33.33 MHz 66.66 MHz
0 = connect directly to GND 1 = connect directly to VDD
20 pin (150 mil) SSOP
Pin Descriptions
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name PS X2 X1/ICLK VDD DC GND 125M 125M DC 133M GND DC DC GND OE VDD PCICLK 25M VDD VDD Type I XO XI P P O O O P P I P O O P P Description PCI Clock frequency select input. Determines PCI CLK output per table above. Crystal connection. Connect to 25 MHz crystal or leave unconnected for a clock input. Crystal connection. Connect to 25 MHz fundamental crystal or clock input. Connect to +3.3 V or +5 V. Must be same as other VDDs. Don't Connect. Do not connect anything to this pin. Connect to ground. 125.0 MHz clock output. Cannot be used for Gigabit Ethernet SERDES. 125.0 MHz clock output. Cannot be used for Gigabit Ethernet SERDES. Don't Connect. Do not connect anything to this pin. 133.33 MHz clock output. Connect to ground. Don't Connect. Do not connect anything to this pin. Don't Connect. Do not connect anything to this pin. Connect to ground. Output Enable. Tri-states all outputs when low. Internal pull-up. Connect to +3.3 V or +5 V. Must be same as other VDDs. PCI Clock output per table above. 25.0 MHz buffered reference clock output. Connect to +3.3 V or +5 V. Must be same as other VDDs. Connect to +3.3 V or +5 V. Must be same as other VDDs.
Key: XI, XO = crystal connections; I = Input; O = Output; P = power supply connection 2 Revision 042600 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel * www.icst.com
MD S 650-07B A
ICS650-07B Broadcom Clock Source
Electrical Specifications
Parameter Supply voltage, VDD Inputs and Clock Outputs Ambient Operating Temperature Soldering Temperature Storage temperature Operating Voltage, VDD Input High Voltage, VIH, X1 pin only Input Low Voltage, VIL, X1 pin only Input High Voltage, VIH, PS pin only Input Low Voltage, VIL, PS pin only Output High Voltage, VOH Output Low Voltage, VOL Output High Voltage, VOH, CMOS level Operating Supply Current, IDD Short Circuit Current Internal pull-up resistor Input Frequency Output Clock Rise Time Output Clock Fall Time Output Clock Duty Cycle Frequency error Absolute Jitter, short term Notes: Conditions Referenced to GND Referenced to GND Max of 20 seconds -65 3 VDD/2 + 1 VDD-0.5 0.5 IOH=-12 mA IOL=12 mA IOH=-4 mA No Load Each output PS, OE 2.4 0.4 VDD-0.4 35 50 200 25.000 0.8 to 2.0 V 2.0 to 0.8 V At VDD/2 All clocks Variation from mean 1.5 1.5 60 0 Minimum Typical Maximum 7 VDD+0.5 70 260 150 5.5 VDD/2 VDD/2 VDD/2 - 1 Units V V C C C V V V V V V V V mA mA k MHz ns ns % ppm ps
ABSOLUTE MAXIMUM RATINGS (note 1) n
-0.5 0
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
40
50 200
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
External Components
The ICS650-07B requires a minimum number of external components for proper operation. Decoupling capacitors of 0.01F should be connected between each VDD and GND, as close to the ICS650-07B as possible. A series termination resistor of 33 may be used for each clock output. The 25.00 MHz crystal must be connected as close to the chip as possible. The crystal should be a fundamental mode (do not use third overtone), parallel resonant. Crystal capacitors should be connected from pins X1 to ground and X2 to ground to optimize the initial accuracy. The value of these capacitors is given by the following equation, where CL is the crystal load capacitance: Crystal caps (pF) = (CL-6) x 2. So for a crystal with 16 pF load capacitance, two 20 pF caps should be used.
3 Revision 042600 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel * www.icst.com
MD S 650-07B A
ICS650-07B Broadcom Clock Source
Package Outline and Package Dimensions (For current dimensional specifications, see JEDEC Publication No. 95.)
20 pin SSOP
Symbol A A1 b c D e E E1 L Inches e Min Max 0.053 0.069 0.004 0.010 0.008 0.012 0.007 0.010 0.337 0.344 .025 BSC S 0.228 0.244 0.150 0.157 0.016 0.050 Millimeters m Min Max 1.35 1.75 0.10 0.25 0.20 0.30 0.19 0.25 8.56 8.74 0.635 BSC 5.79 6.20 3.81 3.99 0.41 1.27
E1
E
INDEX AREA
1
2
D A1 e b c A L
Ordering Information
Part/Order Number ICS650R-07 ICS650R-07T Marking ICS650R-07 ICS650R-07 Shipping packaging tubes tape and reel Package 20 pin SSOP 20 pin SSOP Temperature 0-70C 0-70C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
4 Revision 042600 Printed 11/15/00 Integrated Circuit Systems, Inc. * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel * www.icst.com
MD S 650-07B A


▲Up To Search▲   

 
Price & Availability of ICS650-07B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X