Part Number Hot Search : 
SZN6329 8353D ORT9303G A1060 MBR3045 SKQGABE 74HC4 LA7016
Product Description
Full Text Search
 

To Download HT2012H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT201XX One Lamp/LED Flash Driver
Features
* * * * * * * * *
CMOS Metal-Gate Process Technology Operating voltage: 1.2V~4.5V Low standby current: 1A Typ. at 3V Built-in oscillator (FOSC: 32KHz) ON/OFF control function for the HT2013H, HT2013M, HT2013L 1/8 duty cycle output Directly driving an LED Minimum external components TO-92 package (only for the HT2012H, HT2014M, HT2014L)
*
Flash rate options: - HT2013H about 4Hz - HT2012H about 4Hz (No ON/OFF control function) - HT2013M about 2Hz - HT2014M about 2Hz (No ON/OFF control function) - HT2013L about 1Hz - HT2014L about 1Hz (No ON/OFF control function)
General Description
The HT201XX series is a low cost, low power CMOS LSI chip designed for lamp and LED flash drivers. It can be operated without any external components, thus suitable for applications on flashing badges, gift cards, flashing earrings, and other products that require flashing lights.
Selection Table
Part No.
HT2013H HT2012H HT2013M HT2014M HT2013L HT2014L
Flash Rate
4Hz 4Hz 2Hz 2Hz 1Hz 1Hz
ON/OFF Control Yes

Package TO-92 Dice

No
1
10th June '97
HT201XX
Pin Assignment Block Diagram
Pad Coordinates
Pad No.
1 2 3 4 5
Unit: mil
X
-23.9 -24.13 23.89 13.09 -15.89
Y
13.5 -7.055 13.5 13.5 13.5
Chip size: 60 x 38 (mil)2 *The IC substrate should be connected to VDD in PCB layout artwork.
Pad Description
Pad No.
1 2 3 4 5
Pad Name
VDD TEST ON/OFF VSS OUT
I/O
-- -- I -- O
Internal Connection
-- -- CMOS Pull-High -- NMOS Open Drain
Description
Power supply (positive) For IC test only Lamp/LED flash ON/OFF control pad Power supply (ground) Lamp/LED flash output
2
10th June '97
HT201XX
Absolute Maximum Ratings
Supply Voltage ..............................-0.3V to 5.5V Input Voltage................. VSS-0.3V to VDD+0.3V Storage Temperature................. -50C to 125C Operating Temperature............... -20C to 75C (Ta=25C)
Electrical Characteristics
Symbol
VDD ISTB IDD IOL FOSC
Parameter
Operating Voltage Standby Current Operating Current OUT Pad Sink Current System Frequency
Test Condition VDD
-- 3V 3V 1.5V 3V 3V
Min.
1.2 -- -- 5 10 --
Typ.
3 1 200 12 30 32K
Max.
4.5 2 500 -- -- --
Units
V
A A
Condition
-- -- No load VOL=0.15V VOL=0.3V --
mA mA Hz
Application Circuit
Chip form with ON/OFF control Chip form without ON/OFF control
*The IC substrate should be connected to VDD in PCB layout artwork.
3
10th June '97
HT201XX
Package form application
HT2012H HT2014M HT2014L
VDD OUT VSS
R=0~100 VDD
4
10th June '97


▲Up To Search▲   

 
Price & Availability of HT2012H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X