Part Number Hot Search : 
000MT N4003 AN817 S78L10 1013N BL55022 A1205 NTE60
Product Description
Full Text Search
 

To Download HMC577LC4B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC577LC4B
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Typical Applications
The HMC577LC4B is suitable for: * Clock Generation Applications: SONET OC-192 & SDH STM-64 * Point-to-Point & VSAT Radios * Test Instrumentation
Features
Very High Output Power: +20 dBm Low Input Power Drive: -2 to +6 dBm Very High Fo, 3Fo Isolation: >55 dBc @ Fout= 29 GHz 100 KHz SSB Phase Noise: -128 dBc/Hz Single Supply: +5V@ 213 mA RoHS Compliant 4x4 mm SMT Package
7
FREQUENCY MULTIPLIERS - SMT
* Military & Space
Functional Diagram
General Description
The HMC577LC4B is a x2 active broadband frequency multiplier utilizing GaAs PHEMT technology in a leadless RoHS compliant SMT package. When driven by a +5 dBm signal, the multiplier provides +20 dBm typical output power from 27 to 31 GHz. The Fo and 3Fo isolations are >55 dBc at 29 GHz. The HMC577LC4B is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -128 dBc/Hz at 100 kHz offset helps maintain good system noise performance. The RoHS packaged HMC577LC4B eliminates the need for wire bonding, and allows the use of surface mount manufacturing techniques.
Electrical Specifications, TA = +25 C, Vdd = +5V, 5 dBm Drive Level
Parameter Frequency Range, Input Frequency Range, Output Output Power Fo Isolation (with respect to output level) 3Fo Isolation (with respect to output level) Input Return Loss Output Return Loss SSB Phase Noise (100 kHz Offset) Supply Current (Idd) 15 Min. Typ. 13.5 - 15.5 27 - 31 20 60 55 20 7 -128 213 Max. Units GHz GHz dBm dBc dBc dB dB dBc/Hz mA
7 - 94
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC577LC4B
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Output Power vs. Temperature @ 5 dBm Drive Level
26 24 OUTPUT POWER (dBm)
Output Power vs. Drive Level
25 6 dBm 20 OUTPUT POWER (dBm) 15 10 5
22 20 18 16 14 12 10 8 6 25 26 27 28 29 30 31 32 33 OUTPUT FREQUENCY (GHz)
+25C +85C -40C
7
-4 dBm -6 dBm -2 dBm 4 dBm 25 26 27 28 29 30 31 32 33 0 dBm 2 dBm
-5 -10 -15
OUTPUT FREQUENCY (GHz)
Output Power vs. Supply Voltage @ 5 dBm Drive Level
26 24 OUTPUT POWER (dBm)
Isolation @ 5 dBm Drive Level
30 20 OUTPUT POWER (dBm) 10 0 -10 -20 -30 -40 -50 -60
Fo 2Fo 3Fo
22 20 18 16 14 12 10 8 6 25 26 27 28 29 30 31 32 33 OUTPUT FREQUENCY (GHz)
Vdd=4.5V Vdd=5.0V Vdd=5.5V
25
26
27
28
29
30
31
32
33
FREQUENCY (GHz)
Output Power vs. Input Power
25 20 OUTPUT POWER (dBm) 15 10 5 0 -5 -10 -15 -10
13.5GHz 15GHz 16.5GHz
-8
-6
-4
-2
0
2
4
6
8
10
INPUT POWER (dBm)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
7 - 95
FREQUENCY MULTIPLIERS - SMT
0
HMC577LC4B
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Input Return Loss vs. Temperature
0
Output Return Loss vs. Temperature
0 -2 INPUT RETURN LOSS (dB)
7
FREQUENCY MULTIPLIERS - SMT
OUTPUT POWER (dBm)
-5
+25C +85C -40C
-4 -6 -8 -10 -12 -14 -16 -18
+25C +85C -40C
-10
-15
-20
-25 12.5
-20 13 13.5 14 14.5 15 15.5 16 16.5 25 26 27 28 29 30 31 32 33 FREQUENCY (GHz) FREQUENCY (GHz)
7 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC577LC4B
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Absolute Maximum Ratings
RF Input (Vdd = +5V) Supply Voltage (Vdd) Channel Temperature Continuous Pdiss (T= 85 C) (derate 13.8 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature +13 dBm +6.0 V 175 C 1.24 W 73 C/W -65 to +150 C -40 to +85 C
Typical Supply Current vs. Vdd
Vdd (Vdc) 4.5 5.0 5.5 Idd (mA) 212 213 214
7
FREQUENCY MULTIPLIERS - SMT
7 - 97
Note: Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: ALUMINA 2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKEL. 3. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC577LC4B
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Pin Description
Pin Number 1, 2, 6-13, 17-21, 23, 24 Function Description These pins are internally not connected; however, this product was specified with these pins connected to RF/ DC ground. Package bottom must also be connected to RF/DC ground. Interface Schematic
7
FREQUENCY MULTIPLIERS - SMT
N/C
3, 5, 14, 15
GND
4
RFIN
Pin is AC coupled and matched to 50 Ohms from 13.5 - 15.5 GHz.
15
RFOUT
Pin is AC coupled and matched to 50 Ohms from 27 - 31 GHz.
22
Vdd
Supply voltage 5V 0.5V. External bypass capacitors of 100 pF, 1,000 pF and 2.2 F are required.
Application Circuit
Component C1 C2 C3 Value 100 pF 1,000 pF 2.2 F
7 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC577LC4B
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Evaluation PCB
7
FREQUENCY MULTIPLIERS - SMT
List of Materials for Evaluation PCB 115223 [1]
Item J1, J2 J3 C1 C2 C3 U1 PCB [2] Description PCB Mount SRI K Connector Molex Header, 2mm 100 pF Capacitor, 0402 Pkg. 1,000 pF Capacitor, 0603 Pkg. 2.2 F Tantalum Capacitor HMC577LC4B x2 Active Multiplier 110335 Eval Board [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
7 - 99


▲Up To Search▲   

 
Price & Availability of HMC577LC4B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X