|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI Nch POWER MOSFET FS14SM-16A HIGH-SPEED SWITCHING USE FS14SM-16A OUTLINE DRAWING 15.9MAX. Dimensions in mm 4.5 1.5 r 2 2 4 20.0 3.2 5.0 1.0 q 5.45 w e 5.45 19.5MIN. 4.4 0.6 2.8 4 wr q GATE w DRAIN e SOURCE r DRAIN e q VDSS ................................................................................ 800V rDS (ON) (MAX) .............................................................. 0.70 ID ......................................................................................... 14A TO-3P APPLICATION SMPS, DC-DC Converter, battery charger, power supply of printer, copier, HDD, FDD, TV, VCR, personal computer etc. MAXIMUM RATINGS Symbol VDSS VGSS ID IDM PD Tch Tstg -- (Tc = 25C) Parameter Drain-source voltage Gate-source voltage Drain current Drain current (Pulsed) Maximum power dissipation Channel temperature Storage temperature Weight VGS = 0V VDS = 0V Conditions Ratings 800 30 14 42 275 -55 ~ +150 -55 ~ +150 4.8 Unit V V A A W C C g Feb.1999 Typical value MITSUBISHI Nch POWER MOSFET FS14SM-16A HIGH-SPEED SWITCHING USE ELECTRICAL CHARACTERISTICS Symbol V (BR) DSS V (BR) GSS IGSS IDSS VGS (th) rDS (ON) VDS (ON) yfs Ciss Coss Crss td (on) tr td (off) tf VSD Rth (ch-c) Parameter (Tch = 25C) Test conditions ID = 1mA, VGS = 0V IGS = 100A, VDS = 0V VGS = 25V, VDS = 0V VDS = 800V, VGS = 0V ID = 1mA, VDS = 10V ID = 7A, VGS = 10V ID = 7A, VGS = 10V ID = 7A, VDS = 10V VDS = 25V, VGS = 0V, f = 1MHz Limits Min. 800 30 -- -- 2 -- -- 9 -- -- -- -- -- -- -- -- -- Typ. -- -- -- -- 3 0.52 3.64 15 2900 290 50 45 65 325 100 1.0 -- Max. -- -- 10 1 4 0.70 4.90 -- -- -- -- -- -- -- -- 1.5 0.45 Unit V V A mA V V S pF pF pF ns ns ns ns V C/W Drain-source breakdown voltage Gate-source breakdown voltage Gate-source leakage current Drain-source leakage current Gate-source threshold voltage Drain-source on-state resistance Drain-source on-state voltage Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Source-drain voltage Thermal resistance VDD = 200V, ID = 7A, VGS = 10V, RGEN = RGS = 50 IS = 7A, VGS = 0V Channel to case PERFORMANCE CURVES POWER DISSIPATION DERATING CURVE 300 MAXIMUM SAFE OPERATING AREA 7 5 3 2 101 7 5 3 2 100 7 5 3 2 10-1 7 100ms POWER DISSIPATION PD (W) 200 150 100 50 0 DRAIN CURRENT ID (A) 250 1ms 10ms 100ms TC = 25C Single Pulse DC 0 50 100 150 200 3 5 7 101 2 3 5 7 102 2 3 5 7 103 2 3 DRAIN-SOURCE VOLTAGE VDS (V) OUTPUT CHARACTERISTICS (TYPICAL) CASE TEMPERATURE TC (C) OUTPUT CHARACTERISTICS (TYPICAL) 50 PD = 275W VGS = 20V TC = 25C Pulse Test 20 TC = 25C Pulse Test VGS = 20V 10V DRAIN CURRENT ID (A) 40 DRAIN CURRENT ID (A) 16 5V PD = 275W 30 10V 12 20 5V 8 4.5V 10 4V 4 4V 0 0 10 20 30 40 50 0 0 4 8 12 16 20 DRAIN-SOURCE VOLTAGE VDS (V) DRAIN-SOURCE VOLTAGE VDS (V) Feb.1999 MITSUBISHI Nch POWER MOSFET FS14SM-16A HIGH-SPEED SWITCHING USE ON-STATE VOLTAGE VS. GATE-SOURCE VOLTAGE (TYPICAL) 50 DRAIN-SOURCE ON-STATE VOLTAGE VDS (ON) (V) TC = 25C Pulse Test ON-STATE RESISTANCE VS. DRAIN CURRENT (TYPICAL) 1.0 DRAIN-SOURCE ON-STATE RESISTANCE rDS (ON) () TC = 25C Pulse Test VGS = 10V 20V 40 0.8 30 ID = 30A 0.6 20 0.4 10 14A 7A 0.2 0 10-1 2 3 5 7 100 2 3 5 7 101 2 3 5 7 102 DRAIN CURRENT ID (A) 0 0 4 8 12 16 20 GATE-SOURCE VOLTAGE VGS (V) TRANSFER CHARACTERISTICS (TYPICAL) 50 TC = 25C VDS = 50V Pulse Test FORWARD TRANSFER ADMITTANCE VS.DRAIN CURRENT (TYPICAL) 2 101 7 5 3 2 100 7 5 3 VDS = 10V Pulse Test DRAIN CURRENT ID (A) 30 FORWARD TRANSFER ADMITTANCE yfs (S) 40 TC = 25C 75C 125C 20 10 0 0 4 8 12 16 20 2 10-1 23 5 7 100 23 5 7 101 GATE-SOURCE VOLTAGE VGS (V) DRAIN CURRENT ID (A) CAPACITANCE VS. DRAIN-SOURCE VOLTAGE (TYPICAL) 2 104 7 5 3 2 103 7 5 3 2 103 7 5 SWITCHING TIME (ns) Ciss SWITCHING CHARACTERISTICS (TYPICAL) CAPACITANCE Ciss, Coss, Crss (pF) td(off) 3 2 tf Coss 102 7 5 3 2 101 0 10 23 tr td(on) Tch = 25C VDD = 200V VGS = 10V RGEN = RGS = 50 102 7 Tch = 25C 5 f = 1MHZ Crss 3 VGS = 0V 2 3 5 7 100 2 3 5 7 101 2 3 5 7 102 2 3 DRAIN-SOURCE VOLTAGE VDS (V) 5 7 101 23 5 7 102 DRAIN CURRENT ID (A) Feb.1999 MITSUBISHI Nch POWER MOSFET FS14SM-16A HIGH-SPEED SWITCHING USE GATE-SOURCE VOLTAGE VS.GATE CHARGE (TYPICAL) SOURCE-DRAIN DIODE FORWARD CHARACTERISTICS (TYPICAL) 40 VGS = 0V Pulse Test GATE-SOURCE VOLTAGE VGS (V) 20 Tch = 25C ID = 14A 16 SOURCE CURRENT IS (A) 32 TC = 125C 12 VDS = 250V 400V 24 75C 25C 8 600V 16 4 8 0 0 40 80 120 160 200 0 0 0.8 1.6 2.4 3.2 4.0 GATE CHARGE Qg (nC) SOURCE-DRAIN VOLTAGE VSD (V) DRAIN-SOURCE ON-STATE RESISTANCE rDS (ON) (25C) DRAIN-SOURCE ON-STATE RESISTANCE rDS (ON) (tC) ON-STATE RESISTANCE VS. CHANNEL TEMPERATURE (TYPICAL) 101 7 5 3 2 100 7 5 3 2 10-1 -50 0 50 100 150 VGS = 10V ID = 1/2ID Pulse Test THRESHOLD VOLTAGE VS. CHANNEL TEMPERATURE (TYPICAL) 5.0 VDS = 10V ID = 1mA GATE-SOURCE THRESHOLD VOLTAGE VGS (th) (V) 4.0 3.0 2.0 1.0 0 -50 0 50 100 150 CHANNEL TEMPERATURE Tch (C) CHANNEL TEMPERATURE Tch (C) DRAIN-SOURCE BREAKDOWN VOLTAGE V (BR) DSS (25C) TRANSIENT THERMAL IMPEDANCE Zth (ch-c) (C/W) DRAIN-SOURCE BREAKDOWN VOLTAGE V (BR) DSS (tC) BREAKDOWN VOLTAGE VS. CHANNEL TEMPERATURE (TYPICAL) 1.4 VGS = 0V ID = 1mA TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS 101 7 5 3 2 100 7 5 3 2 10-1 7 5 3 2 D = 1.0 0.5 0.2 0.1 0.05 0.02 0.01 Single Pulse 1.2 1.0 0.8 0.6 0.4 -50 0 50 100 150 10-2 -4 10 2 3 5710-3 2 3 5710-22 3 5710-12 3 57100 2 3 57101 2 3 57102 PULSE WIDTH tw (s) Feb.1999 CHANNEL TEMPERATURE Tch (C) |
Price & Availability of FS14SM-16A |