Part Number Hot Search : 
SL5015 PST9346U 00ETTT 103M1 GPZ53207 LT1520 5962F ZL30102
Product Description
Full Text Search
 

To Download DSR200BA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SanRex
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR200BA50/60
VRRM=500/600V, IFAV=200A, trr=240ns, Softness=0.8
SanRex Soft Recovery Diode Module DSR200BA is designed for applications requiring fast switching and soft recovery wave shape to reduce or eliminate the need for snubber components in the circuit. The modules are isolated for easy mounting with other components or a common heatsink. Features
* Very Fast Reverse Recovery Time * Soft Recovery Characteristics * Low Forward Voltage Drop * UL registered E76102
Typical Applications
* Welding and Plasma Cutting Machines * DC chopper * Rectifier in Switch Mode Power Supplies (SMPS) * Uninterruptible Power Supplies (UPS) * Free Wheeling Diode in converters and motor control circuits
< Maximum Ratings > Symbol Item VRRM VR(DC) Symbol IF(AV) IFSM I2t Tj Tstg V ISO Repetitive Peak Reverse Voltage Reverse D.C. Voltage Item Average Forward Current Surge Forward Current I 2 t (for fusing) Junction Temperature Storage Temperature Isolation Voltage (R.M.S.) Mounting Torque Mass Mounting M6 Terminal M5 DSR200BA50 500 400 Conditions = 85C C
Ratings
(Tj = 25 C unless otherwise specified) Unit DSR200BA60 600 V 480 Ratings 200 3300 45000 -40 to +150 -40 to +125 2500 4.7(48) 2.7(28) 170
V Unit A A A 2s C C V Nm (kgfcm) g
D.C., T
1/2 cycle, 60Hz, Peak value, non-repetitive Value for one cycle surge current
A.C. 1 minute Recommended 2.5-3.9 (25-40) Recommended 1.5-2.5 (15-25) Typical Value
< Electrical Characteristics > Symbol Item IRRM VFM t rr Repetitive Peak Reverse Current Forward Voltage Drop Reverse Recovery Time
Conditions VR = VRRM, Tj = 125C IF = 200A, Inst. Measurement
(Tj = 25 C unless otherwise specified) Ratings Unit Min. Typ. Max. 200 mA 1.20 240 1.30 300 V Ns
IF = 200A, VR =300V, -di / dt = 100A/Fs t b/ t a Softness 0.80 IF = 200A, VR =300V, -di / dt = 100A/Fs Rth(j-c) Thermal Resistance Junction to case, 1/2 module 0.25 C/W _________________________________________________________________________________________________________
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of DSR200BA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X