Part Number Hot Search : 
02N17 C67078 N5551 STBP543 EPM3512A 0100C AZ2429 25T10
Product Description
Full Text Search
 

To Download DA56-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAYS
DA56-11EWA/GWA/YWA/SRWA DC56-11EWA/GWA/YWA/SRWA
Features
!0.56 INCH DIGIT HEIGHT. !LOW CURRENT OPERATION. !EXCELLENT CHARACTER APPEARANCE. !EASY MOUNTING ON P.C. BOARDS OR SOCKETS. !TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
& ASSEMBLY.
!I.C. COMPATIBLE. !CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!MECHANICALLY RUGGED. !STANDARD : GRAY FACE, WHITE SEGMENT.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specificaions are subject to change whitout notice.
SPEC NO: CDA0863 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 1 OF 5
Selection Guide
Iv (u c d ) @ 10 m A Min . DA56-11EWA DC56-11EWA DA56-11GWA DC56-11GWA DA56-11YWA DC56-11YWA DA56-11SRWA DC56-11SRWA HIGH EFFICIENCY RED (GaAsP/GaP) 19 0 0 Ty p . 800 0
P ar t N o .
Dic e
D es c r i p t i o n Common Anode.Rt.Hand Decimal Common Cathode.Rt.Hand Decimal Common Anode.Rt.Hand Decimal Common Cathode.Rt.Hand Decimal Common Anode.Rt.Hand Decimal Common Cathode.Rt.Hand Decimal Common Anode.Rt.Hand Decimal Common Cathode.Rt.Hand Decimal
GREEN (GaP)
3000
10500
YELLOW (GaAsP/GaP)
1900
47 0 0
SUPER BRIGHT RED (GaAlAs)
8000
2 40 0 0
Electrical / Optical Characteristics at T)=25C
peak
Peak Wavelength
High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red
627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red en Spectral Line Halfwidth Greow Yell Super Bright Red Capacitance High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
SPEC NO: CDA0863 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 2 OF 5
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
Gr een 105 25 140 5
Yello w 10 5 30 140 5 -40C To +85C 260C For 5 Seconds
S u p er B r i g h t R ed 100 30 15 5 5
Un it s mW mA mA V
High Efficiency Red
SPEC NO: CDA0863 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 3 OF 5
Green
Yellow
SPEC NO: CDA0863 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 4 OF 5
Super Bright Red
SPEC NO: CDA0863 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of DA56-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X