Part Number Hot Search : 
H1020 F1205 RN220 PP80N0 C020S 470L1 HD407 25X10BV
Product Description
Full Text Search
 

To Download CBR3A-P060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bridge Rectifiers, Controlled Avalanche* Single Phase, Full Wave
1.5 to 35 Amperes 200 to 800 Volts
IO (AMPS) @TA ( C) @TC ( C) IFSM (AMPS) 60
o o
1.5 50
2.0 55
3.0 2.0 @ 25 3.0 @ 50 50
6.0 50 100 150
10
100 150
CASE VRRM (VOLTS) 200 400 600 800 VF MAX @ IF IR MAX @ VRRM
CASE A
CASE C
CASE CM
CBR1A-020 CBR1A-040 CBR1A-060 CBR1A-080 1.0V @ 1.0A 10A
CBR2A-020 CBR2A-040 CBR2A-060 CBR2A-080 1.1V @ 2.0A 10A
CBR3A-P020 CBR3A-P040 CBR3A-P060 CBR3A-P080 1.1V @ 1.5A 10A
CBR6A-020 CBR6A-040 CBR6A-060 CBR6A-080 1.1V @ 3.0A 10A
CBR10A-J020 CBR10A-J040 CBR10A-J060 CBR10A-J080 1.2V @ 5.0A 10A
*AVALANCHE BREAKDOWN VOLTAGE VRRM 200V 400V 600V 800V MIN 250 450 650 850 175
w w w. c e n t r a l s e m i . c o m
MAX 700 900 1100 1300


▲Up To Search▲   

 
Price & Availability of CBR3A-P060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X