Part Number Hot Search : 
A105K SZ5234B A105K BP506 2N5911 SE336 LM7924 SZ5234B
Product Description
Full Text Search
 

To Download CAT24C01B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24C01B
1K-Bit Serial EEPROM FEATURES
I 2-Wire Serial Interface I 1.8 to 6.0Volt Operation I Low Power CMOS Technology I 4-Byte Page Write Buffer I Self-Timed Write Cycle with Auto-Clear I 1,000,000 Program/Erase Cycles I 100 Year Data Retention I 8-pin DIP, 8-pin SOIC, 8 pin TSSOP or 8-pin MSOP I Commercial, Industrial and Automotive
Temperature Ranges
I "Green" Package Options Available
DESCRIPTION
The CAT24C01B is a 1K-bit Serial CMOS EEPROM internally organized as 128 words of 8 bits each. Catalyst's advanced CMOS technology substantially reduces device power requirements. The CAT24C01B features a
4-byte page write buffer. The device operates via a 2wire serial interface and is available in 8-pin DIP, 8-pin SOIC, 8-pin TSSOP or 8-pin MSOP.
PIN CONFIGURATION
DIP Package (P, L, GL)
NC NC NC VSS 1 2 3 4 8 7 6 5 VCC TEST SCL SDA
SOIC Package (J, W, GW)
NC NC NC VSS 1 2 3 4
MSOP Package (R, Z, GZ)
NC NC NC VSS 1 2 3 4 8 7 6 5
PIN FUNCTIONS
Pin Name NC
SDA SCL VCC VSS
D
is
Ground
VCC NC TEST NC SCL NC SDA VSS
o c
1 2 3 4
TSSOP Package (U, Y, GY)
8 7 6 5
i t n
8 7 6 5
VCC TEST SCL SDA
u n
VCC VSS SDA
BLOCK DIAGRAM
EXTERNAL LOAD
d e
a P
XDEC
t r
DOUT ACK
SENSE AMPS SHIFT REGISTERS
WORD ADDRESS BUFFERS
COLUMN DECODERS
START/STOP LOGIC
VCC TEST SCL SDA
CONTROL LOGIC
E2PROM EEPROM
DATA IN STORAGE
Function
No Connect Serial Data/Address Serial Clock +1.8V to +6.0V Power Supply
SCL STATE COUNTERS
HIGH VOLTAGE/ TIMING CONTROL
TEST
Test Input (GND, VCC or Floating)
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 1081, Rev. E
CAT24C01B
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. -55C to +125C Storage Temperature ....................... -65C to +150C Voltage on Any Pin with Respect to Ground(1) ........... -2.0V to +VCC + 2.0V VCC with Respect to Ground ............... -2.0V to +7.0V Package Power Dissipation Capability (Ta = 25C) .................................. 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(2) ........................ 100mA RELIABILITY CHARACTERISTICS Symbol NEND(3) TDR(3) VZAP(3) ILTH(3)(4) Parameter Endurance Data Retention ESD Susceptibility Latch-up Min 1,000,000 100 2000 100 Max
*COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
Units Cycles/Byte Years Volts mA
Reference Test Method
MIL-STD-883, Test Method 1033
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Symbol ICC ISB
(5)
Parameter Power Supply Current
Standby Current (VCC = 5.0V) Input Leakage Current Output Leakage Current Input Low Voltage
ILI ILO VIL VIH VOL1 VOL2
CAPACITANCE TA = 25C, f = 1.0 MHz, VCC = 5V Symbol CI/O(3) CIN(3) Test Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL, WP)
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) These parameter are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V. (5) Maximum standby current (ISB ) = 10A for the Automotive and Extended Automotive temperature range.
is D
Input High Voltage
Output Low Voltage (VCC = 3.0V) Output Low Voltage (VCC = 1.8V)
o c
i t n
Min -1
u n
Limits Typ
d e
Max 3 1 10 10 0.4 0.5
MIL-STD-883, Test Method 1008
MIL-STD-883, Test Method 3015
JEDEC Standard 17
a P
t r
Units mA A A A V V V V
Test Conditions fSCL = 100 KHz VIN = GND or VCC VIN = GND to VCC VOUT = GND to VCC
VCC x 0.3 VCC + 0.5
VCC x 0.7
IOL = 3 mA IOL = 1.5 mA
Doc. No. 1081, Rev. E
2
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01B
A.C. CHARACTERISTICS
VCC = +1.8V to +6.0V, CL=1TTL Gate and 100pF (unless otherwise specified).
Read & Write Cycle Limits Symbol Parameter 1.8V, 2.5V Min FSCL TI(1) tAA tBUF(1) tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR(1) tF
(1)
4.5V-5.5V Min Max 400 100 Units
Max 100 100 3.5
Clock Frequency Noise Suppression Time Constant at SCL, SDA Inputs SCL Low to SDA Data Out and ACK Out Time the Bus Must be Free Before a New Transmission Can Start Start Condition Hold Time Clock Low Period Clock High Period Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time 4.7 4 4.7 4
1.2
SDA and SCL Rise Time SDA and SCL Fall Time
tSU:STO tDH
Stop Condition Setup Time Data Out Hold Time
Power-Up Timing(1)(2) Symbol tPUR tPUW
Write Cycle Limits Symbol tWR
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus
is D
o c
Parameter
Power-up to Read Operation Power-up to Write Operation
i t n
u n
0 250 4.7 100
4.7
1
d e
1.2 0.6 0.6 0 100 0.6 100 Max 1 1
0.6
a P
1 0.3 300
t r
kHz ns s s s s s s ns ns s ns s ns
300
Units ms ms
Parameter
Min
Typ
Max 10
Units ms
Write Cycle Time
interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its input.
Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc. No. 1081, Rev. E
CAT24C01B
FUNCTIONAL DESCRIPTION
The CAT24C01B uses a 2-wire data transmission protocol. The protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. Data transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24C01B operates as a Slave device. Both the Master and Slave devices can operate as either transmitter or receiver, but the Master device controls which mode is activated.
SDA: Serial Data/Address The CAT24C01B bidirectional serial data/address pin is used to transfer data into and out of the device. The SDA pin is an open drain output and can be wired with other open drain or open collector outputs.
2-WIRE BUS PROTOCOL
The following defines the features of the 2-wire bus protocol:
PIN DESCRIPTIONS
SCL: Serial Clock The CAT24C01B serial clock input pin is used to clock all data transfers into or out of the device. This is an input pin.
(1) Data transfer may be initiated only when the bus is not busy.
(2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition.
Figure 1. Bus Timing tF
tLOW SCL tSU:STA tHD:STA
tHIGH tLOW
tR
tHD:DAT
SDA IN
tAA SDA OUT
Figure 2. Write Cycle Timing
SCL
SDA
Figure 3. Start/Stop Timing
D
is
SDA SCL
8TH BIT BYTE n
o c
i t n
u n
tSU:DAT tDH
tWR
d e
a P
t r
tSU:STO
tBUF
5020 FHD F03
ACK
STOP CONDITION
START CONDITION
ADDRESS
5020 FHD F04
5020 FHD F05
START BIT
Doc. No. 1081, Rev. E
STOP BIT
4
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01B
START Condition The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT24C01B monitors the SDA and SCL lines and will not respond until this condition is met. STOP Condition A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition. Acknowledge After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT24C01B responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8bit byte. When the CAT24C01B is in a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24C01B will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. (with the R/W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends the byte address that is to be written into the address pointer of the CAT24C01B. After receiving another acknowledge from the Slave, the Master device transmits the data byte to be written into the addressed memory location. The CAT24C01B acknowledge once more and the Master generates the STOP condition, at which time the device begins its internal programming cycle to nonvolatile memory. While this internal cycle is in progress, the device will not respond to any request from the Master device. Page Write
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the START condition and the slave address information Figure 4. Acknowledge Timing
is D
o c
START
i t n
1
u n
The CAT24C01B writes up to 4 bytes of data in a single write cycle, using the Page Write operation. The Page Write operation is initiated in the same manner as the Byte Write operation, however instead of terminating after the initial word is transmitted, the Master is allowed to send up to 3 additional bytes. After each byte has been transmitted the CAT24C01B will respond with an acknowledge, and internally increment the low order address bits by one. The high order bits remain unchanged.
If the Master transmits more than 4 bytes prior to sending the STOP condition, the address counter `wraps around,' and previously transmitted data will be overwritten. Once all 4 bytes are received and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point all received data is written to the CAT24C01B in a single write cycle.
d e
a P
t r
Note: Catalyst Semiconductor does program all "1" data into the entire memory array prior to shipping our EEPROM products.
SCL FROM MASTER
8
9
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER ACKNOWLEDGE
5020 FHD F06
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc. No. 1081, Rev. E
CAT24C01B
Acknowledge Polling The disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, the CAT24C01B initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the byte address for a write operation. If the CAT24C01B is still busy with the write operation, no ACK will be returned. If the CAT24C01B has completed the write operation, an ACK will be returned and the host can then proceed with the next read or write operation. ing with an acknowledge and by issuing a stop condition. Refer to Figure 7 for the start word address, read bit, acknowledge and data transfer sequence. Sequential Read The Sequential READ operation can be initiated after the 24C01B sends the initial 8-bit byte requested, the Master will respond with an acknowledge which tells the device it requires more data. The CAT24C01B will continue to output an 8-bit byte for each acknowledge sent by the Master. The operation is terminated when the Master fails to respond with an acknowledge, thus sending the STOP condition.
READ OPERATIONS
The READ operation for the CAT24C01B is initiated in the same manner as the write operation with the one exception that the R/W bit is set to a one. Two different READ operations are possible: Byte READ and Sequential READ. It should be noted that the ninth clock cycle of the read operation is not a "don't care." To terminate a read operation, the master must either issure a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. Byte Read
The data being transmitted from the CAT24C01B is output sequentially with data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT24C01B address bits so that the entire memory array can be read during one operation. If more than bytes are read out, the counter will "wrap around" and continue to clock out data bytes.
To initiate a read operation, the master sends a start condition followed by a seven bit word address and a read bit. The CAT24C01B responds with an acknowledge and then transmits the eight bits of data. The read operation is terminated by the master; by not respond-
Figure5. Byte Write Timing
Figure 6. Page Write Timing
S T A R T S M S B LRA S/C BW K A C K A C K A C K S T O P P
is D
BUS ACTIVITY: SDA LINE BUS ACTIVITY:
o c
BUS ACTIVITY: SDA LINE BUS ACTIVITY:
i t n
S T A WORD R ADDRESS(n) T S M S B
u n
DATA n
d e
S T O P P A C K
a P
t r
LRA S/C BW K
WORD ADDRESS(n)
DATA n
DATA n+1
DATA n+3
Doc. No. 1081, Rev. E
6
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01B
Figure 7. Byte Read Timing
S T A WORD R ADDRESS(n) T S M S B LRA S/C BW K A C K
BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY CAT24C01B
DATA n
S T O P P
Figure 8. Sequential Read Timing
BUS ACTIVITY MASTER ADDRESS SDA LINE BUS ACTIVITY CAT24C01B RA /C WK DATA n
A C K
A C K
DATA n+1
ORDERING INFORMATION
Prefix CAT Device # 24C01B
Optional Company ID
Product Number 24C01B: 1K
is D
Package P: PDIP J: SOIC, JEDEC U: TSSOP R: MSOP L: PDIP (Lead-free, Halogen-free) W: SOIC (Lead-free, Halogen-free) Y: TSSOP (Lead-free, Halogen-free) Z: MSOP (Lead-free, Halogen-free) GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) GW: SOIC (Lead-free, Halogen-free, NiPdAu lead plating) GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating) GZ: MSOP (Lead-free, Halogen-free, NiPdAu lead plating)
o c
i t n
Suffix J
Temperature Range Blank = Commercial (0C to 70C) I = Industrial (-40C to 85C) A = Automotive (-40C to 105C) E = Extended (-40C to 125C)
u n
I
d e
DATA n+2
A C K
a P
DATA n+x
t r
S T O P P
-1.8
TE13
Rev A(2)
Tape & Reel
Operating Voltage Blank: 2.5V - 6.0V 1.8: 1.8V - 6.0V
Die Revision
Notes: (1) The device used in the above example is a 24C01BJI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage, Tape & Reel) (2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWA). For additional information, please contact your Catalyst sales office.
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc. No. 1081, Rev. E
REVISION HISTORY
Date 04/17/2004 Revision Comments B Update Ordering Information Update Rev. Number 7/7/2004 08/03/05 C E Added die revision to Ordering Information Update Ordering Information
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM MiniPotTM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
is D
o c
i t n
u n
d e
a P
t r
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.caalyst-semiconductor.com
Publication #: Revison: Issue date:
1081 E 08/03/05


▲Up To Search▲   

 
Price & Availability of CAT24C01B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X