Part Number Hot Search : 
UU9LF06 SMS24T1 DG333ADJ 1582T8C1 GS18U18 13600 CLL914 4S15W
Product Description
Full Text Search
 

To Download BYX133GPL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D473
BYX133GPL High-voltage car ignition diode
Product specification Supersedes data of 2000 Jul 17 2001 Oct 02
Philips Semiconductors
Product specification
High-voltage car ignition diode
FEATURES * Plastic package * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability. APPLICATIONS * Car ignition systems * Automotive applications with extreme temperature requirements.
k
BYX133GPL
DESCRIPTION Plastic package, using glass passivation and a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched. The package is designed to be used in an insulating medium such as resin, oil or SF6 gas.
a
MBL155
Cathode indicated by a brown band.
Fig.1 Simplified outline (SOD125A) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VRRM VRWM IF(AV) IFRM IRSM Tstg Tj PARAMETER repetitive peak reverse voltage crest working reverse voltage average forward current repetitive peak forward current non-repetitive peak reverse current storage temperature junction temperature continuous t = 100 s triangular pulse; Tj(max) prior to surge CONDITIONS MIN. - - - - - -65 - MAX. 3 3 50 500 50 +175 175 UNIT kV kV mA mA mA C C
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF V(BR)R IR PARAMETER forward voltage reverse avalanche breakdown voltage reverse current CONDITIONS IF = 10 mA IR = 100 A VR = VRWMmax; Tj = 175 C MIN. 3.75 3.5 - MAX. 5.25 5.5 30 UNIT V kV A
THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER CONDITIONS VALUE 90 UNIT K/W
thermal resistance from junction to ambient Tamb = Tleads; lead length = 10 mm
2001 Oct 02
2
Philips Semiconductors
Product specification
High-voltage car ignition diode
PACKAGE OUTLINE Hermetically sealed plastic package; axial leaded; 2 leads
BYX133GPL
SOD125A
(1)
k
a
b
D
L
G
L
DIMENSIONS (mm are the original dimensions) UNIT mm b 0.8 D 2.6 2.4 G 6.7 6.3 L min. 31 0 2.5 scale 5 mm
Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD125A REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 00-03-06
2001 Oct 02
3
Philips Semiconductors
Product specification
High-voltage car ignition diode
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
BYX133GPL
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Oct 02
4
Philips Semiconductors
Product specification
High-voltage car ignition diode
NOTES
BYX133GPL
2001 Oct 02
5
Philips Semiconductors
Product specification
High-voltage car ignition diode
NOTES
BYX133GPL
2001 Oct 02
6
Philips Semiconductors
Product specification
High-voltage car ignition diode
NOTES
BYX133GPL
2001 Oct 02
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613510/02/pp8
Date of release: 2001
Oct 02
Document order number:
9397 750 08883


▲Up To Search▲   

 
Price & Availability of BYX133GPL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X