Part Number Hot Search : 
SB1630C 1H330 CGL3K 1344A MCSO1V HA16103 180N75 CGL3K
Product Description
Full Text Search
 

To Download BYM07-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay Semiconductors
formerly General Semiconductor
Surface Mount Glass Passivated Ultrafast Rectifier
DO-213AA
SOLDERABLE ENDS 1st BAND 2nd BAND
d* Features ente Pat
D1= 0.066 0.060 (1.676) (1.524)
Reverse Voltage 50 to 400V Forward Current 0.5A
D2
0.022 (0.559) 0.016 (0.406) 0.145 (3.683) 0.131(3.327) D2 = D1 + 0 - 0.008 (0.20)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Capable of meeting environmental standards of MIL-S-19500 * High temperature metallurgically bonded construction * Cavity-free glass passivated junction * Fast switching for high efficiency * High temperature soldering guaranteed: 450C/5 seconds at terminals. Complete device submersible temperature of 260C for 10 seconds in solder bath
Mechanical Data
Dimensions in inches and (millimeters)
1st band denotes type and polarity 2nd band denotes voltage type
(R)
*Glass-plastic encapsulation is covered by Patent No. 3,996,602 and brazed-lead assembly to Patent No. 3,930,306
Case: JEDEC DO-213AA, molded plastic over glass body Terminals: Plated terminals, solderable per MIL-STD-750, Method 2026 Polarity: Two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating Mounting Position: Any Weight: 0.0014 oz., 0.036 g
Ratings at 25C ambient temperature unless otherwise specified.
Maximum Ratings & Thermal Characteristics
Parameter Fast efficient device: 1st band is Green Polarity color bands (2nd Band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TT = 75C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum full load reverse current, full cycle average at TA = 55C Maximum thermal resistance (Note 1, 2) Operating junction and storage temperature range VRRM VRMS VDC IF(AV) IFSM IR(AV) RJA RJT TJ,TSTG
EGL34A
Symbol BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
EGL34B EGL34C EGL34D EGL34F EGL34G
Unit
Gray 50 35 50
Red 100 70 100
Pink 150 105 150
Orange Brown Yellow 200 140 200 0.5 10 50 300 210 300 400 280 400 V V V A A A C/W C
150 70 -65 to +175
Electrical Characteristics
Parameter Maximum DC reverse current at rated DC blocking voltage
Ratings at 25C ambient temperature unless otherwise specified.
Symbol BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
EGL34A EGL34B EGL34C EGL34D EGL34F EGL34G
Unit
TA = 25C TA = 125C
IR VF trr CJ
5.0 50 1.25 50 7.0 1.35
A V ns pF
Maximum instantaneous forward voltage at 0.5A Max. reverse recovery time at IF = 0.5A, IR = 1.0A, Ir r= 0.25A Typical junction capacitance at 4.0V, 1MHz
Notes: (1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal (2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal
Document Number 88580 03-Apr-03
www.vishay.com 1
BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
0.5 12
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current (A)
10 8.0 TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Rectified Current (A)
0.4
0.3
6.0
0.2 Resistive or Inductive Load 0.1
4.0 2.0 0
0 0 25 50 75 100 125 150 175
1
10
100
Terminal Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics
Instantaneous Forward Current (A)
Pulse Width = 300s 1% Duty Cycle 10 TJ = 150C
Fig. 4 - Typical Reverse Characteristics
Instantaneous Reverse Leakage Current (A)
100
50
10 TJ = 150C 1 TJ = 125C
1 TJ = 25C
0.1 TJ = 75C TJ = 25C
0.1 EGL34A - EGL34D EGL34F & EGL34G 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01
0.01 0.2
0.001
0
20
40
60
80
100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
35 30
Fig. 5 - Typical Junction Capacitance
Transient Thermal Impedance (C/W)
TJ = 25C f = 1.0 MHZ Vsig = 50mVp-p 100
Fig. 6 - Typical Transient Thermal Impedance
Junction Capacitance (pF)
25 20 15 10 5 0 0.1
10
1
1
10
100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V) www.vishay.com 2
t, Pulse Duration (sec.) Document Number 88580 03-Apr-03


▲Up To Search▲   

 
Price & Availability of BYM07-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X