Part Number Hot Search : 
E226M SMC100 SMC100 BSS64 EMK32 E226M SMC100 BR1510L
Product Description
Full Text Search
 

To Download BH3515FV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 01W108A
RF amplifier for Car CD
BH3515FV
Description BH3515FV is a RF amplifier for Car CD player that incorporates 3 speed equalization with gain switching and operating voltage of 3 ~ 5.5V. Equalizer circuit is applied to x1 time speed, x1.5 times speed, and x2 times speed. Gain switching pin is incorporated for CD-RW Dimension (Units : mm)
10.0 0.2
28 15
7.6 0.3 5.6 0.2
1
14
1.15 0.1 0.1
0.15 0.1
0.65
0.1 0.22 0.1
Features 1) Multi-read type (CD, CD-R, CD-RW) 2) For x1speed, x1.5speed, x2speed 3) Operating power supply voltage range: 3V~5.5V
SSOP-B28
Applications CD, CD-R, CD-RW read type Car CD, Car CD with shock-proof function
Absolute Maximum Ratings (Ta=25C)
Parameter Power supply voltage Power dissipation Operating temperature range Storage temperature range
*Derating : 8.0mW/C for operation above Ta=25C
Symbol Vcc Pd Topr Tstg -40 -55
Limits 7.0 800 *
Unit V mW +85 +125
~ ~
C C
October, 2001
0.3Min.
Recommended Operating Conditions (Ta=25C)
Parameter Power supply voltage Symbol VCC Min. 3.0 Typ. 3.3 Max. 5.5 Unit V
Electrical characteristics (Unless otherwise noted; Ta=25C, Vcc=3.3V)
Parameter
No load consumption current Adder amp. gain 1 (at normal) Adder amp. gain 2 (at RW) AGC operation level 1 AGC operation level 2 Frequency characteristic 1 Frequency characteristic 2 Frequency characteristic 3 RFDET detection level
Symbol IQ GRF1 GRF2 VOPAGC1 VOPAGC2 Gf1 Gf2 Gf3 VRFDET
Min. 15 4 16 580 0.95 2 2 2 70
Typ. 20 6 18 700 1.15 3.5 3.5 3.5 100
Max. 25 8 20 820 1.35 5 5 5 130
Unit mA dB dB mVp-p Vp-p dB dB dB mVp-p
Normal gain Normal gain Gain up
Conditions
VCC=3.3V, f=500kHz, VIN=500mVpp VCC=5V, f=500kHz, VIN=500mVpp f=144k/720k, SPDCTL=Low (x1 speed) f=216k/1.08M, SPDCTL=Hi-Z (x1.5 speed) f=288k/1.44M, SPDCTL=High (x2 speed) f=500kHz, RFDET=H(R)L
Application Circuit
A+C
10 10
PD
1
28
A B
AB DC
LD
2.2K
2
27
B+D
RTIN
VCC RFO
1
3
(inversion)
26
2K
F
RTIN
F
4
2K
25
E VREF
E
RFI
5
12K 12K
24
1 0.1
AGC
6
GND
0.1
(inversion)
Balance control
23
TBAL
0.1
68K
7
SPD EQ
CAGC ARF 8
0.033
Balance control
22
FBAL
68K
21 GCTL
CEA ENVO
ENV DET
9
20 SPDCTL
VGA RF DET VGA VGA VGA
FEN
CFE
10
0.01 2200p
19
Subtraction Subtraction
=F
+ +
RFE
11
BDO
CSBDO BDO 12
2200p
=A
E-F TBAL
+
+
18
B-A FBAL
FEO TEN
CTE
17
RTE
13
OFTR
CSBRT OFTR 14
16
TEO
15 NRFDET
BH3515FV


▲Up To Search▲   

 
Price & Availability of BH3515FV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X