Part Number Hot Search : 
KBPC25 C3875 BD140 XXXJX B2412 MXT224 74000 XEP100
Product Description
Full Text Search
 

To Download BF321CIW2K-28V-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Single Contact Type Miniature BaseLED Lamps
Part Numbering System Guide Part Numbering System Guide
B F321 C R 3K
B F 321
Base Type (Examples) F = Flange B = Bayonet S = Screw Series
28V
Electrical Characteristics
BP
Polarity Options (Examples) BP = Bipolar AC/DC P = Center Contact Positive N = Center Contact Negative AC = AC Only Standard Operating Voltage (Examples) 1.7VF 2VF 3.5VF 5VDC 6VDC 12VDC 14VDC 24VDC 28VDC 36VDC 48VDC 120VDC 120VAC 130VDC 240VAC
* of LEDs & base No.
OD characteristics (Examples)
* LED Lens
Type C = Clear
*
321 = 9mm Bay, 1 chip 200 = 5mm 1 chip LED & Part Height 3127 = 9mm Bay, Characteristics 7-LED (Examples) 467 = S6 Candelabra, F = Flat Top 120 LED 7-LED M = Medium Height L = Long Height S = Short
Submidget Flange 3mm
F121
F122
F124
LED/Chip Brightness Code (Examples) 6-chip LEDs R6 = HE Red (635nm) R7 = UL Red (660nm) Y3K = SP Yel (595nm) 1-chip LEDs R3K = UL Red (660nm) O3K = SP Org (610nm) Y3K = SP Yel (595nm) W4K = Cool White IW2K = Incand White AG6K= SP Green (525nm) B1K = SP Blue (470nm) Infrared LEDs 881 = Hi-Power (880nm) 941 = Hi-Power (941nm) Color Code R = Red O = Orange A = Amber Y = Yellow IW = Incand White PW= Pale White W = Cool White G = HE Green PG = Pure Green AG = Aqua Green BG = Blue Green B = Blue UB = Blue 430nm IR = Infrared
*
Midget Flange 5mm
F206
FF200
F200
Midget Screw 5mm
Notes: 1. Contact local salesman to determine best style for each application 2. (*) LED type and style, Lens type and style, LED brightness code determined by factory based on application 3. Not all possible combinations of color,voltage and polarity are available
S206
SF200
S200
Midget Grooved 5mm
G206
GF200
G200
European Flanged & Bayonet
Candelabra Screw S6
B276
F154
B206
Bayonet 9mm
SLF467
SL464
RSLF467
15mm SC Bayonet Based LEDs
BF321 B321 B3127
B304
B307
BF307
BM607
B609
23105 Kashiwa Court, Torrance, CA 90505 Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424 E-mail: webmaster@ledtronics.com Website: http://www.ledtronics.com
Log # 036A Rev 6-99
Bayonet 9mm


▲Up To Search▲   

 
Price & Availability of BF321CIW2K-28V-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X