Part Number Hot Search : 
PS104RS MUR4100 MC68HC7 CHUMH9PT P4040D C0402JR 5333B 3100A
Product Description
Full Text Search
 

To Download ATMEGA128-16MU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High-performance, Low-power AVR(R) 8-bit Microcontroller * Advanced RISC Architecture
- 133 Powerful Instructions - Most Single Clock Cycle Execution - 32 x 8 General Purpose Working Registers + Peripheral Control Registers - Fully Static Operation - Up to 16 MIPS Throughput at 16 MHz - On-chip 2-cycle Multiplier Nonvolatile Program and Data Memories - 128K Bytes of In-System Reprogrammable Flash Endurance: 10,000 Write/Erase Cycles - Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation - 4K Bytes EEPROM Endurance: 100,000 Write/Erase Cycles - 4K Bytes Internal SRAM - Up to 64K Bytes Optional External Memory Space - Programming Lock for Software Security - SPI Interface for In-System Programming JTAG (IEEE std. 1149.1 Compliant) Interface - Boundary-scan Capabilities According to the JTAG Standard - Extensive On-chip Debug Support - Programming of Flash, EEPROM, Fuses and Lock Bits through the JTAG Interface Peripheral Features - Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes - Two Expanded 16-bit Timer/Counters with Separate Prescaler, Compare Mode and Capture Mode - Real Time Counter with Separate Oscillator - Two 8-bit PWM Channels - 6 PWM Channels with Programmable Resolution from 2 to 16 Bits - Output Compare Modulator - 8-channel, 10-bit ADC 8 Single-ended Channels 7 Differential Channels 2 Differential Channels with Programmable Gain at 1x, 10x, or 200x - Byte-oriented Two-wire Serial Interface - Dual Programmable Serial USARTs - Master/Slave SPI Serial Interface - Programmable Watchdog Timer with On-chip Oscillator - On-chip Analog Comparator Special Microcontroller Features - Power-on Reset and Programmable Brown-out Detection - Internal Calibrated RC Oscillator - External and Internal Interrupt Sources - Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby - Software Selectable Clock Frequency - ATmega103 Compatibility Mode Selected by a Fuse - Global Pull-up Disable I/O and Packages - 53 Programmable I/O Lines - 64-lead TQFP and 64-pad QFN/MLF Operating Voltages - 2.7 - 5.5V for ATmega128L - 4.5 - 5.5V for ATmega128 Speed Grades - 0 - 8 MHz for ATmega128L - 0 - 16 MHz for ATmega128
*
*
8-bit Microcontroller with 128K Bytes In-System Programmable Flash ATmega128 ATmega128L Summary
*
*
* * *
Rev. 2467OS-AVR-10/06
Pin Configurations
Figure 1. Pinout ATmega128
AVCC GND AREF PF0 (ADC0) PF1 (ADC1) PF2 (ADC2) PF3 (ADC3) PF4 (ADC4/TCK) PF5 (ADC5/TMS) PF6 (ADC6/TDO) PF7 (ADC7/TDI) GND VCC PA0 (AD0) PA1 (AD1) PA2 (AD2)
Note: The Pinout figure applies to both TQFP and MLF packages. The bottom pad under the QFN/MLF package should be soldered to ground.
Overview
The ATmega128 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega128 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
2
ATmega128
2467OS-AVR-10/06
(OC2/OC1C) PB7 TOSC2/PG3 TOSC1/PG4 RESET VCC GND XTAL2 XTAL1 (SCL/INT0) PD0 (SDA/INT1) PD1 (RXD1/INT2) PD2 (TXD1/INT3) PD3 (ICP1) PD4 (XCK1) PD5 (T1) PD6 (T2) PD7
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PEN RXD0/(PDI) PE0 (TXD0/PDO) PE1 (XCK0/AIN0) PE2 (OC3A/AIN1) PE3 (OC3B/INT4) PE4 (OC3C/INT5) PE5 (T3/INT6) PE6 (ICP3/INT7) PE7 (SS) PB0 (SCK) PB1 (MOSI) PB2 (MISO) PB3 (OC0) PB4 (OC1A) PB5 (OC1B) PB6
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
PA3 (AD3) PA4 (AD4) PA5 (AD5) PA6 (AD6) PA7 (AD7) PG2(ALE) PC7 (A15) PC6 (A14) PC5 (A13) PC4 (A12) PC3 (A11) PC2 (A10) PC1 (A9) PC0 (A8) PG1(RD) PG0(WR)
ATmega128
Block Diagram
Figure 2. Block Diagram
PF0 - PF7
PA0 - PA7
PC0 - PC7
VCC GND PORTF DRIVERS PORTA DRIVERS PORTC DRIVERS
DATA REGISTER PORTF
DATA DIR. REG. PORTF
DATA REGISTER PORTA
DATA DIR. REG. PORTA
DATA REGISTER PORTC
DATA DIR. REG. PORTC
8-BIT DATA BUS
AVCC AGND AREF PROGRAM COUNTER STACK POINTER WATCHDOG TIMER ADC INTERNAL OSCILLATOR
CALIB. OSC
OSCILLATOR JTAG TAP
OSCILLATOR
ON-CHIP DEBUG
PROGRAM FLASH
SRAM
MCU CONTROL REGISTER
TIMING AND CONTROL
BOUNDARYSCAN
INSTRUCTION REGISTER
GENERAL PURPOSE REGISTERS
X Y Z
TIMER/ COUNTERS
PEN
PROGRAMMING LOGIC
INSTRUCTION DECODER
INTERRUPT UNIT
CONTROL LINES
ALU
EEPROM
STATUS REGISTER
USART0
SPI
USART1
TWO-WIRE SERIAL INTERFACE
ANALOG COMPARATOR
DATA REGISTER PORTE
DATA DIR. REG. PORTE
DATA REGISTER PORTB
DATA DIR. REG. PORTB
DATA REGISTER PORTD
DATA DIR. REG. PORTD
DATA REG. PORTG
DATA DIR. REG. PORTG
+ -
PORTE DRIVERS
PORTB DRIVERS
PORTD DRIVERS
PORTG DRIVERS
PE0 - PE7
PB0 - PB7
PD0 - PD7
PG0 - PG4
RESET
XTAL1
XTAL2
3
2467OS-AVR-10/06
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATmega128 provides the following features: 128K bytes of In-System Programmable Flash with Read-While-Write capabilities, 4K bytes EEPROM, 4K bytes SRAM, 53 general purpose I/O lines, 32 general purpose working registers, Real Time Counter (RTC), four flexible Timer/Counters with compare modes and PWM, 2 USARTs, a byte oriented Two-wire Serial Interface, an 8-channel, 10-bit ADC with optional differential input stage with programmable gain, programmable Watchdog Timer with Internal Oscillator, an SPI serial port, IEEE std. 1149.1 compliant JTAG test interface, also used for accessing the On-chip Debug system and programming and six software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The Powerdown mode saves the register contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or Hardware Reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except Asynchronous Timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the Crystal/Resonator Oscillator is running while the rest of the device is sleeping. This allows very fast start-up combined with low power consumption. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue to run. The device is manufactured using Atmel's high-density nonvolatile memory technology. The On-chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot program running on the AVR core. The boot program can use any interface to download the application program in the application Flash memory. Software in the Boot Flash section will continue to run while the Application Flash section is updated, providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel ATmega128 is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. The ATmega128 AVR is supported with a full suite of program and system development tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits.
ATmega103 and ATmega128 Compatibility
The ATmega128 is a highly complex microcontroller where the number of I/O locations supersedes the 64 I/O locations reserved in the AVR instruction set. To ensure backward compatibility with the ATmega103, all I/O locations present in ATmega103 have the same location in ATmega128. Most additional I/O locations are added in an Extended I/O space starting from $60 to $FF, (i.e., in the ATmega103 internal RAM space). These locations can be reached by using LD/LDS/LDD and ST/STS/STD instructions only, not by using IN and OUT instructions. The relocation of the internal RAM space may still be a problem for ATmega103 users. Also, the increased number of interrupt vectors might be a problem if the code uses absolute addresses. To solve these problems, an ATmega103 compatibility mode can be selected by programming the fuse M103C. In this mode, none of the functions in the Extended I/O space are in use, so the internal RAM is located as in ATmega103. Also, the Extended Interrupt vectors are removed.
4
ATmega128
2467OS-AVR-10/06
ATmega128
The ATmega128 is 100% pin compatible with ATmega103, and can replace the ATmega103 on current Printed Circuit Boards. The application note "Replacing ATmega103 by ATmega128" describes what the user should be aware of replacing the ATmega103 by an ATmega128. ATmega103 Compatibility Mode By programming the M103C fuse, the ATmega128 will be compatible with the ATmega103 regards to RAM, I/O pins and interrupt vectors as described above. However, some new features in ATmega128 are not available in this compatibility mode, these features are listed below: * * * * * * * * * One USART instead of two, Asynchronous mode only. Only the eight least significant bits of the Baud Rate Register is available. One 16 bits Timer/Counter with two compare registers instead of two 16-bit Timer/Counters with three compare registers. Two-wire serial interface is not supported. Port C is output only. Port G serves alternate functions only (not a general I/O port). Port F serves as digital input only in addition to analog input to the ADC. Boot Loader capabilities is not supported. It is not possible to adjust the frequency of the internal calibrated RC Oscillator. The External Memory Interface can not release any Address pins for general I/O, neither configure different wait-states to different External Memory Address sections.
In addition, there are some other minor differences to make it more compatible to ATmega103: * * * * Only EXTRF and PORF exists in MCUCSR. Timed sequence not required for Watchdog Time-out change. External Interrupt pins 3 - 0 serve as level interrupt only. USART has no FIFO buffer, so data overrun comes earlier.
Unused I/O bits in ATmega103 should be written to 0 to ensure same operation in ATmega128.
Pin Descriptions
VCC GND Port A (PA7..PA0) Digital supply voltage. Ground. Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port A also serves the functions of various special features of the ATmega128 as listed on page 72. Port B (PB7..PB0) Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source
5
2467OS-AVR-10/06
current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B also serves the functions of various special features of the ATmega128 as listed on page 73. Port C (PC7..PC0) Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port C also serves the functions of special features of the ATmega128 as listed on page 76. In ATmega103 compatibility mode, Port C is output only, and the port C pins are not tri-stated when a reset condition becomes active.
Note: The ATmega128 is by default shipped in ATmega103 compatibility mode. Thus, if the parts are not programmed before they are put on the PCB, PORTC will be output during first power up, and until the ATmega103 compatibility mode is disabled.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port D also serves the functions of various special features of the ATmega128 as listed on page 77.
Port E (PE7..PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port E also serves the functions of various special features of the ATmega128 as listed on page 80.
Port F (PF7..PF0)
Port F serves as the analog inputs to the A/D Converter. Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal pull-up resistors (selected for each bit). The Port F output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be activated even if a Reset occurs. The TDO pin is tri-stated unless TAP states that shift out data are entered. Port F also serves the functions of the JTAG interface. In ATmega103 compatibility mode, Port F is an input Port only.
6
ATmega128
2467OS-AVR-10/06
ATmega128
Port G (PG4..PG0) Port G is a 5-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port G output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port G pins that are externally pulled low will source current if the pull-up resistors are activated. The Port G pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port G also serves the functions of various special features. The port G pins are tri-stated when a reset condition becomes active, even if the clock is not running. In ATmega103 compatibility mode, these pins only serves as strobes signals to the external memory as well as input to the 32 kHz Oscillator, and the pins are initialized to PG0 = 1, PG1 = 1, and PG2 = 0 asynchronously when a reset condition becomes active, even if the clock is not running. PG3 and PG4 are oscillator pins. RESET Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. The minimum pulse length is given in Table 19 on page 50. Shorter pulses are not guaranteed to generate a reset. Input to the inverting Oscillator amplifier and input to the internal clock operating circuit. Output from the inverting Oscillator amplifier. AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally connected to VCC, even if the ADC is not used. If the ADC is used, it should be connected to VCC through a low-pass filter. AREF is the analog reference pin for the A/D Converter. PEN is a programming enable pin for the SPI Serial Programming mode, and is internally pulled high . By holding this pin low during a Power-on Reset, the device will enter the SPI Serial Programming mode. PEN has no function during normal operation. A comprehensive set of development tools, application notes, and datasheets are available for download on http://www.atmel.com/avr.
XTAL1 XTAL2 AVCC
AREF PEN
Resources
7
2467OS-AVR-10/06
Register Summary
Address
($FF) .. ($9E) ($9D) ($9C) ($9B) ($9A) ($99) ($98) ($97) ($96) ($95) ($94) ($93) ($92) ($91) ($90) ($8F) ($8E) ($8D) ($8C) ($8B) ($8A) ($89) ($88) ($87) ($86) ($85) ($84) ($83) ($82) ($81) ($80) ($7F) ($7E) ($7D) ($7C) ($7B) ($7A) ($79) ($78) ($77) ($76) ($75) ($74) ($73) ($72) ($71) ($70) ($6F) ($6E) ($6D) ($6C) ($6B) ($6A) ($69) ($68) ($67) ($66) ($65) ($64) ($63) ($62)
Name
Reserved Reserved Reserved UCSR1C UDR1 UCSR1A UCSR1B UBRR1L UBRR1H Reserved Reserved UCSR0C Reserved Reserved Reserved Reserved UBRR0H Reserved Reserved Reserved TCCR3C TCCR3A TCCR3B TCNT3H TCNT3L OCR3AH OCR3AL OCR3BH OCR3BL OCR3CH OCR3CL ICR3H ICR3L Reserved Reserved ETIMSK ETIFR Reserved TCCR1C OCR1CH OCR1CL Reserved Reserved Reserved TWCR TWDR TWAR TWSR TWBR OSCCAL Reserved XMCRA XMCRB Reserved EICRA Reserved SPMCSR Reserved Reserved PORTG DDRG PING PORTF
Bit 7
- - - - RXC1 RXCIE1 - - - - - - - - - - - - FOC3A COM3A1 ICNC3
Bit 6
- - - UMSEL1 TXC1 TXCIE1 - - - UMSEL0 - - - - - - - - FOC3B COM3A0 ICES3
Bit 5
- - - UPM11 UDRE1 UDRIE1 - - - UPM01 - - - - - - - - FOC3C COM3B1 -
Bit 4
- - - UPM10 FE1 RXEN1 - - - UPM00 - - - - - - - - - COM3B0 WGM33
Bit 3
- - - USBS1 DOR1 TXEN1
Bit 2
- - - UCSZ11 UPE1 UCSZ12
Bit 1
- - - UCSZ10 U2X1 RXB81
Bit 0
- - - UCPOL1 MPCM1 TXB81
Page
192 190 190 191 194 194
USART1 I/O Data Register
USART1 Baud Rate Register Low USART1 Baud Rate Register High - - USBS0 - - - - - - - - COM3C1 WGM32 - - UCSZ01 - - - - - - - - COM3C0 CS32 - - UCSZ00 - - - - - - - - WGM31 CS31 - - UCPOL0 - - - -
192
USART0 Baud Rate Register High - - - - WGM30 CS30
194
137 133 136 138 138 138 138 139 139 139 139 139 139
Timer/Counter3 - Counter Register High Byte Timer/Counter3 - Counter Register Low Byte Timer/Counter3 - Output Compare Register A High Byte Timer/Counter3 - Output Compare Register A Low Byte Timer/Counter3 - Output Compare Register B High Byte Timer/Counter3 - Output Compare Register B Low Byte Timer/Counter3 - Output Compare Register C High Byte Timer/Counter3 - Output Compare Register C Low Byte Timer/Counter3 - Input Capture Register High Byte Timer/Counter3 - Input Capture Register Low Byte - - - - - FOC1A - - - - - FOC1B - - TICIE3 ICF3 - FOC1C - - OCIE3A OCF3A - - - - OCIE3B OCF3B - - - - TOIE3 TOV3 - - - - OCIE3C OCF3C - - - - OCIE1C OCF1C - -
140 141 137 138 138
Timer/Counter1 - Output Compare Register C High Byte Timer/Counter1 - Output Compare Register C Low Byte - - - TWINT TWA6 TWS7 - - - TWEA TWA5 TWS6 - - - TWSTA TWA4 TWS5 - - - TWSTO TWA3 TWS4 - - - TWWC TWA2 TWS3 - - - TWEN TWA1 - - - - - TWA0 TWPS1 - - - TWIE TWGCE TWPS0
207 209 209 208 207 41
Two-wire Serial Interface Data Register
Two-wire Serial Interface Bit Rate Register Oscillator Calibration Register - - XMBK - ISC31 - SPMIE - - - - - PORTF7 - SRL2 - - ISC30 - RWWSB - - - - - PORTF6 - SRL1 - - ISC21 - - - - - - - PORTF5 - SRL0 - - ISC20 - RWWSRE - - PORTG4 DDG4 PING4 PORTF4 - SRW01 - - ISC11 - BLBSET - - PORTG3 DDG3 PING3 PORTF3 - SRW00 XMM2 - ISC10 - PGWRT - - PORTG2 DDG2 PING2 PORTF2 - SRW11 XMM1 - ISC01 - PGERS - - PORTG1 DDG1 PING1 PORTF1 XMM0 - ISC00 - SPMEN - - PORTG0 DDG0 PING0 PORTF0 -
31 33 89 280
88 88 88 87
8
ATmega128
2467OS-AVR-10/06
ATmega128
Register Summary (Continued)
Address
($61) ($60) $3F ($5F) $3E ($5E) $3D ($5D) $3C ($5C) $3B ($5B) $3A ($5A) $39 ($59) $38 ($58) $37 ($57) $36 ($56) $35 ($55) $34 ($54) $33 ($53) $32 ($52) $31 ($51) $30 ($50) $2F ($4F) $2E ($4E) $2D ($4D) $2C ($4C) $2B ($4B) $2A ($4A) $29 ($49) $28 ($48) $27 ($47) $26 ($46) $25 ($45) $24 ($44) $23 ($43) $22 ($42) $21 ($41) $20 ($40) $1F ($3F) $1E ($3E) $1D ($3D) $1C ($3C) $1B ($3B) $1A ($3A) $19 ($39) $18 ($38) $17 ($37) $16 ($36) $15 ($35) $14 ($34) $13 ($33) $12 ($32) $11 ($31) $10 ($30) $0F ($2F) $0E ($2E) $0D ($2D) $0C ($2C) $0B ($2B) $0A ($2A) $09 ($29) $08 ($28) $07 ($27) $06 ($26) $05 ($25) $04 ($24) $03 ($23) $02 ($22)
Name
DDRF Reserved SREG SPH SPL XDIV RAMPZ EICRB EIMSK EIFR TIMSK TIFR MCUCR MCUCSR TCCR0 TCNT0 OCR0 ASSR TCCR1A TCCR1B TCNT1H TCNT1L OCR1AH OCR1AL OCR1BH OCR1BL ICR1H ICR1L TCCR2 TCNT2 OCR2 OCDR WDTCR SFIOR EEARH EEARL EEDR EECR PORTA DDRA PINA PORTB DDRB PINB PORTC DDRC PINC PORTD DDRD PIND SPDR SPSR SPCR UDR0 UCSR0A UCSR0B UBRR0L ACSR ADMUX ADCSRA ADCH ADCL PORTE DDRE
Bit 7
DDF7 - I SP15 SP7 XDIVEN - ISC71 INT7 INTF7 OCIE2 OCF2 SRE JTD FOC0
Bit 6
DDF6 - T SP14 SP6 XDIV6 - ISC70 INT6 INTF6 TOIE2 TOV2 SRW10 - WGM00
Bit 5
DDF5 - H SP13 SP5 XDIV5 - ISC61 INT5 INTF5 TICIE1 ICF1 SE - COM01
Bit 4
DDF4 - S SP12 SP4 XDIV4 - ISC60 INT4 INTF4 OCIE1A OCF1A SM1 JTRF COM00
Bit 3
DDF3 - V SP11 SP3 XDIV3 - ISC51 INT3 INTF3 OCIE1B OCF1B SM0 WDRF WGM01
Bit 2
DDF2 - N SP10 SP2 XDIV2 - ISC50 INT2 INTF TOIE1 TOV1 SM2 BORF CS02
Bit 1
DDF1 - Z SP9 SP1 XDIV1 - ISC41 INT1 INTF1 OCIE0 OCF0 IVSEL EXTRF CS01
Bit 0
DDF0 - C SP8 SP0 XDIV0 RAMPZ0 ISC40 INT0 INTF0 TOIE0 TOV0 IVCE PORF CS00
Page
88 11 14 14 43 14 90 91 91 108, 140, 160 108, 141, 160 31, 44, 63 53, 257 103 105 105
Timer/Counter0 (8 Bit) Timer/Counter0 Output Compare Register - COM1A1 ICNC1 - COM1A0 ICES1 - COM1B1 - - COM1B0 WGM13 AS0 COM1C1 WGM12 TCN0UB COM1C0 CS12 OCR0UB WGM11 CS11 TCR0UB WGM10 CS10
106 133 136 138 138 138 138 138 138 139 139
Timer/Counter1 - Counter Register High Byte Timer/Counter1 - Counter Register Low Byte Timer/Counter1 - Output Compare Register A High Byte Timer/Counter1 - Output Compare Register A Low Byte Timer/Counter1 - Output Compare Register B High Byte Timer/Counter1 - Output Compare Register B Low Byte Timer/Counter1 - Input Capture Register High Byte Timer/Counter1 - Input Capture Register Low Byte FOC2 WGM20 COM21 COM20 WGM21 CS22 CS21 CS20 Timer/Counter2 (8 Bit) Timer/Counter2 Output Compare Register
IDRD/OCDR7
158 160 160
OCDR6 - - -
OCDR5 - - -
OCDR4 WDCE - -
OCDR3 WDE ACME
OCDR2 WDP2 PUD
OCDR1 WDP1 PSR0
OCDR0 WDP0 PSR321
254 55 72, 109, 145, 229 21 21 22
- TSM -
EEPROM Address Register High
EEPROM Address Register Low Byte EEPROM Data Register - PORTA7 DDA7 PINA7 PORTB7 DDB7 PINB7 PORTC7 DDC7 PINC7 PORTD7 DDD7 PIND7 SPIF SPIE RXC0 RXCIE0 ACD REFS1 ADEN - PORTA6 DDA6 PINA6 PORTB6 DDB6 PINB6 PORTC6 DDC6 PINC6 PORTD6 DDD6 PIND6 WCOL SPE TXC0 TXCIE0 ACBG REFS0 ADSC - PORTA5 DDA5 PINA5 PORTB5 DDB5 PINB5 PORTC5 DDC5 PINC5 PORTD5 DDD5 PIND5 - DORD UDRE0 UDRIE0 ACO ADLAR ADFR - PORTA4 DDA4 PINA4 PORTB4 DDB4 PINB4 PORTC4 DDC4 PINC4 PORTD4 DDD4 PIND4 - MSTR FE0 RXEN0 ACI MUX4 ADIF EERIE PORTA3 DDA3 PINA3 PORTB3 DDB3 PINB3 PORTC3 DDC3 PINC3 PORTD3 DDD3 PIND3 - CPOL DOR0 TXEN0 ACIE MUX3 ADIE EEMWE PORTA2 DDA2 PINA2 PORTB2 DDB2 PINB2 PORTC2 DDC2 PINC2 PORTD2 DDD2 PIND2 - CPHA UPE0 UCSZ02 ACIC MUX2 ADPS2 EEWE PORTA1 DDA1 PINA1 PORTB1 DDB1 PINB1 PORTC1 DDC1 PINC1 PORTD1 DDD1 PIND1 - SPR1 U2X0 RXB80 ACIS1 MUX1 ADPS1 EERE PORTA0 DDA0 PINA0 PORTB0 DDB0 PINB0 PORTC0 DDC0 PINC0 PORTD0 DDD0 PIND0 SPI2X SPR0 MPCM0 TXB80 ACIS0 MUX0 ADPS0
22 86 86 86 86 86 86 86 86 87 87 87 87 170 170 168 190 190 191 194 229 245 246 247 247
SPI Data Register
USART0 I/O Data Register
USART0 Baud Rate Register Low
ADC Data Register High Byte ADC Data Register Low byte PORTE7 DDE7 PORTE6 DDE6 PORTE5 DDE5 PORTE4 DDE4 PORTE3 DDE3 PORTE2 DDE2 PORTE1 DDE1 PORTE0 DDE0
87 87
9
2467OS-AVR-10/06
Register Summary (Continued)
Address
$01 ($21) $00 ($20)
Name
PINE PINF
Bit 7
PINE7 PINF7
Bit 6
PINE6 PINF6
Bit 5
PINE5 PINF5
Bit 4
PINE4 PINF4
Bit 3
PINE3 PINF3
Bit 2
PINE2 PINF2
Bit 1
PINE1 PINF1
Bit 0
PINE0 PINF0
Page
87 88
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions work with registers $00 to $1F only.
10
ATmega128
2467OS-AVR-10/06
ATmega128
Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER MUL MULS MULSU FMUL FMULS FMULSU RJMP IJMP JMP RCALL ICALL CALL RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC BRVS BRVC Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k k k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr k
Description
Add two Registers Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Multiply Unsigned Multiply Signed Multiply Signed with Unsigned Fractional Multiply Unsigned Fractional Multiply Signed Fractional Multiply Signed with Unsigned Relative Jump Indirect Jump to (Z) Direct Jump Relative Subroutine Call Indirect Call to (Z) Direct Subroutine Call Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Branch if Overflow Flag is Set Branch if Overflow Flag is Cleared
Operation
Rd Rd + Rr Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd $FF - Rd Rd $00 - Rd Rd Rd v K Rd Rd * ($FF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd $FF R1:R0 Rd x Rr R1:R0 Rd x Rr R1:R0 Rd x Rr
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None Z,C Z,C Z,C Z,C Z,C Z,C None None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 3 3 3 4 4 4 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
ARITHMETIC AND LOGIC INSTRUCTIONS
1 R1:R0 (Rd x Rr) << 1 R1:R0 (Rd x Rr) << 1
PC PC + k + 1 PC Z PC k PC PC + k + 1 PC Z PC k PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1 if (V = 0) then PC PC + k + 1
R1:R0 (Rd x Rr) <<
BRANCH INSTRUCTIONS
11
2467OS-AVR-10/06
Instruction Set Summary (Continued)
Mnemonics
BRIE BRID MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM ELPM ELPM ELPM SPM IN OUT PUSH POP SBI CBI LSL LSR ROL ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS Rd, P P, Rr Rr Rd P,b P,b Rd Rd Rd Rd Rd Rd s s Rr, b Rd, b Rd, Z Rd, Z+ Rd, Z Rd, Z+
Operands
k k Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr
Description
Branch if Interrupt Enabled Branch if Interrupt Disabled Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Extended Load Program Memory Extended Load Program Memory Extended Load Program Memory and Post-Inc Store Program Memory In Port Out Port Push Register on Stack Pop Register from Stack Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rotate Right Through Carry Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag
Operation
if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 R0 (RAMPZ:Z) Rd (RAMPZ:Z) Rd (RAMPZ:Z), RAMPZ:Z RAMPZ:Z+1 (Z) R1:R0 Rd P P Rr STACK Rr Rd STACK I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7) Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0
Flags
None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S
#Clocks
1/2 1/2 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 3 3 3 1 1 2 2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
DATA TRANSFER INSTRUCTIONS
BIT AND BIT-TEST INSTRUCTIONS
12
ATmega128
2467OS-AVR-10/06
ATmega128
Instruction Set Summary (Continued)
Mnemonics
SEV CLV SET CLT SEH CLH MCU CONTROL INSTRUCTIONS NOP SLEEP WDR BREAK No Operation Sleep Watchdog Reset Break (see specific descr. for Sleep function) (see specific descr. for WDR/timer) For On-chip Debug Only None None None None 1 1 1 N/A
Operands
Description
Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
Operation
V1 V0 T1 T0 H1 H0
Flags
V V T T H H
#Clocks
1 1 1 1 1 1
13
2467OS-AVR-10/06
Ordering Information
Speed (MHz) Power Supply Ordering Code ATmega128L-8AC ATmega128L-8MC 8 2.7 - 5.5V ATmega128L-8AI ATmega128L-8AU(2) ATmega128L-8MI ATmega128L-8MU(2) ATmega128-16AC ATmega128-16MC 16 4.5 - 5.5V ATmega128-16AI ATmega128-16AU(2) ATmega128-16MI ATMEGA128-16MU(2) Package(1) 64A 64M1 64A 64A 64M1 64M1 64A 64M1 64A 64A 64M1 64M1 Operation Range Commercial (0oC to 70oC) Industrial (-40oC to 85oC) Commercial (0oC to 70oC) Industrial (-40oC to 85oC)
Notes:
1. The device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
Package Type 64A 64M1 64-lead, 14 x 14 x 1.0 mm, Thin Profile Plastic Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
14
ATmega128
2467OS-AVR-10/06
ATmega128
Packaging Information
64A
PIN 1 B
PIN 1 IDENTIFIER
e
E1
E
D1 D C
0~7 A1 L
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E MIN - 0.05 0.95 15.75 13.90 15.75 13.90 0.30 0.09 0.45 NOM - - 1.00 16.00 14.00 16.00 14.00 - - - 0.80 TYP MAX 1.20 0.15 1.05 16.25 14.10 16.25 14.10 0.45 0.20 0.75 Note 2 Note 2 NOTE
A2
A
Notes:
1. This package conforms to JEDEC reference MS-026, Variation AEB. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum.
E1 B C L e
10/5/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 64A, 64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) DRAWING NO. 64A REV. B
R
15
2467OS-AVR-10/06
64M1
D
Marked Pin# 1 ID
E
C
TOP VIEW
SEATING PLANE
A1 A
K L D2
Pin #1 Corner
0.08 C
SIDE VIEW
1 2 3
Option A
Pin #1 Triangle
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
Option B
Pin #1 Chamfer (C 0.30)
E2
MIN 0.80 - 0.18 8.90 5.20 8.90 5.20
NOM 0.90 0.02 0.25 9.00 5.40 9.00 5.40 0.50 BSC
MAX 1.00 0.05 0.30 9.10 5.60 9.10 5.60
NOTE
A A1 b D
K b e
Option C
D2
Pin #1 Notch (0.20 R)
E E2 e L
BOTTOM VIEW
0.35 1.25
0.40 1.40
0.45 1.55
Note: 1. JEDEC Standard MO-220, (SAW Singulation) Fig. 1, VMMD. 2. Dimension and tolerance conform to ASMEY14.5M-1994.
K
5/25/06 2325 Orchard Parkway San Jose, CA 95131 TITLE 64M1, 64-pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm, 5.40 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 64M1 REV. G
R
16
ATmega128
2467OS-AVR-10/06
ATmega128
Errata
ATmega128 Rev. M
The revision letter in this section refers to the revision of the ATmega128 device. * * * * *
First Analog Comparator conversion may be delayed Interrupts may be lost when writing the timer registers in the asynchronous timer Stabilizing time needed when changing XDIV Register Stabilizing time needed when changing OSCCAL Register IDCODE masks data from TDI input
1. First Analog Comparator conversion may be delayed If the device is powered by a slow rising VCC, the first Analog Comparator conversion will take longer than expected on some devices. Problem Fix/Workaround When the device has been powered or reset, disable then enable theAnalog Comparator before the first conversion. 2. Interrupts may be lost when writing the timer registers in the asynchronous timer If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in the cycle before a overflow interrupt occurs, the interrupt may be lost. Problem Fix/Workaround Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2 3. Stabilizing time needed when changing XDIV Register After increasing the source clock frequency more than 2% with settings in the XDIV register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The NOP instruction will always be executed correctly also right after a frequency change. Thus, the next 8 instructions after the change should be NOP instructions. To ensure this, follow this procedure: 1.Clear the I bit in the SREG Register. 2.Set the new pre-scaling factor in XDIV register. 3.Execute 8 NOP instructions 4.Set the I bit in SREG This will ensure that all subsequent instructions will execute correctly. Assembly Code Example:
CLI OUT NOP NOP NOP NOP NOP NOP NOP NOP SEI XDIV, temp ; clear global interrupt enable ; set new prescale value ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; set global interrupt enable
17
2467OS-AVR-10/06
4. Stabilizing time needed when changing OSCCAL Register After increasing the source clock frequency more than 2% with settings in the OSCCAL register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The behavior follows errata number 1., and the same Fix / Workaround is applicable on this errata. 5. IDCODE masks data from TDI input The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are replaced by all-ones during Update-DR. Problem Fix / Workaround - - If ATmega128 is the only device in the scan chain, the problem is not visible. Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction or by entering the Test-Logic-Reset state of the TAP controller to read out the contents of its Device ID Register and possibly data from succeeding devices of the scan chain. Issue the BYPASS instruction to the ATmega128 while reading the Device ID Registers of preceding devices of the boundary scan chain. If the Device IDs of all devices in the boundary scan chain must be captured simultaneously, the ATmega128 must be the fist device in the chain.
-
ATmega128 Rev. L
* * * * *
First Analog Comparator conversion may be delayed Interrupts may be lost when writing the timer registers in the asynchronous timer Stabilizing time needed when changing XDIV Register Stabilizing time needed when changing OSCCAL Register IDCODE masks data from TDI input
1. First Analog Comparator conversion may be delayed If the device is powered by a slow rising VCC, the first Analog Comparator conversion will take longer than expected on some devices. Problem Fix/Workaround When the device has been powered or reset, disable then enable theAnalog Comparator before the first conversion. 2. Interrupts may be lost when writing the timer registers in the asynchronous timer If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in the cycle before a overflow interrupt occurs, the interrupt may be lost. Problem Fix/Workaround Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2 3. Stabilizing time needed when changing XDIV Register After increasing the source clock frequency more than 2% with settings in the XDIV register, the device may execute some of the subsequent instructions incorrectly.
18
ATmega128
2467OS-AVR-10/06
ATmega128
Problem Fix / Workaround The NOP instruction will always be executed correctly also right after a frequency change. Thus, the next 8 instructions after the change should be NOP instructions. To ensure this, follow this procedure: 1.Clear the I bit in the SREG Register. 2.Set the new pre-scaling factor in XDIV register. 3.Execute 8 NOP instructions 4.Set the I bit in SREG This will ensure that all subsequent instructions will execute correctly. Assembly Code Example:
CLI OUT NOP NOP NOP NOP NOP NOP NOP NOP SEI XDIV, temp ; clear global interrupt enable ; set new prescale value ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; set global interrupt enable
4. Stabilizing time needed when changing OSCCAL Register After increasing the source clock frequency more than 2% with settings in the OSCCAL register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The behavior follows errata number 1., and the same Fix / Workaround is applicable on this errata. 5. IDCODE masks data from TDI input The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are replaced by all-ones during Update-DR. Problem Fix / Workaround - - If ATmega128 is the only device in the scan chain, the problem is not visible. Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction or by entering the Test-Logic-Reset state of the TAP controller to read out the contents of its Device ID Register and possibly data from succeeding devices of the scan chain. Issue the BYPASS instruction to the ATmega128 while reading the Device ID Registers of preceding devices of the boundary scan chain. If the Device IDs of all devices in the boundary scan chain must be captured simultaneously, the ATmega128 must be the fist device in the chain.
-
19
2467OS-AVR-10/06
ATmega128 Rev. I
* * * * *
First Analog Comparator conversion may be delayed Interrupts may be lost when writing the timer registers in the asynchronous timer Stabilizing time needed when changing XDIV Register Stabilizing time needed when changing OSCCAL Register IDCODE masks data from TDI input
1. First Analog Comparator conversion may be delayed If the device is powered by a slow rising VCC, the first Analog Comparator conversion will take longer than expected on some devices. Problem Fix/Workaround When the device has been powered or reset, disable then enable theAnalog Comparator before the first conversion. 2. Interrupts may be lost when writing the timer registers in the asynchronous timer If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in the cycle before a overflow interrupt occurs, the interrupt may be lost. Problem Fix/Workaround Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2 3. Stabilizing time needed when changing XDIV Register After increasing the source clock frequency more than 2% with settings in the XDIV register, the device may execute some of the subsequent instructions incorrectly.
Problem Fix / Workaround The NOP instruction will always be executed correctly also right after a frequency change. Thus, the next 8 instructions after the change should be NOP instructions. To ensure this, follow this procedure: 1.Clear the I bit in the SREG Register. 2.Set the new pre-scaling factor in XDIV register. 3.Execute 8 NOP instructions 4.Set the I bit in SREG This will ensure that all subsequent instructions will execute correctly. Assembly Code Example:
CLI OUT NOP NOP NOP NOP NOP NOP NOP NOP SEI XDIV, temp ; clear global interrupt enable ; set new prescale value ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; clear global interrupt enable
20
ATmega128
2467OS-AVR-10/06
ATmega128
4. Stabilizing time needed when changing OSCCAL Register After increasing the source clock frequency more than 2% with settings in the OSCCAL register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The behavior follows errata number 1., and the same Fix / Workaround is applicable on this errata. 5. IDCODE masks data from TDI input The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are replaced by all-ones during Update-DR. Problem Fix / Workaround - - If ATmega128 is the only device in the scan chain, the problem is not visible. Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction or by entering the Test-Logic-Reset state of the TAP controller to read out the contents of its Device ID Register and possibly data from succeeding devices of the scan chain. Issue the BYPASS instruction to the ATmega128 while reading the Device ID Registers of preceding devices of the boundary scan chain. If the Device IDs of all devices in the boundary scan chain must be captured simultaneously, the ATmega128 must be the fist device in the chain.
-
ATmega128 Rev. H
* * * * *
First Analog Comparator conversion may be delayed Interrupts may be lost when writing the timer registers in the asynchronous timer Stabilizing time needed when changing XDIV Register Stabilizing time needed when changing OSCCAL Register IDCODE masks data from TDI input
1. First Analog Comparator conversion may be delayed If the device is powered by a slow rising VCC, the first Analog Comparator conversion will take longer than expected on some devices. Problem Fix/Workaround When the device has been powered or reset, disable then enable theAnalog Comparator before the first conversion. 2. Interrupts may be lost when writing the timer registers in the asynchronous timer If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in the cycle before a overflow interrupt occurs, the interrupt may be lost. Problem Fix/Workaround Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2 3. Stabilizing time needed when changing XDIV Register After increasing the source clock frequency more than 2% with settings in the XDIV register, the device may execute some of the subsequent instructions incorrectly.
21
2467OS-AVR-10/06
Problem Fix / Workaround The NOP instruction will always be executed correctly also right after a frequency change. Thus, the next 8 instructions after the change should be NOP instructions. To ensure this, follow this procedure: 1.Clear the I bit in the SREG Register. 2.Set the new pre-scaling factor in XDIV register. 3.Execute 8 NOP instructions 4.Set the I bit in SREG This will ensure that all subsequent instructions will execute correctly. Assembly Code Example:
CLI OUT NOP NOP NOP NOP NOP NOP NOP NOP SEI XDIV, temp ; clear global interrupt enable ; set new prescale value ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; clear global interrupt enable
4. Stabilizing time needed when changing OSCCAL Register After increasing the source clock frequency more than 2% with settings in the OSCCAL register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The behavior follows errata number 1., and the same Fix / Workaround is applicable on this errata. 5. IDCODE masks data from TDI input The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are replaced by all-ones during Update-DR. Problem Fix / Workaround - - If ATmega128 is the only device in the scan chain, the problem is not visible. Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction or by entering the Test-Logic-Reset state of the TAP controller to read out the contents of its Device ID Register and possibly data from succeeding devices of the scan chain. Issue the BYPASS instruction to the ATmega128 while reading the Device ID Registers of preceding devices of the boundary scan chain. If the Device IDs of all devices in the boundary scan chain must be captured simultaneously, the ATmega128 must be the fist device in the chain.
-
22
ATmega128
2467OS-AVR-10/06
ATmega128
ATmega128 Rev. G
* * * * *
First Analog Comparator conversion may be delayed Interrupts may be lost when writing the timer registers in the asynchronous timer Stabilizing time needed when changing XDIV Register Stabilizing time needed when changing OSCCAL Register IDCODE masks data from TDI input
1. First Analog Comparator conversion may be delayed If the device is powered by a slow rising VCC, the first Analog Comparator conversion will take longer than expected on some devices. Problem Fix/Workaround When the device has been powered or reset, disable then enable theAnalog Comparator before the first conversion. 2. Interrupts may be lost when writing the timer registers in the asynchronous timer If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in the cycle before a overflow interrupt occurs, the interrupt may be lost. Problem Fix/Workaround Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2 3. Stabilizing time needed when changing XDIV Register After increasing the source clock frequency more than 2% with settings in the XDIV register, the device may execute some of the subsequent instructions incorrectly.
Problem Fix / Workaround The NOP instruction will always be executed correctly also right after a frequency change. Thus, the next 8 instructions after the change should be NOP instructions. To ensure this, follow this procedure: 1.Clear the I bit in the SREG Register. 2.Set the new pre-scaling factor in XDIV register. 3.Execute 8 NOP instructions 4.Set the I bit in SREG This will ensure that all subsequent instructions will execute correctly. Assembly Code Example:
CLI OUT NOP NOP NOP NOP NOP NOP NOP NOP SEI XDIV, temp ; clear global interrupt enable ; set new prescale value ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; set global interrupt enable
23
2467OS-AVR-10/06
4. Stabilizing time needed when changing OSCCAL Register After increasing the source clock frequency more than 2% with settings in the OSCCAL register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The behavior follows errata number 1., and the same Fix / Workaround is applicable on this errata. 5. IDCODE masks data from TDI input The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are replaced by all-ones during Update-DR. Problem Fix / Workaround - - If ATmega128 is the only device in the scan chain, the problem is not visible. Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction or by entering the Test-Logic-Reset state of the TAP controller to read out the contents of its Device ID Register and possibly data from succeeding devices of the scan chain. Issue the BYPASS instruction to the ATmega128 while reading the Device ID Registers of preceding devices of the boundary scan chain. If the Device IDs of all devices in the boundary scan chain must be captured simultaneously, the ATmega128 must be the fist device in the chain.
-
ATmega128 Rev. F
* * * * *
First Analog Comparator conversion may be delayed Interrupts may be lost when writing the timer registers in the asynchronous timer Stabilizing time needed when changing XDIV Register Stabilizing time needed when changing OSCCAL Register IDCODE masks data from TDI input
1. First Analog Comparator conversion may be delayed If the device is powered by a slow rising VCC, the first Analog Comparator conversion will take longer than expected on some devices. Problem Fix/Workaround When the device has been powered or reset, disable then enable theAnalog Comparator before the first conversion. 2. Interrupts may be lost when writing the timer registers in the asynchronous timer If one of the timer registers which is synchronized to the asynchronous timer2 clock is written in the cycle before a overflow interrupt occurs, the interrupt may be lost. Problem Fix/Workaround Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2 3. Stabilizing time needed when changing XDIV Register After increasing the source clock frequency more than 2% with settings in the XDIV register, the device may execute some of the subsequent instructions incorrectly.
24
ATmega128
2467OS-AVR-10/06
ATmega128
Problem Fix / Workaround The NOP instruction will always be executed correctly also right after a frequency change. Thus, the next 8 instructions after the change should be NOP instructions. To ensure this, follow this procedure: 1.Clear the I bit in the SREG Register. 2.Set the new pre-scaling factor in XDIV register. 3.Execute 8 NOP instructions 4.Set the I bit in SREG This will ensure that all subsequent instructions will execute correctly. Assembly Code Example:
CLI OUT NOP NOP NOP NOP NOP NOP NOP NOP SEI XDIV, temp ; clear global interrupt enable ; set new prescale value ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; no operation ; set global interrupt enable
4. Stabilizing time needed when changing OSCCAL Register After increasing the source clock frequency more than 2% with settings in the OSCCAL register, the device may execute some of the subsequent instructions incorrectly. Problem Fix / Workaround The behavior follows errata number 1., and the same Fix / Workaround is applicable on this errata. 5. IDCODE masks data from TDI input The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are replaced by all-ones during Update-DR. Problem Fix / Workaround - - If ATmega128 is the only device in the scan chain, the problem is not visible. Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction or by entering the Test-Logic-Reset state of the TAP controller to read out the contents of its Device ID Register and possibly data from succeeding devices of the scan chain. Issue the BYPASS instruction to the ATmega128 while reading the Device ID Registers of preceding devices of the boundary scan chain. If the Device IDs of all devices in the boundary scan chain must be captured simultaneously, the ATmega128 must be the fist device in the chain.
-
25
2467OS-AVR-10/06
Datasheet Revision History
Changes from Rev. 2467N-03/06 to Rev. 2467O-10/06
Please note that the referring page numbers in this section are referred to this document. The referring revision in this section are referring to the document revision. 1. Added note to "Timer/Counter Oscillator" on page 43. 2. Updated "Fast PWM Mode" on page 124. 3. Updated Table 52 on page 104, Table 54 on page 104, Table 59 on page 134, Table 61 on page 135, Table 64 on page 158, and Table 66 on page 159. 4. Updated "Errata" on page 17.
Changes from Rev. 2467M-11/04 to Rev. 2467N-03/06
1. Updated note for Figure 1 on page 2. 2. Updated "Alternate Functions of Port D" on page 77. 3. Updated "Alternate Functions of Port G" on page 84. 4. Updated "Phase Correct PWM Mode" on page 100. 5. Updated Table 59 on page 134, Table 60 on page 134. 6. Updated "Bit 2 - TOV3: Timer/Counter3, Overflow Flag" on page 142. 7. Updated "Serial Peripheral Interface - SPI" on page 164. 8. Updated Features in "Analog to Digital Converter" on page 232 9. Added note in "Input Channel and Gain Selections" on page 245. 10. Updated "Errata" on page 17.
Changes from Rev. 2467L-05/04 to Rev. 2467M-11/04
1. Removed "analog ground", replaced by "ground". 2. Updated Table 11 on page 40, Table 114 on page 288, Table 128 on page 307, and Table 132 on page 324. Updated Figure 114 on page 240. 3. Added note to "Port C (PC7..PC0)" on page 6. 4. Updated "Ordering Information" on page 14.
Changes from Rev. 2467K-03/04 to Rev. 2467L-05/04
1. Removed "Preliminary" and "TBD" from the datasheet, replaced occurrences of ICx with ICPx. 2. Updated Table 8 on page 38, Table 19 on page 50, Table 22 on page 56, Table 96 on page 244, Table 126 on page 303, Table 128 on page 307, Table 132 on page 324, and Table 134 on page 326. 3. Updated "External Memory Interface" on page 26. 4. Updated "Device Identification Register" on page 256.
26
ATmega128
2467OS-AVR-10/06
ATmega128
5. Updated "Electrical Characteristics" on page 322. 6. Updated "ADC Characteristics" on page 328. 7. Updated "ATmega128 Typical Characteristics" on page 336. 8. Updated "Ordering Information" on page 14.
Changes from Rev. 2467J-12/03 to Rev. 2467K-03/04 Changes from Rev. 2467I-09/03 to Rev. 2467J-12/03 Changes from Rev. 2467H-02/03 to Rev. 2467I-09/03
1. Updated "Errata" on page 17.
1. Updated "Calibrated Internal RC Oscillator" on page 41.
1. Updated note in "XTAL Divide Control Register - XDIV" on page 43. 2. Updated "JTAG Interface and On-chip Debug System" on page 48. 3. Updated values for VBOT (BODLEVEL = 1) in Table 19 on page 50. 4. Updated "Test Access Port - TAP" on page 249 regarding JTAGEN. 5. Updated description for the JTD bit on page 258. 6. Added a note regarding JTAGEN fuse to Table 118 on page 291. 7. Updated RPU values in "DC Characteristics" on page 322. 8. Added a proposal for solving problems regarding the JTAG instruction IDCODE in "Errata" on page 17.
Changes from Rev. 2467G-09/02 to Rev. 2467H-02/03
1. Corrected the names of the two Prescaler bits in the SFIOR Register. 2. Added Chip Erase as a first step under "Programming the Flash" on page 319 and "Programming the EEPROM" on page 320. 3. Removed reference to the "Multipurpose Oscillator" application note and the "32 kHz Crystal Oscillator" application note, which do not exist. 4. Corrected OCn waveforms in Figure 52 on page 125. 5. Various minor Timer1 corrections. 6. Added information about PWM symmetry for Timer0 and Timer2. 7. Various minor TWI corrections. 8. Added reference to Table 124 on page 294 from both SPI Serial Programming and Self Programming to inform about the Flash Page size.
27
2467OS-AVR-10/06
9. Added note under "Filling the Temporary Buffer (Page Loading)" on page 283 about writing to the EEPROM during an SPM Page load. 10. Removed ADHSM completely. 11. Added section "EEPROM Write During Power-down Sleep Mode" on page 25. 12. Updated drawings in "Packaging Information" on page 15.
Changes from Rev. 2467F-09/02 to Rev. 2467G-09/02 Changes from Rev. 2467E-04/02 to Rev. 2467F-09/02
1. Changed the Endurance on the Flash to 10,000 Write/Erase Cycles.
1. Added 64-pad QFN/MLF Package and updated "Ordering Information" on page 14. 2. Added the section "Using all Locations of External Memory Smaller than 64 KB" on page 33. 3. Added the section "Default Clock Source" on page 37. 4. Renamed SPMCR to SPMCSR in entire document. 5. When using external clock there are some limitations regards to change of frequency. This is descried in "External Clock" on page 42 and Table 131, "External Clock Drive," on page 324. 6. Added a sub section regarding OCD-system and power consumption in the section "Minimizing Power Consumption" on page 47. 7. Corrected typo (WGM-bit setting) for: "Fast PWM Mode" on page 98 (Timer/Counter0). "Phase Correct PWM Mode" on page 100 (Timer/Counter0). "Fast PWM Mode" on page 152 (Timer/Counter2). "Phase Correct PWM Mode" on page 154 (Timer/Counter2). 8. Corrected Table 81 on page 193 (USART). 9. Corrected Table 102 on page 262 (Boundary-Scan) 10. Updated Vil parameter in "DC Characteristics" on page 322.
Changes from Rev. 2467D-03/02 to Rev. 2467E-04/02
1. Updated the Characterization Data in Section "ATmega128 Typical Characteristics" on page 336. 2. Updated the following tables: Table 19 on page 50, Table 20 on page 54, Table 68 on page 159, Table 102 on page 262, and Table 136 on page 328. 3. Updated Description of OSCCAL Calibration Byte.
28
ATmega128
2467OS-AVR-10/06
ATmega128
In the data sheet, it was not explained how to take advantage of the calibration bytes for 2, 4, and 8 MHz Oscillator selections. This is now added in the following sections: Improved description of "Oscillator Calibration Register - OSCCAL" on page 41 and "Calibration Byte" on page 292.
Changes from Rev. 2467C-02/02 to Rev. 2467D-03/02
1. Added more information about "ATmega103 Compatibility Mode" on page 5. 2. Updated Table 2, "EEPROM Programming Time," on page 23. 3. Updated typical Start-up Time in Table 7 on page 37, Table 9 and Table 10 on page 39, Table 12 on page 40, Table 14 on page 41, and Table 16 on page 42. 4. Updated Table 22 on page 56 with typical WDT Time-out. 5. Corrected description of ADSC bit in "ADC Control and Status Register A - ADCSRA" on page 246. 6. Improved description on how to do a polarity check of the ADC differential results in "ADC Conversion Result" on page 243. 7. Corrected JTAG version numbers in "JTAG Version Numbers" on page 256. 8. Improved description of addressing during SPM (usage of RAMPZ) on "Addressing the Flash During Self-Programming" on page 281, "Performing Page Erase by SPM" on page 283, and "Performing a Page Write" on page 283. 9. Added not regarding OCDEN Fuse below Table 118 on page 291. 10. Updated Programming Figures: Figure 135 on page 293 and Figure 144 on page 305 are updated to also reflect that AVCC must be connected during Programming mode. Figure 139 on page 300 added to illustrate how to program the fuses. 11. Added a note regarding usage of the PROG_PAGEREAD instructions on page 311. PROG_PAGELOAD and
12. Added Calibrated RC Oscillator characterization "ATmega128 Typical Characteristics" on page 336. 13. Updated "Two-wire Serial Interface" section.
curves
in
section
More details regarding use of the TWI Power-down operation and using the TWI as master with low TWBRR values are added into the data sheet. Added the note at the end of the "Bit Rate Generator Unit" on page 205. Added the description at the end of "Address Match Unit" on page 206. 14. Added a note regarding usage of Timer/Counter0 combined with the clock. See "XTAL Divide Control Register - XDIV" on page 43.
29
2467OS-AVR-10/06
Changes from Rev. 2467B-09/01 to Rev. 2467C-02/02
1. Corrected Description of Alternate Functions of Port G Corrected description of TOSC1 and TOSC2 in "Alternate Functions of Port G" on page 84. 2. Added JTAG Version Numbers for rev. F and rev. G Updated Table 100 on page 256. 3 Added Some Preliminary Test Limits and Characterization Data Removed some of the TBD's in the following tables and pages: Table 19 on page 50, Table 20 on page 54, "DC Characteristics" on page 322, Table 131 on page 324, Table 134 on page 326, and Table 136 on page 328. 4. Corrected "Ordering Information" on page 14. 5. Added some Characterization Data in Section "ATmega128 Typical Characteristics" on page 336. 6. Removed Alternative Algortihm for Leaving JTAG Programming Mode. See "Leaving Programming Mode" on page 319. 7. Added Description on How to Access the Extended Fuse Byte Through JTAG Programming Mode. See "Programming the Fuses" on page 321 and "Reading the Fuses and Lock Bits" on page 321.
30
ATmega128
2467OS-AVR-10/06
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2006 Atmel Corporation. All rights reserved. ATMEL (R), logo and combinations thereof, Everywhere You Are (R), AVR (R), AVR Studio (R), and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
2467OS-AVR-10/06


▲Up To Search▲   

 
Price & Availability of ATMEGA128-16MU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X