Part Number Hot Search : 
N0432 20150 74HC40 LB8503 SD6807D ZL8800 MX29F0 1602P
Product Description
Full Text Search
 

To Download ASM3106C-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APLUS
MAKE YOUR PRODUCTION A-PLUS
ASM3106C DATA SHEET
APLUS
INTEGRATED CIRCUITS INC.
Sales E-mail: Mr. Jason sales@aplusinc.com.tw Technology E-mail: Mr. George service@aplusinc.com.tw
Address: 3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei, Taiwan 115, R.O.C. (115) 32 3 10. TEL: 886-2-2782-9266 FAX: 886-2-2782-9255 WEBSITE : http: //www.aplusinc.com.tw
ASM3106C
ASM3106C - VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
1.0 General Description The ASM3106C is very low cost voice synthesizer with 4-bit microprocessor. It has various features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT), voice synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt function can minimize power dissipation. Its architecture is similar to RISC, with two stages of instruction pipeline. It allows all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles). 1.1 Feature Single power supply can operate from 2.4V through 5V Internal Program ROM: 4K x 10-bit 1 sets of 17-bit DPR can access up to 96K x 10 bits data memory space Data Registers: * 64 x 4-bit data RAM (00-1Fh plus 40h-5Fh) * Unbanked special function registers (SFR) range: 20h-3Fh I/O Ports: * PRA: 4-bit I/O Port A (2Bh) * PRB: 2-bit Output Port B (2Dh) On-chip clock generator: Resistive Clock Drive(RM) Timer: 1 * Timer0: a 9-bit auto-reload timer/counter Stack: 2-level subroutine nesting HALT and Release from HALT function to reduce power consumption Watch Dog Timer (WDT) Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles Number of instruction: 22 The Voice function can be implemented by microprocessor instruction * One 8-bit COUT output for ASMXXXXX
1
ASM3106C
FIGURE 1.1 : Block Diagram of ASM3106C
Data Bus[3:0] ROM Latch PCL(4) PC[11:0] (ADDR[16:12]) =00000b ADDR[16:0] Stack(12) (2-Level) 0 ROM_ADDR[16:0] 1 DPR3,2,1 DPR[16:0] Program (Data) ROM Instruction Latch Instruction Bus [9:0] Instruction Decoder
PCLATCH(8) PCH(8)
DLATCH(10) ROM_Data[9:0]
Data Bus[3:0] Accumlator(4)
Instruction Bus [9:0]
SRAM
ALU(4) Register(4) Immediate(4) (64 x 4) 00h-1Fh 40h-5Fh
Timer0(9)
PRA(4) PRB(2)
P1,P2,P3,P4 enter test mode
( Voice synthesizer )
Clock Generator Test select Power on Reset RESET pin PRA0
weak or strong pull-low for PRA, PRB, PRC OSC VDD/GND PRASL(4)
One-Channel
Reset Chip Reset Chip
COUT
COUT
2
Instruction Bus [9:0]
Control Signal
ASM3106C
FIGURE 1.2 : External ROM Map of ASM3106C
PC[11:0]
12bit x 2 STACK 17-bit Data Pointer Reset Vector
00000h
00080h
Reserved for Testing
Program and data ROM
00080h-003FFh 00400h 00000h-00FFFh
00000h-17FFFh
00FFFh(4K)
Data ROM
17FFFh(96Kx10-bits)
3
ASM3106C
1.2 Pin-Out ASM3106C Pin-Out
VDD PRA3-1 PRA0/RESET I I/O I/O Power supply during operation STI I/O port with programmable strong pull-low or weak pull-low or Std./O.D. fix-input-floating capability Output type with standard or Open-Drain output STI I/O port with programmable strong pull-low or weak pull-low or Std./O.D. fix-input-floating capability Output type with standard or Open-Drain output Mask option selected as an external RESET pin with weak pull-low capability RM mode Oscillator input Current Output of Audio Circuit Ground Potential Enter Test Mode. ( TEST = High ) Std./O.D. Output type with standard or Open-Drain output
OSC COUT GND TEST PRB0-1
I O I O O
1.3 Application circuit
4
ASM3106C
1.4 Bonding Diagram
96K x 10 bit ROM
Y= 2170+80(um)
1 2 3 4 5 6 7 8
ASM3106C
CHIP SIZE: X= 1550+80(um) , Y= 2170+80(um)
11 10 9
X= 1550+80(um)
Substrate must be connected to GND.
ASM3106C Pad Location PAD # PAD Name 1 RA3 2 RA2 3 RA1 4 RA0 5 OSC 6 GND X -664.92 -664.92 -662.64 -468.24 -281.04 -111.72 Chip Size: X= 1550 + 80 (um), Y=2170 + 80 (um) Y PAD # PAD Name X Y -676.8 7 TEST 105.44 -1001.48 -804.92 8 COUT 303.96 -1001.48 -1001.48 9 VDD 683.04 -1001.48 -1001.48 10 RB0 664.92 -805.28 -1001.48 11 RB1 664.92 -682.08 -1001.48
5
ASM3106C
1.5 DC Characteristics for ASMxxxxx
SYMBOL VDD Isb Iop Iih Ioh Iol Cout dF/F dF/F PARAMETER OPERATING VOLTAGE SUPPLY CURRENT STANDBY OPERATING VDD 3 5 3 5 3 5 5 3 5 3 5 3 5 -10 -20 MIN. 2.4 TYP. 3 MAX. 5.0 1 1 UNIT V uA mA uA CONDITION depending on Freq. 4MHz, RM in HALT Mode 4MHz, RM IO Floating 4MHz, RM in HALT Mode (IO Ports with weak pull-high pull-low)
INPUT CURRENT /Internal pull low OUTPUT HIGH CURRENT OUTPUT LOW CURRENT DA CURRENT OUT (FULL SCALE) FREQUENCY STABILITY Fosc VARIATION
2 7 3 9 -5.2 -3 -8 7 20 4 5.2 10 20
mA
4MHz, RM (IO ports)
% %
Fosc(3v- 2.4v) Fosc (3v) VDD=3V, Rosc=820k, 4MHz
FIGURE 1.3 : Frequency Range for Rosc in RM mode Resistor(k ohm) 3v Freq.(MHz) 1000 2.61 820 4.09 620 5.46 390 7.93
R o sc & Fre q . 10 Freq. MHz 8 6 4 2 0 0 200 400 600 R o sc k o h m 800 1000 1200 7 .9 3 5 .4 6 4 .0 9 2 .6 1
6


▲Up To Search▲   

 
Price & Availability of ASM3106C-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X