Part Number Hot Search : 
IRF9530N A5800383 T1621 PCU9656B BA1L4ZM BSC09 79BEZ 5900K3
Product Description
Full Text Search
 

To Download AH115-S8PCB2140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH115 / ECP050G
1/2 Watt, High Linearity InGaP HBT Amplifier
The Communications Edge TM Product Information
Product Features
x 1800 - 2300 MHz x +28.5 dBm P1dB x +44 dBm Output IP3
Product Description
The AH115 / ECP050 is a high dynamic range driver amplifier in a low-cost surface mount package. The InGaP/GaAs HBT is able to achieve high performance for various narrow-band tuned application circuits with up to +44 dBm OIP3 and +28.5 dBm of compressed 1-dB power. All devices are 100% RF and DC tested. The AH115 / ECP050 is available in lead-free/green/RoHS-compliant SOIC-8 package. The product is targeted for use as driver amplifiers for wireless infrastructure where high linearity and medium power is required. The internal active bias allows the AH115 / ECP050 to maintain high linearity over temperature and operate directly off a +5 V supply. This combination makes the device an excellent fit for transceiver line cards and power amplifiers in current and next generation multi-carrier 3G base stations.
Functional Diagram
1 8 7 6 5 2 3 4
x 14 dB Gain @ 1960 MHz x MTTF > 100 Years
x +5V Single Positive Supply x Lead-free/green/RoHS-compliant SOIC-8 SMT Pkg.
Applications
x Mobile Infrastructure x Final Stage Amplifier for Repeaters
Function Vref Input / Base Output / Collector Vbias GND N/C or GND
Pin No. 1 3 6, 7 8 Backside Paddle 2, 4, 5
Specifications (1)
Parameters
Operational Bandwidth Test Frequency Gain Input Return Loss Output Return Loss Output P1dB Output IP3 (2) IS-95A Channel Power
@ -45 dBc ACPR, 1960 MHz
Typical Performance (1)
Min
1800 12.5 2140 14.4 23 8 +28.5 +42 +22.5 +20 200 5.3 250 +5 300
Units
MHz MHz dB dB dB dBm dBm dBm dBm dB mA V
Typ
Max
2300
Parameters
Frequency Gain S11 S22 Output P1dB Output IP3 (2) IS-95A Channel Power
@ -45 dBc ACPR, @ -45 dBc ACLR
Units
MHz dB dB dB dBm dBm dBm dBm dB
Typical
1960 14.3 -12 -8 +28.3 +44 +22.5 +20 5 5.3 +5 V @ 250 mA 2140 14.4 -23 -8 +28.5 +42
+26.5 +41
W-CDMA Channel Power Noise Figure Supply Bias
W-CDMA Channel Power
@ -45 dBc ACLR, 2140 MHz
Noise Figure Operating Current Range (3) Device Voltage
1. Test conditions unless otherwise noted. 25C, Vsupply = +5 V in tuned application circuit. 2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule. 3. This corresponds to the quiescent current or operating current under small-signal conditions. It is expected that the current can increase up to 300mA at P1dB.
Absolute Maximum Rating
Operating Case Temperature Storage Temperature RF Input Power (continuous) Device Voltage Device Current Device Power Junction Temperature
Ordering Information
Part No.
AH115-S8 ECP050G AH115-S8G AH115-S8PCB1960 AH115-S8PCB2140
Parameter
-40 to +85 qC -65 to +150 qC +22 dBm +8 V 400 mA 2W +250 qC
Rating
Description
(lead-tin SOIC-8 Pkg) (lead-tin SOIC-8 Pkg)
1/2 Watt, High Linearity InGaP HBT Amplifier
1/2 Watt, High Linearity InGaP HBT Amplifier
1960 MHz Evaluation Board 2140 MHz Evaluation Board
(lead-free/green/RoHS-compliant SOIC-8 Pkg)
1/2 Watt, High Linearity InGaP HBT Amplifier
Operation of this device above any of these parameters may cause permanent damage. Specifications and information are subject to change without notice

WJ Communications, Inc
Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 7
May 2005
AH115 / ECP050G
1/2 Watt, High Linearity InGaP HBT Amplifier
The Communications Edge TM Product Information
S-Parameters (Vcc = +5 V, Icc = 250 mA, T = 25 C, unmatched 50 ohm system)
35 30 25 G ain (dB) 20
10.0 0.2 0.4 0.6 0.8 1.0 2.0 3.0 4.0
0.2
Typical Device Data
S11
6 0.
0. 8
6 0.
Gain and Maximum Stable Gain
0. 4
Swp Max 5.05GHz
2. 0
1.0
0.8
1.0
0 3.
0 4.
10.0
15 10 5 0 0 0.5 1 1.5 Frequency (GHz) 2 2.5
5.0
0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0
5.0
0
.4 -0
.4 -0
.0 -2
-0 .6
-0 .6
.0 -2
-0.8
Swp Min 0.05GHz
-0 .8
Notes: The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency, it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line. The return loss plots are shown from 50 - 5050 MHz, with markers placed at 0.5 - 5.05 GHz in 0.5 GHz increments. S-Parameters (Vcc = +5 V, Icc = 250 mA, T = 25 C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz) S11 (dB) S11 (ang) S21 (dB) S21 (ang)
-1.0
S12 (dB)
S12 (ang)
S22 (dB)
-1.0
S22 (ang)
50 100 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000
-2.11 -1.59 -1.51 -1.45 -1.58 -1.78 -1.96 -2.46 -3.30 -4.70 -8.15 -19.01 -9.59 -4.09 -1.99 -1.12 -0.72
-172.90 -178.94 173.71 163.84 153.68 144.31 134.21 123.44 111.21 92.57 78.58 93.29 177.56 159.30 141.65 127.57 116.11
25.10 21.15 17.75 15.23 13.69 12.77 11.94 11.36 11.17 11.39 11.64 11.51 10.35 7.87 4.95 1.97 -0.88
133.84 126.67 124.19 111.50 98.94 84.57 69.70 55.57 40.93 22.80 1.64 -25.24 -55.97 -83.78 -105.90 -122.86 -136.93
-36.03 -35.22 -34.29 -34.45 -33.58 -32.84 -32.77 -31.79 -31.12 -30.30 -29.47 -29.31 -30.51 -32.59 -33.96 -34.68 -35.64
31.44 15.04 7.30 -2.16 -2.99 -12.80 -18.76 -30.73 -45.14 -61.92 -83.99 -112.79 -150.45 177.62 137.14 109.27 81.83
-2.06 -2.73 -2.80 -2.73 -1.96 -1.68 -1.85 -2.14 -2.30 -2.52 -2.43 -1.84 -1.22 -1.06 -1.07 -1.19 -1.44
-105.55 -138.75 -160.44 -174.00 -179.13 172.00 166.98 164.05 163.07 164.84 164.25 162.38 155.68 147.58 139.74 132.15 125.05
Application Circuit PC Board Layout
Circuit Board Material: .014" Getek, 4 - layer, 1 oz copper, Microstrip line details: width = .026", spacing = .026" The silk screen markers `A', `B', `C', etc. and `1', `2', `3', etc. are used as placemarkers for the input and output tuning shunt capacitors - C8 and C9. The markers and vias are spaced in .050" increments.
Specifications and information are subject to change without notice

WJ Communications, Inc
Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 7
-4 .0 -5 . 0
-3 .0
-4 .0 -5. 0
2 -0.
2 -0 .
Sw p Min 0.05GHz
-10.0
0. 2
0 5.
0. 4
DB(GMax)
DB(|S[2,1]|)
2. 0
-1 0.0
-3 .0
S22
Sw p Max 5.05GHz
0 3.
0 4.
5. 0
10 .0
May 2005
AH115 / ECP050G
1/2 Watt, High Linearity InGaP HBT Amplifier
Typical RF Performance at 25qC
Frequency S21 - Gain S11 - Input Return Loss S22 - Output Return Loss Output P1dB Output IP3
(+11 dBm / tone, 1 MHz spacing)
The Communications Edge TM Product Information
1960 MHz Application Circuit (AH115-S8PCB1960)
1960 MHz 14.3 dB -12 dB -8 dB +28.3 dBm +44 dBm +22.5 dBm 5 dB +5 V 250 mA
RES ID=R1 R=100 Ohm RES ID=R4 R=0 Ohm
Vcc = +5 V D1 = +5.6 V
CAP ID=C4 C=10000000 pF CAP ID=C7 C=1000 pF CAP ID=C6 C=10 pF
RES ID=R2 R=22 Ohm CAP ID=C5 C=1000 pF TLINP ID=FR-2 Z0=50 Ohm L=25 mil Eeff=3.16 Loss=0 F0=0 MHz
PORT P=1 Z=50 Ohm
CAP ID=C1 C=22 pF
RES ID=R3 R=51 Ohm
SUBCKT NET="AH115"
1 2 3 4 5 6 7 8
IND ID=L1 L=18 nH
PORT P=2 Z=50 Ohm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
CAP ID=C2 C=22 pF
Noise Figure Device / Supply Voltage Quiescent Current
CAP ID=C8 C=.8 pF
TLINP ID=FR-1 Z0=50 Ohm L=210 mil Eeff=3.16 Loss=0 F0=0 MHz
CAP ID=C9 C=2.0 pF
CAP ID=C3 C=100 pF
C8 is placed at silkscreen marker `A' or center of component placed at 1.8 deg. @ 1960 MHz away from pin 3. C9 is placed at the silkscreen marker `4' or center of component placed at 20 deg. @1960 MHz away from pin 6.
S21 vs. Frequency
16 14
S21 (dB)
S11 vs. Freqency
0 -5
S11 (dB) S22 (dB)
S22 vs. Frequency
0 -5 -10 -15 -20 +25C +85C -40C 1940 1950 1960 1970 1980 1990
12 10 8 6 1930 +25C +85C -40C 1940 1950 1960 1970 1980 1990
-10 -15 -20 -25 1930 +25C 85C -40C 1940 1950 1960 1970 1980 1990
Frequency (MHz)
Frequency (MHz)
-25 1930
Frequency (MHz)
Noise Figure vs. Frequency
7 6
P1 dB (dBm)
P1 dB vs. Frequency
30 29
ACPR (dBc)
ACPR vs. Channel Power
IS-95, 9 ch,Fwd, 885 KHz offset, 30 KHz Meas BW, 1960 MHz
-40 -45 -50 -55 -60 -65 -70 1940 1950 1960 1970 1980 1990 15 16 17 18 19 20 21 Frequency (MHz) +25C +85C -40C 22 23 24
5
NF (dB)
4 3 2 1 0 1930 +25C +85C -40C 1940 1950 1960 1970 1980 1990
28 27 26 25 24 1930 +25C +85C -40C
Frequency (MHz)
Output Channel Power (dBm)
OIP3 vs. Output Power
freq=1960, 1961 MHz,+ 25 C
OIP3 vs. Frequency
+25C, +11 dBm / tone
OIP3 vs. Temperature
freq=1960,1961 MHz, +11 dBm / tone
46 44
OIP3 (dBm)
OIP3 (dBm)
46 44 42 40 38 36 1930
OIP3 (dBm)
46 44 42 40 38 36
1940 1950 1960 1970 1980 1990
42 40 38 36 8 10 12 14 16 Output Power (dBm) 18 20
-40
-15
10
35
60
85
Frequency (MHz)
Temperature (C)
Specifications and information are subject to change without notice

WJ Communications, Inc
Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 7
May 2005
1/2 Watt, High Linearity InGaP HBT Amplifier
AH115 / ECP050G
2140 MHz 14.4 dB -23 dB -8 dB +28.5 dBm +42 dBm +20 dBm 5.3 dB +5 V 250 mA
PORT P=1 Z=50 Ohm
The Communications Edge TM Product Information
2140 MHz Application Circuit (AH115-S8PCB2140)
Typical RF Performance at 25qC
Frequency S21 - Gain S11 - Input Return Loss S22 - Output Return Loss Output P1dB Output IP3
(+11 dBm / tone, 1 MHz spacing) (@-45 dBc ACLR)
RES ID =R1 R=100 Ohm RES ID=R4 R=0 Ohm
Vcc = +5 V D1 = +5.6 V
CAP ID=C 4 C=10000000 pF CAP ID=C7 C=1000 pF C AP ID=C 6 C =10 pF
RES ID=R2 R=22 Ohm CAP ID=C5 C=1000 pF
RES ID=R3 R=51 Ohm CAP ID=C1 C=22 pF
SUBCKT NET="AH115"
1 2 3 5 6 7 8
IND ID=L1 L=18 nH
PORT P=2 Z=50 Ohm
W-CDMA Channel Power Noise Figure Device / Supply Voltage Quiescent Current
CAP ID =C2 C=22 pF
4
TLINP ID=FR-1 Z0=50 Ohm L=160 mil Eeff=3.16 Loss=0 F0=0 MHz
CAP ID =C9 C=1.8 pF
CAP ID=C3 C=100 pF
C9 is placed at the silkscreen marker `3' or center of component placed at 13 deg. @2140 MHz away from pin 6.
S21 vs. Frequency
16 14
S11 (dB) S21 (dB)
S11 vs. Frequency
0 -5 -10 -15 -20 -25 2110 +25C +85C
S22 (dB)
S22 vs. Frequency
0 -5 -10 -15 -20 -25 2110 +25C +85C -40C 2120 2130 2140 2150 2160 2170
12 10 8 6 2110 +25C +85C -40C 2120 2130 2140 2150 2160 2170
-40C
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Frequency (MHz)
3GPP W-CDMA Test Model 1+64 DPCH, 5 MHz offset, 2140 MHz
Frequency (MHz)
Noise Figure vs. Frequency
8 7 6
ACPR (dBc)
ACPR vs. Channel Power
P1 dB vs. Frequency
30 28
P1 dB (dBm)
-35 -40 -45 -50 -55 -60 -65 +25C +85C -40C
NF (dB)
5 4 3 2 1 0 2110 2120 + 25C +85C -40C 2130 2140 2150 2160 2170
26 24 22 +25C +85C -40C 2120 2130 2140 2150 2160 2170
15
16
17
18
19
20
21
20 2110
Frequency (MHz)
Output Channel Power (dBm)
Frequency (MHz)
OIP3 vs. Frequency
+25C, +11 dBm / tone
freq. = 2140, 2141, +11 dBm / tone
OIP3 vs. Temperature
OIP3 vs. Output Power
45 43
OIP3 (dBm)
45 43
OIP3 (dBm) OIP3 (dBm)
45 43 41 39 37 35
freq. = 2140, 2141 MHz, 25 C
41 39 37 35 2110
41 39 37 35
2120
2130 2140 2150 Frequency (MHz)
2160
2170
-40
-15
10 35 Temperature ( C)
60
85
6
8
10
12
14
16
18
20
Output Power (dBm)
Specifications and information are subject to change without notice

WJ Communications, Inc
Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 7
May 2005
1/2 Watt, High Linearity InGaP HBT Amplifier
AH115 / ECP050G
Outline Drawing
The Communications Edge TM Product Information
AH115-S8 (SOIC-8 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Product Marking
The component will be marked with an "AH115-S8" designator with an alphanumeric lot code on the top surface of the package. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
ESD / MSL Information
MSL Rating: Level 3 at +235 C convection reflow Standard: JEDEC Standard J-STD-020
Mounting Config. Notes Land Pattern
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135" ) diameter drill and have a final plated thru diameter of .25 mm (.010" ). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance (1), Rth Junction Temperature (2), Tjc
|
Rating
MTTF (million hrs)
MTTF vs. GND Tab Temperature
1000000 100000 10000 1000 100 50 60 70 80 90 100 Tab Temperature ( C )
-40 to +85q C 62q C / W 162q C
Notes: 1. The thermal resistance is referenced from the junction-tocase at a case temperature of 85 C. Tjc is a function of the voltage at pins 6 and 7 and the current applied to pins 6, 7, and 8 and can be calculated by: Tjc = Tcase + Rth * Vcc * Icc 2. This corresponds to the typical biasing condition of +5V, 250 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 247 C.
| |
Specifications and information are subject to change without notice

WJ Communications, Inc
Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 5 of 7
|
ESD Rating: Value: Test: Standard:
Class 1B Passes 500V to <1000V Human Body Model (HBM) JEDEC Standard JESD22-A114
May 2005
1/2 Watt, High Linearity InGaP HBT Amplifier
AH115 / ECP050G
Outline Drawing
The Communications Edge TM Product Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260qC reflow temperature) and leaded (maximum 245qC reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
AH115-S8G (Green / Lead-free SOIC-8 Package) Mechanical Information Product Marking
The component will be marked with an " AH115-S8G" designator with an alphanumeric lot code on the top surface of the package. Tape and reel specifications for this part are located on the website in the " Application Notes" section.
ESD / MSL Information
MSL Rating: Level 2 at +260 C convection reflow Standard: JEDEC Standard J-STD-020
Mounting Config. Notes Land Pattern
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135" ) diameter drill and have a final plated thru diameter of .25 mm (.010" ). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance (1), Rth Junction Temperature (2), Tjc
|
Rating
MTTF (million hrs)
MTTF vs. GND Tab Temperature
1000000 100000 10000 1000 100 50 60 70 80 90 100 Tab Temperature ( C )
-40 to +85q C 62q C / W 162q C
Notes: 1. The thermal resistance is referenced from the junction-tocase at a case temperature of 85 C. Tjc is a function of the voltage at pins 6 and 7 and the current applied to pins 6, 7, and 8 and can be calculated by: Tjc = Tcase + Rth * Vcc * Icc 2. This corresponds to the typical biasing condition of +5V, 250 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 247 C.
WJ Communications, Inc
Specifications and information are subject to change without notice

Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
|
ESD Rating: Value: Test: Standard:
Class 1B Passes 500V to <1000V Human Body Model (HBM) JEDEC Standard JESD22-A114
|
|
Page 6 of 7
May 2005
1/2 Watt, High Linearity InGaP HBT Amplifier
AH115 / ECP050G
Outline Drawing
The Communications Edge TM Product Information
ECP050G (SOIC-8 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Product Marking
The component will be marked with an " ECP050G" designator with an alphanumeric lot code on the top surface of the package. Tape and reel specifications for this part are located on the website in the " Application Notes" section.
ESD / MSL Information
ESD Rating: Value: Test: Standard:
Class 1B Passes between 500 and 1000V Human Body Model (HBM) JEDEC Standard JESD22-A114
|
MSL Rating: Level 3 at +235 C convection reflow Standard: JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135" ) diameter drill and have a final plated thru diameter of .25 mm (.010" ). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Land Pattern
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance, Rth (1) Junction Temperature, Tjc (2)
Rating
MTTF (million hrs)
MTTF vs. GND Tab Temperature
1000000 100000 10000 1000 100 50 60 70 80 90 100 Tab Temperature ( C )
-40 to +85q C 62q C / W 162q C
|
Notes: 1. The thermal resistance is referenced from the junctionto-case at a case temperature of 85 C. Tjc is a function of the voltage at pins 6 and 7 and the current applied to pins 6, 7, and 8 and can be calculated by: Tjc = Tcase + Rth * Vcc * Icc 2. This corresponds to the typical biasing condition of +5V, 250 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 247 C.
| |
Specifications and information are subject to change without notice

WJ Communications, Inc
Phone 1-800-WJ1-4401
FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 7 of 7
May 2005


▲Up To Search▲   

 
Price & Availability of AH115-S8PCB2140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X