Part Number Hot Search : 
U74HC32 LB1871M UCY7408 NM24W16 OP265C NE502AF DT74ALV 1005C
Product Description
Full Text Search
 

To Download AD7476ART-500RL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23 AD7476/AD7477/AD7478*
FEATURES Fast Throughput Rate: 1 MSPS Specified for VDD of 2.35 V to 5.25 V Low Power: 3.6 mW Typ at 1 MSPS with 3 V Supplies 15 mW Typ at 1 MSPS with 5 V Supplies Wide Input Bandwidth: 70 dB SNR at 100 kHz Input Frequency Flexible Power/Serial Clock Speed Management No Pipeline Delays High Speed Serial Interface SPI(R)/QSPITM/MICROWIRETM/DSP Compatible Standby Mode: 1 A Max 6-Lead SOT-23 Package APPLICATIONS Battery-Powered Systems Personal Digital Assistants Medical Instruments Mobile Communications Instrumentation and Control Systems Data Acquisition Systems High Speed Modems Optical Sensors FUNCTIONAL BLOCK DIAGRAM
VDD
VIN
T/H
8-/10-/12-BIT SUCCESSIVEAPPROXIMATION ADC
SCLK CONTROL LOGIC SDATA CS
AD7476/AD7477/AD7478
GND
GENERAL DESCRIPTION
PRODUCT HIGHLIGHTS
The AD7476/AD7477/AD7478 are, respectively, 12-bit, 10-bit, and 8-bit, high speed, low power, successive-approximation ADCs. The parts operate from a single 2.35 V to 5.25 V power supply and feature throughput rates up to 1 MSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 6 MHz. The conversion process and data acquisition are controlled using CS and the serial clock, allowing the devices to interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS and the conversion is also initiated at this point. There are no pipeline delays associated with the part. The AD7476/AD7477/AD7478 use advanced design techniques to achieve very low power dissipation at high throughput rates. The reference for the part is taken internally from VDD. This allows the widest dynamic input range to the ADC. Thus the analog input range for the part is 0 V to VDD. The conversion rate is determined by the SCLK.
1. First 12-/10-/8-Bit ADCs in a SOT-23 Package. 2. High Throughput with Low Power Consumption. 3. Flexible Power/Serial Clock Speed Management. The conversion rate is determined by the serial clock, allowing the conversion time to be reduced through the serial clock speed increase. This allows the average power consumption to be reduced while not converting. The part also features a shutdown mode to maximize power efficiency at lower throughput rates. Current consumption is 1 A maximum when in shutdown. 4. Reference Derived from the Power Supply. 5. No Pipeline Delay. The parts feature a standard successive-approximation ADC with accurate control of the sampling instant via a CS input and once-off conversion control.
*Protected by U.S.Patent No. 6,681,332.
REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2004 Analog Devices, Inc. All rights reserved.
(A Version: VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS, unless otherwise
AD7476-SPECIFICATIONS unless otherwise noted; T = T
A
1noted; S and B Versions: VDD = 2.35 V to 5.25 V, fSCLK = 12 MHz, fSAMPLE = 600 kSPS,
MIN
to TMAX, unless otherwise noted.)
Parameter DYNAMIC PERFORMANCE Signal-to-(Noise + Distortion) (SINAD)3 Signal-to-Noise Ratio (SNR)3 Total Harmonic Distortion (THD)3 Peak Harmonic or Spurious Noise (SFDR)3 Intermodulation Distortion (IMD)3 Second-Order Terms Third-Order Terms Aperture Delay Aperture Jitter Full Power Bandwidth DC ACCURACY Resolution Integral Nonlinearity3 Differential Nonlinearity3 Offset Error3 Gain Error3 ANALOG INPUT Input Voltage Ranges DC Leakage Current Input Capacitance LOGIC INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN, SCLK Pin Input Current, IIN, CS Pin Input Capacitance, CIN5 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL Floating-State Leakage Current Floating-State Output Capacitance5 Output Coding CONVERSION RATE Conversion Time Track-and-Hold Acquisition Time Throughput Rate POWER REQUIREMENTS VDD IDD Normal Mode (Static) Normal Mode (Operational) Full Power-Down Mode Power Dissipation7 Normal Mode (Operational) Full Power-Down
A Version1, 2 69 70 70 -80 -82 -78 -78 10 30 6.5
B Version1, 2 70 71.5 71 72.5 -78 -80 -78 -78 10 30 6.5
S Version1, 2 69 70 70 -78 -80 -78 -78 10 30 6.5
Unit dB min dB min dB typ dB min dB typ dB typ dB typ dB typ dB typ ns typ ps typ MHz typ
Test Conditions/Comments fIN = 100 kHz Sine Wave B Version, VDD = 2.4 V to 5.25 V TA = 25C B Version, VDD = 2.4 V to 5.25 V
fa = 103.5 kHz, fb = 113.5 kHz fa = 103.5 kHz, fb = 113.5 kHz
@ 3 dB S, B Versions, VDD = (2.35 V to 3.6 V)4; A Version, VDD = (2.7 V to 3.6 V)
12 1 0.75 0.5 0.5 0 to VDD 1 30 2.4 1.8 0.4 0.8 1 1 10
12 1.5 0.6 -0.9/+1.5 0.75 1.5 1.5
12 1.5 0.6 -0.9/+1.5 0.75 2 2
Bits LSB max LSB typ LSB max LSB typ LSB max LSB typ LSB max LSB typ V A max pF typ V min V min V max V max A max A typ pF max V min V max A max pF max
Guaranteed No Missed Codes to 12 Bits
0 to VDD 1 30 2.4 1.8 0.4 0.8 1 1 10
0 to VDD 1 30 2.4 1.8 0.4 0.8 1 1 10 VDD - 0.2 0.4 10 10
VDD = 2.35 V VDD = 3 V VDD = 5 V Typically 10 nA, VIN = 0 V or VDD
VDD - 0.2 VDD - 0.2 0.4 0.4 10 10 10 10 Straight (Natural) Binary 0.8 500 350 1000 2.35/5.25 2 1 3.5 1.6 1 80 17.5 4.8 5 3 1.33 500 400 600 2.35/5.25 2 1 3 1.4 1 80 15 4.2 5 3
ISOURCE = 200 A; VDD = 2.35 V to 5.25 V ISINK = 200 A
1.33 500 400 600 2.35/5.25 2 1 3 1.4 1 80 15 4.2 5 3
5 6 7
s max ns max ns max kSPS max V min/max mA typ mA typ mA max mA max A max A max mW max mW max W max W max
16 SCLK Cycles Full-Scale Step Input Sine Wave Input 100 kHz See Serial Interface Section
Digital I/Ps = 0 V or VDD VDD = 4.75 V to 5.25 V. SCLK On or Off VDD = 2.35 V to 3.6 V. SCLK On or Off VDD = 4.75 V to 5.25 V; fSAMPLE = fSAMPLEMAX6 VDD = 2.35 V to 3.6 V; fSAMPLE = fSAMPLEMAX6 SCLK Off SCLK On VDD = 5 V; fSAMPLE = fSAMPLEMAX6 VDD = 3 V; fSAMPLE = fSAMPLEMAX6 VDD = 5 V; SCLK Off VDD = 3 V; SCLK Off
NOTES 1 Temperature ranges as follows: A, B Versions: -40C to +85C; S Version: -55C to +125C. 2 Operational from V DD = 2.0 V. 3 See Terminology section. 4 Maximum B, S version specifications apply as typical figures when V DD = 5.25 V.
Guaranteed by characterization. A Version: fSAMPLEMAX = 1 MSPS; B, S Versions: f SAMPLEMAX = 600 kSPS. See Power vs. Throughput Rate section. Specifications subject to change without notice.
-2-
REV. D
AD7477-SPECIFICATIONS1 (V
Parameter DYNAMIC PERFORMANCE Signal-to-(Noise + Distortion) (SINAD) Total Harmonic Distortion (THD) Peak Harmonic or Spurious Noise (SFDR) Intermodulation Distortion (IMD) Second-Order Terms Third-Order Terms Aperture Delay Aperture Jitter Full Power Bandwidth DC ACCURACY Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error ANALOG INPUT Input Voltage Ranges DC Leakage Current Input Capacitance LOGIC INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN, SCLK Pin Input Current, IIN, CS Pin Input Capacitance, CIN4 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL Floating-State Leakage Current Floating-State Output Capacitance4 Output Coding CONVERSION RATE Conversion Time Track-and-Hold Acquisition Time Throughput Rate POWER REQUIREMENTS VDD IDD Normal Mode (Static) Normal Mode (Operational) Full Power-Down Mode Power Dissipation5 Normal Mode (Operational) Full Power-Down 61 -73 -74 -78 -78 10 30 6.5 10 1 0.9 1 1
DD = 2.7 V to 5.25 V, fSCLK = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.)
A Version1, 2
S Version1, 2 61 -73 -74 -78 -78 10 30 6.5 10 1 0.9 1 1 0 to VDD 1 30 2.4 0.8 0.4 1 1 10
Unit dB min dB max dB max dB typ dB typ ns typ ps typ MHz typ Bits LSB max LSB max LSB max LSB max V A max pF typ V min V max V max A max A typ pF max V min V max A max pF max
Test Conditions/Comments fIN = 100 kHz Sine Wave, fSAMPLE = 1 MSPS
fa = 103.5 kHz, fb = 113.5 kHz fa = 103.5 kHz, fb = 113.5 kHz
@ 3 dB
Guaranteed No Missed Codes to 10 Bits
0 to VDD 1 30 2.4 0.8 0.4 1 1 10
VDD = 5 V VDD = 3 V Typically 10 nA, VIN = 0 V or VDD
VDD - 0.2 VDD - 0.2 0.4 0.4 10 10 10 10 Straight (Natural) Binary 800 400 1 2.7/5.25 2 1 3.5 1.6 1 80 17.5 4.8 5 800 400 1 2.7/5.25 2 1 3.5 1.6 1 80 17.5 4.8 5
ISOURCE = 200 A; VDD = 2.7 V to 5.25 V ISINK = 200 A
ns max ns max MSPS max V min/max mA typ mA typ mA max mA max A max A max mW max mW max W max
16 SCLK Cycles with SCLK at 20 MHz See Serial Interface Section
Digital I/Ps = 0 V or VDD VDD = 4.75 V to 5.25 V; SCLK On or Off VDD = 2.7 V to 3.6 V; SCLK On or Off VDD = 4.75 V to 5.25 V; fSAMPLE = 1 MSPS VDD = 2.7 V to 3.6 V; fSAMPLE = 1 MSPS SCLK Off SCLK On VDD = 5 V; fSAMPLE = 1 MSPS VDD = 3 V; fSAMPLE = 1 MSPS VDD = 5 V; SCLK Off
NOTES 1 Temperature ranges as follows: A Version: -40C to +85C; S Version: -55C to +125C. 2 Operational from V DD = 2.0 V, with input high voltage, V INH = 1.8 V min. 3 See Terminology section. 4 Guaranteed by characterization. 5 See Power vs. Throughput Rate section. Specifications subject to change without notice.
REV. D
-3-
AD7476-SPECIFICATIONS1 (V 8
Parameter DYNAMIC PERFORMANCE Signal-to-(Noise + Distortion) (SINAD) Total Harmonic Distortion (THD) Peak Harmonic or Spurious Noise (SFDR) Intermodulation Distortion (IMD) Second-Order Terms Third-Order Terms Aperture Delay Aperture Jitter Full Power Bandwidth DC ACCURACY Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Total Unadjusted Error (TUE) ANALOG INPUT Input Voltage Ranges DC Leakage Current Input Capacitance LOGIC INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN, SCLK Pin Input Current, IIN, CS Pin Input Capacitance, CIN4 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL Floating-State Leakage Current Floating-State Output Capacitance4 Output Coding CONVERSION RATE Conversion Time Track-and-Hold Acquisition Time Throughput Rate POWER REQUIREMENTS VDD IDD Normal Mode (Static) Normal Mode (Operational) Full Power-Down Mode Power Dissipation5 Normal Mode (Operational) Full Power-Down 49 -65 -65 -68 -68 10 30 6.5 8 0.5 0.5 0.5 0.5 0.5
DD = 2.7 V to 5.25 V, fSCLK = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.)
A Version1, 2
S Version1, 2 49 -65 -65 -68 -68 10 30 6.5 8 0.5 0.5 0.5 0.5 0.5 0 to VDD 1 30 2.4 0.8 0.4 1 1 10
Unit dB min dB max dB max dB typ dB typ ns typ ps typ MHz typ Bits LSB max LSB max LSB max LSB max LSB max V A max pF typ V min V max V max A max A typ pF max V min V max A max pF max
Test Conditions/Comments fIN = 100 kHz Sine Wave, fSAMPLE = 1 MSPS
fa = 498.7 kHz, fb = 508.7 kHz fa = 498.7 kHz, fb = 508.7 kHz
@ 3 dB
Guaranteed No Missed Codes to Eight Bits
0 to VDD 1 30 2.4 0.8 0.4 1 1 10
VDD = 5 V VDD = 3 V Typically 10 nA, VIN = 0 V or VDD
VDD - 0.2 VDD - 0.2 0.4 0.4 10 10 10 10 Straight (Natural) Binary 800 400 1 2.7/5.25 2 1 3.5 1.6 1 80 17.5 4.8 5 800 400 1 2.7/5.25 2 1 3.5 1.6 1 80 17.5 4.8 5
ISOURCE = 200 A; VDD = 2.7 V to 5.25 V ISINK = 200 A
ns max ns max MSPS max V min/max mA typ mA typ mA max mA max A max A max mW max mW max W max
16 SCLK Cycles with SCLK at 20 MHz See Serial Interface Section
Digital I/Ps = 0 V or VDD VDD = 4.75 V to 5.25 V; SCLK On or Off VDD = 2.7 V to 3.6 V; SCLK On or Off VDD = 4.75 V to 5.25 V; fSAMPLE = 1 MSPS VDD = 2.7 V to 3.6 V; fSAMPLE = 1 MSPS SCLK Off SCLK On VDD = 5 V; fSAMPLE = 1 MSPS VDD = 3 V; fSAMPLE = 1 MSPS VDD = 5 V; SCLK Off
NOTES 1 Temperature ranges as follows: A Version: -40C to +85C; S Version: -55C to +125C. 2 Operational from V DD = 2.0 V, with input high voltage, V INH = 1.8 V min. 3 See Terminology section. 4 Guaranteed by characterization. 5 See Power vs. Throughput Rate section.
Specifications subject to change without notice.
-4-
REV. D
AD7476/AD7477/AD7478 TIMING SPECIFICATIONS1, 2 (V
Parameter fSCLK
4
DD
= 2.35 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.)
Limit at TMIN, TMAX AD7476/AD7477/AD7478 3 V3 5 V3 10 20 12 16 x tSCLK 50 10 10 20 40 70 0.4 x tSCLK 0.4 x tSCLK 10 10 25 1 10 20 12 16 x tSCLK 50 10 10 20 20 20 0.4 x tSCLK 0.4 x tSCLK 10 10 25 1
Unit kHz min MHz max MHz max ns min ns min ns min ns max ns max ns max ns min ns min ns min ns min ns max s typ
Description A Version B Version Minimum Quiet Time Required between Bus Relinquish and Start of Next Conversion Minimum CS Pulsewidth CS to SCLK Setup Time Delay from CS until SDATA Three-State Disabled Data Access Time after SCLK Falling Edge, A Version Data Access Time after SCLK Falling Edge, B Version SCLK Low Pulsewidth SCLK High Pulsewidth SCLK to Data Valid Hold Time SCLK Falling Edge to SDATA High Impedance SCLK Falling Edge to SDATA High Impedance Power-Up Time from Full Power-Down
tCONVERT tQUIET t1 t2 t3 5 t4 5 t5 t6 t7 t8 6 tPOWER-UP7
NOTES 1 Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of V DD) and timed from a voltage level of 1.6 V. 2 A Version timing specifications apply to the AD7477 S Version and AD7478 S Version; B Version timing specifications apply to the AD7476 S Version. 3 3 V specifications apply from V DD = 2.7 V to 3.6 V for A Version; 3 V specifications apply from V DD = 2.35 V to 3.6 V for B Version; 5 V specifications apply from VDD = 4.75 V to 5.25 V. 4 Mark/Space ratio for the SCLK input is 40/60 to 60/40. 5 Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.0 V. 6 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the Timing Specifications is the true bus relinquish time of the part and is independent of the bus loading. 7 See Power-Up Time section. Specifications subject to change without notice.
200 A
IOL
TO OUTPUT PIN
1.6V CL 50pF 200 A IOH
Figure 1. Load Circuit for Digital Output Timing Specifications
REV. D
-5-
AD7476/AD7477/AD7478
ABSOLUTE MAXIMUM RATINGS 1
(TA = 25C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Analog Input Voltage to GND . . . . . . . . -0.3 V to VDD + 0.3 V Digital Input Voltage to GND . . . . . . . . . . . . . . -0.3 V to +7 V Digital Output Voltage to GND . . . . . . -0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies2 . . . . . . . . 10 mA Operating Temperature Range Commercial (A, B Versions) . . . . . . . . . . . -40C to +85C Military (S Version) . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature Range . . . . . . . . . . . . -65C to +150C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150C SOT-23 Package JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 230C/W JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 92C/W Lead Temperature, Soldering Reflow (10 sec to 30 sec) . . . . . . . . . . . . . . . . 235 (0/+5)C Pb-Free Temperature Soldering Reflow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 255 (0/+5)C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Model AD7476ART-500RL7 AD7476ART-REEL AD7476ART-REEL7 AD7476ARTZ-500RL73 AD7476ARTZ-REEL3 AD7476ARTZ-REEL73 AD7476BRT-REEL AD7476BRT-REEL7 AD7476BRTZ-REEL3 AD7476BRTZ-REEL73 AD7476SRT-500RL7 AD7476SRT-R2 AD7476SRT-REEL AD7476SRT-REEL7 AD7476SRTZ-500RL73 AD7476SRTZ-R23 AD7476SRTZ-REEL3 AD7476SRTZ-REEL73 AD7477ART-500RL7 AD7477ART-REEL AD7477ART-REEL7 AD7477SRT-500RL7 AD7477SRT-R2 AD7477SRT-REEL AD7477SRT-REEL7 AD7478ART-500RL7 AD7478ART-REEL AD7478ART-REEL7 AD7478SRT-500RL7 AD7478SRT-R2 AD7478SRT-REEL7 EVAL-AD7476CB4 EVAL-AD7477CB4 EVAL-CONTROL BRD25 Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -55C to +125C -55C to +125C Linearity Error (LSB)1 1 typ 1 typ 1 typ 1 typ 1 typ 1 typ 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1.5 max 1 max 1 max 1 max 1 max 1 max 1 max 1 max 0.5 max 0.5 max 0.5 max 0.5 max 0.5 max 0.5 max Package Option2 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 RT-6 Evaluation Board Evaluation Board Control Board Branding Information CEA CEA CEA CEA CEA CEA CEB CEB CEB CEB CES CES CES CES CES CES CES CES CFA CFA CFA CFS CFS CFS CFS CJA CJA CJA CJS CJS CJS
NOTES 1 Linearity Error here refers to integral linearity error. 2 RT = SOT-23. 3 Z = Pb free. 4 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes. 5 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete evaluation kit, you need to order the particular ADC evaluation board, e.g., EVAL-AD7476CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See relevant evaluation board application note for more information.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7476/AD7477/AD7478 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-6-
REV. D
AD7476/AD7477/AD7478
PIN CONFIGURATION
VDD 1 GND
2 6
CS SDATA SCLK
VIN 3
AD7476/ AD7477/ AD7478
TOP VIEW (Not to Scale)
5 4
PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4 5
Mnemonic VDD GND VIN SCLK SDATA
Function Power Supply Input. The VDD range for the AD7476/AD7477/AD7478 is from 2.35 V to 5.25 V. Analog Ground. Ground reference point for all circuitry on the AD7476/AD7477/AD7478. All analog input signals should be referred to this GND voltage. Analog Input. Single-ended analog input channel. The input range is 0 V to VDD. Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the clock source for the AD7476/AD7477/AD7478's conversion process. Data Out. Logic output. The conversion result from the AD7476/AD7477/AD7478 is provided on this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the AD7476 consists of four leading zeros followed by the 12 bits of conversion data, which is provided MSB first; the data stream from the AD7477 consists of four leading zeros followed by the 10 bits of conversion data, followed by two trailing zeros, which is also provided MSB first; the data stream from the AD7478 consists of four leading zeros followed by the eight bits of conversion data, followed by four trailing zeros, which is provided MSB first. Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7476/AD7477/AD7478 and framing the serial data transfer.
6
CS
REV. D
-7-
AD7476/AD7477/AD7478
TERMINOLOGY Integral Nonlinearity Total Unadjusted Error
This is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function. For the AD7476/ AD7477, the endpoints of the transfer function are zero scale, a point 1/2 LSB below the first code transition, and full scale, a point 1/2 LSB above the last code transition. For the AD7478, the endpoints of the transfer function are zero scale, a point 1 LSB below the first code transition, and full scale, a point 1 LSB above the last code transition.
Differential Nonlinearity
This is a comprehensive specification that includes gain error, linearity error, and offset error.
Total Harmonic Distortion (THD)
Total harmonic distortion is the ratio of the rms sum of harmonics to the fundamental. For the AD7476/AD7477/AD7478, it is defined as:
THD (dB) = 20 log (V22 + V32 + V4 2 + V5 2 + V6 2 ) V1
This is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC.
Offset Error
where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5, and V6 are the rms amplitudes of the second through the sixth harmonics.
Peak Harmonic or Spurious Noise
This is the deviation of the first code transition (00 . . . 000) to (00 . . . 001) from the ideal (i.e., AGND + 0.5 LSB). For the AD7478, this is the deviation of the first code transition (00 . . . 000) to (00 . . . 001) from the ideal (i.e., AGND + 1 LSB).
Gain Error
For the AD7476/AD7477, this is the deviation of the last code transition (111 . . . 110) to (111 . . . 111) from the ideal (i.e., VREF - 1.5 LSB) after the offset error has been adjusted out. For the AD7478, this is the deviation of the last code transition (111 . . . 110) to (111 . . . 111) from the ideal (i.e., VREF - 1 LSB) after the offset error has been adjusted.
Track-and-Hold Acquisition Time
Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification is determined by the largest harmonic in the spectrum, but for ADCs where the harmonics are buried in the noise floor, it will be a noise peak.
Intermodulation Distortion
The track-and-hold amplifier returns into track mode after the end of conversion. Track-and-hold acquisition time is the time required for the output of the track-and-hold amplifier to reach its final value, within 0.5 LSB, after the end of conversion. See the Serial Interface Timing section for more detail.
Signal-to-(Noise + Distortion) Ratio
With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms are those for which neither m nor n is equal to zero. For example, the second-order terms include (fa + fb) and (fa - fb), while the third-order terms include (2fa + fb), (2fa - fb), (fa + 2fb), and (fa - 2fb). The AD7476/AD7477/AD7478 are tested using the CCIF standard where two input frequencies are used, fa = 498.7 kHz and fb = 508.7 kHz. In this case, the second-order terms are usually distanced in frequency from the original sine waves while the third-order terms are usually at a frequency close to the input frequencies. As a result, the second- and third-order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the sum of the fundamentals, expressed in dB.
This is the measured ratio of signal-to-(noise + distortion) at the output of the ADC. The signal is the rms amplitude of the fundamental. Noise is the sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent on the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal-to-(noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by Signal-to-(Noise + Distortion) = (6.02N + 1.76) dB Thus for a 12-bit converter, this is 74 dB; for a 10-bit converter it is 62 dB; and for an 8-bit converter it is 50 dB.
-8-
REV. D
Typical Performance Characteristics-AD7476/AD7477/AD7478
0 -15 8192 POINT FFT fSAMPLE = 1MSPS fIN = 100kHz SINAD = 71.67dB THD = -81.00dB SFDR = -81.63dB SNR - dB
0 -10 -20 -30 -40 -50 -60 -70 8192 POINT FFT fSAMPLE = 1MSPS fIN = 100kHz SINAD = 49.82dB THD = -75.22dB SFDR = -67.78dB
-35
SNR - dB
-55
-75
-95
-80
-115 0
-90
50
100
150
200 250 300 350 FREQUENCY - kHz
400
450
500
0
50
100
150
200 250 300 350 FREQUENCY - kHz
400
450
500
TPC 1. AD7476 Dynamic Performance at 1 MSPS
TPC 4. AD7478 Dynamic Performance at 1 MSPS
-15 -15 8192 POINT FFT fSAMPLE = 600kSPS fIN = 100kHz SINAD = 71.71dB THD = -80.88dB SFDR = -83.23dB
-66 SCLK = 20MHz -67 -68
SINAD - dB
VDD = 2.35V
-35
SNR - dB
-69 VDD = 2.7V -70 VDD = 5.25V -71
-55
-75
-95
-72 -73 10k
VDD = 4.75V VDD = 3.6V
-115 0 50 100 150 200 FREQUENCY - kHz 250 300
100k INPUT FREQUENCY - Hz
1M
TPC 2. AD7476 Dynamic Performance at 600 kSPS
TPC 5. AD7476 SINAD vs. Input Frequency at 993 kSPS
0 -10 -20 -30 8192 POINT FFT fSAMPLE = 1MSPS fIN = 100kHz SINAD = 61.66dB THD = -80.64dB SFDR = -85.75dB
-69.0 -69.5 -70.0 SCLK = 12MHz
VDD = 2.35V
SNR - dB
-40 -50 -60 -70 -80
SINAD - dB
-70.5 -71.0
VDD = 2.7V
VDD = 5.25V -71.5 -72.0 VDD = 4.75V VDD = 3.6V
-90 -100 0 50 100 150 200 250 300 350 FREQUENCY - kHz 400 450 500
-72.5 10k 100k INPUT FREQUENCY - Hz 1M
TPC 3. AD7477 Dynamic Performance at 1 MSPS
TPC 6. AD7476 SINAD vs. Input Frequency at 605 kSPS
REV. D
-9-
AD7476/AD7477/AD7478
CIRCUIT INFORMATION ADC TRANSFER FUNCTION
The AD7476/AD7477/AD7478 are, respectively, 12-bit, 10-bit, and 8-bit, fast, micropower, single-supply ADCs. The parts can be operated from a 2.35 V to 5.25 V supply. When operated from either a 5 V supply or a 3 V supply, the AD7476/AD7477/AD7478 are capable of throughput rates of 1 MSPS when provided with a 20 MHz clock. The AD7476/AD7477/AD7478 provide the user with an on-chip, track-and-hold ADC, and a serial interface housed in a tiny 6-lead SOT-23 package, which offers the user considerable space saving advantages over alternative solutions. The serial clock input accesses data from the part and also provides the clock source for the successive-approximation ADC. The analog input range is 0 V to VDD. An external reference is not required for the ADC, nor is there a reference on-chip. The reference for the AD7476/AD7477/AD7478 is derived from the power supply and thus gives the widest dynamic input range. The AD7476/AD7477/AD7478 also feature a power-down option to save power between conversions. The power-down feature is implemented across the standard serial interface as described in the Modes of Operation section.
CONVERTER OPERATION
The output coding of the AD7476/AD7477/AD7478 is straight binary. For the AD7476/AD7477, designed code transitions occur midway between successive integer LSB values (i.e., 1/2 LSB, 3/2 LSB, and so on). The LSB size for the AD7476 is VDD/4096 and the LSB size for the AD7477 is VDD/1024. The ideal transfer characteristic for the AD7476/AD7477 is shown in Figure 4. For the AD7478, designed code transitions occur midway between successive integer LSB values (i.e., 1 LSB, 2 LSB, and so on). The LSB size for the AD7478 is VDD/256. The ideal transfer characteristic for the AD7478 is shown in Figure 5.
111 ... 111 111 ... 110
ADC CODE
111 ... 000 011 ... 111 1LSB = VDD/4096 (AD7476) 1LSB = VDD/1024 (AD7477)
The AD7476/AD7477/AD7478 are successive-approximation analog-to-digital converters based around a charge redistribution DAC. Figures 2 and 3 show simplified schematics of the ADC. Figure 2 shows the ADC during its acquisition phase. SW2 is closed and SW1 is in position A, the comparator is held in a balanced condition, and the sampling capacitor acquires the signal on VIN.
CHARGE REDISTRIBUTION DAC COMPARATOR CONTROL LOGIC
000 ... 010 000 ... 001 000 ... 000 0V 0.5LSB ANALOG INPUT VDD-1.5LSB
Figure 4. Transfer Characteristic for the AD7476/AD7477
VIN SW1
A B AGND
SAMPLING CAPACITOR
111 ... 111 111 ... 110 ADC CODE
ACQUISITION PHASE
SW2
111 ... 000 1LSB = VDD/256 (AD7478)
VDD/2
Figure 2. ADC Acquisition Phase
011 ... 111
When the ADC starts a conversion (see Figure 3), SW2 will open and SW1 will move to Position B, causing the comparator to become unbalanced. The Control Logic and the Charge Redistribution DAC are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. When the comparator is rebalanced, the conversion is complete. The Control Logic generates the ADC output code. Figures 4 and 5 show the ADC transfer function.
CHARGE REDISTRIBUTION DAC COMPARATOR CONTROL LOGIC SW2
000 ... 010 000 ... 001 000 ... 000 0V 1LSB ANALOG INPUT VDD-1LSB
Figure 5. Transfer Characteristic for AD7478
TYPICAL CONNECTION DIAGRAM
VIN SW1
A B
SAMPLING CAPACITOR
CONVERSION PHASE AGND VDD/2
Figure 6 shows a typical connection diagram for the AD7476/ AD7477/AD7478. VREF is taken internally from VDD and as such, VDD should be well decoupled. This provides an analog input range of 0 V to VDD. The conversion result is output in a 16-bit word with four leading zeros followed by the MSB of the 12-bit, 10-bit, or 8-bit result. The 10-bit result from the AD7477 will be followed by two trailing zeros. The 8-bit result from the AD7478 will be followed by four trailing zeros.
Figure 3. ADC Conversion Phase
-10-
REV. D
AD7476/AD7477/AD7478
Alternatively, because the supply current required by the AD7476/AD7477/AD7478 is so low, a precision reference can be used as the supply source to the AD7476/AD7477/AD7478. A REF19x voltage reference (REF195 for 5 V, or REF193 for 3 V) can be used to supply the required voltage to the ADC (see Figure 6). This configuration is especially useful if the power supply is quite noisy or if the system supply voltages are at some value other than 5 V or 3 V (e.g., 15 V). The REF19x will output a steady voltage to the AD7476/AD7477/AD7478. If the low dropout REF193 is used, the current it typically needs to supply to the AD7476/AD7477/AD7478 is 1 mA. When the ADC is converting at a rate of 1 MSPS, the REF193 will need to supply a maximum of 1.6 mA to the AD7476/AD7477/AD7478. The load regulation of the REF193 is typically 10 ppm/mA (REF193, VS = 5 V), which results in an error of 16 ppm (48 V) for the 1.6 mA drawn from it. This corresponds to a 0.065 LSB error for the AD7476 with VDD = 3 V from the REF193, a 0.016 LSB error for the AD7477, and a 0.004 LSB error for the AD7478. For applications where power consumption is of concern, the Power-Down mode of the ADC and the Sleep mode of the REF19x reference should be used to improve power performance. See the Modes of Operation section.
3V 1mA 680nF 1F TANT 0.1 F REF193 10 F 0.1 F 5V SUPPLY
the substrate. These diodes can conduct a maximum of 10 mA without causing irreversible damage to the part. The capacitor C1 in Figure 7 is typically about 4 pF and can primarily be attributed to pin capacitance. The resistor R1 is a lumped component made up of the on resistance of a switch. This resistor is typically about 100 . The capacitor C2 is the ADC sampling capacitor and typically has a capacitance of 30 pF. For ac applications, removing high frequency components from the analog input signal is recommended by use of a band-pass filter on the relevant analog input pin. In applications where harmonic distortion and signal-to-noise ratio are critical, the analog input should be driven from a low impedance source. Large source impedances will significantly affect the ac performance of the ADC. This may necessitate the use of an input buffer amplifier. The choice of the op amp will be a function of the particular application.
VDD
D1 VIN C1 4pF D2 R1
C2 30pF
CONVERSION PHASE - SWITCH OPEN TRACK PHASE - SWITCH CLOSED
Figure 7. Equivalent Analog Input Circuit
SCLK
VDD 0V TO VDD INPUT VIN GND
AD7476/ SDATA AD7477/ AD7478
CS
C/ P
SERIAL INTERFACE
Figure 6. REF193 as Power Supply to AD7476/AD7477/ AD7478
Table I provides some typical performance data with various references used as a VDD source with a low frequency analog input. Under the same setup conditions, the references were compared and the AD780 proved the optimum reference.
Table I.
When no amplifier is used to drive the analog input, the source impedance should be limited to low values. The maximum source impedance will depend on the amount of total harmonic distortion (THD) that can be tolerated. The THD will increase as the source impedance increases and performance will degrade. Figure 8 shows a graph of the total harmonic distortion versus source impedance for different analog input frequencies when using a supply voltage of 2.7 V and sampling at a rate of 605 kSPS. Figures 9 and 10 each show a graph of the total harmonic distortion versus analog input signal frequency for various supply voltages while sampling at 993 kSPS with an SCLK frequency of 20 MHz and 605 kSPS with an SCLK frequency of 12 MHz, respectively.
0 -10 -20 -30
THD - dB
VDD = 2.7V fS = 605kSPS
Reference Tied to VDD AD780 @ 3 V REF193 AD780 @ 2.5 V REF192 AD1582
Analog Input
AD7476 SNR Performance 1 kHz Input (dB) 71.17 70.4 71.35 70.93 70.05
-40 -50
fIN = 200kHz fIN = 300kHz
-60 -70 -80 -90
fIN = 100kHz fIN = 10kHz
Figure 7 shows an equivalent circuit of the analog input structure of the AD7476/AD7477/AD7478. The two diodes D1 and D2 provide ESD protection for the analog inputs. Care must be taken to ensure that the analog input signal never exceeds the supply rails by more than 300 mV. This will cause these diodes to become forward-biased and start conducting current into
-100 1
10
100 SOURCE IMPEDANCE -
1k
10k
Figure 8. THD vs. Source Impedance for Various Analog Input Frequencies
REV. D
-11-
AD7476/AD7477/AD7478
-50 -55 -60 -65
THD - dB
VDD = 2.35V VDD = 5.25V VDD = 2.7V
-70 -75 -80 -85 -90 10k
restricted by the VDD + 0.3 V limit as on the analog inputs. For example, if the AD7476/AD7477/AD7478 were operated with a VDD of 3 V, then 5 V logic levels could be used on the digital inputs. However, it is important to note that the data output on SDATA will still have 3 V logic levels when VDD = 3 V. Another advantage of SCLK and CS not being restricted by the VDD + 0.3 V limit is the fact that power supply sequencing issues are avoided. If CS or SCLK is applied before VDD, there is no risk of latch-up as there would be on the analog inputs if a signal greater than 0.3 V was applied prior to VDD.
MODES OF OPERATION
VDD = 4.75V VDD = 3.6V 100k INPUT FREQUENCY - Hz 1M
Figure 9. THD vs. Analog Input Frequency, fS = 993 kSPS
-72 VDD = 2.35V
-74
-76
THD - dB
The mode of operation of the AD7476/AD7477/AD7478 is selected by controlling the (logic) state of the CS signal during a conversion. There are two possible modes of operation, Normal mode and Power-Down mode. The point at which CS is pulled high after the conversion has been initiated will determine whether or not the AD7476/AD7477/AD7478 will enter Power-Down mode. Similarly, if already in power-down, CS can control whether the device will return to normal operation or remain in power-down. These modes of operation are designed to provide flexible power management options. These options can be chosen to optimize the power dissipation/throughput rate ratio for different application requirements.
Normal Mode
-78
VDD = 2.7V
-80 VDD = 4.75V VDD = 5.25V VDD = 3.6V -84 10k 100k INPUT FREQUENCY - Hz 1M
-82
This mode is intended for fastest throughput rate performance, as the user does not have to worry about any power-up times with the AD7476/AD7477/AD7478 remaining fully powered all the time. Figure 11 shows the general diagram of the operation of the AD7476/AD7477/AD7478 in this mode. The conversion is initiated on the falling edge of CS as described in the Serial Interface section. To ensure the part remains fully powered up at all times, CS must remain low until at least 10 SCLK falling edges have elapsed after the falling edge of CS. If CS is brought high any time after the tenth SCLK falling edge, but before the sixteenth SCLK falling edge, the part will remain powered up but the conversion will be terminated and SDATA will go back into three-state. Sixteen serial clock cycles are required to complete the conversion and access the complete
Figure 10. THD vs. Analog Input Frequency, fS = 605 kSPS
Digital Inputs
The digital inputs applied to the AD7476/AD7477/AD7478 are not limited by the maximum ratings that limit the analog inputs. Instead, the digital inputs applied can go to 7 V and are not
CS
1
10
16
SCLK
SDATA
4 LEADING ZEROS + CONVERSION RESULT
Figure 11. Normal Mode Operation
CS
1
2
10
16
SCLK
SDATA
THREE-STATE
Figure 12. Entering Power-Down Mode
-12-
REV. D
AD7476/AD7477/AD7478
THE PART BEGINS TO POWER UP CS A SCLK
1 10 16 1 16
THE PART IS FULLY POWERED UP WITH VIN FULLY ACQUIRED
SDATA
INVALID DATA
VALID DATA
Figure 13. Exiting Power-Down Mode
conversion result. CS may idle high until the next conversion or may idle low until CS returns high sometime prior to the next conversion (effectively idling CS low). Once a data transfer is complete (SDATA has returned to threestate), another conversion can be initiated after the quiet time, tQUIET, has elapsed by again bringing CS low.
Power-Down Mode
conversion, to the next falling edge of CS. When running at 1 MSPS throughput rate, the AD7476/AD7477/AD7478 will power up and acquire a signal within 0.5 LSB in one dummy cycle, i.e., 1 s. When powering up from the Power-Down mode with a dummy cycle, as in Figure 13, the track-and-hold that was in Hold mode while the part was powered down returns to Track mode after the first SCLK edge the part receives after the falling edge of CS. This is shown as Point A in Figure 13. Although at any SCLK frequency one dummy cycle is sufficient to power up the device and acquire VIN, it does not necessarily mean that a full dummy cycle of 16 SCLKs must always elapse to power up the device and fully acquire VIN; 1 s will be sufficient to power up the device and acquire the input signal. If, for example, a 5 MHz SCLK frequency were applied to the ADC, the cycle time would be 3.2 s. In one dummy cycle, 3.2 s, the part would be powered up and VIN fully acquired. However, after 1 s with a 5 MHz SCLK, only five SCLK cycles would have elapsed. At this stage, the ADC would be fully powered up and the signal acquired. So, in this case, the CS can be brought high after the tenth SCLK falling edge and brought low again after a time tQUIET to initiate the conversion. When power supplies are first applied to the AD7476/AD7477/ AD7478, the ADC may power up in either Power-Down mode or Normal mode. Because of this, it is best to allow a dummy cycle to elapse to ensure the part is fully powered up before attempting a valid conversion. Likewise, if it is intended to keep the part in the Power-Down mode while not in use and the user wants the part to power up in Power-Down mode, the dummy cycle may be used to ensure the device is in power-down by executing a cycle such as that shown in Figure 12. Once supplies are applied to the AD7476/AD7477/AD7478, the power-up time is the same as that when powering up from the Power-Down mode. It takes approximately 1 s to fully power up if the part powers up in Normal mode. It is not necessary to wait 1 s before executing a dummy cycle to ensure the desired mode of operation. Instead, the dummy cycle can occur directly after power is supplied to the ADC. If the first valid conversion is then performed directly after the dummy conversion, care must be taken to ensure that adequate acquisition time has been allowed. As mentioned earlier, when powering up from the Power-Down mode, the part will return to track upon the first SCLK edge applied after the falling edge of CS. However, when the ADC powers up initially after supplies are applied, the track-and-hold will already be in track. This means that if the ADC powers up in the desired mode of operation, and a dummy cycle is not required to change mode, then a dummy cycle is not required to place the track-and-hold into track.
This mode is intended for use in applications where slower throughput rates are required; either the ADC is powered down between each conversion, or a series of conversions may be performed at a high throughput rate and the ADC is then powered down for a relatively long duration between these bursts of several conversions. When the AD7476/AD7477/AD7478 is in powerdown, all analog circuitry is powered down. To enter power-down, the conversion process must be interrupted by bringing CS high any time after the second falling edge of SCLK and before the tenth falling edge of SCLK, as shown in Figure 12. Once CS has been brought high in this window of SCLKs, the part will enter power-down and the conversion that was initiated by the falling edge of CS will be terminated and SDATA will go back into three-state. If CS is brought high before the second SCLK falling edge, the part will remain in Normal mode and will not power down. This will avoid accidental power-down due to glitches on the CS line. To exit this mode of operation and power up the AD7476/ AD7477/AD7478 again, a dummy conversion is performed. On the falling edge of CS, the device will begin to power up, and will continue to power up as long as CS is held low until after the falling edge of the tenth SCLK. The device will be fully powered up once 16 SCLKs have elapsed and, as shown in Figure 13, valid data will result from the next conversion. If CS is brought high before the tenth falling edge of SCLK, the AD7476/ AD7477/AD7478 will again go back into power-down. This avoids accidental power-up due to glitches on the CS line or an inadvertent burst of eight SCLK cycles while CS is low. So although the device may begin to power up on the falling edge of CS, it will again power down on the rising edge of CS as long as it occurs before the tenth SCLK falling edge.
Power-Up Time
The power-up time of the AD7476/AD7477/AD7478 is typically 1 s, which means that with any frequency of SCLK up to 20 MHz, one dummy cycle will always be sufficient to allow the device to power up. Once the dummy cycle is complete, the ADC will be fully powered up and the input signal will be acquired properly. The quiet time (tQUIET) must still be allowed from the point at which the bus goes back into three-state after the dummy
REV. D
-13-
AD7476/AD7477/AD7478
POWER VS. THROUGHPUT RATE
By using the Power-Down mode on the AD7476/AD7477/AD7478 when not converting, the average power consumption of the ADC decreases at lower throughput rates. Figure 14 shows how as the throughput rate is reduced, the device remains in its power-down state longer, and the average power consumption over time drops accordingly. For example, if the AD7476/AD7477/AD7478 is operated in a continuous sampling mode with a throughput rate of 100 kSPS and a SCLK of 20 MHz (VDD = 5 V), and the device is placed in the Power-Down mode between conversions, then the power consumption is calculated as follows. The power dissipation during normal operation is 17.5 mW (VDD = 5 V). If the power-up time is one dummy cycle, i.e., 1 s, and the remaining conversion time is another cycle, i.e., 1 s, then the AD7476/ AD7477/AD7478 can be said to dissipate 17.5 mW for 2 s during each conversion cycle. If the throughput rate is 100 kSPS, the cycle time is 10 s and the average power dissipated during each cycle is (2/10) x (17.5 mW) = 3.5 mW. If VDD = 3 V, SCLK = 20 MHz, and the device is again in Power-Down mode between conversions, the power dissipation during normal operation is 4.8 mW. The AD7476/AD7477/AD7478 can now be said to dissipate 4.8 mW for 2 s during each conversion cycle. With a throughput rate of 100 kSPS, the average power dissipated during each cycle is (2/10) x (4.8 mW) = 0.96 mW. Figure 14 shows the power versus throughput rate when using the Power-Down mode between conversions with both 5 V and 3 V supplies.
100
The Power-Down mode is intended for use with throughput rates of approximately 333 kSPS and under, because at higher sampling rates power is not saved by using the Power-Down mode.
SERIAL INTERFACE
Figures 15, 16, and 17 show the detailed timing diagrams for serial interfacing to the AD7476, AD7477, and AD7478, respectively. The serial clock provides the conversion clock and also controls the transfer of information from the AD7476/ AD7477/AD7478 during conversion. The CS signal initiates the data transfer and conversion process. The falling edge of CS puts the track-and-hold into Hold mode, takes the bus out of three-state, and the analog input is sampled at this point. The conversion is also initiated at this point and will require sixteenth SCLK cycles to complete. Once 13 SCLK falling edges have elapsed, the track-and-hold will go back into track on the next SCLK rising edge as shown in Figures 15, 16, and 17 at Point B. On the sixteenth SCLK falling edge, the SDATA line will go back into three-state. If the rising edge of CS occurs before 16 SCLKs have elapsed, the conversion will be terminated and the SDATA line will go back into three-state; otherwise, SDATA returns to three-state on the sixteenth SCLK falling edge as shown in Figures 15, 16, and 17. Sixteen serial clock cycles are required to perform the conversion process and to access data from the AD7476/AD7477/AD7478. CS going low provides the first leading zero to be read in by the microcontroller or DSP. The remaining data is then clocked out by subsequent SCLK falling edges, beginning with the second leading zero. Thus the first falling clock edge on the serial clock has the first leading zero provided and also clocks out the second leading zero. The final bit in the data transfer is valid on the sixteenth falling edge, having been clocked out on the previous (fifteenth) falling edge. In applications with a slower SCLK, it is possible to read in data on each SCLK rising edge, i.e., although the first leading zero will have to be read on the first SCLK falling edge after the CS falling edge. Therefore, the first rising edge of SCLK after the CS falling edge will provide the second leading zero and the fifteenth rising SCLK edge will have DB0 provided or the final zero for the AD7477 and AD7478. This may not work with most microcontrollers/DSPs, but could possibly be used with FPGAs and ASICs.
VDD = 5V, SCLK = 20MHz 10
POWER - mW
1
VDD = 3V, SCLK = 20MHz
0.1
0.01 0 50 100 150 200 250 THROUGHPUT RATE - kSPS 300 350
Figure 14. Power vs. Throughput Rate
-14-
REV. D
AD7476/AD7477/AD7478
t1
CS
tCONVERT t2
SCLK 1 2 3 4
t6
5 13
B 14 15 16
t3
THREESTATE SDATA Z ZERO ZERO ZERO
t4
DB11 DB10
t7
DB2
t5
t8 tQUIET
DB1 DB0 THREE-STATE
4 LEADING ZEROS
Figure 15. AD7476 Serial Interface Timing Diagram
t1
CS
tCONVERT t2
SCLK 1 2 3 4
t6
5 13
B 14 15 16
t3
THREESTATE SDATA Z ZERO ZERO ZERO
t4
DB9 DB8
t7
DB0
t5
t8 tQUIET
ZERO ZERO THREE-STATE
4 LEADING ZEROS
2 TRAILING ZEROS
Figure 16. AD7477 Serial Interface Timing Diagram
t1
CS
tCONVERT t2
SCLK 1 2 3 4
t6
12 13
B 14 15 16
t5
THREESTATE SDATA
t3
Z ZERO ZERO ZERO
t4
DB7
t7
ZERO 8 BITS OF DATA ZERO ZERO
t8 tQUIET
ZERO THREE-STATE
4 LEADING ZEROS
4 TRAILING ZEROS
Figure 17. AD7478 Serial Interface Timing Diagram
REV. D
-15-
AD7476/AD7477/AD7478
MICROPROCESSOR INTERFACING
The serial interface on the AD7476/AD7477/AD7478 allows the part to be directly connected to a range of many different microprocessors. This section explains how to interface the AD7476/AD7477/AD7478 with some of the more common microcontroller and DSP serial interface protocols.
AD7476/AD7477/AD7478 to TMS320C5x/C54x Interface
The serial interface on the TMS320C5x uses a continuous serial clock and frame synchronization signals to synchronize the data transfer operations with peripheral devices like the AD7476/ AD7477/AD7478. The CS input allows easy interfacing between the TMS320C5x/C54x and the AD7476/AD7477/AD7478 without any glue logic required. The serial port of the TMS320C5x/C54x is set up to operate in burst mode with internal CLKX (Tx serial clock) and FSX (Tx frame sync). The serial port control register (SPC) must have the following setup: FO = 0, FSM = 1, MCM = 1, and TXM = 1. The format bit, FO, may be set to 1 to set the word length to eight bits, in order to implement the Power-Down mode on the AD7476/AD7477/AD7478. The connection diagram is shown in Figure 18. It should be noted that for signal processing applications, it is imperative that the frame synchronization signal from the TMS320C5x/C54x provides equidistant sampling.
AD7476/ AD7477/ AD7478*
SCLK TMS320C5x/ TMS320C54x* CLKX CLKR SDATA CS DR FSX FSR *ADDITIONAL PINS OMITTED FOR CLARITY
To implement the Power-Down mode, SLEN should be set to 0111 to issue an 8-bit SCLK burst. The connection diagram is shown in Figure 19. The ADSP-21xx has the TFS and RFS of the SPORT tied together, with TFS set as an output and RFS set as an input. The DSP operates in Alternate Framing mode and the SPORT control register is set up as described. The frame synchronization signal generated on the TFS is tied to CS and as with all signal processing applications, equidistant sampling is necessary. However, in this example, the timer interrupt is used to control the sampling rate of the ADC and, under certain conditions, equidistant sampling may not be achieved. The timer registers, for example, are loaded with a value that will provide an interrupt at the required sample interval. When an interrupt is received, a value is transmitted with TFS/DT (ADC control word). The TFS is used to control the RFS and therefore the reading of data. The frequency of the serial clock is set in the SCLKDIV register. When the instruction to transmit with TFS is given (i.e., TX0 = AX0), the state of the SCLK is checked. The DSP will wait until the SCLK has gone high, low, and high before transmission will start. If the timer and SCLK values are chosen such that the instruction to transmit occurs on or near the rising edge of SCLK, the data may be transmitted, or it may wait until the next clock edge. For example, the ADSP-2111 has a master clock frequency of 16 MHz. If the SCLKDIV register is loaded with the value 3, a SCLK of 2 MHz is obtained, and eight master clock periods will elapse for every one SCLK period. If the timer registers are loaded with the value 803, 100.5 SCLKs will occur between interrupts and subsequently between transmit instructions. This situation will result in nonequidistant sampling as the transmit instruction is occurring on an SCLK edge. If the number of SCLKs between interrupts is a whole integer figure of N, equidistant sampling will be implemented by the DSP.
AD7476/ AD7477/ AD7478*
SCLK SDATA CS ADSP-21xx* SCLK DR RFS TFS
Figure 18. Interfacing to the TMS320C5x/C54x
AD7476/AD7477/AD7478 to ADSP-21xx Interface
The ADSP-21xx family of DSPs are interfaced directly to the AD7476/AD7477/AD7478 without any glue logic required. The SPORT control register should be set up as follows: TFSW = RFSW = 1, Alternate Framing INVRFS = INVTFS = 1, Active Low Frame Signal DTYPE = 00, Right Justify Data SLEN = 1111, 16-Bit Data-Words ISCLK = 1, Internal Serial Clock TFSR = RFSR = 1, Frame Every Word IRFS = 0 ITFS = 1
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 19. Interfacing to the ADSP-21xx
-16-
REV. D
AD7476/AD7477/AD7478
AD7476/AD7477/AD7478 to DSP56xxx Interface AD7476/AD7477/AD7478 to MC68HC16 Interface
The connection diagram in Figure 20 shows how the AD7476/ AD7477/AD7478 can be connected to the SSI (Synchronous Serial Interface) of the DSP56xxx family of DSPs from Motorola. The SSI is operated in Synchronous Mode (SYN bit in CRB =1) with internally generated word frame sync for both Tx and Rx (Bits FSL1 = 0 and FSL0 = 0 in CRB). Set the word length to 16 by setting bits WL1 = 1 and WL0 = 0 in CRA. To implement the Power-Down mode on the AD7476/AD7477/ AD7478, the word length can be changed to eight bits by setting bits WL1 = 0 and WL0 = 0 in CRA. It should be noted that for signal processing applications, it is imperative that the frame synchronization signal from the DSP56xxx provides equidistant sampling.
AD7476/ AD7477/ AD7478*
SCLK SDATA CS DSP56xxx*
The Serial Peripheral Interface (SPI) on the MC68HC16 is configured for Master Mode (MSTR = 1), the Clock Polarity Bit (CPOL) = 1, and the Clock Phase Bit (CPHA) = 0. The SPI is configured by writing to the SPI Control Register (SPCR)--see the 68HC16 User Manual. The serial transfer will take place as a 16-bit operation when the SIZE bit in the SPCR register is set to SIZE = 1. To implement the Power-Down mode with an 8-bit transfer, set SIZE = 0. A connection diagram is shown in Figure 21.
AD7476/ AD7477/ AD7478*
SCLK SDATA CS MC68HC16* SCLK/PMC2 MISO/PMC0 SS/PMC3
SCK SRD SC2
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 21. Interfacing to the MC68HC16
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 20. Interfacing to the DSP56xxx
REV. D
-17-
AD7476/AD7477/AD7478
OUTLINE DIMENSIONS 6-Lead Plastic Surface-Mount Package [SOT-23] (RT-6)
Dimensions shown in millimeters
2.90 BSC
6
5
4
1.60 BSC
1 2 3
2.80 BSC
PIN 1 0.95 BSC 1.30 1.15 0.90 1.90 BSC
1.45 MAX
0.22 0.08 10 0 0.60 0.45 0.30
0.15 MAX
0.50 0.30
SEATING PLANE
COMPLIANT TO JEDEC STANDARDS MO-178AB
-18-
REV. D
AD7476/AD7477/AD7478 Revision History
Location 3/04--Data Sheet changed from REV. C to REV. D. Page
Added U.S. Patent number . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Changes to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Changes to AD7476/AD7477/AD7478 to ADSP-21xx Interface section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/03--Data Sheet changed from REV. B to REV. C.
Change to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Changes to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Change to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Change to TYPICAL CONNECTION DIAGRAM SECTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Change to Figure 8 caption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Change to Figure 19 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Change to Figure 20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 OUTLINE DIMENSIONS updated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
REV. D
-19-
-20-
C01024-0-3/04(D)
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD7476ART-500RL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X