Part Number Hot Search : 
SEF206A ST62T30B 368017 8D52G1X 01301 70N1T 6213S LC512
Product Description
Full Text Search
 

To Download 74HCT4066BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74HC4066; 74HCT4066 Quad bilateral switches
Product specification Supersedes data of 2003 Jun 17 2004 Nov 11
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
FEATURES * Very low ON-resistance: - 50 (typical) at VCC = 4.5 V - 45 (typical) at VCC = 6.0 V - 35 (typical) at VCC = 9.0 V. * Complies with JEDEC standard no. 7A * ESD protection: HBM EIA/JESD22-A114-B exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 C to +85 C and -40 C to +125 C.
GENERAL DESCRIPTION The 74HC4066 and 74HCT4066 are high-speed Si-gate CMOS devices and are pin compatible with the HEF4066B. They are specified in compliance with JEDEC standard no. 7A. The 74HC4066 and 74HCT4066 have four independent analog switches. Each switch has two input/output pins (pins nY or nZ) and an active HIGH enable input pin (pin nE). When pin nE = LOW the belonging analog switch is turned off. The 74HC4066 and 74HCT4066 are pin compatible with the 74HC4016 and 74HCT4016 but exhibit a much lower on-resistance. In addition, the on-resistance is relatively constant over the full input signal range.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns. TYPICAL SYMBOL tPZH/tPZL tPHZ/tPLZ CI CPD CS Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + [(CL + CS) x VCC2 x fo] where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CS = maximum switch capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; [(CL + CS) x VCC2 x fo] = sum of the outputs. 2. For 74HC4066 the condition is VI = GND to VCC. For 74HCT4066 the condition is VI = GND to VCC - 1.5 V. PARAMETER turn-on time nE to Vos turn-off time nE to Vos input capacitance power dissipation capacitance per switch maximum switch capacitance notes 1 and 2 CONDITIONS 74HC4066 CL = 15 pF; RL = 1 k; VCC = 5 V CL = 15 pF; RL = 1 k; VCC = 5 V 11 13 3.5 11 8 74HCT4066 12 16 3.5 12 8 ns ns pF pF pF UNIT
2004 Nov 11
2
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
FUNCTION TABLE See note 1. INPUT nE L H Note 1. H = HIGH voltage level. L = LOW voltage level. ORDERING INFORMATION PACKAGE TYPE NUMBER TEMPERATURE RANGE 74HC4066N 74HCT4066N 74HC4066D 74HCT4066D 74HC4066DB 74HCT4066DB 74HC4066PW 74HCT4066PW 74HC4066BQ 74HCT4066BQ PINNING PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 SYMBOL 1Y 1Z 2Z 2Y 2E 3E GND 3Y 3Z 4Z 4Y 4E 1E VCC DESCRIPTION independent input/output independent input/output independent input/output independent input/output enable input (active HIGH) enable input (active HIGH) ground (0 V) independent input/output independent input/output independent input/output independent input/output enable input (active HIGH) enable input (active HIGH) supply voltage Fig.1 Pin configuration DIP14, SO14 and (T)SSOP14.
2Y 2E 3E GND 4 5 6 7
MGR253
SWITCH off on
PINS 14 14 14 14 14 14 14 14 14 14
PACKAGE DIP14 DIP14 SO14 SO14 SSOP14 SSOP14 TSSOP14 TSSOP14 DHVQFN14 DHVQFN14
MATERIAL plastic plastic plastic plastic plastic plastic plastic plastic plastic plastic
CODE SOT27-1 SOT27-1 SOT108-1 SOT108-1 SOT337-1 SOT337-1 SOT402-1 SOT402-1 SOT762-1 SOT762-1
-40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C -40 C to 125 C
handbook, halfpage
1Y 1Z 2Z
1 2 3
14 VCC 13 1E 12 4E
4066
11 4Y 10 4Z 9 3Z
8 3Y
2004 Nov 11
3
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
terminal 1 index area 1Z 2Z 2Y 2E 3E 2 3 4 5 6
14 VCC
1Y
1
handbook, halfpage
13 1E 12 4E
1Y 13 1E 1Z 2Y 2Z 3Y 3Z 4Y 4Z
MGR254
1 2 4 3 8 9 11 10
4066
VCC(1) 7 8
11 4Y 10 4Z 9 3Z
5
2E
6
3E
GND
3Y
001aac116
12
4E
Transparent top view
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig.2 Pin configuration DHVQFN14.
Fig.3 Logic symbol.
handbook, halfpage handbook, halfpage
1 13 #
1 X1
1
2
1 13 # 4 5# 8 6# 11 12 #
MGR255
2
3
4 5#
1 X1
1
3
9
8 6#
1 X1
1
9
10 11 12 # 1 X1
MGR256
1
10
Fig.4 IEEEC logic symbol.
2004 Nov 11
4
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
handbook, halfpage
nY
13 handbook, halfpage 1E
1 1Y
5 2E
4 2Y
6 3E
8 3Y
12 4E
11 4Y nE
1Z 2
2Z 3
3Z 9
4Z 10
MGR257
VCC
VCC
GND
nZ
MGR258
Fig.5 Functional diagram.
Fig.6 Schematic diagram (one switch).
2004 Nov 11
5
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
RECOMMENDED OPERATING CONDITIONS 74HC4066 SYMBOL VCC VI VS Tamb PARAMETER supply voltage input voltage switch voltage ambient temperature see DC and AC characteristics per device VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V CONDITIONS MIN. 2.0 GND GND -40 -40 - - - - TYP. 5.0 - - +25 - 6.0 - - - MAX. 10.0 VCC VCC +85 +125 1000 500 400 250 MIN. 4.5 GND GND -40 -40 - - - - TYP. 5.0 - - +25 - 6.0 - - - MAX. 5.5 VCC VCC +85 +125 500 - - - V V V C C ns ns ns ns 74HCT4066 UNIT
tr, tf
input rise and fall times
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK ISK IS ICC, IGND Tstg Ptot PS Notes 1. To avoid drawing VCC current out of pin nZ, when switch current flows in pin nY, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into pin nZ, no VCC current will flow out of pin nY. In this case there is no limit for the voltage drop across the switch, but the voltages at pins nY and nZ may not exceed VCC or GND. 2. For DIP14 packages: above 70 C derate linearly with 12 mW/K. For SO14 packages: above 70 C derate linearly with 8 mW/K. For SSOP14 and TSSOP16 packages: above 60 C derate linearly with 5.5 mW/K. For DHVQFN14 packages: above 60 C derate linearly with 4.5 mW/K. PARAMETER supply voltage input diode current switch diode current switch current VCC or GND current storage temperature power dissipation power dissipation per switch Tamb = -40 C to +125 C; note 2 VI < -0.5 V or VI > VCC + 0.5 V VS < -0.5 V or VS > VCC + 0.5 V -0.5 V < VO < VCC + 0.5 V; note 1 CONDITIONS MIN. -0.5 - - - - -65 - - MAX. +11.0 20 20 25 50 +150 500 100 UNIT V mA mA mA mA C mW mW
2004 Nov 11
6
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
DC CHARACTERISTICS Family 74HC4066 Voltages are referenced to GND (ground = 0 V); Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 VIH HIGH-level input voltage 2.0 4.5 6.0 9.0 VIL LOW-level input voltage 2.0 4.5 6.0 9.0 ILI IS(OFF) IS(ON) ICC input leakage current analog switch current OFF-state analog switch current ON-state quiescent supply current VI = VCC or GND per channel; VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND 6.0 10.0 10.0 10.0 6.0 10.0 1.5 3.15 4.2 6.3 - - - - - - - - - - 1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3 - - - - - - - - - - 0.50 1.35 1.80 2.70 1.0 2.0 1.0 1.0 20.0 40.0 V V V V V V V V A A A A A A VCC (V) MIN. TYP. MAX. UNIT
2004 Nov 11
7
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +125 C VIH HIGH-level input voltage 2.0 4.5 6.0 9.0 VIL LOW-level input voltage 2.0 4.5 6.0 9.0 ILI IS(OFF) IS(ON) ICC Note 1. All typical values are measured at Tamb = 25 C. input leakage current analog switch current OFF-state analog switch current ON-state quiescent supply current VI = VCC or GND per channel; VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND 6.0 10.0 10.0 10.0 6.0 10.0 1.5 3.15 4.2 6.3 - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0.50 1.35 1.80 2.70 1.0 2.0 1.0 1.0 40.0 80.0 V V V V V V V V A A A A A A VCC (V) MIN. TYP. MAX. UNIT
2004 Nov 11
8
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Family 74HCT4066 Voltages are referenced to GND (ground = 0 V); Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 VIH VIL ILI IS(OFF) IS(ON) ICC ICC HIGH-level input voltage LOW-level input voltage input leakage current analog switch current OFF-state analog switch current ON-state quiescent supply current VI = VCC or GND per channel; VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND 4.5 to 5.5 2.0 4.5 to 5.5 - 5.5 5.5 5.5 - - - 1.6 1.2 - - - - 100 - 0.8 1.0 1.0 1.0 20.0 450 V V A A A A A VCC (V) MIN. TYP. MAX. UNIT
4.5 to 5.5 - 4.5 to 5.5 -
additional quiescent VI = VCC - 2.1 V; other inputs at VCC supply current per input or GND
Tamb = -40 C to +125 C VIH VIL ILI IS(OFF) IS(ON) ICC ICC Note 1. All typical values are measured at Tamb = 25 C. HIGH-level input voltage LOW-level input voltage input leakage current analog switch current OFF-state analog switch current ON-state quiescent supply current VI = VCC or GND per channel; VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND 4.5 to 5.5 2.0 4.5 to 5.5 - 5.5 10.0 10.0 - - - - - - - - - - - 0.8 1.0 1.0 1.0 40.0 490 V V A A A A A
4.5 to 5.5 - 4.5 to 5.5 -
additional quiescent VI = VCC - 2.1 V; other inputs at VCC supply current per input or GND
2004 Nov 11
9
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
handbook, full pagewidth
LOW (from enable inputs) nY VI = VCC or GND A nZ A
VO = GND or VCC
GND
MGR260
Fig.7 Test circuit for measuring OFF-state current.
handbook, full pagewidth
HIGH (from enable inputs) nY VI = VCC or GND A nZ A
VO (open circuit)
GND
MGR261
Fig.8 Test circuit for measuring ON-state current.
2004 Nov 11
10
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Resistance RON for 74HC4066 and 74HCT4066 For 74HC4066: VCC = 2.0, 4.5, 6.0 and 9.0 V; for 74HCT4066: VCC = 4.5 V; note 1; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; see Fig.9. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 2 RON(peak) ON-resistance (peak) VI = VIH or VIL; Vis = VCC to GND 100 1000 2.0 4.5 6.0 9.0 RON(rail) ON-resistance (rail) VI = VIH or VIL; Vis = GND 100 1000 2.0 4.5 6.0 9.0 VI = VIH or VIL; Vis = VCC 100 1000 2.0 4.5 6.0 9.0 RON maximum variation of ON-resistance between any two channels VI = VIH or VIL; Vis = VCC to GND - 2.0 4.5 6.0 9.0 - - - - - - - - - - - - - - - - - 54 42 32 80 35 27 20 100 42 35 27 - 5 4 3 - 118 105 88 - 95 82 70 - 106 94 78 - - - - IS (A) VCC (V) MIN. TYP. MAX. UNIT
Tamb = -40 C to +125 C RON(peak) ON-resistance (peak) VI = VIH or VIL; Vis = VCC to GND 100 1000 2.0 4.5 6.0 9.0 RON(rail) ON-resistance (rail) VI = VIH or VIL; Vis = GND 100 1000 2.0 4.5 6.0 9.0 VI = VIH or VIL; Vis = VCC 100 1000 2.0 4.5 6.0 9.0 Notes 1. At supply voltages approaching 2 V, the analog ON-resistance switch becomes extremely non-linear. Therefore, it is recommended that these devices are being used to transmit digital signals only, when using these supply voltages. 2. All typical values are measured at Tamb = 25 C. - - - - - - - - - - - - - - - - - - - - - - - - - 142 126 105 - 115 100 85 - 128 113 95
2004 Nov 11
11
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
handbook, full pagewidth
HIGH (from enable inputs) nY
V nZ Is GND
MGR259
Vis = 0 to VCC - GND
Fig.9 Test circuit for measuring ON-resistance (RON).
handbook, halfpage
60
MGR262
RON ()
VCC = 4.5 V
50 6V 40 9V
30
20
10 0 1.8 3.6 5.4 7.2 Vis (V) 9
Vis = 0 V to VCC. Fig.10 Typical ON-resistance (RON) as a function of input voltage (Vis).
2004 Nov 11
12
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
AC CHARACTERISTICS Type 74HC4066 GND = 0 V; tr = tf = 6 ns; CL = 50 pF; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 tPHL/tPLH propagation delay Vis to Vos RL = ; see Fig.19 2.0 4.5 6.0 9.0 tPZH/tPZL turn-on time nE to Vos RL = 1 k; see Figs 20 and 21 2.0 4.5 6.0 9.0 tPHZ/tPLZ turn-off time nE to Vos RL = 1 k; see Figs 20 and 21 2.0 4.5 6.0 9.0 Tamb = -40 C to +125 C tPHL/tPLH propagation delay Vis to Vos RL = ; see Fig.19 2.0 4.5 6.0 9.0 tPZH/tPZL turn-on time nE to Vos RL = 1 k; see Figs 20 and 21 2.0 4.5 6.0 9.0 tPHZ/tPLZ turn-off time nE to Vos RL = 1 k; see Figs 20 and 21 2.0 4.5 6.0 9.0 Note 1. All typical values are measured at Tamb = 25 C. - - - - - - - - - - - - - - - - - - - - - - - - 90 18 15 12 150 30 26 20 225 45 38 30 ns ns ns ns ns ns ns ns ns ns ns ns - - - - - - - - - - - - 8 3 2 2 36 13 10 8 44 16 13 16 75 15 13 10 125 25 21 16 190 38 33 26 ns ns ns ns ns ns ns ns ns ns ns ns VCC (V) MIN. TYP. MAX. UNIT
2004 Nov 11
13
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Type 74HCT4066 GND = 0 V; tr = tf = 6 ns; CL = 50 pF; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos turn-on time nE to Vos turn-off time nE to Vos RL = ; see Fig.19 RL = 1 k; see Figs 20 and 21 RL = 1 k; see Figs 20 and 21 RL = ; see Fig.19 RL = 1 k; see Figs 20 and 21 RL = 1 k; see Figs 20 and 21 4.5 4.5 4.5 - - - - - - 3 12 20 - - - 15 30 44 ns ns ns VCC (V) MIN. TYP. MAX. UNIT
Tamb = -40 C to +125 C tPHL/tPLH tPZH/tPZL tPHZ/tPLZ Note 1. All typical values are measured at Tamb = 25 C. 74HC4066 and 74HCT4066 At recommended conditions and typical values; GND = 0 V; tr = tf = 6 ns; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. CONDITIONS SYMBOL dsin PARAMETER OTHER sine wave distortion f = 1 kHz; RL = 10 k; CL = 50 pF; see Fig.17 Vis(p-p) (V) 4.0 8.0 VCC (V) 4.5 9.0 4.5 9.0 4.5 9.0 note 1 - 4.5 9.0 4.5 9.0 0.04 0.02 0.12 0.06 -50 -50 -60 -60 110 220 % % % % dB dB dB dB mV mV TYP. UNIT propagation delay Vis to Vos turn-on time nE to Vos turn-off time nE to Vos 4.5 4.5 4.5 18 36 53 ns ns ns
f = 10 kHz; RL = 10 k; CL = 50 pF; 4.0 see Fig.17 8.0 OFF(feedthr) ct(s) Vct(p-p) switch OFF signal feed-through RL = 600 ; CL = 50 pF; f = 1 MHz; see Figs 11 and 18 note 1
crosstalk between any two RL = 600 ; CL = 50 pF; f = 1 MHz; switches see Fig.13 crosstalk voltage between any input to any switch (peak-to-peak value) minimum frequency response (-3 dB) maximum switch capacitance RL = 600 ; CL = 50 pF; f = 1 MHz; see Fig.15 (nE, square wave between VCC and GND, tr = tf = 6 ns) RL = 50 ; CL = 10 pF; see Figs 12 and 16
fmax CS Notes
note 2 -
4.5 9.0 -
180 200 8
MHz MHz pF
1. Adjust input voltage Vis is 0 dBM level (0 dBM = 1 mW into 600 ). 2. Adjust input voltage Vis is 0 dBM level at Vos for 1 MHz (0 dBM = 1 mW into 50 ). 2004 Nov 11 14
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
MGR263
handbook, full pagewidth
0
(dB) -20
-40
-60
-80
-100 10
102
103
104
105
f (kHz)
106
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig.11 Typical switch OFF signal feed-through as a function of frequency.
MGR264
handbook, full pagewidth
5
(dB)
0
-5 10
102
103
104
105
f (kHz)
106
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig.12 Typical frequency response.
2004 Nov 11
15
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
handbook, full pagewidth
VCC 2RL nY/nZ RL 2RL channel ON CL GND
MGR265
0.1 F VI
nZ/nY
Fig.13 Test circuit for measuring crosstalk between any two switches; channels ON condition.
handbook, full pagewidth
VCC 2RL nY/nZ
VCC 2RL nZ/nY Vos
2RL
channel OFF
2RL
CL dB GND
MGR266
Fig.14 Test circuit for measuring crosstalk between any two switches; channels OFF condition.
2004 Nov 11
16
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
The crosstalk is defined as follows handbook, full pagewidth (oscilloscope output).
VCC 2RL
nE
VCC VCC GND 2RL nZ/nY 2RL CL Vos
fpage
Vct(p-p)
MGR267
nY/nZ 2RL
D.U.T.
oscilloscope GND
MGR268
Fig.15 Test circuit for measuring crosstalk between control and any switch.
handbook, full pagewidth
VCC 2RL nY/nZ 2RL channel ON
MGR269
0.1 F sine-wave Vis
nZ/nY CL dB
Vos
GND
Adjust input voltage to obtain 0 dB at Vos when fi = 1 MHz. After set-up, the frequency of fi is increased to obtain a reading of -3 dB at Vos.
Fig.16 Test circuit for measuring minimum frequency response.
2004 Nov 11
17
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
handbook, full pagewidth
VCC 2RL nY/nZ nZ/nY DISTORTION METER GND
MGR270
10 F fi = 1 kHz sine-wave Vis
Vos
2RL channel ON
CL
Fig.17 Test circuit for measuring sine wave distortion.
handbook, full pagewidth
VCC 2RL nY/nZ 2RL channel OFF
MGR271
0.1 F Vis
nZ/nY CL dB
Vos
GND
Fig.18 Test circuit for measuring switch OFF signal feed-through.
2004 Nov 11
18
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
AC WAVEFORMS
handbook, full pagewidth
tr 90% Vis 10% 50%
tf VCC
GND
Vos
50%
tPLH
tPHL
MGR272
Fig.19 Waveforms showing the input (Vis) to output (Vos) propagation delays.
tf 90 % nE input VM 10 % t PLZ output LOW - to - OFF OFF - to - LOW t PHZ output HIGH - to - OFF OFF - to - HIGH outputs enabled 90 %
tr
t PZL
50 % 10 % t PZH 50 % outputs disabled outputs enabled
MGA846
74HC4066: VM = 50 %; VI = GND to VCC. 74HCT4066: VM = 1.3 V; VI = GND to 3 V.
Fig.20 Waveforms showing the turn-on and turn-off times.
2004 Nov 11
19
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
TEST CIRCUIT AND WAVEFORMS
VCC Vis VI D.U.T. RT CL GND
MGR273
handbook, full pagewidth
VCC VO RL switch open
PULSE GENERATOR
TEST tPZH tPZL tPHZ tPLZ other
SWITCH GND VCC GND VCC open
Vis VCC GND VCC GND pulse
tf = 6 ns; when measuring fmax, there is no constraint to tr and tf with 50 % duty factor.
Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance ZO of the pulse generator.
Fig.21 Test circuit for measuring AC performance.
handbook, full pagewidth
tW 90% negative input pulse VM 10% tTHL (tf) tTLH (tr) positive input pulse 10% tW 90% VM 0V
MGR274
amplitude
0V tTLH (tr) tTHL (tf) amplitude
tr and tf FAMILY 74HC4066 74HCT4066 AMPLITUDE VCC 3.0 V VM 50 % 1.3 V fmax; PULSE WIDTH <2 ns <2 ns OTHER 6 ns 6 ns
Fig.22 Input pulse definitions.
2004 Nov 11
20
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
PACKAGE OUTLINES
DIP14: plastic dual in-line package; 14 leads (300 mil) SOT27-1
D
seating plane
ME
A2
A
L
A1
c Z e b1 b 14 8 MH wM (e 1)
pin 1 index E
1
7
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT27-1 REFERENCES IEC 050G04 JEDEC MO-001 JEITA SC-501-14 EUROPEAN PROJECTION A max. 4.2 0.17 A1 min. 0.51 0.02 A2 max. 3.2 0.13 b 1.73 1.13 0.068 0.044 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D (1) 19.50 18.55 0.77 0.73 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.1 e1 7.62 0.3 L 3.60 3.05 0.14 0.12 ME 8.25 7.80 0.32 0.31 MH 10.0 8.3 0.39 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087
ISSUE DATE 99-12-27 03-02-13
2004 Nov 11
21
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
D
E
A X
c y HE vMA
Z 14 8
Q A2 A1 pin 1 index Lp 1 e bp 7 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 0.028 0.024 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 inches 0.069 0.004 0.049
0.019 0.0100 0.35 0.014 0.0075 0.34
0.244 0.039 0.041 0.228 0.016
0.028 0.004 0.012
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2004 Nov 11
22
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
D
E
A X
c y HE vM A
Z 14 8
Q A2 A1 pin 1 index Lp L 1 bp 7 wM detail X (A 3) A
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 6.4 6.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 1.4 0.9 8 o 0
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT337-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2004 Nov 11
23
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
D
E
A
X
c y HE vMA
Z
14
8
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
7
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.72 0.38 8 o 0
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT402-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-18
2004 Nov 11
24
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT762-1 14 terminals; body 2.5 x 3 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 6 vMCAB wM C y1 C
C y
1 Eh 14
7 e 8
13 Dh 0
9 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 3.1 2.9 Dh 1.65 1.35 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 2 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT762-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
2004 Nov 11
25
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Nov 11
26
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R44/05/pp27
Date of release: 2004
Nov 11
Document order number:
9397 750 14188
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74HCT4066BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X