Part Number Hot Search : 
XR16M680 TPC6503 LB123D SGD06N60 S6025R 003931 NTD20 HB100
Product Description
Full Text Search
 

To Download 42142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED DATA SHEET
42142
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
Mii
HYBRID MICROELECTRONICS PRODUCTS DIVISION
Features:
Applications:
* * * * *
*
Design Tested to 100 krad(Si) Total Dose Hermetically Sealed in Metal Package Performance over -55C to +125C Wide Supply Voltage Range High Output Current Short Circuit Protection
* * * * * *
Satellite/Space systems Military/High Reliability Systems Programmable Power Supplies Solenoid Driver Servo Motor Amplifier Synchro Power Amplifier
DESCRIPTION
The 42142 is a power operational amplifier designed for military and space applications where radiation tolerance is required. Utilizing multi-chip hybrid construction, the 42142 power operational amplifier combines 10A load current capability with the convenience of a monolithic operational amplifier. Output current limiting is provided using external resistors. The 42142 power operational amplifier is supplied in an 8-pin hermetic flat package. This design has demonstrated it will function with minimal degradation after exposure to 100 krad(Si) total dose. This device is available as COTS, or screened to MIL-PRF-38534, Table C-IX, Class H or custom screening. Lead options support both through-hole and surface-mount assembly. ABSOLUTE MAXIMUM RATINGS: Supply Voltage (VS) ............................................................................................................... 22 V Input Voltage (1) ......................................................................................................................... 22 V Differential Input Voltage (2) ........................................................................................................ 0.7 V Peak Output Current (3) ................................................................................................................ 10 A Storage Temperature Range ......................................................................................... -65C to +150C Operating Junction Temperature .................................................................................... -55C to +150C Lead Solder Temperature for 10 seconds ........................................................................................ 300C Power Dissipation (4) ................................................................................................................... 95 W Linear Derating Factor ........................................................................................................... 0.76 W/C WEIGHT: ........................................................................................... .................... 15.2 grams (typical)
RECOMMENDED OPERATING CONDITIONS: Parameter Supply Voltage Ambient Temperature Symbol VS TA Min. 8 -55 Max. 20 125 Units VDC C
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
ELECTRICAL SPECIFICATIONS (Pre-Irradiation) VS = 15 V, TC = -55C to +125C unless otherwise specified Parameter Input Offset Voltage Input Offset Voltage Drift Input Bias Current Input Offset Current DC Open Loop Gain Common-Mode Input Voltage Range Common-Mode Rejection Ratio Gain Bandwidth Product (5) Phase Margin Slew Rate Output Voltage Swing Quiescent Current Thermal Resistance * All typical values are at TC = 25C Notes: 1. For VS less than 22 V, the input voltage is not to exceed VS. 2. Input current must not exceed 25 mA 3. It is recommended that external current limiting resistors ( RCL 0.068 ) be used to ensure that 10 A is not exceeded. See Figures 1, 2 and 4 for RCL application information. 4. Case Temperature TC = 25C (see Figure 3). 5. Guaranteed by design.
(5)
Symbol VOS IB+, IBIOS AVOL VCM CMRR GBW M SR VO IQ JA
Min. 100 10.3 100 2 12 10
Typ.* 25 15 10 126 12.3 1 45 4 30
Max. 200 5 80 75 7
Units V V/C nA nA dB V dB MHz degree V/s V mA C/W
Test Conditions
RL > 2 k, VO = 10V
VCM = 9 VDC RL = 10 k RL = 10 k (small signal) RL = 100 RCL = 0 RL = 10 k RL = 1 RL = TO-3 package
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
10
Short-Circuit Output Current (A) Short-Circuit Output Current (A)
10 8 6 4 2 0
0 0.1 0.2 0.3 0.4 0.5
RCL = .33 ohm RCL = .10 ohm TC = 25C
8 6 4 2 0
Resistance (ohm)
-55
-25
5
35
65
95
125
Temperature (C)
Figure 1. Typical Short-Circuit Output Current Case vs. Current Limiting Resistors (RCL)
Figure 2. Short-Circuit Output Current vs. Temperature (typical data).
Internal Power Dissipation (W)
100 80 60 40 20 0 -55 -25 5 35 65 95 125
Temperature (C)
Figure 3. Maximum Average Power Dissipation vs. Case Temperature (TO-3 package)
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
+VS
50 F
+RCL
3 4
42142
5
2 8
1
SIGNAL GROUND
6
-R CL
LOAD
50 F -VS
Figure 4. Application Information Controlling the short circuit current to the minimum necessary for a given application maximizes device protection and reliability. Approximate values for the current limiting resistors can be determined from the equation: RCL = (0.65/ISC - 0.01) where ISC is the short circuit current limit in amperes at TC = 25C. Current limits for positive and negative load currents can be set independently. Current limiting resistors carry the full output current, therefore the short circuit current limit should be used in determining resistor wattage. Lead lengths of the limiting resistors should be minimized and highly inductive resistor types should be avoided. Large bypass capacitors (50 F) are recommended across the power supply terminals if the application requires large output current transients. Care should be taken to keep the power supply ground currents from flowing through the signal ground path.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
TOTAL DOSE TEST RESULTS Disclaimer: The data of 4 representative units irradiated in Cobalt-60 chamber is only typical of one lot of operational amplifiers. Micropac does not guarantee performance of its Operational Amplifier to these radiation levels. Individual lots have to be screened to guarantee the performance.
40 Input Offset Voltage, V 30 20 10 0 -10 -20 0 50 Total Dose, krad (Si) 100 Input Offset Current, nA 50 40 30 20 10 0 0 50 Total Dose, krad (Si) 100
Figure 5. Input Offset Voltage vs Total Dose
Figure 6. Input Offset Current vs Total Dose
500 Input(+) Bias Current, nA Input(-) Bias Current, nA 400 300 200 100 0 0 50 Total Dose, krad (Si) 100
500 400 300 200 100 0 0 50 Total Dose, krad (Si) 100
Figure 7. Input (+) Bias Current vs Total Dose
Figure 8. Input (-) Bias Current vs Total Dose
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
Open Loop Volage Gain, dB
132 Quiescent Current, mA 0 50 Total Dose, krad (Si) 100
5
130
4
128
126
3 0 50 Total Dose, krad (Si) 100
Figure 9. Open Loop Voltage Gain vs Total Dose
Figure 10. Quiescent Current vs Total Dose
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
CASE OUTLINE
NOTE: Dimensions in inches.
ELECTRICAL CONNECTIONS
Pin 1 ................................................+V s Pin 2 ................................................ -IN Pin 3 ................................................ +IN Pin 4 ................................................ -V s Pin 5 ................................................ CLPin 6 ............................................... OUT Pin 7 ................................................ NC Pin 8 ................................................ CL+
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
ADVANCED DATA SHEET
42142 Radiation Tolerant Power Operational Amplifier
CASE OUTLINE (FOR ENGINEERING SAMPLES ONLY)
A B C
DIM A B C D E F G H J K Q R
INCHES MIN MAX 1.510 1.550 .745 .770 .260 .300 .038 .042 .080 .105 40 BASIC .500 BASIC 1.186 BASIC .583 BASIC .400 .500 .151 .161 .980 1.020
MILLIMETERS MIN MAX 38.35 39.37 18.92 19.56 6.60 7.62 0.97 1.07 2.03 2.67 40 BASIC 12.7 BASIC 30.12 BASIC 15.08 BASIC 10.16 12.70 3.84 4.09 24.89 25.91
SEATING PLANE D H G Q J
E
K
F
1 8
2
3
76
4 5
NOTE: Leads in true position with 0.010" (0.25mm) R at MMC at seating plane. Pin numbers shown for refence only. Numbers may not be marked on package.
ELECTRICAL CONNECTIONS
Pin 1 ........................................... Output Pin 2 ............................................... CL+ Pin 3 ............................................... +V s Pin 4 ............................................... +IN Pin 5 ................................................ -IN Pin 6 ............................................... -V s Pin 7 ............................................... N.C. Pin 8 ................................................ CL-
NOTE: The engineering samples could be provided in TO-3 package with the pin functions as shown above.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/17/01
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 42142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X