Part Number Hot Search : 
MC10EL IT130 RT9224CC PT2X1 MC34063 DD200 HSZ152 KG01RT
Product Description
Full Text Search
 

To Download 3266Z103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO Inc.
7.2x6.7 Square/Multiturn/Trimming Potentiometer -- 3266Z-..Common Dimensions...........................
Standard Resistance Table Resistance(Ohms) 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 25,000 50,000 100,000 200,000 250,000 500,000 1,000,000 2,000,000 Resistance Code 100 200 500 101 201 501 102 202 502 103 203 253 503 104 204 254 504 105 205 Electrical Characteristics
Standard Resistance Range..................502M Resistance Tolerance....................................10% Absolute Minimum Resistance...........1%R10 Contact Resistance Variation.........CRV3%5 Insulation Resistance................R11G(100Vac) Withstand Voltage.......................................500Vac Effective Travel...................................12 turns nom
Environmental Characteristics
Power Rating,315 volts max ......................... .............0.25W@70,0W@125 Temperature Range..........................-55125 Temperature Coefficient.......................250ppm/ Temperature Variation.............-55,30min,+125 .........................................................30min 5cycles ................................R5%R,(Uab/Uac)5% Vibration..............................10 500Hz,0.75mm,6h, ..........................R5%R, (Uab/Uac)7.5%R Collision...................................390m/s2,4000cycles .............................................................R5%R Electrical Endurance at 70
Special resistances available
How To Order 3266----Z--------103
...............................................0.25W@70 1000h, .............R10%R,R1100M,CRV3% or 5 Rotational Life...........................................200cycles ..................................R10%R,CRV3% or 5
Physical Characteristics
Starting Torque......................................... 35mN*m Marking..............when no identification, it is of10%
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of 3266Z103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X