Part Number Hot Search : 
TDA7382 AO4451 3E276K OM5233ST V131MC01 1D16UM 3055L MBR20200
Product Description
Full Text Search
 

To Download 2SC3622JD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SILICON TRANSISTORS
2SC3622, 3622A
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND SWITCHING
FEATURES
* High hFE: hFE = 1000 to 3200 @VCE = 5.0 V, IC = 1.0 mA * Low VCE(sat): VCE(sat) = 0.07 V TYP. @IC/IB = 50 mA/5.0 mA * High VEBO: VEBO: 12 V (2SC3622) VEBO: 15 V (2SC3622A)
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current (DC) Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC(DC) PT Tj Tstg 12 150 250 150 -55 to +150 Ratings 2SC3622 2SC3622A 60 50 15 Unit V V V mA mW C C
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Parameter Collector cutoff current Emitter cutoff current DC current gain DC current gain DC base voltage Collector saturation voltage Base saturation voltage Gain bandwidth product Output capacitance Turn-on time Storage temperature Fall time Symbol ICBO IEBO hFE1 * hFE2 * VBE * VCE(sat) * VBE(sat) * fT Cob ton tstg toff Conditions VCB = 50 V, IE = 0 VEB = 10 V, IC = 0 VCE = 5.0 V, IC = 1.0 mA VCE = 5.0 V, IC = 100 mA VCE = 5.0 V, IC = 1.0 mA IC = 50 mA, IB = 5.0 mA IC = 50 mA, IB = 5.0 mA VCE = 5.0 V, IE = -10 mA VCB = 5 V, IE = 0, f = 1.0 MHz VCC = 10 V, VBE(off) = -2.7 V IC = 50 mA IB1 = -IB2 = 1 mA 1000 200 1800 350 560 0.07 0.8 250 3.0 0.13 0.72 1.22 0.30 1.2 mV V V MHz pF s MIN. TYP. MAX. 100 100 3200 Unit nA nA -
s s
* Pulse test PW 350 s, duty cycle 2% per pulsed
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D16151EJ1V0DS00 Date Published April 2002 N CP(K) Printed in Japan
(c)
2002 1998
2SC3622, 3622A
hFE CLASSIFICATION
Marking hFE1 L 1000 to 2000 K 1600 to 3200
2
Data Sheet D16151EJ1V0DS
2SC3622, 3622A
TYPICAL CHARACTERISTICS (Ta = 25C)
Data Sheet D16151EJ1V0DS
3
2SC3622, 3622A
4
Data Sheet D16151EJ1V0DS
2SC3622, 3622A
[MEMO]
Data Sheet D16151EJ1V0DS
5
2SC3622, 3622A
* The information in this document is current as of July, 2001. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC3622JD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X