Part Number Hot Search : 
GS816 HD41529B PQG20 IRHE3230 GRM188R TK20D60 MAX651 R1E10
Product Description
Full Text Search
 

To Download 2N3789 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
2N3789 2N3790 2N3791 2N3792 PNP POWER TRANSISTORS JEDEC TO-3 CASE
DESCRIPTION The CENTRAL SEMICONDUCTOR 2N3789 Series types are silicon power transistors manufactured by the epitaxial planar process and designed for medium speed switching and amplifier applications. MAXIMUM RATINGS (TC=25C unless otherwise noted) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC IB PD TJ,Tstg JC 2N3789 2N3791 60 60 7.0 10 4.0 150 -65 to +200 1.17 2N3790 2N3792 80 80 UNITS V V V A A W C C/W
ELECTRICAL CHARACTERISTICS (TC=25C unless otherwise noted) SYMBOL ICEV ICEV IEBO BVCEO VCE(SAT) VCE(SAT) VBE(ON) VBE(ON) VBE(ON) hFE hFE hFE hFE fT TEST CONDITIONS VCE= Rated VCEO, VEB=1.5V VCE= Rated VCEO, VEB=1.5V, TC=150C VEB=7.0V IC=200mA IC=4.0A, IB=400mA (2N3789, 2N3790) IC=5.0A, IB=500mA (2N3791, 2N3792) VCE=2.0V, IC=5.0A (2N3789, 2N3790) VCE=2.0V, IC=5.0A (2N3791, 2N3792) VCE=4.0V, IC=10A VCE=2.0V, IC=1.0A (2N3789, 2N3790) VCE=2.0V, IC=1.0A (2N3791, 2N3792) VCE=2.0V, IC=3.0A (2N3789, 2N3790) VCE=2.0V, IC=3.0A (2N3791, 2N3792) VCE=10V, IC=500mA, f=1.0MHz 2N3789 2N3791 MIN MAX 1.0 5.0 5.0 60 1.0 1.0 2.0 1.8 4.0 25 90 50 180 15 30 4.0 2N3790 2N3792 MIN MAX 1.0 5.0 5.0 80 1.0 1.0 2.0 1.8 4.0 25 90 50 180 15 30 4.0 UNITS mA mA mA V V V V V V
MHz
(SEE REVERSE SIDE) R1
2N3789 SERIES
PNP POWER TRANSISTORS
TO-3 PACKAGE - MECHANICAL OUTLINE
A B C D G H 2 1 R2 L M F E
SYMBOL A B (DIA) C D E F G H J K L (DIA) M
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 1.516 1.573 38.50 39.96 0.748 0.875 19.00 22.23 0.250 0.450 6.35 11.43 0.433 0.516 11.00 13.10 0.054 0.065 1.38 1.65 0.035 0.045 0.90 1.15 1.177 1.197 29.90 30.40 0.650 0.681 16.50 17.30 0.420 0.440 10.67 11.18 0.205 0.225 5.21 5.72 0.151 0.172 3.84 4.36 0.984 1.050 25.00 26.67 TO-3 (REV: R2)
J
K
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2N3789

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X