Part Number Hot Search : 
NTE0505M ZTA42 AX200 TA8504 7P2BG 330M1 C4802 BCM847DS
Product Description
Full Text Search
 

To Download 1SS390R-12K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS390
SURFACE MOUNT PIN DIODE VOLTAGE
FEATURES
Very low series resistance at 100MHz (0.45 typical@IF=2mA) Low capacitance (0.8pF typical@VR=6V) Surface mount package ideally suited for automatic insertion Pb free product are available : 99% Sn above can meet RoHS environment substance directive request
35 Volts
POWER
200 mW
MECHANICAL DATA
Case: SOD-523 plastic Terminals : Solderable per MIL-STD-750,Method 2026 Approx Weight: 0.002 grams Device Marking : 390
ABSOLUTE RATINGS
Parameter Maximum Reverse Voltage Continuous Forward Current
Symbol
Value 35 0.2
Units V A
VR IF
THERMAL CHARACTERISTICS
Parameter Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Junction Temperaure Storage Temperature
Symbol
Value 200 625 -55 to 150 -55 to 150
O
Units mW C/W
O
PT O T RJA TJ TS T G
C C
O
Note 1 : FR-5 Board 1.0 x 0.75 x 0.062 in. STAD-SEP.06.2005 PAGE . 1
1SS390
ELECTRICAL CHARACTERISTICS
(TJ=25OC, unless otherwise noted)
Parameter Reverse Breakdown Voltage Reverse Current Series Resistance Total Capacitance
Symbol
Test Condition
Min. 35 -
Typ. 0.45 -
Max. 10 0.9 1.2
Units V nA pF
V(B R ) IR RS CT
IR =10A VR =25V IF=2mA,f=100MHz VR=6V,f=1MHz
1.000
100
T J =125 C
O
DC Forward Current,I F(mA)
Reverse Leakage ,I R( m A)
V R=25V
0.100
10
T J =25 C
O
T J =75 C
O
0.010
1
T J =-55 C
O
0.001 -50
0
50
100
15
0.1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Junction Temperature, T J(C)
DC Forward Voltage,V F(V)
FIG. 1-Leakage Current
FIG. 2-Forward Voltage
1.8
Series Resista nce,R S (ohms)
10
` f=100MHz ` f=100MHz
1.6
Capacitan ce,C(pF)
1.4 1.2 1 0.8 0.6 0 5 10 15 20 Reverse Voltage,V R(V) 25
1
0.1 0 2 4 6 8 10 12 DC Forward Current,I F(mA)
FIG. 3-Capacitance
FIG. 4-Series Resistance
STAD-SEP.06.2005
PAGE . 2
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0-JAN.6.2006
PAGE . 3


▲Up To Search▲   

 
Price & Availability of 1SS390R-12K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X