Part Number Hot Search : 
V0DS00 ATION CWST472 ATION BA202 00010 SC140 EPA3948G
Product Description
Full Text Search
 

To Download 1N6772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6768, 1N6769, 1N6770, 1N6771, 1N6772, 1N6773,
1N6768R 1N6769R 1N6770R 1N6771R 1N6772R 1N6773R
JAN1N6768, JAN1N6769, JAN1N6770, JAN1N6771, JAN1N6772, JAN1N6773,
JAN1N6768R, JAN1N6769R, JAN1N6770R, JAN1N6771R, JAN1N6772R, JAN1N6773R,
JANTX1N6768, JANTX1N6769, JANTX1N6770, JANTX1N6771, JANTX1N6772, JANTX1N6773,
JANTX1N6768R, JANTX1N6769R, JANTX1N6770R, JANTX1N6771R, JANTX1N6772R, JANTX1N6773R,
JANTXV1N6768, JANTXV1N6769, JANTXV1N6770, JANTXV1N6771, JANTXV1N6772, JANTXV1N6773,
JANTXV1N6768R JANTXV1N6769R JANTXV1N6770R JANTXV1N6771R JANTXV1N6772R JANTXV1N6773R
JAN, JANTX, JANTXV CENTER TAP RECTIFIER IN A TO-257AA, QUALIFIED TO MIL-PRF-19500/644 & 19500/645
16 Amp, 50 To 600 Volts, 35 To 60 ns trr
FEATURES
* * * * * * Very Low Forward Voltage Very Fast Recovery Time Hermetic Metal Package, JEDEC TO-257AA Outline Low Thermal Resistance Isolated Package High Surge
DESCRIPTION
This series of products in a hermetic isolated package is specifically designed for use at power switching frequencies in excess of 100 kHz. The series combines two high e fficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. These devices are ideally suited for Hi-Rel applications where small size and high performance is required. The common cathode and common anode configuration are both available.
ABSOLUTE MAXIMUM RATINGS
(Per Leg) @ 25C
Peak Inverse Votg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 t 60 lae 0 o 0V Maximum Average D.C. Output Current @ TC = 1 0 C . . . . . . . . . . . . . . . . . . . . 8 0 A SreCret(o-eeiie83me)...............................6A ug urn NnRpttv . sc 0 Operating and Storage Te p r t r R n e . . . . . . . . . . . . . . . . . - 6 C t + 1 0 C meaue ag 5 o 5 X .
S C H E M ATIC
1 2 COMMON ANODE 1 1 2 COMMON CATHODE 3 1N67XX
.150 .140
MECHANICAL OUTLINE
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527
1 2 3
3 1N67XXR
3
.430 .410 .038 MAX.
Note:
1N67XX = DOUBLERCathode Common 2 1N67XXR = Common Anode
.750 .500
.005
.035 .025
.100 TYP.
.120 TYP.
8 02 R6 Supersedes 4 11 R5
1N6768, 1N6769, 1N6770, 1N6771, 1N6772, 1N6773,
1N6768R 1N6769R 1N6770R 1N6771R 1N6772R 1N6773R
JAN1N6768, JAN1N6769, JAN1N6770, JAN1N6771, JAN1N6772, JAN1N6773,
JAN1N6768R, JAN1N6769R, JAN1N6770R, JAN1N6771R, JAN1N6772R, JAN1N6773R,
JANTX1N6768, JANTX1N6769, JANTX1N6770, JANTX1N6771, JANTX1N6772, JANTX1N6773,
JANTX1N6768R, JANTX1N6769R, JANTX1N6770R, JANTX1N6771R, JANTX1N6772R, JANTX1N6773R,
JANTXV1N6768, JANTXV1N6769, JANTXV1N6770, JANTXV1N6771, JANTXV1N6772, JANTXV1N6773,
JANTXV1N6768R JANTXV1N6769R JANTXV1N6770R JANTXV1N6771R JANTXV1N6772R JANTXV1N6773R
ELECTRICAL CHARACTERISTICS (Per Diode)
MIL PR F 19500 Type PIV Maximum Forward Voltage (Vo t ) ( ) ls 1 Tj= 25 C 1N6768, 644 1N6769, 1N6770, 1N6771, 645 1N6772, 1N6773, 1N6768R 50 .97V @ 4A 1.06V@8A 1.17V@8A 10 A 250 A 35 nsec 38 . Tj= -55 C Maximum Reverse Current @ .8 PIV Tj= 25 C Tj= 100 C Maximum Reverse Recovery Time (2) Maximum Thermal Resist. R qJC
1N6769R 100 1N6770R 150 1N6771R 200 1N6772R 400 1N6773R 600
1.45V @ 4A 1.60V @ 8A
1.80V @ 8A
10 A
500 A
60 nsec
25 .
(1) Pulse Test: Pulse Width = 300s, Duty Cycle
2.0%. (2) Measured in Circuit: I = 1.0 A, didt= 50 A/s / F
TYPICAL FORW ARD VOLTA G E 1N6768, 1N6769, 1N6770, 1N6771
100 100
TYPICAL FORW ARD VOLTA G E 1N6772, 1N6773
50
50
IF = INSTANTANEOUS FORWARD CURRENT (AMPS)
30 20 25C 10 TC= 125C
IF = INSTANTANEOUS FORWARD CURRENT (AMPS)
30 20 25C 10 TC= 125C
5.0 3.0 2.0 -55C
5.0 3.0 2.0 -55C
1.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VF = INSTANTANEOUS VOLTAGE (VOLTS) 1.6
1.0 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VF = INSTANTANEOUS VOLTAGE (VOLTS) 2.0
TYPICAL REVERSE CURRENT 1N6768, 1N6769, 1N6770, 1N6771
I = REVERSE CURRENT (A) R TC= 150C 100C I = REVERSE CURRENT (A) R 100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 20 40 60 80 100 120 140 160 180 200 V R = REVERSE VOLTAGE (VOLTS) 25C
TYPICAL REVERSE CURRENT 1N6772, 1N6773
100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 100 150 200 250 300 350 400 450 500 550 600 25C TC= 150C 100C
V R = REVERSE VOLTAGE (VOLTS)
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com


▲Up To Search▲   

 
Price & Availability of 1N6772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X