Part Number Hot Search : 
ER106 AQZ102D TGT20 2SB64 TZ630N EF9365 EF9365 TPC6108
Product Description
Full Text Search
 

To Download 15KPA40A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
15KW SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
1.0(25.4) MIN
0.360(9.1) 0.340(8.6)
1.0(25.4) MIN
0.052(1.32) DIA 0.048(1.22)
0.360(9.1) 0.340(8.6)
FEATURES
* Plastic package * Glass passivated junction * 15000W peak pulse power capability on10/1000 s wave from * * * *
15KW(Case style P600)
Excellent clamping capability Repetltion rate(duty cycle):0.05%? Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to BV ,Bidirectonal less than 10ns.
* High temperature soldering guaranteed: 265C/10 seconds/.375",(9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Moded plastic over glass passivated junction Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.5 grams
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 15KPA17 thru types 15KPA280 (e.g. 15KPA17C,15KPA280CA) Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25c ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000s waveform (Note 1,FIG.1) Peak Pulse Current of on 10/1000s waveform (Note 1,FIG.3) Steady State Power Dissipation at TL = 75c? , Lead lengths.375",(9.5mm) (Note 2) Peak Forward Surge Current,1/20 second / 25c (JEDEC Method)? Operating junction and Storage Temperature Range
SYMBOL
P PPM IPPM PM(AV) IFSM TJ , TSTG
VALUE
Minimum 15000 SEE TABLE1 8 100 -55 to + 175
UNITS
Watts Amps Watts Amps C
http://www.lrc-china.com 15KW-1/2
LESHAN RADIO COMPANY, LTD.
15KW SERIES
15KW PARTUNMBER UNI- POLAR 15KPA17A 15KPA18A 15KPA20A 15KPA22A 15KPA24A 15KPA26A 15KPA28A 15KPA30A 15KPA33A 15KPA36A 15KPA40A 15KPA43A 15KPA45A 15KPA48A 15KPA51A 15KPA54A 15KPA58A 15KPA60A 15KPA64A 15KPA70A 15KPA75A 15KPA78A 15KPA85A 15KPA90A 15KPA100A 15KPA110A 15KPA120A 15KPA130A 15KPA150A 15KPA160A 15KPA170A 15KPA180A 15KPA200A 15KPA220A 15KPA240A 15KPA260A 15KPA280A BI-POLAR 15KPA17CA 15KPA18CA 15KPA20CA 15KPA22CA 15KPA24CA 15KPA26CA 15KPA28CA 15KPA30CA 15KPA33CA 15KPA36CA 15KPA40CA 15KPA43CA 15KPA45CA 15KPA48CA 15KPA51CA 15KPA54CA 15KPA58CA 15KPA60CA 15KPA64CA 15KPA70CA 15KPA75CA 15KPA78CA 15KPA85CA 15KPA90CA 15KPA100CA 15KPA110CA 15KPA120CA 15KPA130CA 15KPA150CA 15KPA160CA 15KPA170CA 15KPA180CA 15KPA200CA 15KPA220CA 15KPA240CA 15KPA260CA 15KPA280CA REVERSE BREAKDOWN BREAKDOEN STANDVOLTAGE VOLTAGE OFF MIN.@I T MAX.@I T VOLTAGE V BR(V) V BR (V) V RW M (V) 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 180 200 220 240 260 280 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 200.0 222.0 245.0 267.0 289.0 311.0 20.90 22.00 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 93.80 104.0 111.0 123.0 135.0 147.0 159.0 185.0 197.0 209.0 233.0 245.0 269.0 295.0 319.0 344.0 TEST CURRENT IT (mA) 50 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 REVERSE LEAKAGE @V RWM I R(A) 5000 5000 1500 500 150 50 25 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 PEAK MAXIMUM PULSE CLAMPING CURRENT VOLTAGE@I PP I PP(A) V C (V) 512 485 437 404 369 347 316 296 274 251 228 215 205 193 181 171 160 154 144 132 123 119 109 103 93 84 78 72 62 58 55 52 47 42 39 36 33 29.3 30.9 34.3 37.1 40.5 44.0 47.5 50.7 54.8 59.7 65.8 69.7 73.0 77.7 82.8 87.5 94.0 97.3 104.0 114.0 122.0 126.0 137.0 146.0 162.0 178.0 193.0 209.0 243.0 259.0 275.0 291.0 322.0 356.0 388.0 419.0 452.0
For bidirectional type having Vrwm of 30 volts and less,the IR limit is double. For parts without A,the VBR is 10%
http://www.lrc-china.com 15KW-2/2


▲Up To Search▲   

 
Price & Availability of 15KPA40A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X