Part Number Hot Search : 
GT801 16NO7 A1003 R1EX240 BU2506 D2560 400000 NJM23
Product Description
Full Text Search
 

To Download 15KPA40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05024
15KPA17A
thru
Only One Name Means ProT ek'TionTM
15KPA280A
POWER TVS COMPONENT
APPLICA TIONS
Relay Drives Motor (Start/Stop) Back EMF Protection Module Lightning Protection Secondary Lightning Protection for AC/DC IEC COMPA TIBILITY (EN61000-4) 61000-4-5 (Surge): 48A, 8/20s - L3 (Line-Gnd), L4 (Line-Line) & L1 (Power) FEA TURES 15,000 Watts Peak Pulse Power per Line (tp=10/1000s) Unidirectional & Bidirectional Configurations Easy Mounting to Printed Circuit Board Available in Multiple Voltage Types Ranging From: 17V to 220V RoHS Compliant in Lead-Free Versions (Exemption #7) MECHANICAL CHARACTERISTICS Molded Case Weight 5 grams (Approximate) Flammability Rating UL 94V-0 Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Marking: Logo, Part Number & Date Code Positive Terminal Marked with Band - Unidirectional Only
AXIAL LEAD
APPLICA TION
TYPICAL RELAY DRIVE PROTECTION VCC
05024.R10 1/06
1
www.protekdevices.com
15KPA17A
thru
15KPA280A
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp =10/1000s) - See Fig. 1 Forward Surge Rating (1/20 seconds) - See Note 2 Steady State Power Dissipation Storage Temperature Operating Temperature
ELECTRICAL CHARACTERISTICS @ 25C Unless Otherwise Specified
PART NUMBER (Notes 1 & 2) RATED STAND-OFF VOLTAGE BREAKDOWN VOLTAGE MAXIMUM LEAKAGE CURRENT @VWM ID A 5000 5000 5000 5000 1500 1500 500 500 150 150 50 50 25 25 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 10/1000s VC @ IPP 32.3V @ 464.0A 29.3V @ 512.0A 34.2V @ 439.0A 30.9V @ 485.0A 37.9V @ 396.0A 34.3V @ 437.0A 41.1V @ 365.0A 37.1V @ 404.0A 45.0V @ 333.0A 40.7V @ 369.0A 48.7V @ 308.0A 44.0V @ 341.0A 52.4V @ 286.0A 47.5V @ 316.0A 56.2V @ 267.0A 50.7V @ 296.0A 60.6V @ 248.0A 54.8V @ 274.0A 66.0V @ 227.0A 59.7V @ 251.0A 72.8V @ 206.0A 65.8V @ 228.0A 77.1V @ 195.0A 69.7V @ 215.0A 80.7V @ 186.0A 73.0V @ 205.0A 85.9V @ 175.0A 77.7V @ 193.0A 91.5V @ 164.0A 82.8V @ 181.0A 96.8V @ 155.0A 87.5V @ 171.0A 104.0V @ 144.0A 94.0V @ 160.0A 107.0V @ 140.0A 97.3V @ 154.0A 115.0V @ 130.0A 104.0V @ 144.0A 126.0V @ 119.0A 114.0V @ 132.0A TEMPERATURE COEFFICIENT OF V(BR) qV(BR) mV/C 19 17 20 18 24 21 27 24 30 27 32 29 35 31 27 34 42 38 46 41 51 46 55 50 57 52 62 56 66 60 70 63 76 68 78 71 84 76 92 83
SYMBOL PPP IF PD TSTG TJ
VALUE 15000 200 1.0 -55 to +150 -55 to +150
UNITS Watts Amps Watts
0 0
C C
VWM VOLTS 15KPA17 15KPA17A 15KPA18 15KPA18A 15KPA20 15KPA20A 15KPA22 15KPA22A 15KPA24 15KPA24A 15KPA26 15KPA26A 15KPA28 15KPA28A 15KPA30 15KPA30A 15KPA33 15KPA33A 15KPA36 15KPA36A 15KPA40 15KPA40A 15KPA43 15KPA43A 15KPA45 15KPA45A 15KPA48 15KPA48A 15KPA51 15KPA51A 15KPA54 15KPA54A 15KPA58 15KPA58A 15KPA60 15KPA60A 15KPA64 15KPA64A 15KPA70 15KPA70A 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0
MIN V(BR) VOLTS 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8
@IT mA 50 50 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
05024.R10 1/06
2
www.protekdevices.com
15KPA17A
thru
15KPA280A
ELECTRICAL CHARACTERISTICS @ 25C Unless Otherwise Specified
PART NUMBER (Notes 1 & 2) RATED STAND-OFF VOLTAGE BREAKDOWN VOLTAGE MAXIMUM LEAKAGE CURRENT @VWM ID A 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 10/1000s VC @ IPP 135.0V @ 111.0A 122.0V @ 123.0A 140.0V @ 107.0A 126.0V @ 119.0A 152.0V @ 99.0A 137.0V @ 109.0A 160.0V @ 94.0A 146.0V @ 103.0A 179.0V @ 84.0A 162.0V @ 93.0A 196.0V @ 77.0A 178.0V @ 84.0A 214.0V @ 70.0A 193.0V @ 78.0A 231.0V @ 65.0A 209.0V @ 72.0A 268.0V @ 56.0A 243.0V @ 62.0A 287.0V @ 52.0A 259.0V @ 58.0A 304.0V @ 49.0A 275.0V @ 55.0A 321.0V @ 47.0A 291.0V @ 52.0A 356.0V @ 42.0A 322.0V @ 47.0A 393.0V @ 38.0A 356.0V @ 42.0A 428.0V @ 35.0A 388.0V @ 39.0A 464.0V @ 32.0A 419.0V @ 36.0A 500.0V @ 30.0A 452.0V @ 33.0A TEMPERATURE COEFFICIENT OF V(BR) qV(BR) mV/C 100 89 104 93 113 102 120 109 134 121 147 133 161 145 174 157 202 183 216 195 229 207 242 219 269 243 297 269 324 293 352 317 378 342
VWM VOLTS 15KPA75 15KPA75A 15KPA78 15KPA78A 15KPA85 15KPA85A 15KPA90 15KPA90A 15KPA100 15KPA100A 15KPA110 15KPA110A 15KPA120 15KPA120A 15KPA130 15KPA130A 15KPA150 15KPA150A 15KPA160 15KPA160A 15KPA170 15KPA170A 15KPA180 15KPA180A 15KPA200 15KPA200A 15KPA220 15KPA220A 15KPA240 15KPA240A 15KPA260 15KPA260A 15KPA280 15KPA280A 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 180.0 180.0 200.0 200.0 220.0 220.0 240.0 240.0 260.0 260.0 280.0 280.0
MIN V(BR) VOLTS 83.3 83.3 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0 200.0 200.0 222.0 222.0 245.0 245.0 267.0 267.0 289.0 289.0 311.0 311.0
@IT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Note 1: Part numbers shown are unidirectional devices. Add a "CA" suffix to specify bidirectional devices, such as 15KPA20CA. Note 2: VF = 7.5 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional devices only.
05024.R10 1/06
3
www.protekdevices.com
15KPA17A
thru
15KPA280A
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
1000
PPP - Peak Pulse Power - killowatts
100
10
15kW 10/1000s Waveform
0
0.1
1
10
100 td - Pulse Duration - s
1000
10000
100000
FIGURE 2 PULSE WAVE FORM
100
100
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 10/1000s 80
% Of Rated Power
IPP - Peak Pulse Current - % of IPP
tf Peak Value IPP
TEST WAVEFORM PARAMETERS t = 10s tf = 1000s d
60
td = t IPP/2 50
40
20
e-t 0 0 1 t - Time - ms 2 3
0 0 25
Average Power 50 75 100 125 TL - Lead Temperature - C 150
05024.R10 1/06
4
www.protekdevices.com
15KPA17A
thru
15KPA280A
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
AXIAL LEAD
A E
B
PACKAGE DIMENSIONS
DIM A B C D E
NOTES
1. Dimensions are exclusive of mold flash and metal burrs. 2. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., 15KPA90A-LF.
MILLIMETERS MIN MAX 24.5 8.60 24.5 1.20 DIA 8.60
INCHES MIN MAX
D
C
1.00 9.10 0.34 0.36 1.00 1.30 DIA 0.048 DIA 0.052 DIA 9.10 0.34 0.36
Outline & Dimensions: Rev 0 - 12/01, 06028
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05024.R10 1/06
5
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of 15KPA40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X