Part Number Hot Search : 
MBR1540 H1302 SMBJ17 FDLL333 TDA72 DTA115T DTA115T BC848BW
Product Description
Full Text Search
 

To Download XP1215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP1215
Silicon NPN epitaxial planer transistor
Unit: mm
2.10.1 0.425 1.250.1 0.425
0.20.05 0.12 - 0.02
+0.05
For switching/digital circuits
0.65
s Features
q q
Two elements incorporated into one package. (Emitter-coupled transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
2.00.1
1 2 3
5
0.65
4
0.9 0.1
q
UN1215 x 2 elements
0.70.1
s Basic Part Number of Element
0.2
0 to 0.1
0.20.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Rating Collector to emitter voltage of element Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings 50 50 100 150 150 -55 to +150 Unit V V mA mW C C
1 : Base (Tr1) 2 : Emitter 3 : Base (Tr2)
4 : Collector (Tr2) 5 : Collector (Tr1) EIAJ : SC-88A S-Mini Type Package (5-pin)
Marking Symbol: 9M Internal Connection
1 2 3 4 Tr1 5
Tr2
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance * Ratio between 2 elements
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE (small/large)* VCE(sat) VOH VOL fT R1 Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 VCE = 10V, IC = 5mA VCE = 10V, IC = 5mA IC = 10mA, IB = 0.3mA VCC = 5V, VB = 0.5V, RL = 1k VCC = 5V, VB = 2.5V, RL = 1k VCB = 10V, IE = -2mA, f = 200MHz -30% 150 10 +30% 4.9 0.2 160 0.5 0.99 0.25 V V V MHz k min 50 50 0.1 0.5 0.01 460 typ max Unit V V A A mA
1
Composite Transistors
PT -- Ta
250
XP1215
Total power dissipation PT (mW)
200
150
100
50
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
IC -- VCE
160 100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=10
hFE -- IC
400 VCE=10V
30 10 3 1 0.3 0.1 0.03 0.01 0.1 25C
Forward current transfer ratio hFE
140
IB=1.0mA 0.9mA 0.8mA
Ta=25C
350 300 250 200 25C 150 100 50 0 -25C Ta=75C
Collector current IC (mA)
120 100 80
0.7mA 0.6mA 0.5mA 0.4mA 0.3mA
60 0.2mA 40 20 0 0 2 4 6 8 10 12 0.1mA
Ta=75C
-25C
0.3
1
3
10
30
100
1
3
10
30
100
300
1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C 100 30
VIN -- IO
VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000 300 100 30 10 3
10 3 1 0.3 0.1 0.03 0.01 0.1
3
2
1
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
2


▲Up To Search▲   

 
Price & Availability of XP1215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X