Part Number Hot Search : 
00080 00225 324C8 2N700 MAX5106 FC154 7555CD 162244
Product Description
Full Text Search
 

To Download V23809-C8-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 11 dB Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
V23809-C8-C10
Dimensions in (mm) inches
(10 -0.25) .393 -.009
Optical Centerline
View Z
(Lead cross section and standoff size)
(8.6 max) .340 max
9x (0.8 0.1)
(0.63 0.2) .025 .008
(1 0.1) .04 .039
(3 0.2) .118 .008 PC board
.031 .004 .7 -0.1) 5.2 (.75) .205 .030.028 -.004 process plug (dashed) 8x 2.54=20.32 8x .100 =.800
qqqqqqqqq
(3.8 max) .150 max 0.3 M A .012 M A
2x
11x
0.1 M .004 M
(0.6 0.1) .024 .004 (0.46 0.05) .02 .002
9x
11x
0.1 M .004 M
Z
q
(1.4 -0.05) (2.8 max) .055 -.002 .110 max
123456789
q
0.3 M A .012 M A
(25.25 0.05) .994 .002 8x 2.54=20.32 8x .100 =.800
Rx
DUPLEX SC RECEPTACLE
q q q q q q q
12.7 .500 Tx
(2.54) .100 (2.54) .100
20.32 .800 Footprint
(1.9 -0.1) 2x .075 -.004
A
Top view
20.32 .800
(15.88 0.5) .625 .020
(11 max) .433 max
(38.6 0.15) 1.52 .006
APPLICATIONS * ATM switches/bridges/routers * Fast Ethernet, FDDI * High speed computer links * Local area networks * Switching systems Absolute Maximum Ratings Exceeding any one of these values may destroy the device immediately. FEATURES * Compliant with Fast Ethernet, FDDI, Fibre Channel, ATM/SONET/SDH standards * Compact integrated transceiver unit with duplex SC receptacle * Single power supply with 3.0 V to 5.5 V range * Extremely low power consumption < 0.7 W at 3.3 V * PECL differential inputs and outputs * System optimized for 62.5/50 m graded index fiber * Industry standard multisource footprint * Very low profile for high slot density * Wave solderable and washable with process plug inserted * Testboard available * UL-94 V-0 certified * ESD Class 1 per MIL-STD 883D Method 3015.7 (March 89) * Compliant with FCC (Class B) and EN 55022 * For distances of up to 2 km on multimode fiber Supply Voltage (VCC-VEE)....................................... -0.5 V to 7 V Data Input Levels (PECL) (VIN)..................................... VEE-VCC Differential Data Input Voltage ............................................... 3 V Operating Ambient Temperature (TAMB) ... ... ... ... 0C to 85C Storage Ambient Temperature ............................ -40C to 85C Soldering Conditions, Temp/Time (TSOLD/tSOLD) (MIL -STD 883C, Method 2003) .............................. 270C/10 s ESD Resistance (all pins to VEE, human body) .................. 1.5 kV Output Current (IO) ........................................................... 50 mA
*Available also as 8 dB V23809-C8-C11 on request.
Fiber Optics
DECEMBER 1999
DESCRIPTION This data sheet describes the Infineon Fast Ethernet/FDDI/ATM transceiver--part of Infineon Multistandard Transceiver Family. It is fully compliant with the Asynchronous Transfer Mode (ATM) OC-3 standard, the Fiber Distributed Data Interface (FDDI) Low Cost Fiber Physical Layer Medium Dependent (LCFPMD) draft standard(1), and the FDDI PMD standard(2). ATM was developed because of the need for multimedia applications, including real time transmission. The data rate is scalable and the ATM protocol is the basis of the broadband public networks being standardized in the International Telegraph and Telephone Consultative Committee (CCITT). ATM can also be used in local private applications. FDDI is a Dual Token Ring standard developed in the U.S. by the Accredited National Standards Committee (ANSC) X3T9, within the Technical Committee X3T9.5. It is applied to the local area networks of stations, transferring data at 100 Mbits/s with a 125 MBaud transmission rate. LCF FDDI is specially developed for short distance applications of up to 500 m (fiber-to-the-desk) as compared to 2 km for backbone applications. Fast Ethernet was developed because of the higher bandwidth requirement in local area networking. It is based on the proven effectiveness of millions of installed Ethernet systems. The Infineon multimode transceiver is a single unit comprised of a transmitter, a receiver, and an SC receptacle. This design frees the customer from many alignment and PC board layout concerns. The modules are designed for low cost applications. The inputs/outputs are PECL compatible and the unit operates from a 3.0 V to 5.5 V power supply. As an option, the data output stages can be switched to static levels during absence of light, as indicated by the Signal Detect function. It can be directly interfaced with available chipsets.
Notes 1. FDDI Token Ring, Low Cost Fiber Physical Layer Medium Dependent (LCF-PMD) ANSI X3T9.5 / 92 LCF-PMD / Proposed Rev. 1.3, September 1, 1992. American National Standard. 2. FDDI Token Ring, Physical Layer Medium Dependent (PMD) ANSI X3.166-1990 American National Standard. ISO/IEC 9314-3: 1990.
TECHNICAL DATA The electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. Recommended Operating Conditions
Parameter Ambient Temperature Power Supply Voltage Supply Current 3.3 V Supply Current 5 V(1) Transmitter Data Input High Voltage Data Input Low Voltage Threshold Voltage Input Data Rise/Fall, 20%-80% Data High Time(2) Receiver Output Current Input Duty Cycle Distortion Input Data Dependent Jitter Input Random Jitter Input Center Wavelength Electrical Output Load(3)
Notes 1. For VCC-VEE (min., max.). 50% duty cycle. The supply current (ICC2+ICC3) does not include the load drive current (Icc1). Add max. 45 mA for the three outputs. Load is 50 into VCC -2V. 2. To maintain good LED reliability, the device should not be held in the ON state for more than the specified time. Normal operation should be done with 50% duty cycle. 3. To achieve proper PECL output levels the 50 termination should be done to VCC -2 V. For correct termination see the application notes.
Symbol TAMB VCC-VEE ICC
Min. 0 3
Typ. Max. 70 5.5 230 260
Units C V mA
VIH-VCC VIL-VCC
-1165 -1810
-880 -1475 -1260 1.3 1000 25 1.0
mV
VBB-VCC -1380 tR, tF ton lO tDCD tDDj tRJ lC RL 1260 50 0.4
ns
mA ns
0.76 1380 nm
Regulatory Compliance
Feature Electromagnetic Interference (EMI) Immunity: Electrostatic Discharge Standard FCC Class B EN 55022 Class B CISPR 22 EN 61000-4-2 IEC 61000-4-2 Comments Noise frequency range:30 MHz to 40 GHz Discharges of 15kV with an air discharge probe on the receptacle cause no damage. With a field strength of 10 V/m rms, noise frequency ranges from 10 MHz to 1 GHz Class 1
Immunity: Radio Frequency Electromagnetic Field Eye Safety
EN 61000-4-3 IEC 61000-4-3
IEC 825-1
Fiber Optics 2
V23809-C8-C10, MM 1300 nm LED Fast Ethernet/FDDI/ATM Transceiver
Transmitter Electro-Optical Characteristics
Transmitter Data Rate Launched Power (Average) into 62.5 m Fiber for -C8-C10(1, 2) Launched Power (Average) into 62.5 m Fiber for -C8-C11(1, 2) Center Wavelength(2, 3) C Spectral Width Dl (FWHM)(2, 4) Output Rise/Fall Time, 10%-90%(2, 5) Temperature Coefficient of Optical Output Power Extinction Ratio (Dynamic)(2, 6) Optical Power Low(7) Overshoot Duty Cycle Distortion(8, 9) Data Dependent Jitter(8, 10) Random Jitter(8, 11)
Notes 1. Measured at the end of 5 meters of 62.5/125/0.275 graded index fiber using calibrated power meter and a precision test ferrule. Cladding modes are removed. Values valid for EOL and worst-case temperature. 2. The input data pattern is a 12.5 MHz square wave pattern. 3. Center wavelength is defined as the midpoint between the two 50% levels of the optical spectrum of the LED. 4. Spectral width (full width, half max) is defined as the difference between 50% levels of the optical spectrum of the LED. 5. 10% to 90% levels. Measured using the 12.5 MHz square wave pattern with an optoelectronic measurement system (detector and oscilloscope) having 3 dB bandwidth ranging from less than 0.1 MHz to more than 750 MHz. 6. Extinction Ratio is defined as PL/PH x 100%. Measurement system as in Note 5. 7 Optical Power Low is the output power level when a steady state . low data pattern (FDDI Quiet Line state) is used to drive the transmitter. Value valid <1 ms after input low. 8. Test method as for FDDI-PMD. Jitter values are peak-to-peak. 9. Duty Cycle Distortion is defined as 0.5 [(width of wider state) minus (width of narrower state)]. It is measured with stream of Idle Symbols (62.5 MHz square wave). 10.Measured with the same pattern as for FDDI-PMD. 11. Measured with the Halt Line state (12.5 MHz square wave).
Receiver Electro-Optical Characteristics
Max. 170 -14 Units MBaud dBm Receiver Data Rate Sensitivity Average Power)(2) Sensitivity (Average Power) Center(3) Saturation (Average PSAT Power)(3) -14 Symbol DR PIN Min. 5(1) -33 -35.5 -11 1 1 ns Typ. Max. 170 -31 Units MBaud dBm
Symbol Min. DR PO -20
Typ. -16
-22
-17
1270
1360 170
nm
Duty Cycle Distortion(4, 5) Deterministic Jitter(5, 6) Random Jitter(5, 7) Signal Detect Assert Level(8) Signal Detect Deassert Level(9) Signal Detect Hysteresis Output Low Voltage(10) Output High Voltage(10) Output Data Rise/Fall Time, 20%-80% Output SD Rise/Fall Time, 20%-80%
Notes
tDCD tDJ tRJ PSDA PSDD PSDA- PSDD -42.5 -45 1.0
tR, tF TCp
0.6
2.5 0.03
ns dB/C
-30 -31.5
dBm
ER PTD OS tDCD tDDJ tRJ
10 -45 10 0.6 0.3 0.6
% dBm % ns
dB -1620 -880 1.3 ns mV
VOL-VCC -1810 VOH-VCC -1025 tR, tF
40
1. Pattern: Manchester coding / NRZI (no scrambling) 2. For a bit error rate (BER) of less than 1x10E-12 over a receiver eye opening of least 1.5 ns. Measured with a 223-1 PRBS at 155 MBd. 3. For a BER of less than 1x10E-12. Measured in the center of the eye opening with a 223-1 PRBS at 155 MBd. 4. Measured at an average optical power level of -20 dBm with a 62.5 MHz square wave. 5. All jitter values are peak-to-peak. RX output jitter requirements are not considered in the ATM standard draft. In general the same requirements as for FDDI are met. 6. Measured at an average optical power level of -20 dBm. 7 Measured at -33 dBm average power. . 8. An increase in optical power through the specified level will cause the SIGNAL detect output to switch from a Low state to a High state. 9. A decrease in optical power through the specified level will cause the SIGNAL detect output to switch from a High state to a Low state. 10. PECL compatible. Load is 50 into VCC -2 V. Measured under DC conditions. For dynamic measurements a tolerance of 50 mV should be added for VCC=5 V.
Fiber Optics 3
V23809-C8-C10, MM 1300 nm LED Fast Ethernet/FDDI/ATM Transceiver
Pin Description
Pin Name RxVEE RD RDn RxSD RxVCC TxVCC TxDn TxD TxVEE Case Tx Ground Support Power Supply Not Connected RX Signal Detect Rx +3.3 V...5 V Tx +3.3 V...5 V Tx Input Data PECL Input Power Supply Rx Ground Rx Output Data Level/Logic Power Supply PECL Output Pin# 1 2 3 PECL Output active high 4 5 6 7 8 9 S1/S2 Inverted transmitter input data Transmitter input data Negative power supply, normally ground Support stud, not connected Description Negative power supply, normally ground Receiver output data Inverted receiver output data High level on this output shows there is an optical signal. Positive power supply, +3.3 V...5 V
APPLICATION NOTE Multimode 1300 nm ATM 1x9 Transceiver
C1/3=4700 nF (optional) C2/4=4700 nF L1/2=15000 nH (L2 is optional)
9 82R 82R 1 82R GND GND VCC-TX VCC-RX VCC-RX VCC L1
R1
R3
R5
82R
VCC
R7
C1 C2 VCC-TX
TXD TXDN
130R 130R VCC-TX 200R 130R 130R
RD RDN SD
R2 R4
VCC-RX
GND L2
GND
R9
R8
C3 C4
R in Ohm R1/3 R2/4 R5/7 R6/8
R9=200 Ohm
5V 82 130 82 130
4V 100 100 100 100
3.3 V 127 83 127 83
R6 GND GNDGND GND GND
GNDGND
Transceiver
DC coupling between ECL gates.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module VCC-RX/VCC-TX.
A GND plane under the module is recommended for good EMI and sensitivity performance.
Fiber Optics 4
V23809-C8-C10, MM 1300 nm LED Fast Ethernet/FDDI/ATM Transceiver
APPLICATION NOTE FOR MULTIMODE 1300 NM LED TRANSCEIVER Solutions for connecting a Infineon 3.3 V Fiber Optic Transceiver to a 5.0 V Framer-/Phy-Device. Figure 1. Common GND Figure 1a. Circuitry for SD (Differential) and Common GND
VCC 5.0 V VCC 3.3 V VCC
39K 127
VCC
VCC 5.0 V VCC 3.3 V
68
Framer/Phy SD Clock Recovery 5V SD
26K
SD Infineon Fiber Optic 3.3 V Transceiver
VCC
100 nF Data In
127 500 180
VCC Rx Out Infineon Fiber Optic Transceiver
Framer/Phy Clock Data Recovery Out
500
100 nF
Tx In
83
Figure 1b. Circuitry for SD (Single Ended) and Common GND
VCC 5.0 V VCC 3.3 V VCC
18K
SD In
SD Out
83
VCC
1.8 V Framer/Phy Clock Recovery 5V SD In SD Infineon Out Fiber Optic 3.3 V Transceiver
Inputs and outputs are differential and should be doubled. Signal Detect (SD) is single ended (if used).
1 Zener-Diode 1.8 V
Figure 2. Common VCC
510
1
VCC
127 VCC VCC Rx Out 82 83 Infineon Fiber Optic Transceiver
Data In
Inputs and outputs are differential and should be doubled. Signal Detect (SD) is single ended.
Framer/Phy Clock Data Recovery Out 130
GND 3.3 V Tx In
SD GND 5.0 V In GND 5.0 V GND 3.3 V 200
SD Out
GND 3.3 V
Fiber Optics 5
V23809-C8-C10, MM 1300 nm LED Fast Ethernet/FDDI/ATM Transceiver
Published by Infineon Technologies AG
Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your Infineon Technologies offices. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
(c) Infineon Technologies AG 1999 All Rights Reserved
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact the Infineon Technologies offices or our Infineon Technologies Representatives worldwide - see our webpage at www.infineon.com/fiberoptics
Infineon Technologies AG * Fiber Optics * Wernerwerkdamm 16 * Berlin D-13623, Germany Infineon Technologies, Corp. * Fiber Optics * 19000 Homestead Road * Cupertino, CA 95014 USA Infineon Technologies Japan K.K. * Fiber Optics * Takanawa Park Tower * 20-14, Higashi-Gotanda, 3-chome, Shinagawa-ku * Tokyo 141, Japan


▲Up To Search▲   

 
Price & Availability of V23809-C8-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X