Part Number Hot Search : 
D1210 100KR 91000 BDX33B MAX7348 1N5364C UPC617C 8800A
Product Description
Full Text Search
 

To Download UPD8884A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD8884A
(10680 PIXELS x 4 LINES) x 3 COLOR CCD LINEAR IMAGE SENSOR
DESCRIPTION
The PD8884A is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal and has the function of color separation. The PD8884A has 3 rows of (10680 x 4) staggered pixels, and each row has a dual-sided readout-type charge transfer register. And it has reset feed-through level clamp circuits and voltage amplifiers. Therefore, it is suitable for 4800 dpi/A4 color image scanners.
FEATURES
* Valid photocell * Photocell's size * Line spacing * Color filter * Resolution : (10680 pixels x 4) x 3 : 4 m : Quad staggered pixels 96 m (24 lines) Red line - Green line, Green line - Blue line : Primary colors (red, green and blue), pigment filter (with light resistance 10 lx*hour) : 192 dot/mm A4 (210 x 297 mm) size (shorter side) 4800 dpi US letter (8.5" x 11") size (shorter side) * Drive clock level : CMOS output under 5 V operation * Data rate * Power supply * On-chip circuits : 5.0 MHz Max. : +12 V : Reset feed-through level clamp circuits Voltage amplifiers
7
ORDERING INFORMATION
Part Number Package CCD linear image sensor 32-pin plastic DIP (10.16 mm (400))
PD8884ACY-A
Remark
The PD8884ACY-A is a lead-free product.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. S17546EJ1V0DS00 (1st edition) Date Published May 2005 NS CP (K) Printed in Japan
2005
PD8884A
BLOCK DIAGRAM
VOD GND GND 29 14 4
SEL2
30
2-2 1-2
11 22
Drain gate Transfer gate CCD analog shift register Transfer gate Photocell (Blue) Transfer gate CCD analog shift register Transfer gate Drain gate Drain gate Transfer gate CCD analog shift register Transfer gate Photocell (Green) Transfer gate CCD analog shift register Transfer gate Drain gate Drain gate Transfer gate CCD analog shift register Transfer gate Photocell (Red) Transfer gate CCD analog shift register Transfer gate Drain gate
2 3 5 28 19 15
VOUT1 31 (Blue)
18
TG1 (Blue)
VOUT2 32 (Green)
17
TG2 (Green)
VOUT3 1 (Red)
16
TG3 (Red)
CLB RB 2-1 1-1
SEL1
SEL3
2
Data Sheet S17546EJ1V0DS
PD8884A
PIN CONFIGURATION (Top View)
CCD linear image sensor 32-pin plastic DIP (10.16 mm (400)) * PD8884ACY-A
Output signal 3 (Red) Reset feed-through level clamp clock Reset gate clock Ground Shift register clock 2-1 Internal connection Internal connection No connection No connection No connection Shift register clock 2-2 Internal connection Internal connection Ground
VOUT3
CLB RB
1 2
1 1 1
32 31 30 29 28 27 26 25 24 23 22 21 20
21360 x 2 21360 x 2 21360 x 2
VOUT2 VOUT1
Output signal 2 (Green) Output signal 1 (Blue)
3 4 5 6 7 8
Red
SEL2 Dpi selector 2
GND
VOD
1-1
Output drain voltage Shift register clock 1-1 Internal connection Internal connection No connection No connection No connection Shift register clock 1-2 Internal connection Internal connection
2-1
IC IC NC NC NC
IC IC NC NC NC
1-2
Green
9 10 11 12 13 14 15 16
2-2
IC IC GND
Blue
IC IC
19 18 17
SEL1 Dpi selector 1 TG1 TG2
Dpi selector 3 SEL3 Transfer gate clock 3 (for Red)
Transfer gate clock 1 (for Blue) Transfer gate clock 2 (for Green)
TG3
Cautions 1. Leave pins 6, 7, 12, 13, 20, 21, 26, 27 (IC) unconnected. 2. Connect the No connection pins (NC) to GND.
Data Sheet S17546EJ1V0DS
3
PD8884A
PHOTOCELL STRUCTURE DIAGRAM (4800 dpi, for each color)
4 m
2
6
10
14
18
22
3.0 m
1.0 m
CCD
33.5 m
1
5
9
13
17
21
8 m 3 7 11 15 19 23
CCD
33.5 m
4
8
12
16
20
24
4
Data Sheet S17546EJ1V0DS
PD8884A
PHOTOCELL ARRAY STRUCTURE DIAGRAM-1 (Line spacing)
Drain gate Blue photocell array CCD analog shift register 4 m 4 m 4 m Resolution Select 4 m Blue photocell array Blue photocell array CCD analog shift register Blue photocell array Drain gate Drain gate Blue photocell array CCD analog shift register 4 m 4 m 4 m Resolution Select 4 m Blue photocell array Blue photocell array CCD analog shift register Blue photocell array Drain gate Drain gate Blue photocell array CCD analog shift register 4 m 4 m 4 m Resolution Select 4 m Blue photocell array Blue photocell array CCD analog shift register Blue photocell array Drain gate (33.5 m) 2 lines (8 m) (33.5 m)
4 m
24 lines (96 m)
(21 m)
4 m
(33.5 m) 2 lines (8 m) (33.5 m) 271 m 24 lines (96 m)
(21 m)
4 m
(33.5 m) 2 lines (8 m) (33.5 m)
PHOTOCELL ARRAY STRUCTURE DIAGRAM-2 (Dummy, OB, for each color)
Dummy (160 pixels) 4800 dpi 2 158 162 Optical black (192 pixels) Invalid photocell (16 pixels) 350 354 358 362 366 370 374 Valid photocell (42720 pixels) 43082 43086 Invalid photocell (8 pixels)
1 2400 dpi 3
157 161
349 353 357 361 365 369 373
43081 43085
159 163
351 355 359 363 367 371 375
43083 43087
4800 dpi
4
160 164
352 356 360 364 368 372 376
43084 43088
Data Sheet S17546EJ1V0DS
5
PD8884A
ABSOLUTE MAXIMUM RATINGS (TA = +25C)
Parameter Output drain voltage Shift register clock voltage Reset gate clock voltage Reset feed-through level clamp clock voltage Dpi select signal voltage Transfer gate clock voltage Operating ambient temperature Storage temperature
Note
Symbol VOD V 1, V 2 V RB V CLB V SEL1 to V SEL3 V TG1 to V TG3 TA Tstg
Ratings -0.3 to +15 -0.3 to +8 -0.3 to +8 -0.3 to +8 -0.3 to +8 -0.3 to +8 0 to +60 -40 to +70
Unit V V V V V V C C
Note Use at the condition without dew condensation. Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS (TA = +25C)
Parameter Output drain voltage Shift register clock high level Shift register clock low level Reset gate clock high level Reset gate clock low level Reset feed-through level clamp clock high level Reset feed-through level clamp clock low level Dpi select signal high level Dpi select signal low level Transfer gate clock high level Transfer gate clock low level Data rate Clock pulse frequency VOD V 1H, V 2H V 1L, V 2L V RBH V RBL V CLBH V CLBL V SEL1H to V SEL3H V SEL1L to V SEL3L V TG1H to V TG3H V TG1L to V TG3L f RB f 1, f 2 Symbol Min. 11.5 4.75 -0.3 4.5 -0.3 4.5 -0.3 4.5 -0.3 4.5 -0.3 - - Typ. 12.0 5.0 0 5.0 0 5.0 0 5.0 0 5.0 0 2.0 1.0 Max. 12.5 5.5 +0.3 5.5 +0.3 5.5 +0.3 5.5 +0.3 5.5 +0.3 5.0 10.0 Unit V V V V V V V V V V V MHz MHz
6
Data Sheet S17546EJ1V0DS
PD8884A
ELECTRICAL CHARACTERISTICS
TA = +25C, VOD = 12 V, data rate (f RB) = 2 MHz, storage time = 11.0 ms, input signal clock = 5 Vp-p, light source : 3200 K halogen lamp + C-500S (infrared cut filter, t = 1 mm) + HA-50 (heat absorbing filter, t = 3 mm)
Parameter Saturation voltage Saturation exposure Red Green Blue Photo response non-uniformity Average dark signal Dark signal non-uniformity Power consumption Output impedance Response Red Green Blue Offset level
Note
Symbol Vsat SER SEG SEB PRNU ADS DSNU PW ZO RR RG RB VOS TTE Red Green Blue
Test Conditions
Min. 2.3 - - - - - - - - 2.38 2.17 1.40 4.5
Typ. 2.7 0.79 0.87 1.35 6 0.1 2.0 380 0.4 3.40 3.10 2.00 6.0 98 630 540 460 0.05 1.0 1.0 1.0 -500 1.2
Max. - - - - 20 4.0 8.0 540 1.0 4.42 4.03 2.60 7.5 - - - - 3.0 6.0 6.0 6.0 +1000 -
Unit V lx*s lx*s lx*s % mV mV mW k V/lx*s V/lx*s V/lx*s V % nm nm nm % % % % mV mV
VOUT = 1.0 V Light shielding Light shielding
Total transfer efficiency Response peak
VOUT = 1.0 V Clock pulse frequency = 10 MHz
92 - - - - - - - - -
Image lag Response difference between inside and outside Potocell array imbalance
Note
IL RDIO PAIIN PAIOUT
VOUT = 1.0 V VOUT = 1.0 V VOUT = 1.0 V VOUT = 1.0 V Light shielding Light shielding
Reset feed-through noise Random noise (CDS)
RFTN
CDS
Note Refer to TIMING CHART 2-1 to 2-3.
Data Sheet S17546EJ1V0DS
7
PD8884A
INPUT PIN CAPACITANCE (TA = +25C, VOD = 12 V)
Parameter Shift register clock pin capacitance 1 Shift register clock pin capacitance 2 Shift register clock pin capacitance 3 Shift register clock pin capacitance 4 Reset gate clock pin capacitance Reset feed-through level clamp clock pin capacitance Select signal and gain pin capacitance Symbol C 1-1 C 1-2 C 2-1 C 2-2 C RB C CLB C SEL1 C SEL2 C SEL3 Transfer gate clock pin capacitance C TG Pin name Pin No. 28 22 5 11 3 2 19 30 15 18 17 16 Min. - - - - - - - - - - - - Typ. 750 750 750 750 20 20 20 20 20 20 20 20 Max. - - - - - - - - - - - - Unit pF pF pF pF pF pF pF pF pF pF pF pF
1-1 1-2 2-1 2-2 RB CLB SEL1 SEL2 SEL3 TG1 TG2 TG3
Remark C 1-1 to C 2-2 show the equivalent capacity of the real drive including the capacity of between each clock pin ( 1-1, 1-2, 2-1 and 2-2).
INPUT SIGNAL TABLE
Mode
SEL1
(Even-line enable switch)
SEL2
(CCD-drain switch)
SEL3
(TG-select switch)
Note
4800 dpi
High level High level
High level High level High level
High level Low level Low level
Even-line electron read photodiode to CCD Odd-line electron read photodiode to CCD Odd-line electron read photodiode to CCD Even-line electron sink to drain
2400 dpi
Low level
1200 dpi 600 dpi
Low level
Low level
Low level
1, 5, 9, 13, ... : Line photodiode use 2 to 4, 6 to 8, 10 to 12, ... : Sink to drain
8
Data Sheet S17546EJ1V0DS
TIMING CHART 1-1 (4800 dpi, for each color)
Storage time (l2, l4) Storage time (l1, l3)
TG1 to TG3
2400 dpi cycle Odd line read 2400 dpi cycle Even line read
SEL3
SEL1, SEL2 "H"
Data Sheet S17546EJ1V0DS
1-2400
2-2400
21360 pixels Odd 2400 dpi Data read 21360 pixels Even 2400 dpi Data read 21360 pixels Odd 2400 dpi Data read 21360 pixels Even 2400 dpi Data read
Remark Above means, storage time of each photocell array is "TG period x 2". And storage time of (l1, l3) and (l2, l4) is a half overlap each other.
PD8884A
9
VOUT1 to VOUT3
Optical black (96 pixels) Invalid photocell (8 pixels)
Valid photocell (21360 pixels)
43083 43085 43087 43089 43091 43093 43095
157 159 161 163
347 349 351 353
365 367 369 371
1 3 5 7 9 11
10
Data Sheet S17546EJ1V0DS
TIMING CHART 1-2 (2400 dpi, for each color)
Storage time
TG1 to TG3
1
2
RB
Note Note
CLB
SEL1 SEL2 SEL3
"L" "H"
"L"
PD8884A
Invalid photocell (4 pixels)
Note Set the RB and the CLB to high level during this period.
TIMING CHART 1-3 (1200 dpi, for each color)
Storage time
TG1 to TG3
1
2
RB
Note Note
CLB
SEL1 SEL2 SEL3
VOUT1 to VOUT3
Optical black (48 pixels) Invalid photocell (4 pixels)
Valid photocell (10680 pixels)
43081 43085 43089 43093 43097
153 157 161 165
345 349 353 357 361 365 369 373
1 5 9 13 17 21
Data Sheet S17546EJ1V0DS
"L"
"L"
"L"
PD8884A
Invalid photocell (2 pixels)
Note Set the RB and the CLB to high level during this period. 11
153+157
161+165
345+349
353+357
361+365
369+373
42973+ 42977
42981+ 42985
VOUT1 to VOUT3
Optical black (24 pixels)
Valid photocell (5340 pixels)
42989+ 42993
9+13
1+5
12
Data Sheet S17546EJ1V0DS
TIMING CHART 1-4 (600 dpi, for each color)
Storage time
TG1 to TG3
1
2
RB
Note Note
CLB
SEL1 SEL2 SEL3
"L"
"L"
"L"
PD8884A
Invalid photocell (2 pixels)
Invalid photocell (1 pixels)
N Note Set the RB and the CLB to high level during this period. Remark 2 pixels data merge at the charge detected capacitance.
PD8884A
TIMING CHART 2-1 (4800 dpi / 2400 dpi, for each color)
t1 t2
1
2
t5 t3 t6 t4
90% 10% 90% 10% t5 t3 t6 t4
RB
90% 10% t7 t9 t8 t10 t11 t7 t9 t8 t10 t11
CLB
90% 10% td RFTN td
VOUT 10%
VOS 10%
Symbol t1, t2 t3 t4 t5, t6 t7 t8 t9, t10 t11 td
Min. 0 20 40 0 -10 20 0 10 -
Typ. 30 100 150 10 +25 100 10 25 15
Max. - - - - - - - - -
Unit ns ns ns ns ns ns ns ns ns
Data Sheet S17546EJ1V0DS
13
PD8884A
TIMING CHART 2-2 (1200 dpi, for each color)
t1 t2
1
2
t5 t3 t6 t4
90% 10% 90% 10%
RB
90% 10% t7 t9 t8 t10 t11
CLB
90% 10% td RFTN
VOUT 10%
VOS
Symbol t1, t2 t3 t4 t5, t6 t7 t8 t9, t10 t11 td
Min. 0 20 40 0 -10 20 0 10 -
Typ. 30 100 150 10 +25 100 10 25 15
Max. - - - - - - - - -
Unit ns ns ns ns ns ns ns ns ns
14
Data Sheet S17546EJ1V0DS
PD8884A
TIMING CHART 2-3 (600 dpi, for each color)
t1 t2
1
2
t5 t3 t6 t4
90% 10% 90% 10%
RB
90% 10% t7 t9 t8 t10 t11
CLB
90% 10% td RFTN
VOUT
10% VOS
Symbol t1, t2 t3 t4 t5, t6 t7 t8 t9, t10 t11 td
Min. 0 20 40 0 -10 20 0 10 -
Typ. 30 100 150 10 +25 100 10 25 15
Max. - - - - - - - - -
Unit ns ns ns ns ns ns ns ns ns
Data Sheet S17546EJ1V0DS
15
PD8884A
TIMING CHART 3 (readout)
t13 t12 t14
TG1 to TG3
90% 10% t15 90% 10% t17
t16
SEL3
t18
1 2
90%
t19
t20
RB, CLB
90%
Symbol t12 t13, t14 t15, t16 t17 t18 t19, t20
Min. 8000 0 1000 1000 7000 500
Typ. 15000 50 2000 2000 10000 1000
Max. (50000) - - - - -
Unit ns ns ns ns ns ns
1, 2 CROSS POINTS
2
2.0 V or more 2.0 V or more
1
Remark Adjust cross points of 1 and 2 with input resistance of each pin.
16
Data Sheet S17546EJ1V0DS
PD8884A
DEFINITIONS OF CHARACTERISTIC ITEMS
1. Saturation voltage : Vsat Output signal voltage at which the response linearity is lost. Photo pixel and CCD register electron saturate level. 2. Saturation exposure : SE Product of intensity of illumination (lx) and storage time (s) when saturation of output voltage occurs. 3. Photo response non-uniformity : PRNU The output signal non-uniformity of all the valid pixels when the photosensitive surface is applied with the light of uniform illumination. PRNU of 4800 dpi is calculated by the following formula.
PRNUIN (%) =
x x 100 x
PRNUOUT (%) =
y x 100 y
x : maximum of xj - x
x : maximum of yj - y
x=
xj j=1
IV
IV
y=
yj j=1
IO
IO
xj : Output voltage of valid pixel number j IV : Number of inside valid pixels (21360 bits)
yj : Output voltage of valid pixel number j IO : Number of outside valid pixels (21360 bits)
The following figure shows output waveform of 4800 dpi mode.
VOUT
Register Dark DC level
x
y
x
y
Inside 2400 dpi data set Outnside 2400 dpi data set
4. Average dark signal : ADS Average output signal voltage of all the valid pixels at light shielding. This is calculated by the following formula.
Vaild pixels j=1
dj
ADS (mV) =
Valid pixels dj : Dark signal of valid pixel number j
Data Sheet S17546EJ1V0DS
17
PD8884A
5. Dark signal non-uniformity : DSNU Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid pixels at light shielding. This is calculated by the following formula.
DSNU (mV) : maximum of dj - ADS j = 1 to Valid pixels dj : Dark signal of valid pixel number j
VOUT ADS Register Dark DC level DSNU
6. Output impedance : ZO Impedance of the output pins viewed from outside. 7. Response : R Output voltage divided by exposure (lx*s). Note that the response varies with a light source (spectral characteristic). R of 4800 dpi is defined as following (refer to 3. Photo response non-uniformity). x RIN : divided by exposure (lx*s) y ROUT : divided by exposure (lx*s) 8. Image lag : IL The rate between the last output voltage and the next one after read out the data of a line.
TG
Light ON OFF
VOUT V1 VOUT
IL (%) =
V1 x 100 VOUT
18
Data Sheet S17546EJ1V0DS
PD8884A
9. Response difference between inside and outside : RDIO Difference of average output voltage between inside 2400 dpi and outside 2400 dpi (refer to 3. Photo response non-uniformity).
2x-y x 100 x+y
RDIO (%) =
10. Photocell array imbalance : PAI PAI is calculated by following formula (refer to 3. Photo response non-uniformity).
n m
2 n PAIIN (%) =
j=1
(x2j -1 - x2j)
1 n
j=1
2
2 m x 100 PAIOUT (%) =
j=1
(y2j -1 - y2j)
1 n
j=1
2
xj
n
yj
m
x 100
xj : Output voltage of each pixel n : Number of valid pixels (21360 bits)
yj : Output voltage of each pixel m : Number of valid pixels (21360 bits)
11. Offset level : VOS DC level of output signal is defined as follows. 12. Reset feed-through noise : RFTN Reset feed-through noise (RFTN) are defined as follows.
RFTN VOUT
VOS
Data Sheet S17546EJ1V0DS
19
PD8884A
13. Random noise (CDS) : CDS Random noise CDS is defined as the standard deviation of a valid pixel output signal with 100 times (=100 lines) data sampling at dark (light shielding). CDS is calculated by the following procedure. 1. One valid photocell in one reading is fixed as measurement point. 2. The output level is measured during the reset feed-through period which is averaged over 100 ns to get "VDi". 3. The output level is measured during the video output time averaged over 100 ns to get "VOi". 4. The correlated double sampling output is defined by the following formula. VCDSi = VDi - VOi 5. Repeat the above procedure (1 to 4) for 100 times (= 100 lines). 6. Calculate the standard deviation CDS using the following formula equation.
100
CDS (mV) =
(VCDSi - V) i=1
100
2
, V=
1
100
100 i = 1
VCDSi
The following figure shows output waveform (valid photocell under dark condition).
Reset feed-through
Video output
20
Data Sheet S17546EJ1V0DS
PD8884A
STANDARD CHARACTERISTIC CURVES (Reference Value)
DARK OUTPUT TEMPERATURE CHARACTERISTIC
8 2
STORAGE TIME OUTPUT VOLTAGE CHARACTERISTIC (TA = +25C)
4
Relative Output Voltage
2
1
0.5
0.25
0.1 0
10
20
30
40
50
Relative Output Voltage
1
0.2
0.1 1
5 Storage Time (ms)
10
Operating Ambient Temperature TA (C)
TOTAL SPECTRAL RESPONSE CHARACTERISTICS (without infrared cut filter and heat absorbing filter) (TA = +25C)
100 R
B 80
G
Response Ratio (%)
60
40
G 20
B 0 400 500 600 Wavelength (nm) 700 800
Data Sheet S17546EJ1V0DS
21
PD8884A
APPLICATION CIRCUIT EXAMPLE
PD8884A
1 VOUT3 47 VOUT2 31 VOUT1 B1 30 29 GND 5.1 VOD 28 27 IC 7 IC 8 NC 9 NC 10 NC 5.1 NC 11 12 IC 13 IC 14 GND 47 15 16 IC IC 20 19 18 17 47 NC 23 22 21 5.1 NC 24 IC 25 IC 26 5.1 47 0.1 F 47 F/25 V 2 3 4 5 6 32 B2 +12 V B3 +
CLB
47
CLB RB
RB
SEL2
SEL2
2-1
2-1
1-1
1-1
2-2
2-2
1-2
1-2
SEL1
SEL1
47 47
SEL3
47
SEL3
TG1 TG2
TG
TG3
Cautions 1. Leave pins 6, 7, 12, 13, 20, 21, 26, 27 (IC) unconnected. 2. Connect the No connection pins (NC) to GND. Remarks 1. RB, CLB, TG1 to TG3 and SEL1 to SEL3 driving inverters shown in the above application circuit example are the 74HC04.
1-1 to 2-2 driving inverters shown in the above application circuit example are the 74HC04 ( 2.0
MHz) or the 74AC04 (> 2.0 MHz). 2. Inverters B1 to B3 in the above application circuit example are shown in the figure below.
B1 to B3 EQUIVALENT CIRCUIT 12 V + 100 CCD VOUT 47 F/25 V
100
2SC1842 2 k
22
Data Sheet S17546EJ1V0DS
PD8884A
PACKAGE DRAWING
PD8884ACY CCD LINEAR IMAGE SENSOR 32-PIN PLASTIC DIP (10.16 mm (400))
(Unit : mm) 55.20.5 54.80.5 1st valid pixel 5.850.3 32
1
17
1 46.7 12.60.5
4
16 2.0 4.10.5
4
9.050.3
9.250.3
10.160.20 (1.775)
2
1.020.15
4.550.5
2.7250.3 0.460.1 2.540.25 (5.42) 4.210.5 0.250.05
3
10.16 +0.70 -0.20
Name Plastic cap
Dimensions 52.2x6.4x0.8 (0.7 5)
Refractive index 1.5
1 1st valid pixel The center of the pin1 2 The surface of the CCD chip The top of the cap 3 The bottom of the package The surface of the CCD chip 4 Mirror finishied surface 5 Thickness of mirror finished surface
Data Sheet S17546EJ1V0DS
23
PD8884A
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult with our sales offices. For technical information, see the following website. Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html) Type of Through-hole Device
PD8884ACY-A : CCD linear image sensor 32-pin plastic DIP (10.16 mm (400))
Process Partial heating method Conditions Pin temperature : 300 C or below, Heat time : 3 seconds or less (per pin)
Cautions 1. 2.
During assembly care should be taken to prevent solder or flux from contacting the plastic cap. The optical characteristics could be degraded by such contact. Soldering by the solder flow method may have deleterious effects on prevention of plastic cap soiling and heat resistance. So the method cannot be guaranteed.
24
Data Sheet S17546EJ1V0DS
PD8884A
NOTES ON HANDLING THE PACKAGES
1 DUST AND DIRT PROTECTING
The optical characteristics of the CCD will be degraded if the cap is scratched during cleaning. Don't either touch plastic cap surface by hand or have any object come in contact with plastic cap surface. Should dirt stick to a plastic cap surface, blow it off with an air blower. For dirt stuck through electricity ionized air is recommended. And if the plastic cap surface is grease stained, clean with our recommended solvents.
CLEANING THE PLASTIC CAP
Care should be taken when cleaning the surface to prevent scratches. We recommend cleaning the cap with a soft cloth moistened with one of the recommended solvents below. Excessive pressure should not be applied to the cap during cleaning. If the cap requires multiple cleanings it is recommended that a clean surface or cloth be used.
RECOMMENDED SOLVENTS
The following are the recommended solvents for cleaning the CCD plastic cap. Use of solvents other than these could result in optical or physical degradation in the plastic cap. Please consult your sales office when considering an alternative solvent. Solvents Ethyl Alcohol Methyl Alcohol Isopropyl Alcohol N-methyl Pyrrolidone Symbol EtOH MeOH IPA NMP
2 MOUNTING OF THE PACKAGE
The application of an excessive load to the package may cause the package to warp or break, or cause chips to come off internally. Particular care should be taken when mounting the package on the circuit board. Don't have any object come in contact with plastic cap. You should not reform the lead frame. We recommended to use a IC-inserter when you assemble to PCB. Also, be care that the any of the following can cause the package to crack or dust to be generated. 1. Applying heat to the external leads for an extended period of time with soldering iron. 2. Applying repetitive bending stress to the external leads. 3. Rapid cooling or heating
3 OPERATE AND STORAGE ENVIRONMENTS
Operate in clean environments. CCD image sensors are precise optical equipment that should not be subject to mechanical shocks. Exposure to high temperatures or humidity will affect the characteristics. So avoid storage or usage in such conditions. Keep in a case to protect from dust and dirt. Dew condensation may occur on CCD image sensors when the devices are transported from a low-temperature environment to a high-temperature environment. Avoid such rapid temperature changes. For more details, refer to our document "Review of Quality and Reliability Handbook" (C12769E)
4 ELECTROSTATIC BREAKDOWN
CCD image sensor is protected against static electricity, but destruction due to static electricity is sometimes detected. Before handling be sure to take the following protective measures. 1. 2. 3. 4. 5. 6. Ground the tools such as soldering iron, radio cutting pliers of or pincer. Install a conductive mat or on the floor or working table to prevent the generation of static electricity. Either handle bare handed or use non-chargeable gloves, clothes or material. Ionized air is recommended for discharge when handling CCD image sensor. For the shipment of mounted substrates, use box treated for prevention of static charges. Anyone who is handling CCD image sensors, mounting them on PCBs or testing or inspecting PCBs on which CCD image sensors have been mounted must wear anti-static bands such as wrist straps and ankle straps which are grounded via a series resistance connection of about 1 M.
Data Sheet S17546EJ1V0DS
25
PD8884A
[MEMO]
26
Data Sheet S17546EJ1V0DS
PD8884A
NOTES FOR CMOS DEVICES
1 VOLTAGE APPLICATION WAVEFORM AT INPUT PIN Waveform distortion due to input noise or a reflected wave may cause malfunction. If the input of the CMOS device stays in the area between VIL (MAX) and VIH (MIN) due to noise, etc., the device may malfunction. Take care to prevent chattering noise from entering the device when the input level is fixed, and also in the transition period when the input level passes through the area between VIL (MAX) and VIH (MIN). 2 HANDLING OF UNUSED INPUT PINS Unconnected CMOS device inputs can be cause of malfunction. If an input pin is unconnected, it is possible that an internal input level may be generated due to noise, etc., causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND via a resistor if there is a possibility that it will be an output pin. All handling related to unused pins must be judged separately for each device and according to related specifications governing the device. 3 PRECAUTION AGAINST ESD A strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it when it has occurred. Environmental control must be adequate. When it is dry, a humidifier should be used. It is recommended to avoid using insulators that easily build up static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work benches and floors should be grounded. The operator should be grounded using a wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with mounted semiconductor devices. 4 STATUS BEFORE INITIALIZATION Power-on does not necessarily define the initial status of a MOS device. Immediately after the power source is turned ON, devices with reset functions have not yet been initialized. Hence, power-on does not guarantee output pin levels, I/O settings or contents of registers. A device is not initialized until the reset signal is received. A reset operation must be executed immediately after power-on for devices with reset functions. 5 POWER ON/OFF SEQUENCE In the case of a device that uses different power supplies for the internal operation and external interface, as a rule, switch on the external power supply after switching on the internal power supply. When switching the power supply off, as a rule, switch off the external power supply and then the internal power supply. Use of the reverse power on/off sequences may result in the application of an overvoltage to the internal elements of the device, causing malfunction and degradation of internal elements due to the passage of an abnormal current. The correct power on/off sequence must be judged separately for each device and according to related specifications governing the device. 6 INPUT OF SIGNAL DURING POWER OFF STATE Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that results from input of such a signal or I/O pull-up power supply may cause malfunction and the abnormal current that passes in the device at this time may cause degradation of internal elements. Input of signals during the power off state must be judged separately for each device and according to related specifications governing the device.
Data Sheet S17546EJ1V0DS
27
PD8884A
* The information in this document is current as of May, 2005. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of UPD8884A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X