Part Number Hot Search : 
MAX38 M100D ATS01 ATS01 4ACT24 ATS01 2SJ281FA EDZ27
Product Description
Full Text Search
 

To Download TXL060-0534T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Power Supplies
TXL Series
Features
Compact Metal Case with Screw Terminal Block Single, Dual and Triple Output Models Universal Input 85-264 VAC, 50/60 Hz EMI / EMC Compliance with EN 50081-1 and EN 50082-1 Compliance to EN 61000-3-2 (PFC) Short Circuit and Overvoltage Protection High Efficiency International Safety Approvals Industrial Grade Components 2 Year Product Warranty
35 - 100 Watt
This new range of very compact switching power supplies are designed for all applications, where high reliability and long lifetime are important. They provide excellent electric specifications and full compliance to the European EMC and Low Voltage Directive. Universal input and international safety approvals qualify these power supplies for worldwide use. With their low profile case and screw terminal block they are easy to install in any equipment.
Models with Single Output
Order Code TXL 035-3.3S TXL 035-05S TXL 035-12S TXL 035-15S TXL 035-24S TXL 035-48S TXL 060-3.3S TXL 060-05S TXL 070-12S TXL 070-15S TXL 070-24S TXL 070-48S TXL 100-3.3S TXL 100-05S TXL 100-12S TXL 100-15S TXL 100-24S TXL 100-48S Output Power Output Voltage nom. 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC Output Current max. 9.0 A 7.0 A 3.0 A 2.4 A 1.5 A 0.75 A 15 .0 12.0 6.0 4.8 3.0 1.5 25.0 20.0 8.5 6.8 4.5 2.1 A A A A A A A A A A A A-
35 Watt
60 / 70 Watt
100 Watt
http://www.tracopower.com
Page 1
Switching Power Supplies
TXL Series 35 - 100 Watt
Models with Multiple Output
Order Code TXL 060-0512D TXL 060-0524D TXL 060-0521T TXL 060-0522T TXL 060-0533T TXL 060-0534T TXL 100-0512D TXL 100-0524D TXL 100-0521T TXL 100-0522T TXL 100-0533T TXL 100-0534T Output Power max. +5 +5 +5 +5 +5 +5 +5 +5 +5 +5 +5 +5 * Output1 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC / / / / / / / / / / / / 8.0 6.0 8.0 7.0 7.0 6.0 12 10 12 12 12 12 A A A A A A A A A A A A * Output 2 +12 +24 +12 +12 +15 +12 +12 +24 +12 +12 +15 +12 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC / / / / / / / / / / / / 4.0 2.2 3.5 3.5 3.0 1.5 5.0 3.0 5.0 5.0 3.0 3.0 A A A A A A A A A A A A * Output 3
60 Watt
-5 VDC / 1.0 A -12 VDC / 1.0 A -15 VDC / 1.0 A +24 VDC / 1.2 A
100 Watt
-5 VDC / 1.5 -12 VDC / 1.5 -15 VDC / 1.5 +24 VDC / 2.0
A A A A
* Total power must not exceed specified output power
Input Specifications
Input voltage range Input frequency Input current (at full load) TXL 035 models TXL 060/ 070 models TXL 100 models Input current (at no load) TXL 035 models other models Start-up time 85 - 264 VAC 88 - 264 VAC (TXL 100 models) 47 - 63 Hz Vin = 115 VAC 0.7 A typ. 1.0 A typ. 1.65 A typ. Vin = 115 VAC 50 mA typ. 100 mA typ. Vin = 230 VAC 420 mA typ. 600 mA typ. 950 mA typ. Vin = 230 VAC 55 mA typ. 80 mA typ.
200 ms max @ 230 VAC 700 ms max @ 115 VAC
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
Switching Power Supplies
TXL Series 35 - 100 Watt
Output Specifications
Output voltage adjustment range (only single output models) Regulation - Input variation - Load variation (10 - 100%) 10% 1 % max. 2 % max. (main output) 5 % max. (output 2/3) Ripple and noise (20Mhz Bandwidth) 3.3VDC output Output 3 (of triple output models) all other output voltages Output current limitation Overload protection mode Over voltage protection (only output 1) Capacitive load, max. 3.3 -12 VDC output models: TXL 070: 24 VDC & 48VDC output models: TXL 100: 24 VDC & 48VDC output models: TXL 035: 24 VDC & 48VDC output models: < 50mV < 1.5% of Vout < 1.0% of Vout nom. 105 % - 150% of Iout max. Fold back, automatic recovery 115 % - 140 % of Vout nom. (depending on model) 10'000 F 10'000 F 4'700 F 1'000 F
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3
Switching Power Supplies
TXL Series 35 - 100 Watt
General Specifications
Temperature ranges - Operating - Load derating above 45C - Storage (non operating) 0 C...+70 C 2% /C - 10 C...+75 C 0.02 % / C 70 - 80 % (depending on model) 85 % rel max. (non condensing) 50 kHz typ. (pulse width modulation) Vin = 115 VAC 16 ms min. - Input / output - Input / case - Output / case TXL 035 TXL 060/070 single output models TXL 100 single output models Multi output Models ELectromagnetic compatibility (EMC), Emissions - Conducted input RI suppression - Harmonic current emissions - Flicker ELectromagnetic compatibility (EMC), Immunity (all multioutput models) - Electrostatic discharge ESD - RF field immunity - Electrical fast transients/burst immunity - Surge - Conducted RF - Magnetic field - Voltage dip Safety standards Safety approval Case material TXL 035 TXL 060/070/100 3`000 VAC 1`500 VAC 500 VAC > 335`000 h @ 25C > 355'000 h @ 25C > 270'000 h @ 25C > 290'000 h @ 25C EN 55022, class B, FCC part 15, level B IEC / EN 61000-3-2, class A IEC / EN 61000-3-3 IEC IEC IEC IEC IEC IEC IEC / EN 61000-4-2 / EN 61000-4-3 / EN 61000-4-4 / EN 61000-4-5 / EN 61000-4-6 / EN 61000-4-8 / EN 61000-4-11 4 kV / 8 kV 3 V/m 1 kV 1 kV / 2 kV 3 V/m 3 A/m Vin = 230 VAC 60 ms min.
Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time Isolation voltage
Reliability /calculated MTBF (MIL-HDBK-217F)
UL 1950, IEC 60950, EN 60950 cUL /UL File E188913 Stainless steel (chassis & cover) Aluminium (chassis), stainless steel (cover)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 4
Switching Power Supplies
TXL Series 35 - 100 Watt
Outline Dimensions mm (inches) TXL 035
10 max.
(0.39 max.)
99 0.8
(3.90 0.03) M3 thread (bottom)
82 0.8 (3.23 0.03)
L N
Vout
35 0.5 (1.38 0.03)
20.5
(0.81)
55 0.5 (2.17 0.02)
M3 thread
45 (1.77)
18
(0.71)
74 0.5
(2.91 0.02)
(0.69)
17.5
Weight:
0.3 kg (10 oz)
TXL 060 / 070
10 max.
(0.39 max.)
160 0.8
(6.30 0.03) M3 thread (bottom)
(3.74 0.03)
L N
95 0.8
Vout
37.5 0.5
(1.48 0.02)
24
(0.95)
78 0.5 (3.07 0.02)
18 0.5
M3 thread
(0.71 0.02)
(1.26) (0.75)
32
22
(0.87)
118 0.5 (4.65 0.02)
19
Weight:
0.7 kg (25 oz)
Specifications can be changed without notice http://www.tracopower.com Page 5
Switching Power Supplies
TXL Series 35 - 100 Watt
Outline Dimensions mm (inches) TXL 100
10 max.
(0.39 max.)
198 0.8
(7.80 0.03)
(3.74 0.03)
Vout
4 x M3 thread (bottom)
38 0.5
(1.50 0.02)
62
(2.44)
120 0.8
(4.72 0.03) M3 thread
(0.71 0.02)
18 0.5
(0.35)
9
(3.15 0.02)
L N
95 0.8
80 0.5
20
(0.79)
158 0.5
(6.22 0.02)
Weight:
0.9 kg (30 oz)
Specifications can be changed without notice
11/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
(0.75)
19
Page 6


▲Up To Search▲   

 
Price & Availability of TXL060-0534T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X