Part Number Hot Search : 
99000 VISHAY MG100 EC50A 11101 2SJ343 ON2018 6A100
Product Description
Full Text Search
 

To Download TRANSLATOR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
LOW-POWER HEX ECL-to-TTL TRANSLATOR
DESCRIPTION
SY100S325
SY100S325
FEATURES
Max. propagation delay of 3.7ns IEE min. of -37mA TTL outputs Extended supply voltage option: VEE = -4.2V to -5.5V 25% faster than National's 325 Differential inputs with built-in offset Voltage and temperature compensation for improved noise immunity VBB output for single-ended use Internal 75K input pull-down resistors Function and pinout compatible with Fairchild F100K Available in 24-pin CERPACK and 28-pin PLCC packages
The SY100S325 are hex TRANSLATORs for converting 100K ECL logic levels to TTL logic levels. Inputs can be used as inverting, non-inverting or differential receivers. An internal reference voltage generator provides VBB for single-ended operation or for use in Schmitt trigger applications. All inputs have 75K pull-down resistors. The outputs will go LOW when the inputs are either open or have the same potential. When used in single-ended operation, the apparent input threshold of the true inputs is 20mV to 40mV higher (positive) than the threshold of the complementary inputs. The VTTL and VEE power may be applied in either order.
BLOCK DIAGRAM
VBB D0 D0 D1 D1 D2 D2 D3 D3 D4 D4 D5 D5 Q0
PIN NAMES
Pin D0-D5 D0-D5 Q0-Q5 Q1 VEES VTTL Q2 VCCA Data Inputs Inverting Data Inputs Data Outputs VEE Substrate TTL VCC Power Supply VCCO for ECL Outputs Function
Q3
Q4
Q5
M9999-061306 hbwhelp@micrel.com or (408) 955-1690
Rev.: H
Amendment: /0
1
Issue Date: June 2006
Micrel, Inc.
SY100S325
PACKAGE/ORDERING INFORMATION
VEES D5 Q3 Q4 Q5 D5 D4
Ordering Information
Part Number
18 17 16
25 24 23 22 21 20 19
VTTL VTTL VCC VCC VCC Q2 Q1
Package Type F24-1 F24-1 J28-1 J28-1 J28-1 J28-1
Operating Range Commercial Commercial Commercial Commercial Industrial Industrial
Package Marking SY100S325FC SY100S325FC SY100S325JC SY100S325JC SY100S325JY with Pb-Free bar-line indicator SY100S325JY with Pb-Free bar-line indicator
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Matte-Tin Matte-Tin
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Top View PLCC J28-1
15 14 13 12
D4 D3 D3 VEES VEE VBB D2
SY100S325FC SY100S325FCTR(1) SY100S325JC SY100S325JCTR(1) SY100S325JY(2) SY100S325JYTR(1, 2)
Notes:
D0 VEES
Q0 D0
D1 D1
28-Pin PLCC (J28-1)
D2
1. Tape and Reel. 2. Pb-Free package is recommended for new designs.
VEE
VBB
D4
D3
24
23
D3
22
21
20 19 18 17
D4 D5 D5 Q5 Q4 Q3
D2
1 2 3 4 5 6 7 8 9 10 11 12
D2 D1 D1 D0 D0 Q0
Top View Flatpack F24-1
16 15 14 13
VTTL
VCC
Q2
24-Pin Cerpack (F24-1)
M9999-061306 hbwhelp@micrel.com or (408) 955-1690
VTTL
VCC
Q1
2
Micrel, Inc.
SY100S325
DC ELECTRICAL CHARACTERISTICS
VEE = -4.2V to -4.8V unless otherwise specified, VCC =VCCA = GND, VTTL = +4.5V to +5.5V
Symbol VOH VOL VDIFF VCM IIH IIL IOS IEE ITTL VBB VIH VIL Parameter Output HIGH Voltage Output LOW Voltage Input Voltage Differential Common Mode Voltage Input HIGH Current Input LOW Current Output Short Circuit Current VEE Power Supply Current VTTL Power Supply Current Ouptut Reference Voltage Single-Ended Input HIGH Voltage Single-Ended Input LOW Voltage Min. 2.5 -- 150 -- -- 0.5 -150 -37 -- -1380 -1165 -1810 Typ. -- -- -- -- -- -- -80 -24 42 Max. -- 0.5 -- 1.0 350 -- -60 -17 65 Unit V V mV V A A mA mA mA mV mV mV IOH = -2.0mA IOL = 24mA Condition VIN = VIH (Max.) VIN = VIL (Min.)
Required for Full Output Swing Permissible VCM with Respect to VBB VIN = VIH (Max.), D0-D5 = VBB, D0-D5 = VIL (Min.) VIN = VIH (Min.), D0-D5 = VBB VOUT = GND D0-D5 = VBB D0-D5 = VBB IVBB = -2.1mA Guaranteed HIGH Signal for All Inputs (with One Tied to VBB) Guaranteed LOW Signal for All Inputs (with One Tied to VBB)
-1320 -1260 -- -- -880 -1475
AC ELECTRICAL CHARACTERISTICS PLCC/FLATPACK
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND, VTTL = +4.5V to +5.5V
Symbol tPLH tPHL tPLH tPHL Parameter Propagation Delay Data to Output Propagation Delay Data to Output Min. 900 900 Typ. 2100 3100 Max. 2900 3700 Unit ps ps Condition CL = 15pF, Figure 2 CL = 50pF, Figure 2
M9999-061306 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
SY100S325
SWITCHING WAVEFORM
0.7 0.1 ns INPUT 20% tPLH ATTENUATED OUTPUT
Figure 1. Propagation Delay Note: VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
0.7 0.1 ns -0.95V 80% 50% -1.69V tPHL 50%
TEST CIRCUITS
VTTL 0.1F VBB
OPEN
PULSE GENERATOR CL
450
L2 SCOPE CHAN B RT
L1 SCOPE CHAN A RT
VCC VEE
Figure 2. AC Test Circuit for 15pF Loading
Notes: VCC = 0V, VEE = -4.5V, VTTL = +5V L1 and L2 = equal length 50 impedance lines RT = 50 terminator internal to scope Decoupling 0.1F from GND to VCC, VEE and VTTL All unused outputs are loaded with 500 to GND CL = Fixture and stray capacitance = 3pF
M9999-061306 hbwhelp@micrel.com or (408) 955-1690
4
Micrel, Inc.
SY100S325
24-PIN CERPACK (F24-1)
Rev. 03
M9999-061306 hbwhelp@micrel.com or (408) 955-1690
5
Micrel, Inc.
SY100S325
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-061306 hbwhelp@micrel.com or (408) 955-1690
6


▲Up To Search▲   

 
Price & Availability of TRANSLATOR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X