Part Number Hot Search : 
150TEA 1N4739AW SMAJ5305 AD5061 E001056 GRM188R7 CPT40140 S2415
Product Description
Full Text Search
 

To Download TLA5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLA5000 Series Logic Analyzers
TLA5201 * TLA5202 * TLA5203 * TLA5204
Features & Benefits
500 ps (2 GHz)/32 Mb Deep Memory Timing to Capture Intermittent Events Over a Wide Time Window 125 ps-resolution MagniVuTM Timing Simultaneous with State or Deep Memory Timing Acquisition to Find Elusive Timing Problems Quickly, Without Double Probing Glitch and Setup/Hold Violation Triggering and Display to Find and Display Elusive Hardware Problems 235 MHz State Acquisition Provides Analysis of High-speed Synchronous Digital Circuits iViewTM Time-correlated Digitalanalog View to Clearly See How Analog Anomalies are Affecting Your Digital Signals 34/68/102/136 Channel Configurations Offer Flexible Solutions to Fit Any Budget
TLA5000 Series logic analyzers combine debug power with simplicity and affordability The affordable TLA5000 Series logic analyzers make high-speed timing resolution, fast state acquisition, deep memory and sophisticated triggering available to any digital designer who needs to identify initialization failures, operation crashes and intermittent operation. For first-time as well as experienced logic analyzer users, the TLA5000 Series is ideal for single-bus timing and state analysis. An intuitive user interface, familiar Windows-based desktop and OpenChoice(R) networking and analysis features make the TLA5000 Series logic analyzers easy to network into your design environment.
500 ps timing resolution and 32 Mb memory depth with simultaneous 125 ps MagniVu timing resolution within each acquisition means you can measure digital signal timing on increasingly faster signals with confidence. With MagniVu timing resolution, find difficult problems such as digital logic errors, glitches, setup/hold violations and crosstalk quickly. Use setup/hold violation triggering and display to validate setup/hold performance of digital devices. Today, most designs can have both digital and analog anomalies. With iView time-correlated digital-analog view, you'll clearly see how analog anomalies are affecting your digital signals--right on your logic analyzer display.
Applications
Digital Hardware Verification and Debug Monitoring and Measurement of Digital Hardware Performance Single Microprocessor or Bus Debug
TLA5000 Series Logic Analyzers
TLA5201 * TLA5202 * TLA5203 * TLA5204
Characteristics
General
Number of Channels - (All channels are acquired including clocks.) TLA5201: 34 channels (2 are clock channels). TLA5202: 68 channels (4 are clock channels). TLA5203: 102 channels (4 are clock and 2 are qualifier channels). TLA5204: 136 channels (4 are clock and 4 are qualifier channels). Time Stamp - 51-Bits at 125 ps resolution (3.25 days duration). Clocking/Acquisition Modes - Internal, internal 2X, internal 4X, external, external 2X, source synchronous. 125 ps (8 GHz) MagniVu high-speed timing is available simultaneous with all modes.
Input Characteristics (with P6417, P6418, P6419 or P6434 probes)
Setup and Hold Time Selection Range - 16 ns range that may be shifted towards the setup region by 0 ns [+8, -8] ns, 4 ns [+12, -4] ns, or 8 ns [+16, 0] ns. Setup-and-hold Window - All Channels: 1.5 ns typical. Minimum Clock Pulse Width - 1.5 ns (P6434). 1.25 ns (P6417, P6418, P6419). Demux Channel Selection - Channels can be demultiplexed to other channels through user interface with 8 channel granularity.
Timing Acquisition Characteristics (with P6417, P6418, P6419 or P6434 probes)
TLA5000 Series with TDS5000 Series Oscilloscope.
Capacitive Loading - <0.7 pF typical data/clock (P6419). 1.4 pF typical data; 2 pF typical clock (P6418). 2 pF typical data/clock (P6417, P6434). Threshold Selection Range - From -2.0 V to +4.5 V in 5 mV increments. Threshold presets include TTL (1.5 V), CMOS (1.65 V), ECL (-1.3 V), PECL (3.7 V), LVPECL (2.0 V), LVCMOS 1.5 V (0.75 V), LVCMOS 1.8 V (0.9 V), LVCMOS 2.5 V (1.25 V), LVCMOS 3.3 V (1.65 V), LVDS (0 V) and user-defined. Threshold Selection Channel Granularity - Separate selection for each of the clock/qualifier channels and one per group of 16 data channels. Threshold Accuracy (including probe) - (100 mV) Input Voltage Range - Operating: -2.5 V to 5.0 V. Nondestructive: 15 V. Minimum Input Signal Swing - 250 mV (P6417, P6418, P6419). 300 mV (P6434). Input Signal Minimum Slew Rate - 200 mV/ns typical.
State Acquisition Characteristics (with P6417, P6418, P6419 or P6434 probes)
MagniVuTM Timing - 125 ps (8 GHz). Storage rate adjustable to 250 ps, 500 ps, 1 ns and 2 ns. MagniVu Timing Memory Depth - 16 Kb per channel, with adjustable trigger position. Deep Memory Timing Resolution (quarter/half/full channels) - 500 ps/1 ns/2 ns to 50 ms. Deep Memory Timing Memory Depth (quarter/half/full channels with timestamps and with or without transitional storage) - 2 Mb/ 1 Mb/512 Kb, 8/4/2 Mb, 32/16/8 Mb per channel. Deep Memory Timing Memory Depth with Glitch Storage Enabled - Half of default main memory depth. Channel-to-channel Skew - 1 ns. 900 ps typical. Minimum Recognizable Pulse/Glitch Width (single channel) - 1 ns (P6417, P6418, P6419) 1.25 ns (P6434). Minimum Detectable Setup/Hold Violation - 250 ps. Minimum Recognizable Multi-channel Trigger Event - Sample period + channel-to-channel skew.
Trigger Characteristics
Maximum State Clock Rate - 235 MHz. Maximum State Data Rate - 470 Mb/s. State Memory Depth with Timestamps (half/full channels) - 1 Mb/512 Kb, 4/2 Mb, 16/8 Mb.
Independent Trigger States - 16. Maximum Independent If/Then Clauses per State - 16. Maximum Number of Events per If/Then Clause - 8 Maximum Number of Actions per If/Then Clause - 8. Maximum Number of Trigger Events - 18 (2 counter/timers plus any 16 other resources). Number of Word Recognizers - 16. Number of Transition Recognizers - 16. Number of Range Recognizers - 4. Number of Counter/Timers - 2.
Trigger Event Types - Word, group, channel, transition, range, anything, counter value, timer value, signal, glitch, setup-and-hold violation, snapshot. Trigger Action Types - Trigger main, trigger MagniVu, store, don't store, start store, stop store, increment counter, decrement counter, reset counter, start timer, stop timer, reset timer, snapshot current sample, goto state, set/clear signal, do nothing. Trigger Sequence Rate - DC to 500 MHz (2 ns). Counter/Timer Range - 51 Bits each (>50 days at 2 ns). Counter Rate - DC to 500 MHz (2 ns). Timer Clock Rate - 500 MHz (2 ns). Counter/Timer Latency - 2 ns. Range Recognizers - Double bounded (can be as wide as any group, must be grouped according to specified order of significance). Setup-and-Hold Violation Recognizer Setup Time Range - From 8 ns before to 7.5 ns after clock edge in 125 ps increments. Setup-and-Hold Violation Recognizer Hold Time Range - From 7.5 ns before to 8 ns after clock edge in 125 ps increments. Trigger Position - Any data sample. MagniVu Trigger Position - MagniVu position can be set from 0% to 60% centered around the MagniVu trigger. Storage Control (data qualification) - Global (conditional), by state (start/stop), block, by trigger action or transitional. Force main prefill selection available.
2
Logic Analyzers * www.tektronix.com/logic_analyzers
TLA5000 Series Logic Analyzers
TLA5201 * TLA5202 * TLA5203 * TLA5204
iViewTM (Integrated View) Capability
Integral Controls
TDS oscilloscope configuration requirements - The iView cable does not connect fully to the TDS1000/2000 Series oscilloscopes without a GPIB extender. Tektronix recommends a standard GPIB cable as an extender, or order a cable extender (National Instruments part number 181638-1). TDS2CMAX Communications Extension Module required for iView capability on any TDS1000/2000 Series. TDS3GM GPIB/RS-232 Interface Module required for iView capability on any TDS3000 Series. TDS3GV GPIB/RS-232/VGA Interface Module required for iView capability on any TDS3000B Series. Number of TDS oscilloscopes that can be connected to a TLA system - 1. External Oscilloscopes Supported - TDS1000 Series. TDS2000 Series. TDS3000/3000B Series. TDS5000/5000B Series. TDS6000/6000B Series. TDS7000/7000B Series. CSA7000/7000B Series. TDS684C, TDS694C. TDS754C, TDS784C, TDS724D, TDS754D, TDS784D, TDS794D. TLA Connections - USB, Trigger In, Trigger Out, Clock Out. TDS Connections - GPIB, Trigger In, Trigger Out, Clock In (when available). Setup - iView external oscilloscope wizard automates setup. Data Correlation - After TDS oscilloscope acquisition is complete, data is automatically transferred to the TLA and time correlated with the TLA acquisition data. Deskew - TDS and TLA data is automatically deskewed and time correlated when using the iView external oscilloscope cable. iView External Oscilloscope Cable Length - 2 m.
PC Characteristics
Front-Panel Display - Size: 10.4-inch diagonal. Type: Active-matrix color TFT LCD with backlight. Resolution: 1024x768. Colors: 256 K. Simultaneous Display Capability - The frontpanel and secondary displays can be operated simultaneously using the same resolution. The secondary external display can be used simultaneously using an independent resolution. Front-panel Controls - Special function knobs for instrument control and mini-QWERTY keypad.
External Peripheral Interfaces
External Instrumentation Interfaces
System Trigger Output - Asserted whenever a system trigger occurs (TTL-compatible output, back-terminated into 50 ). BNC type connector. System Trigger Input - Forces a system trigger (triggers all modules) when asserted (TTL-compatible, edge-sensitive, falling-edge latched). BNC type connector. External Signal Output - Can be used to drive external circuitry from a module's trigger mechanism (TTL-compatible output, back-terminated into 50 ). BNC type connector. External Signal Input - Can be used to provide an external signal to arm or trigger any or all modules (TTL-compatible, level-sensitive). BNC type connector.
Power
External Display Port Type - Female DB15 SVGA connector. External Display Resolution - Up to 1600x1200 non-interlaced at 16.8 M colors. LAN Port Type - 10/100Base-T, RJ-45. External Keyboard Port Type - PS2 mini-DIN. External Mouse Port Type - PS2 mini-DIN. Parallel Interface Port Type - Female DB25. Parallel Interface Modes - Centronics mode, EPP (Extended Parallel Port), ECP (Microsoft high-speed mode). Serial Interface Port Type - Male DB9. Audio Out Port Type - Stereo minijack. Mic In Port Type - Minijack. USB Port - Two USB 2.0.
Symbolic Support
Voltage range/frequency - 90 to 240 VAC at 47 to 63 Hz. Input current - 5 A maximum at 90 VAC. Power consumption - 300 W maximum.
Physical Characteristics
Operating System - Microsoft Windows 2000 Professional SP4. Processor - Intel Celeron 2.0 GHz. Chipset - Intel 845 GV. DRAM - 512 MB SDRAM. Sound - 16-Bit I/O and Mic In port. Hard Disk Drive - 80 GB. CD-ROM - Internal 24/10/24 CD-RW. Floppy Disk Drive - Built-in 3.5 inch, 1.44 MB drive.
Number of Symbols/Ranges - Unlimited (limited only by amount of virtual memory available on TLA). Object File Formats Supported - IEEE695 OMF 51, OMF 86, OMF 166, OMF 286, OMF 386 COFF Elf/Dwarf 1 and 2 Elf/Stabs TSF (TSF is a generic ASCII file format documented in the TLA user manual). If a format is not listed, please contact your local Tektronix representative.
TLA5000 Dimensions Height Width Depth Weight Net (without probes) Shipping (typical)
Environmental
mm 285 438 288 kg 12 18.5
in. 11.2 17.5 11.35 lb. 26 41
Temperature - Operating: +5 C to +50 C. Nonoperating: -20 C to +60 C. Humidity - 20% to 80%. Operating: 20% to 80% relative humidity (29 C maximum wet bulb temperature). Nonoperating: 8% to 80% (29 C maximum wet bulb temperature). Altitude - Operating: -1,000 ft. to 10,000 ft. (-305 meters to 3,050 meters). Safety - UL3111-1, CSA1010.1, EN61010-1, IEC61010-1.
Logic Analyzers * www.tektronix.com/logic_analyzers
3
TLA5000 Series Logic Analyzers
TLA5201 * TLA5202 * TLA5203 * TLA5204
Contact Tektronix:
ASEAN / Australasia / Pakistan (65) 6356 3900 Austria +43 2236 8092 262 Belgium +32 (2) 715 89 70 Brazil & South America 55 (11) 3741-8360 Canada 1 (800) 661-5625 Central Europe & Greece +43 2236 8092 301 Denmark +45 44 850 700 Finland +358 (9) 4783 400 France & North Africa +33 (0) 1 69 86 80 34 Germany +49 (221) 94 77 400 Hong Kong (852) 2585-6688 India (91) 80-22275577 Italy +39 (02) 25086 1 Japan 81(3)6714-3010 Mexico, Central America & Caribbean 52 (55) 56666-333 The Netherlands +31 (0) 23 569 5555 Norway +47 22 07 07 00 People's Republic of China 86 (10) 6235 1230 Poland +48 (0) 22 521 53 40 Republic of Korea 82 (2) 528-5299 Russia, CIS & The Baltics +358 (9) 4783 400 South Africa +27 11 254 8360 Spain (+34) 901 988 054 Sweden +46 8 477 6503/4 Taiwan 886 (2) 2722-9622 United Kingdom & Eire +44 (0) 1344 392400 USA 1 (800) 426-2200 USA (Export Sales) 1 (503) 627-1916 For other areas contact Tektronix, Inc. at: 1 (503) 627-7111 Last Update August 13, 2004
Ordering Information
TLA5201
34 Channel, 2 GHz Deep Memory Timing with 125 ps MagniVuTM Acquisition, 235 MHz State, 512 Kb Logic Analyzer.
TLA5202
Logic Analyzer Probe Selection Guidelines There is a flexible choice of logic analyzer probes available for use with TLA5000 logic analyzers. Logic Analyzer Probes
Service Options
68 Channel, 2 GHz Deep Memory Timing with 125 ps MagniVu Acquisition, 235 MHz State, 512 Kb Logic Analyzer.
TLA5203
102 Channel, 2 GHz Deep Memory Timing with 125 ps MagniVu Acquisition, 235 MHz State, 512 Kb Logic Analyzer.
TLA5204
136 Channel, 2 GHz Deep Memory Timing with 125 ps MagniVu Acquisition, 235 MHz State, 512 Kb Logic Analyzer. All Include: Mini Keyboard (118-9402-00), Optical Wheel Mouse (119-6936-00), Front Panel Cover (200-4651-00), Probe Retainer Bracket (407-4435-01), Accessory Pouch (016-1935-00), Mouse Pad (016-1524-04), TLA5000 Series Product Software CD (063-3487-02), TLA5000 Series Operating System Restore CD (063-3672-00), TLA Documentation CD (063-3671-00), TLA5000 Quick Installation Reference (071-1302-00), TLA V4.3 User Manual (071-1236-00), TLA5000 Installation Manual (071-1301-00), Certificate of Traceable Calibration, Power Cord. Please specify power cord and language options when ordering. Probes are sold separately.
Instrument options
Opt. C3 - Calibration Service 3 Years. Opt. C5 - Calibration Service 5 Years. Opt. D1 - Calibration Data Report. Opt. D3 - Calibration Data Report 3 Years (with Opt. C3). Opt. D5 - Calibration Data Report 5 Years (with Opt. C5). Opt. R3 - Repair Service 3 Years. Opt. R5 - Repair Service 5 Years.
International Power Plugs
A0 - North America power. A1 - Universal EURO power. A2 - United Kingdom power. A3 - Australia power. A4 - 240 V, North America power. A5 - Switzerland power. A6 - Japan power. A10 - China power. A99 - No power cord or AC adapter.
Software
TLA5000 Series Product Software CD - 063-3487-xx.
Language Options
Opt. 1C - Add iViewTM external oscilloscope cable kit (012-1614-01). Opt. 7S - Increase to 2 Mb base memory depth per channel. Opt. 8S - Increase to 8 Mb base memory depth per channel.
Recommended Accessories
Opt. L0 - English Manuals. Opt. L10 - Russian Manuals. Opt. L99 - No Manuals.
Our most up-to-date product information is available at:
www.tektronix.com
Product(s) are manufactured in ISO registered facilities. Copyright (c) 2004, Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents, issued and pending. Information in this publication supersedes that in all previously published material. Specification and price change privileges reserved. TEKTRONIX and TEK are registered trademarks of Tektronix, Inc. All other trade names referenced are the service marks, trademarks or registered trademarks of their respective companies. 09/04 HB/WWW 58W-16733-3
Logic Analyzer Cart - LACART, K4000. Logic Analyzer Cart Mounting Bracket Kit - (407-4996-00). TLA5000 Rackmount Kit - (016-1887-00). TLA5000 Wheeled Transport Case - (016-1937-00). TLA5000 Service Manual - (071-1305-00).


▲Up To Search▲   

 
Price & Availability of TLA5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X