Part Number Hot Search : 
88523 FRF9150H 2N5962 T1105 TA1370FG T260XW01 S1500 CDB5321
Product Description
Full Text Search
 

To Download TEN8-2411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter
TEN 8 Series
Features
Wide 2 : 1 Input Range Highest Power Density in a DIP 24 High Efficiency up to 85% Indefinite Short-circuit Protection I/O-Isolation 1'500 VDC Input Filter meets EN 55022, Class A and FCC, Level A without external Components Remote on/off Shielded Metal Case with insulated Baseplate 24-pin DIP with Industry Standard Pinout 2 Year Product Warranty The TEN 8 series DC/DC converter has been designed for a wide range of space critical applications including tele- and data communication systems and industrial process control systems. The shutdown input feature makes these converters also ideal for mobile battery powered equipment. High efficiency allows operation up to 71C without derating. Input filtering to EN 55022, class A and low output ripple minimize design-in time and cost.
8 Watt
Models
Ordercode TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN TEN 8-1210 8-1211 8-1212 8-1213 8-1221 8-1222 8-1223 8-2410 8-2411 8-2412 8-2413 8-2421 8-2422 8-2423 8-4810 8-4811 8-4812 8-4813 8-4821 8-4822 8-4823 Input voltage range Output voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 2'000 1'500 665 535 800 335 265 2'000 1'500 665 535 800 335 265 2'000 1'500 665 535 800 335 265 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency typ. 80 82 85 83 83 84 84 80 83 85 84 82 83 85 80 83 84 84 82 85 85 % % % % % % % % % % % % % % % % % % % % %
9 - 18 VDC
18 - 36 VDC
36 - 75 VDC
www.tracopower.com
Page 1
DC/DC Converter
TEN 8 Series 8 Watt
Input Specifications
Input current (no load) 12 Vin models: 24 Vin models: 48 Vin models: 12 Vin; 3.3 Vout models: 12 Vin; other output models: 24 Vin; 3.3 Vout models: 24 Vin; other output models: 48 Vin; 3.3 Vout models: 48 Vin; other output models: 12 Vin models: 24 Vin models: 48 Vin models: 20 mA typ. 15 mA typ. 10 mA typ. 700 mA typ. 820 mA typ. 350 mA typ. 400 mA typ. 170 mA typ. 200 mA typ. 36 V max. 50 V max. 100 V max. EN 55022 level A, FCC part 15, level A 2% 0.2 % max. 0.2 % max. 1.0 % max. 3.0 % max. 50 mVpk-pk max 0.02 % / C > 110% of Iout max., foldback indefinite (automatic recovery) 3.3 Vout models: 5 Vout models / 5 Vout models: 12 Vout models / 12 Vout models: 15 Vout models / 15 Vout models: - Operating - Case temperature - Storage 3300 F max. 1600 F max. / 1000 F max. 350 F max. / 160 F max. 240 F max./ 100 F max. - 25 C ... + 71 C (no derating) + 100 C max. - 55 C ... + 105 C 95 % rel H max. >715'000 h @ + 25 C 1'500 VDC 300 pF max. > 1000 M Ohm 300 kHz typ. (Pulse width modulation PWM) - ON: - OFF: - OFF idle current: 3.5 ... 12 VDC or open circuit. 0 ... 1.2 VDC or short circuit pin 1 and pin 2/3 2.5 mA
Input current (full load)
Surge voltage (100 msec. max.)
Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation - Input variation Vin min. to Vin max. - Load variation 25 - 100 % - single output models - dual output models balanced load - dual output models unbalanced load
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Isolation capacity Isolation resistance Switching frequency Remote ON/OFF (optional): - Input/Output - Input/Output - Input/Output (500 VDC)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
DC/DC Converter
TEN 8 Series 8 Watt
Physical Specifications
Case material Baseplate Potting material Weight Soldering temperature Copper nickel plated plastic Epoxy (flammability to UL 94V-0) 17 g (0.60 oz) max. 250 C / 10 sec.
Outline Dimensions mm (inches)
2 x 2.54 (0.1)
(0.08 0.02) 0.5
2.0
32 0.5 (1.25 0.02)
5.08 15.24 (0.6)
Bottom view
23 22
(1.0)
1 2 3
Pin-Out
Pin 1 2 3 9 11 14 16 22 23 Single -Vin (GND) -Vin (GND) No function No function +Vout -Vout +Vin (Vcc) +Vin (Vcc) Dual -Vin (GND) -Vin (GND) Common -Vout +Vout Common +Vin (Vcc) +Vin (Vcc) Remote on/off Remote on/off
25.4
(0.2)
16 14
2.4 0.5
(0.09 0.02)
9 11
Insulated Baseplate
3.8 10 0.5
(0.15) (0.4 0.02)
15.24 (0.6) 20 0.5 (0.8 0.02)
Pin diameter o 0.5 0.05 (0.02 0.002) Tolerances 0.5 (0.02)
Specifications can be changed without notice
Rev. 09/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch
*
internet: http://www.tracopower.com
Page 3


▲Up To Search▲   

 
Price & Availability of TEN8-2411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X