Part Number Hot Search : 
62007 ZURMG98W C0603X IR340 T13009 904HW A3FF1ACP RS5C316B
Product Description
Full Text Search
 

To Download SY100EP11UKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U SY100EP11U
ECL ProTM SY10EP11U ECL ProTM SY100EP11U
FEATURES
2.5V, 3.3V and 5V power supply options Guaranteed AC parameters over temperature: * fMAX > 3.0GHz * < 20ps output-to-output skew * < 200ps tr / tf * < 300ps propagation delay Wide temperature range: -40C to +85C Available in 8-pin (3mm) MSOP and SOIC packages
ECL ProTM
DESCRIPTION
The SY10/100EP11U is a precision, high-speed 1:2 differential fanout buffer. Having within-device skews and output transition times significantly improved over the EL11V, the EP11U is ideally suited for those applications which require the ultimate in AC performance. The differential inputs of the EP11U employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open, the Q outputs will go LOW.
CROSS REFERENCE TABLE
Micrel Semiconductor SY10EP11UZI/KI SY10EP11UZI/KI SY100EP11UZI/KI SY100EP11UZI/KI ON Semiconductor MC10EP11D/DT MC10LVEP11D/DT MC100EP11D/DT MC100LVEP11D/DT
PIN NAMES
Pin D Function PECL, LVPECL, ECL, LVECL Clock or Data Input: Internal 75k pulldown resistor. If left floating, pin defaults LOW, QOUT goes LOW. PECL, LVPECL, ECL, LVECL complementary Clock or Data Input: Internal 75k pull-up and down resistors. If left open, default is VCC/2. When the input is not used, it can be left open. PECL, LVPECL, ECL, LVECL Outputs: Terminates to VCC -2V. Positive Power Supply: Bypass with 0.1F//0.01F low ESR capacitors. Negative Power Supply: For PECL operation, connect to GND.
/D
Q0, /Q0 Q1, /Q1 VCC VEE
ECL Pro is a trademark of Micrel, Inc. M9999-111606 hbwhelp@micrel.com or (408) 955-1690
Rev.: D Amendment: /0 November 2005
1
Issue Date:
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Q0 1 VCC /Q0 2
75k
8
VCC
Part Number
D
Package Type K8-1 K8-1 K8-1 K8-1 Z8-1 Z8-1 Z8-1 Z8-1 K8-1 K8-1 K8-1 K8-1 Z8-1 Z8-1 Z8-1 Z8-1 K8-1 K8-1 K8-1 K8-1 Z8-1 Z8-1 Z8-1 Z8-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial
Package Marking HP11 HP11 XP11 XP11 HEP11U HEP11U XEP11U XEP11U HP11 HP11 XP11 XP11 HEP11U HEP11U XEP11U XEP11U
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb
7
SY10EP11UKC SY10EP11UKCTR(2)
VEE Q1 3
75k
6
75k
/D VCC VEE
SY100EP11UKC SY100EP11UKCTR(2) SY10EP11UZC SY10EP11UZCTR(2) SY100EP11UZC SY100EP11UZCTR(2) SY10EP11UKI SY10EP11UKITR(2) SY100EP11UKI SY100EP11UKITR(2) SY10EP11UZI SY10EP11UZITR(2) SY100EP11UZI SY100EP11UZITR(2) SY10EP11UKG(3) SY10EP11UKGTR(2, 3) SY100EP11UKG(3) SY100EP11UKGTR(2, 3) SY10EP11UZG(3) SY10EP11UZGTR(2, 3) SY100EP11UZG(3) SY100EP11UZGTR(2, 3)
/Q1
4
VEE VEE
5
8-pin MSOP and SOIC Packages
HP11 with Pb-Free Pb-Free bar-line indicator NiPdAu HP11 with Pb-Free Pb-Free bar-line indicator NiPdAu XP11 with Pb-Free Pb-Free bar-line indicator NiPdAu XP11 with Pb-Free Pb-Free bar-line indicator NiPdAu HEP11U with Pb-Free Pb-Free bar-line indicator NiPdAu HEP11U with Pb-Free Pb-Free bar-line indicator NiPdAu XEP11U with Pb-Free Pb-Free bar-line indicator NiPdAu XEP11U with Pb-Free Pb-Free bar-line indicator NiPdAu
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCC -- VEE VIN IOUT TA TLEAD Tstore JA Power Supply Voltage Input Voltage (VCC = 0V, VIN not more negative than VEE) Input Voltage (VEE = 0V, VIN not more positive than VCC) Output Current Operating Temperature Range Lead Temperature (soldering, 20sec.) Storage Temperature Range Package Thermal Resistance (Junction-to-Ambient) -Still-Air -500lfpm -Still-Air -500lfpm JC
Note: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability.
Rating
Value 6V -6.0 to 0 +6.0 to 0 50 100 -40 to +85 260 -65 to +150 (SOIC) (SOIC) (MSOP) (MSOP) (SOIC) (MSOP) 160 109 206 155 39 39
Unit V V V mA C C C C/W C/W C/W
-Continuous -Surge
Package Thermal Resistance (Junction-to-Case)
DC ELECTRICAL CHARACTERISTICS(1)
TA = -40C Symbol VCC Parameter Power Supply Voltage (PECL) (LVPECL) (ECL) (LVECL) Power Supply Current SY10EP11U SY100EP11U Input HIGH Current Input LOW Current D /D Min. 4.5 2.37 -5.5 -3.8 -- -- -- 0.5 -150 -- -- Typ. 5.0 -- -5.0 -3.3 -- -- -- -- -- -- -- Max. 5.5 3.8 -4.5 -2.37 37 44 150 -- -- -- -- Min. 4.5 2.37 -5.5 -3.8 -- -- -- 0.5 -150 -- -- TA = +25C Typ. 5.0 -- -5.0 -3.3 25 30 -- -- -- 1.0 1.35 Max. 5.5 3.8 -4.5 -2.37 39 44 150 -- -- -- -- Min. 4.5 2.37 -5.5 -3.8 -- -- -- 0.5 -150 -- -- TA = +85C Typ. 5.0 -- -5.0 -3.3 -- -- -- -- -- -- -- Max. 5.5 3.8 -4.5 -2.37 40 44 150 -- -- -- -- mA mA A A A pF pF VIN = VIH VIN = VIL VIN = VIL Unit V Condition
IEE
IIH IIL CIN
Note:
Input Capacitance (MSOP) (SOIC)
1. 10/100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
M9999-111606 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
(10KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 2.5V 5%, VEE = 0V.
TA = -40C Symbol VOL VOH VIHCMR Parameter Output LOW Voltage Output HIGH Voltage Input HIGH Common Mode Range Voltage(2) Min. 565 1365 1.2 Typ. 690 1490 -- Max. 815 1615 VCC Min. 630 1430 1.2 TA = +25C Typ. 755 1555 -- Max. 880 1680 VCC Min. 690 1490 1.2 TA = +85C Typ. 815 1615 -- Max. 940 1740 VCC Unit mV mV V Condition
50 to VCC-2V 50 to VCC-2V
(10KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 3.3V 10%, VEE = 0V.
TA = -40C Symbol VIL VIH VOL VOH VIHCMR Parameter Input LOW Voltage (Single-Ended) Input HIGH Voltage (Single-Ended) Output LOW Voltage Output HIGH Voltage Input HIGH Common Mode Range Voltage(2) Min. 1365 2090 1365 2165 1.2 Typ. -- -- 1490 2290 -- Max. 1690 2415 1615 2415 VCC Min. 1430 2155 1430 2230 1.2 TA = +25C Typ. -- -- 1555 2355 -- Max. 1755 2480 1680 2480 VCC Min. 1490 2215 1490 2290 1.2 TA = +85C Typ. -- -- 1615 2415 -- Max. 1815 2540 1740 2540 VCC Unit mV mV mV mV V
50 to VCC-2V 50 to VCC-2V
Condition
(10KEP) PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 5.0V 10%, VEE = 0V.
TA = -40C Symbol VIL VIH VOL VOH VIHCMR
No tes: 1. 10KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters are at VCC = 2.5V. They vary 1:1 with VCC. 2. The VIHCMR range is referenced to the most positive side of the differential input signal. See "Input Waveform" section. Single-ended input CLK pin operation is limited to VCC 3.0V in PECL mode.
TA = +25C Min. 3130 3855 3130 3930 1.2 Typ. -- -- 3255 4055 -- Max. 3455 4180 3380 4180 VCC Min.
TA = +85C Typ. -- -- 3315 4115 -- Max. 3515 4240 3440 4240 VCC Unit mV mV mV mV V
50 to VCC-2V 50 to VCC-2V
Parameter Input LOW Voltage (Single-Ended) Input HIGH Voltage (Single-Ended) Outuput LOW Voltage Output HIGH Voltage Input HIGH Voltage(2) Common Mode Range
Min. 3065 3790 3065 3865 1.2
Typ. -- -- 3190 3990 --
Max. 3390 4115 3315 4115 VCC
Condition
3190 3915 3190 3990 1.2
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
4
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
(10KEP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(3)
VCC = 0V, VEE = -5.5V to -2.375V.
TA = -40C Symbol VIL VIH VOL VOH VIHCMR Parameter Input LOW Voltage (Single-Ended) Input HIGH Voltage (Single-Ended) Outuput LOW Voltage Output HIGH Voltage Input HIGH Common Mode Range Voltage(4) Min. -1935 -1210 Typ. -- -- Max. Min. TA = +25C Typ. -- -- Max. Min. TA = +85C Typ. -- -- Max. -1485 -760 Unit mV mV mV mV V
50 to VCC-2V 50 to VCC-2V
Condition
-1610 -1870 -885 -1145
-1545 -1810 -820 -1085
-1935 -1810 -1685 -1870 -1745 -1620 -1810 -1685 -1560 -1135 -1010 VEE +1.2 -885 0.0 -1070 -945 -820 0.0 -1010 -885 -760 0.0
VEE +1.2
VEE +1.2
(100KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(3)
VCC = 2.5V 5%.
TA = -40C Symbol VOL VOH VIHCMR Parameter Outuput LOW Voltage Output HIGH Voltage Input HIGH Voltage(4) Common Mode Range Min. 555 1355 1.2 Typ. 680 1480 -- Max. 805 1605 VCC Min. 555 1355 1.2 TA = +25C Typ. 680 1480 -- Max. 805 1605 VCC Min. 555 1355 1.2 TA = +85C Typ. 680 1480 -- Max. 805 1605 VCC Unit mV mV V Condition
50 to VCC-2V 50 to VCC-2V
(100KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(3)
VCC = 3.3V 10%, VEE = 0V.
TA = -40C Symbol VIL VIH VOL VOH VIHCMR
Notes: 3. 10KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 4. The VIHCMR range is referenced to the most positive side of the differential input signal. See "Input Waveform" section. Single-ended input CLK pin operation is limited to VEE -3.0V in ECL/LVECL mode.
TA = +25C Min. 1355 2075 1355 2155 1.2 Typ. -- -- 1480 2280 -- Max. 1675 2420 1605 2405 VCC Min.
TA = +85C Typ. -- -- 1480 2280 -- Max. 1675 2420 1605 2405 VCC Unit mV mV mV mV V
50 to VCC-2V 50 to VCC-2V
Parameter Input LOW Voltage (Single-Ended) Input HIGH Voltage (Single-Ended) Output LOW Voltage Output HIGH Voltage Input HIGH Common Mode Range Voltage(4)
Min. 1355 2075 1355 2155 1.2
Typ. -- -- 1480 2280 --
Max. 1675 2420 1605 2405 VCC
Condition
1355 2075 1355 2155 1.2
M9999-111606 hbwhelp@micrel.com or (408) 955-1690
5
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
(100KEP) PECL DC ELECTRICAL CHARACTERISTICS(5)
VCC = 5.0V 10%, VEE = 0V.
TA = -40C Symbol VIL VIH VOL VOH VIHCMR
Notes: 5. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters are at VCC = 5.0V. They vary 1:1 with VCC. 6. The VIHCMR range is referenced to the most positive side of the differential input signal. See "Input Waveform" section. Single-ended input CLK pin operation is limited to VCC 3.0V in PECL mode.
TA = +25C Min. 3055 3775 3055 3855 2.0 Typ. -- -- 3180 3980 -- Max. 3375 4120 3305 4105 VCC Min.
TA = +85C Typ. -- -- 3180 3980 -- Max. 3375 4120 3305 4105 VCC Unit mV mV mV mV V
50 to VCC-2V 50 to VCC-2V
Parameter Input LOW Voltage (Single-Ended) Input HIGH Voltage (Single-Ended) Outuput LOW Voltage Output HIGH Voltage Input HIGH Common Mode Range Voltage(6)
Min. 3055 3775 3055 3855 2.0
Typ. -- -- 3180 3980 --
Max. 3375 4120 3305 4105 VCC
Condition
3055 3775 3055 3855 2.0
(100KEP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(7)
VCC = 0V, VEE = -5.5V to -2.375V.
TA = -40C Symbol VIL VIH VOL VOH VIHCMR
Notes: 7. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 8. The VIHCMR range is referenced to the most positive side of the differential input signal. See "Input Waveform" section. Single-ended input CLK pin operation is limited to VEE -3.0V in ECL/LVECL mode.
TA = +25C Min. Typ. -- -- Max. Min.
TA = +85C Typ. -- -- Max. -1625 -880 Unit mV mV mV mV V
50 to VCC-2V 50 to VCC-2V
Parameter Input LOW Voltage (Single-Ended) Input HIGH Voltage (Single-Ended) Outuput LOW Voltage Output HIGH Voltage Input HIGH Common Mode Range Voltage(8)
Min. -1945 -1225
Typ. -- --
Max.
Condition
-1625 -1945 -880 -1225
-1625 -1945 -880 -1225
-1945 -1820 -1695 -1945 -1820 -1695 -1945 -1820 -1695 -1145 -1020 VEE +1.2 -895 0.0 -1145 -1020 VEE +1.2 -895 0.0 -1145 -1020 VEE +1.2 -895 0.0
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
6
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
AC ELECTRICAL CHARACTERISTICS
VCC = 0V; VEE = -5.5V to -2.375V or VCC = 2.375V to 5.5V, VEE = 0V.
TA = -40C Symbol fMAX tPLH tPHL tSKEW Parameter Max. Toggle Frequency(9) Propagation Delay (Differential) D to Q, /Q D to Q, /Q Within-Device Skew(10)Q, /Q Part-to-Part tJITTER VDIFF tr, tf
Notes: 9. Measured with 750mV input signal, 50% duty cycle. All loading with a 50 to VCC -2.0V. 10. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. 11. See "Input Waveform."
TA = +25C Min. 3 160 180 -- -- -- -- 150 80 Typ. -- 220 240 5 -- -- 0.2 800 120 Max. -- 270 310 20 130 110 <1 1200 180 Min. 3 180 210 -- -- -- -- 150 100 -- 250 300 20 130 110 <1
TA = +85C Typ. -- 240 270 5 -- -- 0.2 800 140 Max. -- 300 360 20 150 120 <1 1200 200 Unit GHz ps ps ps ps ps psRMS mV ps VCC = 3.3/5V VCC = 2.5V VCC = 3.3/5V VCC = 2.5V Condition
Min. 3 140 170 -- -- -- -- 150 70
Typ. -- 200 230 5 -- -- 0.2 800 110
Max.
Skew(10)
Cycle-to-Cycle Jitter (RMS) Input Swing(11) Output Rise/Fall Time (20% to 80%)
1200 170
INPUT WAVEFORM
D
VIHCMR VDIFF =150mV to 1200mV
/D
M9999-111606 hbwhelp@micrel.com or (408) 955-1690
7
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
TERMINATION RECOMMENDATIONS
+3.3V
+3.3V
ZO = 50 ZO = 50
R1 130
R1 130
+3.3V
R2 82
R2 82
Vt = VCC -2V
Figure 1. Parallel Termination-Thevenin Equivalent
Notes: 1. For +2.5V systems: R1 = 250, R2 = 62.5. 2. For +5.0V systems: R1 = 82.
+5.0V or +3.3V
Z = 50 Z = 50
+5.0V or +3.3V
R2 = 130
50 "source" 50
50 "destination"
Rb
Figure 2. Three-Resistor "Y-Termination"
Notes: 1. Power-saving alternative to Thevenin termination. 2. Place termination resistors as close to destination inputs as possible. 3. Rb resistor sets the DC bias voltage equal to Vt. For +3.3V systems Rb = 46 to 50. For +5V systems, Rb = 110.
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
8
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
8-PIN MSOP (K8-1)
Rev. 01
M9999-111606 hbwhelp@micrel.com or (408) 955-1690
9
Micrel, Inc.
ECL ProTM SY10EP11U SY100EP11U
8-PIN SOIC (Z8-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. M9999-111605 hbwhelp@micrel.com or (408) 955-1690
10


▲Up To Search▲   

 
Price & Availability of SY100EP11UKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X