Part Number Hot Search : 
TC1766 41010 XN06543 D27C4001 100MA 24006 87006 DG418LDY
Product Description
Full Text Search
 

To Download SR002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR002 THRU SR006
0.5 AMP. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 0.5 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-41
Mechanical Data
Cases: DO-41 molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MILSTD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260OC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.33 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR002 SR003 SR004 SR005 SR006 Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method )
Maximum Instantaneous Forward Voltage @ 0.5A
VRRM VRMS VDC I(AV) IFSM VF IR
RJA CJ TJ TSTG
20 14 20
30 21 30
40 28 40 0.5 40
50 35 50
60 42 60
V V V A A
Maximum D.C. Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
0.55 0.5 5.0
0.70 0.5 10
50 110 80 - 65 to +125 -65 to +150 -65 to +150
V mA mA /W pF
Notes: 1. Mount on Cu-Pad Size 5mm x 5mm on P.C.B. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
- 50 -
RATINGS AND CHARACTERISTIC CURVES (SR002 THRU SR006)
FIG.1- FORWARD CURRENT DERATING CURVE
0.8
FIG.2- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
20 10
AVERAGE FORWARD CURRENT (A)
2-
SR
0.4
1.0
SR002-SR004
0.2
0.1 .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
0 0 20 40 60 80 100
O
120
140
160
LEAD TEMPERATURE ( C)
FORWARD VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
100 400
FIG.4- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE. (pF)
200
INSTANTANEOUS REVERSE CURRENT. (mA)
SR
00
5-
SR
SR005-SR006
00
00
6
0.6
SR
00
Resistive or Inductive Load 0.375" (9.5mm) Lead Length
Tj = 25 C Pulse Width=300 s 1% Duty Cycld
O
4
10
Tj = 125 C
O
SR
100 80 60 40
00
SR
2-S
00
R0
5-S
04
R0
06
1.0
Tj = 75 C
O
20
.10
10 0.1 0.4 1.0 4 10 40 80
REVERSE VOLTAGE. (V) Tj = 25 C
.01 50
O
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
.001 0 20 40 60 80 100 120 140
40
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
CURRENT. (A)
30
20
10
0 1 2 4 6 8 10 20 40 60 80 100
NUMBER OF CYCLES AT 60Hz
- 51 -


▲Up To Search▲   

 
Price & Availability of SR002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X