Part Number Hot Search : 
LV5781 153M000 A9842 2122J 42TL022 R1000 SMP1302 3296X104
Product Description
Full Text Search
 

To Download SMP28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMP11 thru SMP36A
New Product
Vishay General Semiconductor
Surface Mount TRANSZORB(R) Transient Voltage Suppressors
FEATURES * Very low profile - typical height of 1.0 mm * Ideal for automated placement * Available in Unidirectional * 400 W peak pulse power capability with a 10/1000 s waveform * Excellent clamping capability * Very fast response time
DO-220AA (SMP)
* Low incremental surge resistance * Meets MSL level 1, per J-STD-020C * Solder Dip 260 C, 40 seconds * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. MECHANICAL DATA Case: DO-220AA (SMP) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D E3 suffix for commercial grade Polarity: Color band denotes cathode end
MAJOR RATINGS AND CHARACTERISTICS
VWM PPPM IFSM Tj max. 11 V to 36 V 400W 40 A 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak pulse power dissipation with a 10/1000 s waveform Peak pulse current with a 10/1000 s waveform (1) Peak forward surge current 10 ms single half sine-wave Maximum instantaneous forward voltage at 25 A (3) Operating junction and storage temperature range Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal (3) Pulse test: 300 s pulse width, 1 % duty cycle
(2) (1,2)
SYMBOL (Fig. 1) PPPM IPPM IFSM VF TJ, TSTG
VALUE 400 see table next page 40 2.5 - 55 to + 150
UNIT W A A V C
Document Number 88481 26-Jul-06
www.vishay.com 1
SMP11 thru SMP36A
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE MARKING CODE AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM CN CP BREAKDOWN VOLTAGE V(BR) AT IT (1) (V) MIN SMP11 SMP11A SMP12 SMP12A SMP13 SMP13A SMP14 SMP14A SMP15 SMP15A SMP16 SMP16A SMP17 SMP17A SMP18 SMP18A SMP20 SMP20A SMP22 SMP22A SMP24 SMP24A SMP26 SMP26A SMP28 SMP28A SMP30 SMP30A SMP33 SMP33A SMP36 SMP36A Note: (1) V(BR) measured after IT applied for 300 s, IT = suqare wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 MAX 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 TEST CURRENT IT (mA) STAND-OFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM ID (A) (3) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM PEAK PULSE SURGE CURRENT IPPM (A) (2) 19.9 22.0 18.2 20.1 16.8 18.6 15.5 17.2 14.9 16.4 13.9 15.4 13.1 14.5 12.4 13.7 11.2 12.3 10.2 11.3 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1
DEVICE TYPE
ORDERING INFORMATION
PREFERRED P/N SMP11A-E3/84A SMP11A-E3/85A UNIT WEIGHT (g) 0.024 0.024 PREFERRED PACKAGE CODE 84A 85A BASE QUANTITY 3000 10000 DELIVERY MODE 7" Diameter Plastic Tape & Reel 13" Diameter Plastic Tape & Reel
www.vishay.com 2
Document Number 88481 26-Jul-06
SMP11 thru SMP36A
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
10 150 Non-repetitive Pulse Waveform shown in Fig. 3 TA = 25 C TJ = 25 C Pulse Width (td) is defined as the point where the peak current decays to 50 % of IPPM
IPPM - Peak Pulse Current, % IRSM
PPPM - Peak Pulse Power (kW)
tr = 10 sec Peak Value IPPM
100
1
Half Value - IPP 2 IPPM 50 10/1000 sec Waveform as defined by R.E.A.
0.2 x 0.2" (0.5 x 0.5 mm) Copper Pad Areas 0.1 0.1 s
td
0 1.0 s 10 s 100 s 1.0 ms 10 ms 0 1.0 2.0 3.0 4.0
td - Pulse Width (s)
t - Time (ms)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage (%)
100
10000
75
CJ - Junction Capacitance (pF)
Tj = 25 C f = 1.0 MHz Vsig = 50 mVp-p 1000 Measured at Zero Bias
50
100
25
Measured at Stand-Off Voltage, VWM
0 0 25 50 75 100 125 150 175 200
10 10 100
TJ = Initial Temperature (C)
VWM - Reverse Stand-off Voltage (V)
Figure 2. Pulse Derating Curve
Figure 4. Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-220AA (SMP)
Cathode band 0.012 (0.30) REF
0.086 (2.18) 0.074 (1.88)
0.053 (1.35) 0.041 (1.05)
0.036 (0.91) 0.024 (0.61)
0.142 (3.61) 0.126 (3.19) 0.158 (4.00) 0.146 (3.70)
0.103 (2.60) 0.087 (2.20)
0.032 (0.80) 0.016 (0.40)
0.013 (0.35) 0.004 (0.10) 0.045 (1.15) 0.033 (0.85) 0.012 (0.30) 0.000 (0.00) 0.100 (2.54) 0.018 (0.45) 0.006 (0.15)
0.105 (2.67)
0.025 (0.635)
0.030 (0.762)
0.050 (1.27)
Document Number 88481 26-Jul-06
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SMP28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X