Part Number Hot Search : 
MAX11135 SDA20 BYT51A 90635 H21UA RF8736 2SC181 AP2309N
Product Description
Full Text Search
 

To Download SL12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low VF Chip Schottky Barrier Diodes
SL12 AND SL14
Silicon epitaxial planer type
Formosa MS
SMA
0.185(4.8) 0.177(4.4) 0.012(0.3) Typ.
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.067(1.7) 0.060(1.5)
0.110(2.8) 0.094(2.4)
0.165(4.2) 0.150(3.8)
0.040(1.0) Typ.
0.040 (1.0) Typ.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.2 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 1.0 30 1.0 10 Rq JA CJ TSTG -55 80 130 +150
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 100o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE SL12 SL14
V RRM
(V)
*1
V RMS
(V) 14 28
*2
VR
*3
VF
*4
Operating temperature ( o C) -55 to +125
(V) 20 40
(V) 0.38 0.40
*1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
SL12 SL14
20 40
RATING AND CHARACTERISTIC CURVES (SL12 AND SL14)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
SL 1 2
SL
14
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
0.1
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
40
FORWARD VOLT AGE,(V)
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
REVERSE LEAKAGE CURRENT, (mA)
10
350 300 250 200 150 100 50 0
FIG.5-TYPICAL JUNCTION CAPACITANCE
1.0
Tj=75 C
.1
Tj=25 C
.01 0
JUNCTION CAPACITANCE,(pF)
.01
.05
.1
.5
1
5
10
50
100
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENTAGE RATED PEAK REVERSE VOL TAGE


▲Up To Search▲   

 
Price & Availability of SL12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X