Part Number Hot Search : 
CA314 09508 ADF70 MK42G 03518 00AA1 DTA124E HUM2020
Product Description
Full Text Search
 

To Download SB601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB6, SBT6 SERIES
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
SBT-6
SB-6
Features
UL Recognized File # E-96005 Surge overload rating 200 amperes peak Low forward voltage drop High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Small size, simple installation Leads solderable per MIL-STD-202 Method 208
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100
SB601 SB602 SB603 SB604 SB605 SB606 SB607
Units
Symbol SBT
601
SBT 602
SBT 603
SBT 604
SBT 605
SBT 606
SBT 607
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 6.0 200 1.0
600 420 600
800 560 800
1000 700 1000
V V V A A V uA uA /W
10 500 22 Typical Thermal Resistance (Note 1) RJA 7.3 (Note 2) RJC Operating Temperature Range TJ -55 to +125 Storage Temperature Range TSTG -55 to +150 Note: 1. Unit Mounted on P.C.B. at 0.375" (9.5mm) Lead Length with 0.5 x 0.5" (12 x 12mm) Copper Pads.
- 600 -
RATINGS AND CHARACTERISTIC CURVES (SB 601 THRU SB 607) SBT SBT
250
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
AVERAGE FORWARD CURRENT. (A)
10
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
200
8
150
6
100
4
50
2
0
1
2
4
6
8
10
20
40
60 80 100
0
0
50
o
100
150
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
10.0
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
10
TJ=100 0C
1.0
1.0
.1
.1 Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE
0
TJ=25 0C
.01
.01 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 INSTANTANEOUS FORWARD VOLTAGE. (V)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 601 -


▲Up To Search▲   

 
Price & Availability of SB601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X