Part Number Hot Search : 
S455GC SR330 FN2139 18X20 LX1671 UGC10KH EA09937 AN5256
Product Description
Full Text Search
 

To Download S9255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GENESIS MICROCHIP
S9255 Product Brief
C9255-PBR-01B
September 2002
DVI Interface with TCON Display Processor
PRODUCT HIGHLIGHTS
* * * * * * * * * * * * * * * * * * * * * * DVI-compliant 135 MHz receiver High bandwidth digital content protection CCIR 656 compatible 8 bit video port Intelligent Picture ProcessingTM Video window detection SureSyncTM and AutoAdjustTM Stand-alone test pattern generator Supports input & panel resolutions up to SXGA Integrated Microcontroller Programmable multi tap poly phase advanced scaling engine Five zone variable scaling - Ideal for WXGA panels Programmable regional scaling coefficients Edge enhancement in 1:1 mode Supports zoom and shrink scaling ACM IITM (Second Generation Active Color ManagementTM) Dual Gamma Table Correction Back light intensity control through PWM Adaptive Backlight ControlTM Adaptive Contrast control TM Flexible OSD Engine with 8 Kbytes of OSD Memory Adaptive flicker Rate Control Fail-safe display mode for high refresh inputs
DESCRIPTION
The Genesis S9255 is a highly integrated, feature-rich digital input LCD monitor controller targeted at SXGA resolution monitors. It inputs DVI-compliant signals and will perform advanced image processing to ensure the best display on a TFT LCD Monitor. It features an advanced scaling architecture with five zone variable scaling and edge enhancement capabilities in the native resolution modes. A programmable poly phase filter ensures smooth natural images and enhanced sharper text to provide excellent image quality. A proprietary video window detection algorithm detects coordinates of any video data overlayed on the image. The flexible scaling architecture also allows programmable scaling coefficients in either a defined region or on the entire screen. A state of the art and industryfirst Adaptive Color and Contrast (ACC) along with the Auto Backlight Level Control (ABL) ensure excellent viewing quality for both static and dynamic images. S9255 has second generation Active Color Management TM. This technology provides accurate flesh tone compensation, color space conversion and hue / saturation control over either a programmable window or the entire screen. Dual 10 - bit color look up tables allow independent gamma control for a programmable window and the background image. Integration of a state of the art 135 MHz DVI receiver, industry's best scalar and a host of other advanced features for video and color control make the S9255 an excellent solution for DVI monitors.
Genesis Microchip Inc.
2150 Gold Street, P.O. Box 2150, Alviso, CA USA 95002, Tel 408-262-6599, Fax 408-262-6365 165 Commerce Valley Dr. West, Thornhill, ON Canada L3T 7V8, Tel 905-889-5400, Fax 905-889-5422 George Thangiah Complex(E), 2nd Flr, 80 Feet Road, Jeevan Bhima Nagar, Bangalore 560 075, India, Tel 91-80-526 3878, Fax 91-80-529 6245 4F, No. 57, Sing Jung Road, NeiHu Taipei, Taiwan 114, R.O.C, Tel 886-2-2791-0118, Fax 886-2-2791-0196 143-37 Hyundai Tower, #902, Samsung-dong, Kangnam-gu, Seoul, Korea 135-090, Tel 82-2-553-5693, Fax 82-2-552-4942 Rm2614-2618 Shenzhen Office Tower, 6007 Shennan Blvd, 518040, Shenzhen, Guangdong, P.R.C., Tel 86-755-83860101, Fax 86-755-83867874 #310-311 Century Financial Tower, No. 1, Su Hua Road, Suzhou Industrial Park, Suzhou, Jiangsu Province, P.R.C., 215021 Tel 86-512-67620380, Fax 86-512-67620385 2-9-5 Higashigotanda, Shinagawa-ku, Tokyo, 141-0022, Japan, Tel 81-3-5798-2758, Fax 81-3-5798-2759
www.genesis-microchip.com /
info@genesis-microchip.com
GENESIS MICROCHIP
S9255 Product Brief
S9255 Feature Details
Scaling Technology * Programmable Scaling Coefficients * Five zone variable scaling * Supports WXGA panels * Non-linear independent X/Y scaling * Advanced Scaling with variable sharpness control * Edge enhancement in native mode resolution * Supports image expansion and reduction * Zoom or shrink from any industry standard input resolutions * Conversion between 4:3 and 16:9 aspect ratio Video and Color Control Features * Intelligent Picture Processing TM * Adaptive Color and Contrast * Adaptive Backlight Level * ACM II (Advanced Active Color Management) * Video Window Detection Input Ports * DVI Receiver * Single link integrated DVI-compliant receiver up to 135MHz operation * Support for DE-only mode * Direct connect to all DVI-compliant transmitters * High-bandwidth Digital Content Protection (HDCP) * Video Port * CCIR 656 PAL / NTSC Input Capability * Video Window Detection * On-chip deinterlacing (bobbing) * Integrated YUV to RGB Converter * Glue-less interface to video digitizers
On Screen Display * Character-based OSD with support for 16 foreground and 8 background colors. * Support for up to sixteen colors for characters and display of logos and icons * Supports transparency and blending. * Independent X and Y overlay/menu zoom by a factor of (1 to 8). * Flexible character generator for variable sizes up to 16x32. * Character attributes for 1, 2, 4 bits/pixel. * Fully programmable OSD memory of 4k x 16bits * Multiple language support. Panel Interface * Support for one pixel/clock (18 and 24 bit), 2 pixel/clock (36 and 48 bit) TFT TTL panels * Support for eight-bit or six-bit panels with high quality dithering * Second Generation flicker free Timing Controller (TCON) Supported Panel Resolutions * SXGA (1280x1024 @ 75Hz) resolution * XGA (1024 x 768 @ 85 Hz) resolution Color Look up Table * 24 bit/pixel (8 bit each for R, G, B). * 10-bit Gamma correction for true color display. * Dual Gamma Tables * Optional 24-bit to 18-bit high quality dither support * High fidelity Color Mapping - up to 16M colors. System Interface Support * 4 PWM channels can be programmed as Panel On /Off, Backlight On /Off etc., * 24 GPIO pins * Industry standard 2 wire serial host interface for HDCP communication 3.3V Operation 208-pin LQFP Package
SureSyncTM and AutoAdjustTM * Automatically detects and syncs to changes in incoming resolution and refresh rate * Fast, automatic optimization of Phase, Hsize, Vertical and Horizontal position * Continuous monitoring of Input ports
www.genesis-microchip.com This document is Subject to Change Without Notice
GENESIS MICROCHIP
S9255 Product Brief
S9255Functional Block Diagram
Clock External Flash Interface
2 - Wire Serial Port
Clock Generator
Microcontroller
OSD Memory D u a l C L U T
Panel Data and TCON Output
8 Bit Vido Port
TMDS HDCP
Image Capture and Measurement
Scaling Engine with Edge Enhancement
Panel
Input Mux
ABL ACC
OSD Engine
AutoAdjust
VWD
Pattern Generator
Histogram PWM and GPIO
S9255 System Design Example
External Flash
DVI
DDC
TCON Data
S9255
Panel Data
LCD Panel
8 bit Video Port
On /Off
PWM
Inverter
Backlight
Backlight
www.genesis-microchip.com This document is Subject to Change Without Notice


▲Up To Search▲   

 
Price & Availability of S9255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X