Part Number Hot Search : 
2508AF SI4435 03515 STTA106 SR105 SAA7715H TP5426 T6A40G
Product Description
Full Text Search
 

To Download PLR131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Photo link Light Receiver Unit
PLR131
Features
1. High PD sensitivity optimized for red light 2. Data Rate up to 13.2Mbps at least (NRZ signal) 3. Low power consumption for extended battery life 4. Built-in threshold control for improved noise Margin 5. Pb Free
Descriptions
The optical receiver is packaged with custom optic data link interface, integrated on a proprietary CMOS PDIC process. The unit functions by converting optical signals into electric ones with data rate up to 13.2Mbps at least. The unit is operated at 5V and the signal output is TTL compatible with high performance at low power consumption.
Applications
1. Digital Optical Data-Link 2. Dolby AC-3 Digital Audio Interface
EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001
http://www.everlight.com Prepared Date:04-27-2004
Rev 1.2
Page: 1 of 5
Prepared By: Chin-Chia Hsu
PLR131
Package Dimensions
Pin Function 1. Vout 2. GND 3. Vcc
3 2 1
Notes : 1.All dimensions are in millimeters. 2.General Tolerance :0.2mm
Absolute Maximum Ratings( Ta = 25)
Parameter Supply Voltage Output Voltage Storage Temperature Operating Temperature Soldering Temperature * Soldering time 10 s. Symbol Vcc Vout Tstg Topr Tsol Rating 6 Vcc+0.3 -30 to 80 -20 to 70 260* Unit V V
EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001
http://www.everlight.com Prepared Date:04-27-2004
Rev 1.2
Page: 2 of 5
Prepared By: Chin-Chia Hsu
PLR131
Electro-Optical Characteristics(Ta=-10~70Vcc=50.25V)
Parameter Power supply voltage Peak sensitivity wavelength Maximum receiver power Minimum receiver power Dissipation current High level output voltage Low level output voltage Rise time Fall time Propagation delay Low to High Propagation delay High to Low Pulse Width Distortion Jitter Transfer rate Symbol Vcc p Pc,max Pc,min Icc VOH VOL tr tf tpLH tpHL tw tj T Conditions Refer to Fig.1 Refer to Fig.1 Refer to Fig.2 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.4Pc=-15dBm Refer to Fig.4Pc=-22dBm
MIN. TYP. MAX. Unit 4.75 -24 2.4 5.00 660 4 4.8 0.2 10 15 -30 0.1 1 5.25 -14 12 0.4 30 30 120 120 +30 30 30 13.2 V nm dBm dBm mA V V ns ns ns ns ns ns ns Mb/s
NRZ signal
Measuring Method
*Fig.1 Measuring Method of Maximum and Minimum Input Power that Receiver Unit Need
EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001
http://www.everlight.com Prepared Date:04-27-2004
Rev 1.2
Page: 3 of 5
Prepared By: Chin-Chia Hsu
PLR131
*Fig.2 Measuring Method of Dissipation Current
*Fig.3 Measuring Method of Output Voltage and Pulse
EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001
http://www.everlight.com Prepared Date:04-27-2004
Rev 1.2
Page: 4 of 5
Prepared By: Chin-Chia Hsu
PLR131
*Fig.4 Measuring Method of Jitter
Application Circuit
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax:886-2-2269-8114, 2267-6189, 2267-6306 http://www.everlight.com
EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001
http://www.everlight.com Prepared Date:04-27-2004
Rev 1.2
Page: 5 of 5
Prepared By: Chin-Chia Hsu


▲Up To Search▲   

 
Price & Availability of PLR131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X