Part Number Hot Search : 
SMLJ60 32M16 HY5DU561 29F52 CP200 KA277 GRM32 XQVR1000
Product Description
Full Text Search
 

To Download PHT25016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE
250A / 1200V to 1600V
PHT25012 PHT25016
OUTLINE DRAWING
FEATURES
* Isolated Base * Single Thyristor Module * High Surge Capability * UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Off-State Voltage Non Repetitive Peak Off-State Voltage Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage
Approx Net Weight:250g
Symbol VDRM VDSM VRRM VRSM
Grade
PHT25012 PHT25016
Unit
V V
1200 1300 1200 1300
1600 1700 1600 1700
Max Rated Value
Parameter
Average Rectified Output Current RMS On-State Current Surge On-State Current I Squared t Critical Rate of Turned-On Current Peak Gate Power Average Gate Power Peak Gate Current Peak Gate Voltage Peak Gate Reverse Voltage Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) IT(RMS) ITSM I2t di/dt PGM PG(AV) IGM VGM VRGM Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=65C 50 Hz Half Sine Wave, 1Pulse Non-Repetitive 2msec to 10msec VD=2/3VDRM, ITM=2 IO, Tj=125C IG=300mA, diG/dt=0.2A/s
*
Unit
A A A A2s A/s
250 390 4000 80000 100
5 W 1 W 2 A 10 V 5 V -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2500 V M5 Screw 2.4 to 2.8 N*m M5 Screw 2.4 to 2.8
Electrical * Thermal Characteristics
Characteristics
Peak Off-State Current Peak Reverse Current Peak Forward Voltage Gate Current to Trigger Symbol IDM IRM VTM IGT Test Conditions VDM= VDRM, Tj= 125C VRM= VRRM, Tj= 125C ITM= 800A, Tj=25C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C VD=2/3VDRM Tj=125C VD=2/3VDRM Tj=125C ITM=IO,VD=2/3VDRM dv/dt=20V/s, VR=100V -di/dt=20A/s, Tj=125C VD=2/3VDRM Tj=125C IG=300mA, diG/dt=0.2A/s Maximum Value. Min. Typ. Max. 80 80 1.38 300 150 80 5 3 2 0.25 500 200 6 2 4 150 100 0.18 0.1 Unit mA mA V mA
Gate Voltage to Trigger Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Turn-Off Time Turn-On Time Delay Time Rise Time Latching Current Holding Current Thermal Resistance
VGT VGD dv/dt tq tgt td tr IL IH Rth(j-c)
V V V/s s s s s mA
Tj=25C Tj=25C Junction to Case Base Plate to Heat Sink Rth(c-f) with Thermal Compound
C/W
PHT2501x OUTLINE DRAWING (Dimensions in mm)
The striking distance between the anode and the cathode of this module is 5mm filling with UL1557, b ut when used by the system of 400VAC, take an e nough striking distance and wire.


▲Up To Search▲   

 
Price & Availability of PHT25016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X