|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NCP2820 2.65 W Filterless Class-D Audio Power Amplifier The NCP2820 is a cost-effective mono Class-D audio power amplifier capable of delivering 2.65 W of continuous average power to 4.0 W from a 5.0 V supply in a Bridge Tied Load (BTL) configuration. Under the same conditions, the output power stage can provide 1.4 W to a 8.0 W BTL load with less than 1% THD+N. For cellular handsets or PDAs it offers space and cost savings because no output filter is required when using inductive tranducers. With more than 90% efficiency and very low shutdown current, it increases the lifetime of your battery and drastically lowers the junction temperature. The NCP2820 processes analog inputs with a pulse width modulation technique that lowers output noise and THD when compared to a conventional sigma-delta modulator. The device allows independent gain while summing signals from various audio sources. Thus, in cellular handsets, the earpiece, the loudspeaker and even the melody ringer can be driven with a single NCP2820. Due to its low 42 mV noise floor, A-weighted, a clean listening is guaranteed no matter the load sensitivity. Features http://onsemi.com MARKING DIAGRAMS 1 9-PIN FLIP-CHIP CSP 1 FC SUFFIX CASE 499AL A1 MAQG AYWW C1 A3 8 1 8 PIN UDFN 2x2.2 MU SUFFIX CASE 506AV 1 ZB MG * Optimized PWM Output Stage: Filterless Capability * Efficiency up to 90% * * * * * * * * * * * * Pb-Free Packages are Available Applications Low 2.5 mA Typical Quiescent Current Large Output Power Capability: 1.4 W with 8.0 W Load (CSP) and THD + N < 1% Wide Supply Voltage Range: 2.5-5.5 V Operating Voltage High Performance, THD+N of 0.03% @ Vp = 5.0 V, RL = 8.0 W, Pout = 100 mW Excellent PSRR (-65 dB): No Need for Voltage Regulation Surface Mounted Package 9-Pin Flip-Chip CSPand UDFN8 Fully Differential Design. Eliminates Two Input Coupling Capacitors Very Fast Turn On/Off Times with Advanced Rising and Falling Gain Technique External Gain Configuration Capability Internally Generated 250 kHz Switching Frequency Short Circuit Protection Circuitry "Pop and Click" Noise Protection Circuitry A Y WW M G = Assembly Location = Year = Work Week = Date Code = Pb-Free Package ORDERING INFORMATION See detailed ordering and shipping information on page 20 of this data sheet. Cs Audio Input from DAC Ri Ri INP INM SD VP OUTM OUTP Input from Microcontroller * * * * Cellular Phone Portable Electronic Devices PDAs and Smart Phones Portable Computer GND Cs Ri 1.6 mm Ri 3.7 mm (c) Semiconductor Components Industries, LLC, 2006 November, 2006 - Rev. 5 1 Publication Order Number: NCP2820/D NCP2820 PIN CONNECTIONS 9-Pin Flip-Chip CSP A1 INP B1 VP C1 INM A2 GND B2 VP C2 SD (Top View) A3 OUTM B3 GND C3 OUTP BATTERY Cs SD VP INP INM UDFN8 1 2 3 4 (Top View) 8 7 6 5 OUTM GND VP OUTP Vp Ri Rf RAMP GENERATOR Negative Differential Input Ri INP Rf INM OUTP OUTM 300 kW Positive Differential Input SD Vih Shutdown Control GND Vil Figure 1. Typical Application PIN DESCRIPTION Pin No. CSP A1 A2 A3 B1 B2 B3 C1 C2 UDFN8 3 7 8 2 6 7 4 1 Symbol INP GND OUTM Vp Vp GND INM SD Type I I O I I I I I Positive Differential Input. Analog Ground. Negative BTL Output. Analog Positive Supply. Range: 2.5 V - 5.5 V. Power Analog Positive Supply. Range: 2.5 V - 5.5 V. Analog Ground. Negative Differential Input. The device enters in Shutdown Mode when a low level is applied on this pin. An internal 300 kW resistor will force the device in shutdown mode if no signal is applied to this pin. It also helps to save space and cost. Positive BTL Output. Description C3 5 OUTP O http://onsemi.com 2 RL = 8 W Data Processor CMOS Output Stage NCP2820 MAXIMUM RATINGS Symbol Vp Vin Iout Pd TA TJ Tstg RqJA Supply Voltage Input Voltage Max Output Current (Note 1) Power Dissipation (Note 2) Operating Ambient Temperature Max Junction Temperature Storage Temperature Range Thermal Resistance Junction-to-Air ESD Protection Human Body Model (HBM) (Note 4) Machine Model (MM) (Note 5) Latchup Current @ TA = 85C (Note 6) Moisture Sensitivity (Note 7) 9-Pin Flip-Chip UDFN8 9-Pin Flip-Chip UDFN8 Rating Active Mode Shutdown Mode Max 6.0 7.0 -0.3 to VCC +0.3 1.5 Internally Limited -40 to +85 150 -65 to +150 90 (Note 3) 50 > 2000 > 200 $70 $100 Level 1 Unit V V A - C C C C/W - - - MSL V mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The device is protected by a current breaker structure. See "Current Breaker Circuit" in the Description Information section for more information. 2. The thermal shutdown is set to 160C (typical) avoiding irreversible damage to the device due to power dissipation. 3. For the 9-Pin Flip-Chip CSP package, the RqJA is highly dependent of the PCB Heatsink area. For example, RqJA can equal 195C/W with 50 mm2 total area and also 135C/W with 500 mm2. When using ground and power planes, the value is around 90C/W, as specified in table. 4. Human Body Model: 100 pF discharged through a 1.5 kW resistor following specification JESD22/A114. On 9-Pin Flip-Chip, B2 Pin (VP) is qualified at 1500 V. 5. Machine Model: 200 pF discharged through all pins following specification JESD22/A115. 6. Latchup Testing per JEDEC Standard JESD78. 7. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J-STD-020A. http://onsemi.com 3 NCP2820 ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25C unless otherwise noted) (NCP2820FCT1G and NCP2820FCT2G) Characteristic Operating Supply Voltage Supply Quiescent Current Symbol Vp Idd Conditions TA = -40C to +85C Vp = 3.6 V, RL = 8.0 W Vp = 5.5 V, No Load Vp from 2.5 V to 5.5 V, No Load TA = -40C to +85C Vp = 4.2 V TA = +25C TA = +85C Vp = 5.5 V TA = +25C TA = +85C Shutdown Voltage High Shutdown Voltage Low Switching Frequency Gain Output Impedance in Shutdown Mode Resistance from SD to GND Output Offset Voltage Turn On Time Turn Off Time Thermal Shutdown Temperature Output Noise Voltage Vsdih Vsdil Fsw G ZSD Rs Vos Ton Toff Tsd Vn Vp from 2.5 V to 5.5 V TA = -40C to +85C RL = 8.0 W - Vp = 5.5 V Vp from 2.5 V to 5.5 V Vp from 2.5 V to 5.5 V - Vp = 3.6 V, f = 20 Hz to 20 kHz no weighting filter with A weighting filter RL = 8.0 W, f = 1.0 kHz, THD+N < 1% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V RL = 8.0 W, f = 1.0 kHz, THD+N < 10% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V RL = 4.0 W, f = 1.0 kHz, THD+N < 1% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V RL = 4.0 W, f = 1.0 kHz, THD+N < 10% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V Min 2.5 - - - - - - - 1.2 - 190 285 kW Ri - - - - - - - - - - - - - - - - - - - - - - - - - - - - Typ - 2.15 2.61 - 0.42 0.45 0.8 0.9 - - 250 300 kW Ri 300 300 6.0 9.0 5.0 160 65 42 0.32 0.48 0.7 0.97 1.38 0.4 0.59 0.87 1.19 1.7 0.49 0.72 1.06 1.62 2.12 0.6 0.9 1.33 2.0 2.63 Max 5.5 - - 4.6 mA 0.8 - mA 1.5 - - 0.4 310 315 kW Ri - - - - - - - - - - - - - - - - - - - - - - - - - - - - W V V kHz V V W kW mV ms ms C mVrms Unit V mA Shutdown Current Isd RMS Output Power Po W W W http://onsemi.com 4 NCP2820 ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25C unless otherwise noted) (NCP2820FCT1G and NCP2820FCT2G) Characteristic Efficiency Symbol - Conditions RL = 8.0 W, f = 1.0 kHz Vp = 5.0 V, Pout = 1.2 W Vp = 3.6 V, Pout = 0.6 W RL = 4.0 W, f = 1.0 kHz Vp = 5.0 V, Pout = 2.0 W Vp = 3.6 V, Pout = 1.0 W Total Harmonic Distortion + Noise THD+N Vp = 5.0 V, RL = 8.0 W, f = 1.0 kHz, Pout = 0.25 W Vp = 3.6 V, RL = 8.0 W, f = 1.0 kHz, Pout = 0.25 W Vp from 2.5 V to 5.5 V Vic = 0.5 V to Vp - 0.8 V Vp = 3.6 V, Vic = 1.0 Vpp f = 217 Hz f = 1.0 kHz Vp_ripple_pk-pk = 200 mV, RL = 8.0 W, Inputs AC Grounded Vp = 3.6 V f = 217 kHz f = 1.0 kHz Min - - - - - - - - - Typ 91 90 82 81 0.05 0.09 -62 -56 -57 Max - - - - % - - dB - - - dB Unit % Common Mode Rejection Ratio CMRR Power Supply Rejection Ratio PSRR - - -62 -65 - - ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25C unless otherwise noted) (NCP2820MUTBG) Characteristic Operating Supply Voltage Supply Quiescent Current Symbol Vp Idd Conditions TA = -40C to +85C Vp = 3.6 V, RL = 8.0 W Vp = 5.5 V, No Load Vp from 2.5 V to 5.5 V, No Load TA = -40C to +85C Vp = 4.2 V TA = +25C TA = +85C Vp = 5.5 V TA = +25C TA = +85C Shutdown Voltage High Shutdown Voltage Low Switching Frequency Gain Output Impedance in Shutdown Mode Resistance from SD to GND Output Offset Voltage Turn On Time Turn Off Time Thermal Shutdown Temperature Output Noise Voltage Vsdih Vsdil Fsw G ZSD Rs Vos Ton Toff Tsd Vn Vp from 2.5 V to 5.5 V TA = -40C to +85C RL = 8.0 W - Vp = 5.5 V Vp from 2.5 V to 5.5 V Vp from 2.5 V to 5.5 V - Vp = 3.6 V, f = 20 Hz to 20 kHz no weighting filter with A weighting filter Min 2.5 - - - - - - - 1.2 - 180 285 kW Ri - - - - - - - - Typ - 2.15 2.61 - 0.42 0.45 0.8 0.9 - - 240 300 kW Ri 20 300 6.0 1.0 1.0 160 65 42 Max 5.5 - - 3.8 mA 0.8 2.0 mA 1.5 - - 0.4 300 315 kW Ri - - - - - - - - V V kHz V V kW kW mV ms ms C mVrms Unit V mA Shutdown Current Isd http://onsemi.com 5 NCP2820 ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25C unless otherwise noted) (NCP2820MUTBG) Characteristic RMS Output Power Symbol Po Conditions RL = 8.0 W, f = 1.0 kHz, THD+N < 1% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V RL = 8.0 W, f = 1.0 kHz, THD+N < 10% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V RL = 4.0 W, f = 1.0 kHz, THD+N < 1% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V RL = 4.0 W, f = 1.0 kHz, THD+N < 10% Vp = 2.5 V Vp = 3.0 V Vp = 3.6 V Vp = 4.2 V Vp = 5.0 V Efficiency - RL = 8.0 W, f = 1.0 kHz Vp = 5.0 V, Pout = 1.2 W Vp = 3.6 V, Pout = 0.6 W RL = 4.0 W, f = 1.0 kHz Vp = 5.0 V, Pout = 2.0 W Vp = 3.6 V, Pout = 1.0 W Total Harmonic Distortion + Noise THD+N Vp = 5.0 V, RL = 8.0 W, f = 1.0 kHz, Pout = 0.25 W Vp = 3.6 V, RL = 8.0 W, f = 1.0 kHz, Pout = 0.25 W Vp from 2.5 V to 5.5 V Vic = 0.5 V to Vp - 0.8 V Vp = 3.6 V, Vic = 1.0 Vpp f = 217 Hz f = 1.0 kHz Vp_ripple_pk-pk = 200 mV, RL = 8.0 W, Inputs AC Grounded Vp = 3.6 V f = 217 kHz f = 1.0 kHz Min - - - - - - - - - - - - - - - - - - - - - - - - - - - - - Typ 0.22 0.33 0.45 0.67 0.92 0.36 0.53 0.76 1.07 1.49 0.24 0.38 0.57 0.83 1.2 0.52 0.8 1.125 1.58 2.19 87 87 79 78 0.05 0.06 -62 -56 -57 Max - - - - - - - - - - - - - - - - - - - - - - - - % - - dB - - - dB Unit W W W W % Common Mode Rejection Ratio CMRR Power Supply Rejection Ratio PSRR - - -62 -65 - - http://onsemi.com 6 NCP2820 Ci + Audio Input Signal - Ci Ri INP Ri NCP2820 OUTM Load INM VP OUTP GND 30 kHz Low Pass Filter + Measurement Input - 4.7 mF + - Power Supply Figure 2. Test Setup for Graphs NOTES: 1. Unless otherwise noted, Ci = 100 nF and Ri= 150 kW. Thus, the gain setting is 2 V/V and the cutoff frequency of the input high pass filter is set to 10 Hz. Input capacitors are shorted for CMRR measurements. 2. To closely reproduce a real application case, all measurements are performed using the following loads: RL = 8 W means Load = 15 mH + 8 W + 15 mH RL = 4 W means Load = 15 mH + 4 W + 15 mH Very low DCR 15 mH inductors (50 mW) have been used for the following graphs. Thus, the electrical load measurements are performed on the resistor (8 W or 4 W) in differential mode. 3. For Efficiency measurements, the optional 30 kHz filter is used. An RC low-pass filter is selected with (100 W, 47 nF) on each PWM output. http://onsemi.com 7 NCP2820 TYPICAL CHARACTERISTICS 100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0 0.2 0.4 0.6 Pout (W) 0.8 1 Class AB Vp = 5 V RL = 8 W 100 NCP2820 CSP DIE TEMPERATURE (C) NCP2820 mDFN 90 80 70 60 50 40 30 20 0 0.2 0.4 0.6 0.8 NCP2820 1.0 1.2 1.4 Vp = 5 V RL = 8 W Class AB Pout (W) Figure 3. Efficiency vs. Pout Vp = 5 V, RL = 8 W, f = 1 kHz 100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 Pout (W) 0.5 0.6 0.7 Vp = 3.6 V RL = 8 W Class AB NCP2820 CSP DIE TEMPERATURE (C) NCP2820 mDFN 60 55 50 45 40 35 30 25 20 0 Figure 4. Die Temperature vs. Pout Vp = 5 V, RL = 8 W, f = 1 kHz @ TA = +25C Class AB Vp = 3.6 V RL = 8 W NCP2820 0.1 0.2 0.3 0.4 0.5 0.6 0.7 Pout (W) Figure 5. Efficiency vs. P out Vp = 3.6 V, RL = 8 W, f = 1 kHz 90 80 70 EFFICIENCY % 60 50 40 30 20 10 0 0 0.5 1 Pout (W) 1.5 2 Vp = 5 V RL = 4 W Class AB NCP2820 CSP DIE TEMPERATURE (C) NCP2820 mDFN 160 140 120 100 80 60 40 20 0 Figure 8. Die Temperature vs. P out Vp = 3.6 V, RL = 8 W, f = 1 kHz @ TA = +25C Class AB Vp = 5 V RL = 4 W NCP2820 0.5 1.0 Pout (W) 1.5 2.0 Figure 6. Efficiency vs. Pout Vp = 5 V, RL = 4 W, f = 1 kHz Figure 7. Die Temperature vs. Pout Vp = 5 V, RL = 4 W, f = 1 kHz @ TA = +25C http://onsemi.com 8 NCP2820 TYPICAL CHARACTERISTICS 90 80 70 EFFICIENCY % 60 50 40 30 20 10 0 0 0.2 0.4 0.6 Pout (W) 0.8 Vp = 3.6 V RL = 4 W Class AB NCP2820 CSP DIE TEMPERATURE (C) NCP2820 mDFN 100 90 80 70 60 50 40 30 1.2 20 0 0.2 0.4 0.6 Pout (W) 0.8 1.0 NCP2820 Vp = 3.6 V RL = 4 W Class AB 1 Figure 9. Efficiency vs. Pout Vp = 3.6 V, RL = 4 W, f = 1 kHz 10 Vp = 5.0 V RL = 8 W f = 1 kHz THD+N (%) 10 Figure 10. Die Temperature vs. Pout Vp = 3.6 V, RL = 4 W, f = 1 kHz @ TA = +25C THD+N (%) 1.0 1.0 Vp = 4.2 V RL = 8 W f = 1 kHz NCP2820 mDFN 0.1 NCP2820 CSP NCP2820 mDFN 0.1 NCP2820 CSP 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0 0.2 0.4 0.6 Pout (W) 0.8 1.0 1.2 Pout (W) Figure 11. THD+N vs. Pout Vp = 5 V, RL = 8 W, f = 1 kHz 10 Vp = 3.6 V RL = 8 W f = 1 kHz NCP2820 mDFN 0.1 THD+N (%) 10 Figure 12. THD+N vs. Pout Vp = 4.2 V, RL = 8 W, f = 1 kHz THD+N (%) 1.0 1.0 Vp = 3 V RL = 8 W f = 1 kHz NCP2820 mDFN NCP2820 CSP 0.1 NCP2820 CSP 0.01 0 0.2 0.4 Pout (W) 0.6 0.8 0.01 0 0.1 0.2 0.3 Pout (W) 0.4 0.5 0.6 Figure 13. THD+N vs. Pout Vp = 3.6 V, RL = 8 W, f = 1 kHz http://onsemi.com 9 Figure 14. THD+N vs. Pout Vp = 3 V, RL = 8 W, f = 1 kHz NCP2820 TYPICAL CHARACTERISTICS 10 Vp = 2.5 V RL = 8 W f = 1 kHz THD+N (%) 1.0 NCP2820 mDFN THD+N (%) 1.0 10 Vp = 5 V RL = 4 W f = 1 kHz 0.1 NCP2820 CSP 0.1 0.01 0 0.1 0.2 Pout (W) 0.3 0.4 0.01 0 0.5 1.0 1.5 Pout (W) 2.0 2.5 Figure 15. THD+N vs. Pout Vp = 2.5 V, RL = 8 W, f = 1 kHz 10 Vp = 4.2 V RL = 4 W f = 1 kHz THD+N (%) 10 Figure 16. THD+N vs. Pout Vp = 5 V, RL = 4 W, f = 1 kHz THD+N (%) 1.0 1.0 Vp = 3.6 V RL = 4 W f = 1 kHz 0.1 0.1 0.01 0 0.5 1.0 Pout (W) 1.5 2.0 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Pout (W) Figure 17. THD+N vs. Pout Vp = 4.2 V, RL = 4 W, f = 1 kHz 10 Vp = 3 V RL = 4 W f = 1 kHz THD+N (%) THD+N (%) 10 Figure 18. THD+N vs. Pout Vp = 3.6 V, RL = 4 W, f = 1 kHz Vp = 2.5 V RL = 4 W f = 1 kHz 1.0 1.0 0.1 0 0.2 0.4 Pout (W) 0.6 0.8 1.0 0.1 0 0.1 0.2 0.3 Pout (W) 0.4 0.5 0.6 Figure 19. THD+N vs. Power Out Vp = 3 V, RL = 4 W, f = 1 kHz http://onsemi.com 10 Figure 20. THD+N vs. Power Out Vp = 2.5 V, RL = 4 W, f = 1 kHz NCP2820 TYPICAL CHARACTERISTICS 2.0 RL = 8 W f = 1 kHz 1.5 Pout (W) NCP2820 CSP THD+N = 10% 3.0 2.5 2.0 Pout (W) 1.5 1.0 0.5 NCP2820 CSP THD+N = 1% 0 2.5 3.0 3.5 4.0 NCP2820 mDFN THD+N = 3% 0.5 0 2.5 THD+N = 1% RL = 4 W f = 1 kHz THD+N = 10% NCP2820 mDFN THD+N = 10% 1.0 4.5 5.0 3.0 3.5 4.0 4.5 5.0 POWER SUPPLY (V) POWER SUPPLY (V) Figure 21. Output Power vs. Power Supply RL = 8 W @ f = 1 kHz 10 10 Figure 22. Output Power vs. Power Supply RL = 4 W @ f = 1 kHz THD+N (%) THD+N (%) 1.0 Vp = 2.5 V 0.1 Vp = 3.6 V Vp = 5 V 1.0 Vp = 2.5 V 0.1 Vp = 5 V 0.01 10 Vp = 3.6 V 0.01 10 100 1000 FREQUENCY (Hz) 10000 100000 100 1000 FREQUENCY (Hz) 10000 100000 Figure 23. THD+N vs. Frequency RL = 8 W, Pout = 250 mW @ f = 1 kHz -20 -30 -40 -50 -60 -70 -80 10 100 1000 FREQUENCY (Hz) Vp = 5 V Vp = 3.6 V Inputs to GND RL = 8 W 10000 100000 -20 -30 -40 -50 -60 -70 -80 10 Figure 24. THD+N vs. Frequency RL = 4 W, Pout = 250 mW @ f = 1 kHz PSSR (dB) PSSR (dB) Vp = 5 V Vp = 3.6 V Inputs to GND RL = 4 W 100 1000 FREQUENCY (Hz) 10000 100000 Figure 25. PSRR vs. Frequency Inputs Grounded, RL = 8 W, Vripple = 200 mvpkpk Figure 26. PSRR vs. Frequency Inputs grounded, RL = 4 W, Vripple = 200 mVpkpk http://onsemi.com 11 NCP2820 TYPICAL CHARACTERISTICS -20 -30 -40 -50 -60 -70 -80 10 100 1000 FREQUENCY (Hz) Vp = 3.6 V RL = 8 W QUIESCENT CURRENT (mA) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 120 130 140 TEMPERATURE (C) 150 160 Thermal Shutdown Vp = 3.6 V RL = 8 W CMMR (dB) 10000 100000 Figure 27. PSRR vs. Frequency Vp = 3.6 V, RL = 8 W, Vic = 200 mvpkpk 900 SHUTDOWN CURRENT (nA) SHUTDOWN CURRENT (nA) 800 700 600 500 400 300 200 100 0 2.5 3.5 4.5 5.5 RL = 8 W 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 Figure 28. Thermal Shutdown vs. Temperature Vp = 5 V, RL = 8 W, RL = 8 W 1.0 2.5 3.5 4.5 5.5 POWER SUPPLY (V) POWER SUPPLY (V) Figure 29. Shutdown Current vs. Power Supply RL = 8 W 1000 Vp = 3.6 V RL = 8 W NOISE (mVrms) NOISE (mVrms) 1000 Figure 30. Quiescent Current vs. Power Supply RL = 8 W Vp = 5 V RL = 8 W 100 No Weighting 100 No Weighting With A Weighting With A Weighting 10 10 100 1000 10000 10 10 100 1000 10000 FREQUENCY (Hz) FREQUENCY (Hz) Figure 31. Noise Floor, Inputs AC Grounded with 1 mF Vp = 3.6 V Figure 32. Noise Floor, Inputs AC Grounded with 1 mF Vp = 5 V http://onsemi.com 12 NCP2820 11 TA = +85C TURN OFF TIME (mS) TURN ON TIME (mS) 10 9 8 7 6 2.5 TA = +25C TA = -40C 7 TA = +25C 6 TA = +85C TA = -40C 8 5 3.5 4.5 5.5 4 2.5 3.5 4.5 5.5 POWER SUPPLY (V) POWER SUPPLY (V) Figure 33. Turn on Time Figure 34. Turn off Time DESCRIPTION INFORMATION Detailed Description The basic structure of the NCP2820 is composed of one analog pre-amplifier, a pulse width modulator and an H-bridge CMOS power stage. The first stage is externally configurable with gain-setting resistor Ri and the internal fixed feedback resistor Rf (the closed-loop gain is fixed by the ratios of these resistors) and the other stage is fixed. The load is driven differentially through two output stages. The differential PWM output signal is a digital image of the analog audio input signal. The human ear is a band pass filter regarding acoustic waveforms, the typical values of which are 20 Hz and 20 kHz. Thus, the user will hear only the amplified audio input signal within the frequency range. The switching frequency and its harmonics are fully filtered. The inductive parasitic element of the loudspeaker helps to guarantee a superior distortion value. Power Amplifier The device has the same behavior when it is turned-off by a logic low on the shutdown pin. No power is delivered to the load 5 ms after a falling edge on the shutdown pin. Due to the fast turn on and off times, the shutdown signal can be used as a mute signal as well. Turn On and Turn Off Transitions in Case of UDFN8 In case of UDFN8 package, the audio signal is established instantaneously after the rising edge on the shutdown pin. The audio is also suddenly cut once a low level is sent to the amplifier. This way to turn on and off the device in a very fast way also prevents from "pop & click" noise. Shutdown Function The device enters shutdown mode when the shutdown signal is low. During the shutdown mode, the DC quiescent current of the circuit does not exceed 1.5 mA. Current Breaker Circuit The output PMOS and NMOS transistors of the amplifier have been designed to deliver the output power of the specifications without clipping. The channel resistance (Ron) of the NMOS and PMOS transistors is typically 0.4 W. Turn On and Turn Off Transitions in Case of 9 Pin Flip-Chip Package In order to eliminate "pop and click" noises during transition, the output power in the load must not be established or cutoff suddenly. When a logic high is applied to the shutdown pin, the internal biasing voltage rises quickly and, 4 ms later, once the output DC level is around the common mode voltage, the gain is established slowly (5.0 ms). This method to turn on the device is optimized in terms of rejection of "pop and click" noises. Thus, the total turn on time to get full power to the load is 9 ms (typical). The maximum output power of the circuit corresponds to an average current in the load of 820 mA. In order to limit the excessive power dissipation in the load if a short-circuit occurs, a current breaker cell shuts down the output stage. The current in the four output MOS transistors are real-time controlled, and if one current exceeds the threshold set to 1.5 A, the MOS transistor is opened and the current is reduced to zero. As soon as the short-circuit is removed, the circuit is able to deliver the expected output power. This patented structure protects the NCP2820. Since it completely turns off the load, it minimizes the risk of the chip overheating which could occur if a soft current limiting circuit was used. http://onsemi.com 13 NCP2820 APPLICATION INFORMATION NCP2820 PWM Modulation Scheme The NCP2820 uses a PWM modulation scheme with each output switching from 0 to the supply voltage. If Vin = 0 V outputs OUTM and OUTP are in phase and no current is flowing through the differential load. When a positive signal is applied, OUTP duty cycle is greater than 50% and OUTM is less than 50%. With this configuration, the current through the load is 0 A most of the switching period and thus power losses in the load are lowered. OUTP OUTM +Vp 0V -Vp Load Current 0A Figure 35. Output Voltage and Current Waveforms into an Inductive Loudspeaker DC Output Positive Voltage Configuration Voltage Gain The first stage is an analog amplifier. The second stage is a comparator: the output of the first stage is compared with a periodic ramp signal. The output comparator gives a pulse width modulation signal (PWM). The third and last stage is the direct conversion of the PWM signal with MOS transistors H-bridge into a powerful output signal with low impedance capability. With an 8 W load, the total gain of the device is typically set to: 300 kW Ri The input coupling capacitor blocks the DC voltage at the amplifier input terminal. This capacitor creates a high-pass filter with Rin, the cut-off frequency is given by Fc + Input Capacitor Selection (Cin) When using an input resistor set to 150 kW, the gain configuration is 2 V/V. In such a case, the input capacitor selection can be from 10 nF to 1 mF with cutoff frequency values between 1 Hz and 100 Hz. The NCP2820 also includes a built in low pass filtering function. It's cut off frequency is set to 20 kHz. Optional Output Filter 2 p 1 Ri Ci . An optional filter can be used for filtering high frequency signal before the speaker. In this case, the circuit consists of two inductors (15 mH) and two capacitors (2.2 mF) (Figure 36). The size of the inductors is linked to the output power requested by the application. A simplified version of this filter requires a 1 mF capacitor in parallel with the load, instead of two 2.2 mF connected to ground (Figure 37). Cellular phones and portable electronic devices are great applications for Filterless Class-D as the track length between the amplifier and the speaker is short, thus, there is usually no need for an EMI filter. However, to lower radiated emissions as much as possible when used in filterless mode, a ferrite filter can often be used. Select a ferrite bead with the high impedance around 100 MHz and a very low DCR value in the audio frequency range is the best choice. The MPZ1608S221A1 from TDK is a good choice. The package size is 0603. Optimum Equivalent Capacitance at Output Stage This filter is optional due to the capability of the speaker to filter by itself the high frequency signal. Nevertheless, the high frequency is not audible and filtered by the human ear. If the optional filter described in the above section isn't selected. Cellular phones and wireless portable devices design normally put several Radio Frequency filtering capacitors and ESD protection devices between Filter less Class D outputs and loudspeaker. Those devices are usually connected between amplifier output and ground. In order to achieve the best sound quality, the optimum value of total equivalent capacitance between each output terminal to the ground should be less than or equal to 150 pF. This total equivalent capacitance consists of the radio frequency filtering capacitors and ESD protection device equivalent parasitic capacitance. http://onsemi.com 14 NCP2820 OUTM 15 mH OUTM 2.2 mF RL = 8 W 1.0 mF OUTP 15 mH 15 mH 15 mH RL = 8 W 2.2 mF OUTP Figure 36. Advanced Optional Audio Output Filter Figure 37. Optional Audio Output Filter OUTM RL = 8 W FERRITE CHIP BEADS OUTP Figure 38. Optional EMI Ferrite Bead Filter Cs VP INP INM OUTP OUTM Differential Audio Input from DAC Ri Ri Input from Microcontroller SD GND Figure 39. NCP2820 Application Schematic with Fully Differential Input Configuration Cs VP INP INM OUTP OUTM FERRITE CHIP BEADS Differential Audio Input from DAC Ri Ri Input from Microcontroller SD GND Figure 40. NCP2820 Application Schematic with Fully Differential Input Configuration and Ferrite Chip Beads as an Output EMI Filter http://onsemi.com 15 NCP2820 Cs Ci Differential Audio Input from DAC Ci Input from Microcontroller SD OUTP VP INP INM OUTM FERRITE CHIP BEADS Ri Ri GND Figure 41. NCP2820 Application Schematic with Differential Input Configuration and High Pass Filtering Function Cs Ci VP INP INM OUTP OUTM Ri Ri Single-Ended Audio Input from DAC Ci Input from Microcontroller SD GND Figure 42. NCP2820 Application Schematic with Single Ended Input Configuration http://onsemi.com 16 NCP2820 Vp J1 U1 J7 C1 R1 Rf OUTM RAMP GENERATOR A3 Data Processor CMOS Output Stage OUTP C3 J3 RL = 8 W J4 Vp INP A1 B1, B2 C3* C4* 4.7 mF J2 100 nF 150 kW C2 100 nF J8 R2 150 kW INM C1 Rf 300 kW Shutdown Control C2 Vp J5 CL = NCP2820 ON J5 CL = NCP2820 OFF GND A2, B3 SD *J6 not Mounted *C3 not Mounted in case of 9 Pin Flip-Chip Evaluation Board *C4 not Defined in case of UDFN8 Evaluation Board. J6* Figure 43. Schematic of the Demonstration Board of the 9-pin Flip Chip CSP Device Figure 44. Silkscreen Layer of the 9 Pin Flip-Chip Evaluation Board http://onsemi.com 17 NCP2820 Figure 45. Silkscreen Layer of the UDFN8 Evaluation Board PCB Layout Information NCP2820 is suitable for low cost solution. In a very small package it gives all the advantages of a Class-D audio amplifier. The required application board is focused on low cost solution too. Due to its fully differential capability, the audio signal can only be provided by an input resistor. If a low pass filtering function is required, then an input coupling capacitor is needed. The values of these components determine the voltage gain and the bandwidth frequency. The battery positive supply voltage requires a good decoupling capacitor versus the expected distortion. When the board is using Ground and Power planes with at least 4 layers, a single 4.7 mF filtering ceramic capacitor on the bottom face will give optimized performance. A 1.0 mF low ESR ceramic capacitor can also be used with slightly degraded performances on the THD+N from 0.06% up to 0.2%. In a two layers application, if both Vp pins are connected on the top layer, a single 4.7 mF decoupling capacitor will optimize the THD+N level. The NCP2820 power audio amplifier can operate from 2.5 V until 5.5 V power supply. With less than 2% THD+N, it delivers 500 mW rms output power to a 8.0 W load at Vp =3.0 V and 1.0 W rms output power at Vp = 4.0 V. http://onsemi.com 18 NCP2820 Note Figure 46. Top Layer of Two Layers Board Dedicated to the 9-Pin Flip-Chip Package Note: This track between Vp pins is only needed when a 2 layers board is used. In case of a typical 4 or more layers, the use of laser vias in pad will optimize the THD+N floor. The demonstration board delivered by ON Semiconductor is a 4 Layers with Top, Ground, Power Supply and Bottom. Bill of Materials Item 1 2 3 4 5 6 7 8 9 Part Description NCP2820 Audio Amplifier SMD Resistor 150 kW Ceramic Capacitor 100 nF, 50 V, X7R Ceramic Capacitor 4.7 mF, 6.3 V, X5R PCB Footprint I/O connector. It can be plugged by MC-1,5/3-ST-3,81 I/O connector. It can be plugged by BLZ5.08/2 (Weidmuller Reference) Jumper Connector, 400 mils Jumper Header Vertical Mount 3*1, 2.54 mm. Ref U1 R1, R2 C1, C2 C3, C4 J7, J8 J2 J1, J3 J4 J5 Phoenix Contact Weidmuller Harwin Tyco Electronics / AMP MC-1,5/3-G SL5.08/2/90B D3082-B01 5-826629-0 0603 0603 0603 Vishay-Draloric TDK TDK PCB Footprint Manufacturer Part Number NCP2820 CRCW0603 C1608X7R1H104KT C1608X5R0J475MT http://onsemi.com 19 NCP2820 ORDERING INFORMATION Device NCP2820FCT1 NCP2820FCT1G NCP2820FCT2G NCP2820MUTBG Marking MAQ MAQG MAQG ZBMG Package 9-Pin Flip-Chip CSP 9-Pin Flip-Chip CSP (Pb-Free) 9-Pin Flip-Chip CSP (Pb-Free) 8 PIN UDFN 2x2.2 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel T1 Orientation 3000 / Tape & Reel T2 Orientation 3000 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. T1 Orientation Pin 1 (Upper Right) Pin 1 (Upper Left) T2 Orientation Die orientation in tape with bumps down Die orientation in tape with bumps down http://onsemi.com 20 NCP2820 PACKAGE DIMENSIONS 9 PIN FLIP-CHIP CASE 499AL-01 ISSUE O NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. COPLANARITY APPLIES TO SPHERICAL CROWNS OF SOLDER BALLS. MILLIMETERS MIN MAX 0.540 0.660 0.210 0.270 0.330 0.390 1.450 BSC 1.450 BSC 0.290 0.340 0.500 BSC 1.000 BSC 1.000 BSC 4X -A- D -B- E 0.10 C TOP VIEW 0.10 C 0.05 C -C- SEATING PLANE A DIM A A1 A2 D E b e D1 E1 A2 A1 SIDE VIEW D1 e C B A e 1 2 3 E1 9X b 0.05 C A B 0.03 C BOTTOM VIEW http://onsemi.com 21 NCP2820 PACKAGE DIMENSIONS 8 PIN UDFN, 2x2.2, 0.5P CASE 506AV-01 ISSUE B D AB NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 mm FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN NOM MAX 0.45 0.50 0.55 0.00 0.03 0.05 0.127 REF 0.20 0.25 0.30 2.00 BSC 1.40 1.50 1.60 2.20 BSC 0.70 0.80 0.90 0.50 BSC 0.20 --- --- 0.35 0.40 0.45 PIN ONE REFERENCE 2X E 0.10 C 2X 0.10 C 0.10 C 8X 0.08 C 8X L 1 E2 K 1.60 0.10 C A B 0.05 C NOTE 3 8X 8 5 8X b BOTTOM VIEW 0.80 *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative http://onsemi.com 22 CCC CCC CCC CCC CCC CCC CC CC CC CC CC CC EE EE EE 1 TOP VIEW (A3) A SIDE VIEW A1 D2 4 e C SEATING PLANE SOLDERING FOOTPRINT* 2.15 0.48 8X 8X 0.25 0.50 PITCH DIMENSIONS: MILLIMETERS NCP2820/D |
Price & Availability of NCP2820FCT1 |