Part Number Hot Search : 
TSB11321 F2003 PC160 CDP0815 P8748H C1600 2SD180 74LVC1
Product Description
Full Text Search
 

To Download MUN5111T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-70/SOT-323 package which is designed for low power surface mount applications.
MUN5111T1 SERIES
PNP SILICON BIAS RESISTOR TRANSISTORS
3
1 2
CASE 419, STYLE 3 SOT-323 (SC-70)
PIN 2 PIN 1 BASE (INPUT) R1 COLLECTOR (OUTPUT) PIN 3 EMITTER (GROUND)
* Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * The SC-70/SOT-323 package can be soldered using wave or reflow.
The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die.
R2
MARKINGDIAGRAM
* Available in 8 mm embossed tape and reel
Use the Device Number to order the 7 inch/3000 unit reel. Replace "T1" with "T3" in the Device Number to order the 13 inch/10,000 unit reel.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table on page2 of this data sheet.
6X X M
6X
M
=Specific Device Code =(See Marking Table) =Date Code
MAXIMUM RATINGS (TA = 25C unless otherwise noted) Rating Symbol Value Unit Collector-Base Voltage VCBO 50 Vdc Collector-Emitter Voltage VCEO 50 Vdc Collector Current IC 100 mAdc THERMAL CHARACTERISTICS Characteristic Symbol Max Total Device Dissipation PD 202 (Note 1) TA = 25C 310 (Note 2) Derate above 25C 1.6 (Note 1) 2.5 (Note 2) Thermal Resistance - RJA 618 (Note 1) Junction-to-Ambient 403 (Note 2) Thermal Resistance - RJL 280 (Note 1) Junction-to-Lead 332 (Note 2) Junction and Storage TJ, Tstg -55 to +150 Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad
Unit mW C/W C/W C/W C
MUN5111T1 Series-1/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
DEVICE MARKING AND RESISTOR VALUES
Device MUN5111T1 MUN5112T1 MUN5113T1 MUN5113T3 MUN5114T1 MUN5115T1 (Note 3) MUN5116T1 (Note 3) MUN5130T1 (Note 3) MUN5131T1 (Note 3) MUN5132T1 (Note 3) MUN5133T1 (Note 3) MUN5134T1 (Note 3) MUN5135T1 (Note 3) MUN5136T1 MUN5137T1 Package SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 Marking 6A 6B 6C 6D 6E 6F 6G 6H 6J 6K 6L 6M 6N 6P R1 (K) 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 R2 (K) 10 22 47 47 1.0 2.2 4.7 47 47 47 100 22 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. New devices. Updated curves to follow in subsequent data sheets.
MUN5111T1 Series-2/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) MUN5111T1 MUN5112T1 MUN5113T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5136T1 MUN5137T1 ICBO ICEO IEBO - - - - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.2 0.05 0.13 - - nAdc nAdc mAdc
Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (Note 4) (IC = 2.0 mA, IB = 0)
V(BR)CBO V(BR)CEO
Vdc Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain (VCE = 10 V, IC = 5.0 mA) MUN5111T1 MUN5112T1 MUN5113T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5136T1 MUN5137T1 hFE 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 80 - 60 100 140 140 250 250 5.0 15 27 140 130 140 150 140 - - - - - - - - - - - - - - - 0.25 Vdc
Collector-Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA) (IC = 10 mA, IB = 5 mA) MUN5130T1/MUN5131T1 (IC = 10 mA, IB = 1 mA) MUN5115T1/MUN5116T1/ MUN5132T1/MUN5133T1/MUN5134T1 Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k) MUN5111T1 MUN5112T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5113T1 MUN5136T1 MUN5137T1
VCE(sat)
VOL - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Vdc
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 5.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 k)
4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
MUN5111T1 Series-3/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k) MUN5130T1 MUN5115T1 (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k) MUN5116T1 MUN5131T1 MUN5132T1 Input Resistor MUN5111T1 MUN5112T1 MUN5113T1 MUN5114T1 MUN5115T1 MUN5116T1 MUN5130T1 MUN5131T1 MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5136T1 MUN5137T1 MUN5111T1/MUN5112T1/MUN5113T1/ MUN5136T1 MUN5114T1 MUN5115T1/MUN5116T1 MUN5130T1/MUN5131T1/MUN5132T1 MUN5133T1 MUN5134T1 MUN5135T1 MUN5137T1 Symbol VOH Min 4.9 Typ - Max - Unit Vdc
R1
7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 70 32.9 0.8 0.17 - 0.8 0.055 0.38 0.038 1.7
10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 1.0 0.21 - 1.0 0.1 0.47 0.047 2.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 130 61.1 1.2 0.25 - 1.2 0.185 0.56 0.056 2.6
k
Resistor Ratio
R1/R2
250 PD , POWER DISSIPATION (MILLIWATTS) 200
150 100 50 0 -50 RJA = 833C/W
0 50 100 TA, AMBIENT TEMPERATURE (C)
150
Figure 1. Derating Curve
MUN5111T1 Series-4/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5111T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE , DC CURRENT GAIN (NORMALIZED) IC/IB = 10 1000 VCE = 10 V
TA = -25C 0.1 75C 25C
TA = 75C 100 25C -25C
0.01
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
4 f = 1 MHz lE = 0 V TA = 25C
100
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
IC, COLLECTOR CURRENT (mA)
10 1
2
0.1
1
0.01 0 1 2
VO = 5 V 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
100
VO = 0.2 V
V in , INPUT VOLTAGE (VOLTS)
10
TA = -25C 25C 75C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 6. Input Voltage versus Output Current
MUN5111T1 Series-5/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5112T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 IC/IB = 10 hFE , DC CURRENT GAIN (NORMALIZED) 1000 VCE = 10 V
1 TA = -25C
25C
TA = 75C 100
25C
-25C
75C 0.1
0.01
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
4 IC, COLLECTOR CURRENT (mA) f = 1 MHz lE = 0 V TA = 25C
100 75C 10
25C TA = -25C
Cob , CAPACITANCE (pF)
3
1
2
0.1
1
0.01 0 1 2 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8
VO = 5 V 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 V in , INPUT VOLTAGE (VOLTS)
VO = 0.2 V TA = -25C
10 75C
25C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 11. Input Voltage versus Output Current
MUN5111T1 Series-6/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5113T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 1000 hFE , DC CURRENT GAIN (NORMALIZED) TA = 75C 25C 100 -25C
TA = -25C 0.1 75C
25C
0.01
0
10
20
30
40
10
1
IC, COLLECTOR CURRENT (mA)
10 IC, COLLECTOR CURRENT (mA)
100
Figure 12. VCE(sat) versus IC
Figure 13. DC Current Gain
1 0.8 Cob , CAPACITANCE (pF) 0.6 0.4 0.2 0 f = 1 MHz lE = 0 V TA = 25C
100 10 1 0.1 0.01 VO = 5 V 0 1 2
TA = 75C
25C -25C
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
IC, COLLECTOR CURRENT (mA)
0.001
3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS)
8
9
10
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100 VO = 0.2 V TA = -25C V in , INPUT VOLTAGE (VOLTS) 10 25C 75C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 16. Input Voltage versus Output Current
MUN5111T1 Series-7/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS - MUN5114T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE , DC CURRENT GAIN (NORMALIZED) IC/IB = 10 TA = -25C 25C 75C 180 160 140 120 100 80 60 40 20 0 1 2 4 6 8 10 15 20 40 50 60 70 IC, COLLECTOR CURRENT (mA) 80 90 100 VCE = 10 V 25C -25C TA = 75C
0.1
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
Figure 17. VCE(sat) versus IC
Figure 18. DC Current Gain
4.5 4 Cob , CAPACITANCE (pF) 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25C
100 TA = 75C IC, COLLECTOR CURRENT (mA) 25C
-25C 10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) 25C TA = -25C
+12 V
75C 1
Typical Application for PNP BRTs
LOAD 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50
Figure 21. Input Voltage versus Output Current
Figure 22. Inexpensive, Unregulated Current Source
MUN5111T1 Series-8/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5132T1
1 VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1000
hFE, DC CURRENT GAIN
75C 100 -25C 25C 10
0.1
75C 25C -25C
0.01
0
5
10 15 20 25 IC, COLLECTOR CURRENT (mA)
30
35
1
0
20
40 60 80 100 IC, COLLECTOR CURRENT (mA)
120
Figure 23. Maximum Collector Voltage versus Collector Current
Figure 24. DC Current Gain
10 IC, COLLECTOR CURRENT (mA) 9 Cob, CAPACITANCE (pF) 8 7 6 5 4 3 2 1 0
100 75C 10 -25C 25C
1
0.1
0.01 0 10 20 30 40 50 VR, REVERSE BIAS VOLTAGE (VOLTS) 60
0
1
2
3
4
5
6
7
8
9
10
Vin, INPUT VOLTAGE (VOLTS)
Figure 25. Output Capacitance
Figure 26. Output Current versus Input Voltage
10 Vin, INPUT VOLTAGE (VOLTS)
-25C 75C 1 25C
0.1
0
5
10
15 20 25 30 35 40 IC, OUTPUT CURRENT (mA)
45
50
Figure 27. Input Voltage versus Output Current
MUN5111T1 Series-9/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5136T1
1 VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS) hFE, DC CURRENT GAIN (NORMALIZED) 1000 75C TA = -25C 25C
100
0.1 -25C 25C 75C
10
IC/IB = 10 0 1 2 3 4 5 IC, COLLECTOR CURRENT (mA) 6 7
VCE = 10 V 1 1 10 IC, COLLECTOR CURRENT (mA) 100
0.01
Figure 28. Maximum Collector Voltage versus Collector Current
Figure 29. DC Current Gain
1.2 IC, COLLECTOR CURRENT (mA) Cob, CAPACITANCE (pF) 1.0 0.8 0.6 0.4 0.2 0 f = 1 MHz IE = 0 V TA = 25C
100 25C 10 TA = -25C 75C
1
VO = 5 V 0.1 0 1 2 3 4 5 6 7 8 9 10
0
10 20 30 40 50 VR, REVERSE BIAS VOLTAGE (VOLTS)
60
Vin, INPUT VOLTAGE (VOLTS)
Figure 30. Output Capacitance
Figure 31. Output Current versus Input Voltage
100 Vin, INPUT VOLTAGE (VOLTS)
25C 10
TA = -25C
1
75C 0 2
VO = 0.2 V 4 6 8 10 12 14 16 IC, COLLECTOR CURRENT (mA) 18 20
Figure 32. Input Voltage versus Output Current
MUN5111T1 Series-10/11
LESHAN RADIO COMPANY, LTD.
MUN5111T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5137T1
1 VCE(sat), MAXIMUM COLLECTOR VOLTAGE (VOLTS) hFE, DC CURRENT GAIN (NORMALIZED) 1000
75C TA = -25C 100 25C
TA = -25C 75C 0.1
25C IC/IB = 10 0 5 10 15 20 25 30 35 40 IC, COLLECTOR CURRENT (mA) 45 50
VCE = 10 V 10 1 10 IC, COLLECTOR CURRENT (mA) 100
0.01
Figure 33. Maximum Collector Voltage versus Collector Current
Figure 34. DC Current Gain
1.4 1.2 Cob, CAPACITANCE (pF) 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 VR, REVERSE BIAS VOLTAGE (VOLTS) 60 IC, COLLECTOR CURRENT (mA) f = 1 MHz IE = 0 V TA = 25C
100
75C TA = -25C 25C
10
1 0.1
0.01
VO = 5 V
0.001
0
1
2
3
4
5
6
7
8
9
10
11
Vin, INPUT VOLTAGE (VOLTS)
Figure 35. Output Capacitance
Figure 36. Output Current versus Input Voltage
100 Vin, INPUT VOLTAGE (VOLTS) VO = 0.2 V
10
TA = -25C 75C
25C 1 0 5 10 15 20 IC, COLLECTOR CURRENT (mA) 25
Figure 37. Input Voltage versus Output Current
MUN5111T1 Series-11/11


▲Up To Search▲   

 
Price & Availability of MUN5111T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X