Part Number Hot Search : 
M74HC N74LS25 10003 2SK37 THGBM 11012 DFREE FST10020
Product Description
Full Text Search
 

To Download MP03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz SMD
MP03
Features: - Surface mount - High performance/cost ratio - Excellent vibration & shock resistance
Specifications Frequency range Frequency tolerance,Ta=25C Load capacitance Temp. coefficient Temperature range Drive level Series resistance Shunt capacitance Insulation resistance Aging Shock resistance Storage temp. Operating temp. Maximum drive level Recommended drive level Symbol f Df/f CL A TSTG TOPR MDL RDL R1 C0 IR DfA SR MP03 32.768kHz 20ppm ~ 50ppm 6pF ~ 12.5pF (Std.) -0.04 x 10-6 / C -55C ~ +125C -40C ~ +85C 1mW 50k Ohm 1.3pF ~ 2pF 500M Ohm 5ppm/Year typ 10ppm Min 5ppm/Year max Max Remarks Standard Others are offered Please specify Max Others are offered Standard Max (25C)
Drawing
MP03
Dimensions in mm
Order key
Q
Part
- 32.768000k - MP03
Frequency Package
- 50
Frequency tolerance
-E
Temperature range A= 0C ~ 70C
- 12.5
Load capacitance pF SR=series
- TR
Option
Q=Quartz
k=kHz
MP03
+/-ppm (25C)
TR=Tape and reel X=Special options
B=-10C ~ 60C C=-10C ~ 70C D=-20C ~ 70C E=-40C ~ 85C
Remarks: All specifications subject to change without notice!
2.3


▲Up To Search▲   

 
Price & Availability of MP03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X