Part Number Hot Search : 
1N494 PC2501 2N3331 LA100L4 N2120 2905A X0100C 53102
Product Description
Full Text Search
 

To Download MC74HC4852ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Analog Multiplexers/ Demultiplexers with Injection Current Effect Control
MC74HC4851A MC74HC4852A
Automotive Customized
These devices are pin compatible to standard HC405x and MC1405xB analog mux/demux devices, but feature injection current effect control. This makes them especially suited for usage in automotive applications where voltages in excess of normal logic voltage are common. The injection current effect control allows signals at disabled analog input channels to exceed the supply voltage range without affecting the signal of the enabled analog channel. This eliminates the need for external diode/ resistor networks typically used to keep the analog channel signals within the supply voltage range. The devices utilize low power silicon gate CMOS technology. The Channel Select and Enable inputs are compatible with standard CMOS outputs. * * * * * Injection Current Cross-Coupling Less than 1mV/mA (See Figure 9) Pin Compatible to HC405X and MC1405XB Devices Power Supply Range (VCC - GND) = 2.0 to 6.0 V In Compliance With the Requirements of JEDEC Standard No. 7A Chip Complexity: 154 FETs or 36 Equivalent Gates
N SUFFIX 16-LEAD PLASTIC DIP PACKAGE CASE 648-08
D SUFFIX 16-LEAD PLASTIC SOIC PACKAGE CASE 751B-05
DW SUFFIX 16-LEAD PLASTIC WIDE SOIC PACKAGE CASE 751G-02
13
X0 14 X1 15 X2 ANALOG 12 MULTIPLEXER/ INPUTS/ X3 DEMULTIPLEXER OUTPUTS X4 1 5 X5 2 X6 4 X7 11 A CHANNEL 10 B SELECT 9 INPUTS C 6 ENABLE PIN 16 = VCC PIN 8 = GND
DT SUFFIX 16-LEAD PLASTIC TSSOP PACKAGE CASE 948F-01
3
X
COMMON OUTPUT/ INPUT
ORDERING INFORMATION MC74HCXXXXAN MC74HCXXXXAD MC74HCXXXXADW MC74HCXXXXADT Plastic SOIC SOIC Wide TSSOP
Figure 1. MC74HC4851A Logic Diagram Single-Pole, 8-Position Plus Common Off
VCC 16 X2 15 X1 14 X0 13 X3 12 A 11 B 10 C 9
FUNCTION TABLE - MC74HC4851A
Control Inputs Enable L L L L L L L L H C L L L L H H H H X Select B A L L H H L L H H X L H L H L H L H X ON Channels X0 X1 X2 X3 X4 X5 X6 X7 NONE
1 X4
2 X6
3 X
4 X7
5 X5
6
7
Enable NC
8 GND
Figure 2. MC74HC4851A 16-Lead Pinout (Top View)
11/97
(c) Motorola, Inc. 1997
1
REV 3
MC74HC4851A MC74HC4852A
FUNCTION TABLE - MC74HC4852A
Control Inputs Select Enable X0 14 X1 15 X2 11 X3 Y0 Y1 Y2 Y3 A B
1 5 2 4 10 9 6 12 13
B L L H H X
A L H L H X
ON Channels Y0 Y1 Y2 Y3 NONE X0 X1 X2 X3
X SWITCH
X COMMON OUTPUTS/INPUTS
ANALOG INPUTS/OUTPUTS
L L L L H X = Don't Care
Y SWITCH
3
Y VCC 16 X2 15 X1 14 X 13 X0 12 X3 11 A 10 B 9
CHANNEL-SELECT INPUTS
PIN 16 = VCC PIN 8 = GND
ENABLE
Figure 3. MC74HC4852A Logic Diagram Double-Pole, 4-Position Plus Common Off
1 Y0 2 Y2 3 Y 4 Y3 5 Y1 6 7 Enable NC 8 GND
Figure 4. MC74HC4852A 16-Lead Pinout (Top View)
MOTOROLA
2
High-Speed CMOS Logic Data DL129 -- Rev 6
MC74HC4851A MC74HC4852A
IIIIIIIIIIIIIIIIIIIIIII I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIII I I III I I I I I II IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
Symbol VCC Vin I Parameter Value Unit V V Positive DC Supply Voltage DC Input Voltage (Any Pin) (Referenced to GND) - 0.5 to + 7.0 (Referenced to GND) - 0.5 to VCC + 0.5 25 750 500 450 DC Current, Into or Out of Any Pin Power Dissipation in Still Air, mA PD Plastic DIP SOIC Package TSSOP Package mW Tstg TL Storage Temperature Range - 65 to + 150 260
_C _C
Lead Temperature, 1 mm from Case for 10 Seconds Plastic DIP, SOIC or TSSOP Package
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
v
v
RECOMMENDED OPERATING CONDITIONS
III I I I I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII III III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I
Symbol VCC Vin Parameter Min 2.0 Max 6.0 Unit V V V Positive DC Supply Voltage DC Input Voltage (Any Pin) (Referenced to GND) (Referenced to GND) GND 0.0 VCC 1.2 VIO* TA Static or Dynamic Voltage Across Switch Operating Temperature Range, All Package Types Input Rise/Fall Time (Channel Select or Enable Inputs) - 55 0 0 0 + 125 1000 500 400
_C
ns
tr, tf
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
* For voltage drops across switch greater than 1.2V (switch on), excessive VCC current may be drawn; i.e., the current out of the switch may contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC CHARACTERISTICS -- Digital Section (Voltages Referenced to GND) VEE = GND, Except Where Noted
Symbol S bl VIH Parameter P Minimum High-Level Input Voltage, Channel-Select or Enable Inputs Condition C di i Ron = Per Spec VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 6.0 6.0 Guaranteed Limit -55 to 25C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 0.1 2 85C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.0 20 125C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.0 40 Unit Ui V
VIL
Maximum Low-Level Input Voltage, Channel-Select or Enable Inputs
Ron = Per Spec
V
Iin ICC
Maximum Input Leakage Current on Digital Pins (Enable/A/B/C) Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND Vin(digital) = VCC or GND Vin(analog) = GND
A A
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
High-Speed CMOS Logic Data DL129 -- Rev 6
3
MOTOROLA
MC74HC4851A MC74HC4852A
DC CHARACTERISTICS -- Analog Section
Guaranteed Limit Symbol S bl Ron Parameter P Maximum "ON" Resistance Condition C di i Vin = VIL or VIH;VIS = VCC to GND; IS 2.0 mA VCC 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 6.0 Vin = VCC or GND 6.0 -55 to 25C 1700 1100 550 400 300 160 80 60 0.1 0.2 0.2 85C 1750 1200 650 500 400 200 100 80 0.5 2.0 2.0 125C 1800 1300 750 600 500 240 120 100 1.0 4.0 4.0 Unit Ui
Ron
Delta "ON" Resistance
Vin = VIL or VIH; VIS = VCC/2 IS 2.0 mA
Ioff
Maximum Off-Channel Leakage Current, Any One Channel Common Channel Maximum On-Channel Leakage Channel-to-Channel
Vin = VCC or GND
A
Ion
A
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol tPHL, tPLH Parameter Maximum Propagation Delay, Analog Input to Analog Output VCC 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 -55 to 25C 160 80 40 30 260 160 80 60 10 35 130 5.0 20 85C 180 90 45 35 280 180 90 70 10 35 130 125C 200 100 50 40 300 200 100 80 10 35 130 Unit ns
tPHL, tPHZ,PZH tPLH, tPLZ,PZL
Maximum Propagation Delay, Enable or Channel-Select to Analog Output
ns
Cin
Maximum Input Capacitance (All Switches Off) (All Switches Off) Power Dissipation Capacitance
Digital Pins Any Single Analog Pin Common Analog Pin Typical
pF
CPD
pF
INJECTION CURRENT COUPLING SPECIFICATIONS (VCC = 5V, TA = -55C to +125C)
Symbol Vout Parameter Maximum Shift of Output Voltage of Enabled Analog Channel Typ 0.1 1.0 0.5 5.0 Max 0.5 5.0 2.0 20 Unit mV Condition Iin* 1mA, RS 3,9k Iin* 10mA, RS 3,9k Iin* 1mA, RS 20k Iin* 10mA, RS 20k
* Iin = Total current injected into all disabled channels.
MOTOROLA
4
High-Speed CMOS Logic Data DL129 -- Rev 6
MC74HC4851A MC74HC4852A
1100 1000 R on , ON RESISTANCE (OHMS) -55C +25C +125C R on , ON RESISTANCE (OHMS) 900 800 700 600 500 400 300 200 100 0 0.0 0.4 0.8 1.2 1.6 2.0 1100 1000 900 800 700 600 500 400 300 200 100 0 0.0 0.6 1.2 1.8 2.4 3.0 -55C +25C +125C
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Figure 5. Typical On Resistance VCC = 2V
Figure 6. Typical On Resistance VCC = 3V
660 600 R on , ON RESISTANCE (OHMS) R on , ON RESISTANCE (OHMS) 540 480 420 360 300 240 180 120 60 0 0.0 0.9 1.8 2.7 3.6 4.5 -55C +25C +125C
440 400 360 320 -55C 280 240 200 160 120 80 40 0 0.0 1.2 2.4 3.6 4.8 6.0 +25C +125C
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
Figure 7. Typical On Resistance VCC = 4.5V
Figure 8. Typical On Resistance VCC = 6V
High-Speed CMOS Logic Data DL129 -- Rev 6
5
MOTOROLA
MC74HC4851A MC74HC4852A
VCC = 5V
Iin Vin2 < VSS or VCC < Vin2 Any Disabled Channel VSS < Vin1 < VCC Enabled Channel RS
Vout = Vin1 Vout
Figure 9. Injection Current Coupling Specification
5V
6V 5V VCC VCC
Sensor
HC4051 Channel 1 Channel 2 Channel 3 Channel 4 Channel 5 Channel 6 Channel 7 Channel 8
Microcontroller
(8x Identical Circuitry)
Common Out
A/D - Input
Figure 10. Actual Technology Requires 32 passive components and one extra 6V regulator to suppress injection current into a standard HC4051 multiplexer
5V VCC
VCC
Sensor
HC4851A Channel 1 Channel 2 Channel 3 Channel 4 Channel 5 Channel 6 Channel 7 Channel 8
Microcontroller
(8x Identical Circuitry)
Common Out
A/D - Input
Figure 11. MC74HC4851A Solution Solution by applying the HC4851A multiplexer
MOTOROLA
6
High-Speed CMOS Logic Data DL129 -- Rev 6
MC74HC4851A MC74HC4852A
PLOTTER VCC PROGRAMMABLE POWER SUPPLY - + DEVICE UNDER TEST ANALOG IN COMMON OUT VIH 6 8 GND
MINI COMPUTER
DC ANALYZER
VEE OFF VCC A NC OFF
16
VCC
VCC
COMMON O/I
Figure 12. On Resistance Test Set-Up
Figure 13. Maximum Off Channel Leakage Current, Any One Channel, Test Set-Up
VCC
VEE VCC
16 ANALOG I/O OFF OFF
VCC
VCC A ON VEE
16
VCC N/C
COMMON O/I
OFF ANALOG I/O VIL 6 8
COMMON O/I
VCC
VIH
6 8
Figure 14. Maximum Off Channel Leakage Current, Common Channel, Test Set-Up
Figure 15. Maximum On Channel Leakage Current, Channel to Channel, Test Set-Up
VCC VCC CHANNEL SELECT tPLH ANALOG OUT 50% GND tPHL 6 50% 8 ON/OFF ANALOG I/O OFF/ON
VCC 16 COMMON O/I CL* TEST POINT
CHANNEL SELECT *Includes all probe and jig capacitance
Figure 16. Propagation Delays, Channel Select to Analog Out
Figure 17. Propagation Delay, Test Set-Up Channel Select to Analog Out
High-Speed CMOS Logic Data DL129 -- Rev 6
7
MOTOROLA
MC74HC4851A MC74HC4852A
VCC 16 VCC 50% GND tPLH ANALOG OUT 50% tPHL 6 8 ANALOG I/O ON CL* COMMON O/I TEST POINT
ANALOG IN
*Includes all probe and jig capacitance
Figure 18. Propagation Delays, Analog In to Analog Out
Figure 19. Propagation Delay, Test Set-Up Analog In to Analog Out
tf ENABLE tPZL ANALOG OUT 50%
tr 90% 50% 10% tPLZ VCC GND HIGH IMPEDANCE 10% tPZH tPHZ VOL VCC 1 2 1 2
POSITION 1 WHEN TESTING tPHZ AND tPZH POSITION 2 WHEN TESTING tPLZ AND tPZL VCC 16 ANALOG I/O ON/OFF CL* ENABLE
10k TEST POINT
ANALOG OUT
90% 50%
VOH HIGH IMPEDANCE
6 8
Figure 20. Propagation Delays, Enable to Analog Out
Figure 21. Propagation Delay, Test Set-Up Enable to Analog Out
VCC A VCC ON/OFF ANALOG I/O OFF/ON 16 COMMON O/I NC
6 8 11
VCC
CHANNEL SELECT
Figure 22. Power Dissipation Capacitance, Test Set-Up
MOTOROLA
8
High-Speed CMOS Logic Data DL129 -- Rev 6
MC74HC4851A MC74HC4852A
Disabled Analog Mux Input Vin > VCC + 0.7V P+
Gate = VCC (Disabled)
Common Analog Output Vout > VCC P+
+ + +
N - Substrate (on VCC potential)
Figure 23. Diagram of Bipolar Coupling Mechanism Appears if Vin exceeds VCC, driving injection current into the substrate
A
11
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
13
X0
14
X1
B
10
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
15
X2
12
X3
C
9
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
1
X4
5
X5
ENABLE
6
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
2
X6
4
X7
3
X
Figure 24. Function Diagram, HC4851A
High-Speed CMOS Logic Data DL129 -- Rev 6
9
MOTOROLA
MC74HC4851A MC74HC4852A
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
A
10
13
X0
14
X1
B
9
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
15
X2
12
X3
13
X
ENABLE
6
INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL INJECTION CURRENT CONTROL
1
Y0
5
Y1
2
Y2
4
Y3
3
Y
Figure 25. Function Diagram, HC4852A
MOTOROLA
10
High-Speed CMOS Logic Data DL129 -- Rev 6
MC74HC4851A MC74HC4852A
OUTLINE DIMENSIONS
-A -
16 9
B
1 8
N SUFFIX PLASTIC PACKAGE CASE 648-08 ISSUE R
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MILLIMETERS MIN MAX MIN MAX 0.740 0.770 18.80 19.55 6.35 0.250 0.270 6.85 3.69 0.145 0.175 4.44 0.39 0.015 0.021 0.53 1.02 0.040 0.070 1.77 0.100 BSC 2.54 BSC 0.050 BSC 1.27 BSC 0.21 0.008 0.015 0.38 2.80 0.110 0.130 3.30 7.50 0.295 0.305 7.74 0 0 10 10 0.020 0.040 0.51 1.01
F S
C
L
-T - H G D 16 PL 0.25 (0.010)
M
SEATING PLANE
K
J TA
M
M
-A -
16 9
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-B - P 8 PL 0.25 (0.010)
M
1
8
B
M
G F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 6.20 5.80 0.50 0.25 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.229 0.244 0.010 0.019
K C -T SEATING -
PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
T
B
S
A
S
-A-
16 9
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751G-02 ISSUE A
-B-
1 8
8X
P 0.010 (0.25)
M
B
M
16X
D
M
J TA
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 10.15 10.45 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.400 0.411 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
0.010 (0.25)
B
S
F R X 45_ C -T-
14X
G
K
SEATING PLANE
M
DIM A B C D F G J K M P R
High-Speed CMOS Logic Data DL129 -- Rev 6
11
MOTOROLA
MC74HC4851A MC74HC4852A
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE O
M
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
TU
S
V
S
K K1
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
SECTION N-N J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
M
DIM A B C D F G H J J1 K K1 L M
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
MOTOROLA
12
EE CC EE CC
-W-
MC74HC4851A/D High-Speed CMOS Logic Data DL129 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MC74HC4852ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X