Part Number Hot Search : 
MAX11 LRB2400X SP8K24 MD7530 ACT244 BT070 MT91L62 TMH0505S
Product Description
Full Text Search
 

To Download MAU211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAU200 Series
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
Key Features
Efficiency up to 81% 3000VDC Isolation MTBF > 2,000,000 Hours Low Cost Input 5, 12 and 24VDC Output 3.3,5,9,12,15,{5,{9,{12 and {15VDC Temperature Performance -40] to +85] UL 94V-0 Package Material Internal SMD Construction Industry Standard Pinout
Minmax's MAU200 1W DC/DC's are specially designed to provide high levels of isolation 3000VDC in a miniature SIP package. The series consists of 27 models with input voltages of 5V, 12V and 24VDC which offers standard output voltages of 3.3V, 5V, 9V, 12V, 15V, 5V, 9V, 12V and 15VDC for a wide choice. The MAU200 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipments, local power networks and battery backed systems.
$
Low Cost
3000 VDC
I/O Isolation
Low Profile
Block Diagram
Single Output Dual Output
+Vo +Vin Bipolar Push-Pull Inverter -Vin -Vo -Vin +Vin Bipolar Push-Pull Inverter
+Vo
Com.
-Vo
1
MINMAX
REV:0 2005/04
MAU200 Series
Model Selection Guide
Model Number Input Voltage Output Voltage Output Current Input Current Load Regulation Efficiency
VDC MAU201 MAU202 MAU203 MAU204 MAU205 MAU206 MAU207 MAU208 MAU209 MAU211 MAU212 MAU213 MAU214 MAU215 MAU216 MAU217 MAU218 MAU219 MAU221 MAU222 MAU223 MAU224 MAU225 MAU226 MAU227 MAU228 MAU229
5 (4.5 ~ 5.5)
12 (10.8 ~ 13.2)
24 (21.6 ~ 26.4)
VDC 3.3 5 9 12 15 {5 {9 {12 {15 3.3 5 9 12 15 {5 {9 {12 {15 3.3 5 9 12 15 {5 {9 {12 {15
Max. mA 260 200 110 84 67 {100 {56 {42 {34 260 200 110 84 67 {100 {56 {42 {34 260 200 110 84 67 {100 {56 {42 {34
Min. mA 5 4 2 1.5 1 {2 {1 {0.8 {0.7 5 4 2 1.5 1 {2 {1 {0.8 {0.7 5 4 2 1.5 1 {2 {1 {0.8 {0.7
@Max. Load mA (Typ.) 235 281 260 258 258 278 262 258 258 96 114 106 105 104 113 106 104 105 49 59 54 54 53 58 55 53 53
@No Load mA (Typ.)
30
12
7
% (Max.) 10 10 8 7 7 10 8 7 7 8 8 5 5 5 8 5 5 5 8 8 5 5 5 8 5 5 5
@Max. Load % (Typ.) 73 71 76 78 78 72 77 78 79 74 73 78 80 80 74 79 81 81 73 71 76 78 79 72 76 79 80
Absolute Maximum Ratings
Parameter 5VDC Input Models Input Surge Voltage 12VDC Input Models ( 1000 mS ) 24VDC Input Models Lead Temperature (1.5mm from case for 10 Sec.) Internal Power Dissipation Min. -0.7 -0.7 -0.7 ----Max. 9 18 30 260 450 Unit VDC VDC VDC ] mW
Notes :
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Ripple & Noise measurement bandwidth is 0-20 MHz. 3. These power converters require a minimum output loading to maintain specified regulation. 4. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5. All DC/DC converters should be externally fused at the front end for protection. Min. Max. -40 +85 -40 +90 -40 +125 --95 Free-Air Convection Unit ] ] ] % 6. Other input and output voltage may be available, please contact factory. 7. Specifications subject to change without notice.
Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings.
Environmental Specifications
Parameter Operating Temperature Operating Temperature Storage Temperature Humidity Cooling Conditions Ambient Case
REV:0 2005/04
MINMAX
2
MAU200 Series
Input Specifications
Parameter Input Voltage Range Model 5V Input Models 12V Input Models 24V Input Models Reverse Polarity Input Current Input Filter All Models Min. 4.5 10.8 21.6 --Typ. 5 12 24 --Max. 5.5 13.2 26.4 0.3 A VDC Unit
Internal Capacitor
Output Specifications
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20MHz) Ripple & Noise (20MHz) Ripple & Noise (20MHz) Over Load Temperature Coefficient Output Short Circuit Over Line, Load & Temp. Dual Output, Balanced Loads For Vin Change of 1% Io=20% to 100% Conditions Min. ------------120 --0.5 Second Max. Typ. {1.0 {0.1 {1.2 65 ------{0.01 Max. {3.0 {1.0 {1.5 100 150 5 --{0.02 Unit % % % % mV P-P mV P-P mV rms % %/]
See Model Selection Guide
General Specifications
Parameter Isolation Voltage Rated Isolation Voltage Test Isolation Resistance Isolation Capacitance Switching Frequency MTBF MIL-HDBK-217F @ 25], Ground Benign Conditions 60 Seconds Flash Tested for 1 Second 500VDC 100KHz,1V Min. 3000 3300 10 --70 2000 Typ. ------60 100 --Max. ------100 120 --Unit VDC VDC G[ pF KHz K Hours
Capacitive Load
Models by Vout Maximum Capacitive Load # For each output 3.3V 220 5V 220 9V 220 12V 220 15V 220 {5V # 100 {9V # 100 {12V # 100 {15V # 100 Unit uF
Input Fuse Selection Guide
5V Input Models 500mA Slow - Blow Type 12V Input Models 200mA Slow - Blow Type 24V Input Models 100mA Slow - Blow Type
3
MINMAX
REV:0 2005/04
MAU200 Series
100 90 Efficiency (%) 80 70 60 50 Efficiency (%) Low Nom Input Voltage (V) High
100 90 80 70 60 50
Low
Nom Input Voltage (V)
High
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
90 80 Efficiency (%) Efficiency (%) 10 20 40 60 80 70 60 50 40 30 20 100
90 80 70 60 50 40 30 20 10 20 40 60 80 100
Load Current (%)
Load Current (%)
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
100 80 Output Power (%) 100LFM Natural convection 200LFM Output Power (%)
100 80
100LFM
400LFM 200LFM
400LFM
60
60 Natural convection
40
40
20 0 -40
20 0 50 60 70 80 ] 90 100 110 -40
50 60 70 80 ] 90 100 110
Ambient Temperature
Ambient Temperature
Derating Curve ( 3.3V, 5V & {5V )
Derating Curve ( all other output )
REV:0 2005/04
MINMAX
4
MAU200 Series
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
To Oscilloscope + Battery + Lin Current Probe +Vin +Out Load
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100 KHz) capacitor of a 2.2uF for the 5V input devices, a 1.0uF for the 12V input devices and a 0.47uF for the 24V devices.
+ DC Power Source + Cin -Vin -Out +Vin DC / DC Converter +Out Load
DC / DC Converter -Vin -Out
Cin
Output Ripple Reduction
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter.
+Vin Single Output DC / DC Converter -Vin -Out +Out Copper Strip Cout Resistive Scope Load
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 1.0uF capacitors at the output.
+ DC Power Source -
+Vin Single Output DC / DC Converter -Vin
+Out
Cout -Out
Load
+Vin Dual Output DC / DC Converter -Vin
+Out Com.
Copper Strip Cout Cout Scope Resistive Load Scope
+ DC Power Source -
+Vin
+Out Dual Output DC / DC Com. Converter Cout Load
-Vin
-Out
-Out
Design & Feature Considerations
Maximum Capacitive Load
The MAU200 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 100uF maximum capacitive load for dual outputs and 220uF capacitive load for single outputs. The maximum capacitance can be found in the data sheet.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90C. The derating curves are determined from measurements obtained in an experimental apparatus.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module.
Position of air velocity probe and thermocouple 15mm / 0.6in
50mm / 2in
Air Flow
DUT
5
MINMAX
REV:0 2005/04
MAU200 Series
Mechanical Dimensions
Top View ( 2.54 mm / 0.1 inch grids )
Connecting Pin Patterns
Single Output
19.5 [0.77]
10.2 [0.40]
0.5 [0.02]
2.1 [0.08] 18.5 [0.73]
2.54 [0.100]
3.2 [0.13]
Dual Output
1
2
5
6
7
0.25 [0.010]
0.50 [0.020]
T: 6.1(0.24) for 5V&12V Input Models T: 7.1(0.28) for 24V Input Models
Tolerance Millimeters X.X{0.25 Pin X.XX{0.13 {0.05 Inches X.XX{0.01 X.XXX{0.005 {0.002
Pin Connections
Pin 1 2 5 6 7 Single Output +Vin -Vin -Vout No Pin +Vout Dual Output +Vin -Vin -Vout Common +Vout
1.3 [0.05]
T
Physical Characteristics
Case Size : (5 & 12V Input) Case Size (24V Input) 19.5*6.1*10.2 mm 0.77*0.24*0.40 inches 19.5*7.1*10.2 mm 0.77*0.28*0.40 inches Non-Conductive Black Plastic 2.2g (5 & 12V Input) 2.6g (24V Input)
:
Case Material :
Weight
:
The MAU200 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads are tin plated for improved solderability.
REV:0 2005/04
MINMAX
6


▲Up To Search▲   

 
Price & Availability of MAU211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X