Part Number Hot Search : 
200BZ MSW10N80 GTEC001 90ZFP C3940AR CM1611 GAAB50ZN 74ACT821
Product Description
Full Text Search
 

To Download LN365GPH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Square Type
1.0 Max. NOT SOLDERED
1.8 mm x 1.8 mm Series
Conventional Part No. Global Prat No. Lighting Color
Unit: mm
4.6 0.2 C0.1 1.8 0.2 2.0 0.2 2.5 0.2 1.8 0.2 2.0 0.2
LN265RPH **************** LNG265RFR ************ Red LN365GPH *************** LNG365GFG ************ Green LN465YPH *************** LNG465YFX ************ Amber s Absolute Maximum Ratings (Ta = 25C) Tstg(C) -30 +100 -30 +100 -30 +100
5.0 0.2
6.0 4.0 10.0 0.2
R0.1
3.0 0.2
2 - 0.8 Max 2 - 0.6 0.1
0.5 1.51.5 2.35 5.85 0.3 25.5 1.0
0.6 0.1
Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Red 70 25 150 4 -25 +85 -25 +85 Green 90 30 150 4 -25 +85 Amber 90 30 150 4
IFP
2.54 1 2
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1.5
1: Anode 2: Cathode
s Conventional Part No. LN265RPH LN365GPH LN465YPH Unit
Electro-Optical Characteristics (Ta = 25C) Lighting Lens Color Color Red Red Diffused Green Green Diffused Amber Amber Diffused - -
IO I F
10 100
IO Typ 0.7 3.0 2.5 mcd Min 0.25 1.00 0.90 mcd IF 15 20 20 mA
IF VF
VF Typ 2.2 2.2 2.2 V Max 2.8 2.8 2.8 V
P Typ 700 565 590 nm
Typ 100 30 30 nm
IR IF 20 20 20 mA Max 5 10 10 A VR 4 4 4 V
IO Ta
(%) Relative Luminous Intensity
500 300
IO (mcd) Luminous Intensity
5 3
50
IF (mA) Forward Current
30
5G 36 LN
PH
46
5Y
PH
LN
1 0.5 0.3
10
65Y PH LN2 LN3 65RPH 65G PH
26 LN
5RP
H
100 50 30
5 3
GPH L LN 265 N465YP LN H 265 RPH RP H
LN365
0.1 1
3
5
10
30
50
100
1
LN 4
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
IF (mA) Forward Current
VF (V) Forward Voltage
Ta (C ) Ambient Temperature
IF (mA) Forward Current Relative Luminous Intensity Wavelength Characteristics (%) Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 LN265RPH 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 0 0 20 80 LN365GPH LN465YPH 50
IF Ta
Directive Characteristics
20 10 0 10 20 30 40 50
40
30
20
10
L LN N36 46 5G 5Y PH LN PH 26 5R PH
40
60
80
100
P (nm) Wavelength
(%) Relative Luminous Intensity
Ta (C ) Ambient Temperature
215


▲Up To Search▲   

 
Price & Availability of LN365GPH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X