Part Number Hot Search : 
WFN1N60N FT5754 R6200430 2SD1404 MAX14585 9S160 AAT2789 XF001
Product Description
Full Text Search
 

To Download K1V26W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Sidac
K1V26(W)
OUTLINE DIMENSIONS
Case : AX10 (Unit : mm)
RATINGS
Absolute Maximum Ratings Item
Storage Temperature Operating Junction Temperature Maximum Off-state Voltage RMS On-state Current Surge On-state Current
Symbol Tstg Tj VDRM
IT
Conditions
Tl = 91, 50Hz sine wave ( = 180 Tj = 25, 50Hz sine wave ( = 180, non-repetitive 1-cycle peak value Ta =25 , pulse width to = 10 s, sine wave, repetitive peak value f = 1 kHz Ta =25 , pulse width to = 10 s, sine wave, repetitive peak value f = 60 Hz
ITSM
Ratings -40125 125 180 1 16 17
Unit V A A
Pulse On-state Current
ITRM
A 50 80 Ratings 240265 Max 10 Max 0.5 TYP 50 Max 3.0 Min 0.1 Max 15 Standard 0.55 A/s Unit V A mA mA V k /W Unit A
Critical Rate of Rise of On-state Current diT/dt
Electrical Characteristics (Tl=25) Item Symbol Breakover Voltage VBO Off-state Current IDRM Breakover Current IBO Holding Current IH On-state Voltage VT Switching Resistance RS Thermal Resistance jl Standard Design with P.C.B. Item
RMS On-state Current
Conditions IB = 0, 50Hz sine wave VD = VDRM
IT = 1A Junction to lead
Conditions Symbol Assembled in P.C.B., Ta = 25, IT soldering land 3mm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
K1V22(W) K1V24(W) K1V26(W)
Typical On-State Voltage
3
Instantaneous On-State Current IT [A]
Tl=125C [TYP]
Tl=25C [TYP]
1 0.8
0.6
0.4
Pulse measurement
0.2
1.2
1.6
2
2.4
2.8
3.2
3.6
Instantaneous On-State Voltage VT [V]
K1V22(W) K1V24(W) K1V26(W)
3.2 Tj=125C Sine Wave Conduction Angle 180 2.8
Power Dissipation
2.4
Power Dissipation P [W]
2
1.6
1.2
0.8
0.4
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
On-State Current IT (rms) [A]
K1V22(W) K1V24(W) K1V26(W)
1.4 Tj=125C Sine Wave Conduction Angle 180 1.2
Maximum Lead Temperature
1
On-State Current IT (rms) [A]
0.8
0.6
0.4
0.2
0 40
60
80
100
120
140
Allowable Lead Temperature Tl [C]
K1V22(W) K1V24(W) K1V26(W)
1.2 Tj=125C Sine Wave Conduction Angle 180
Maximum Ambient Temperature
Mounted on PCB 20mm l
1
Soldering land 3mm l = 2~15mm
On-State Current IT (rms) [A]
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
Allowable Ambient Temperature Ta [C]
K1V22(W) K1V24(W) K1V26(W)
25
Maximum Surge On-State Current
Non-repetitive Sine Wave 50Hz Conduction Angle 180 Free In Air Tj = 25C
20
Surge On-State Current ITSM [A]
15
10
5
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
K1V22(W) K1V24(W) K1V26(W)
1000
Pulse On-State Current Rating
IP 0
t0
1/f
Peak Pulse On-State Current IP [A]
di T/dt limit line 100
Current Wave Form Free in air Sine Wave Ta = 25C
f = 1 ~ 120Hz
f = 1kHz 10 f = 5kHz
1
1
2
5
10
20
50
100
200
Pulse Base Width t0 [s]
K1V22(W) K1V24(W) K1V26(W)
1.2
Pulse On-State Current Derating
IP 0
t0
1
1/f
Pulse On-State Current Ratio IP(T) / IP(Ta=25C)
Current Wave Form Free in air Sine Wave Ta = 25C
0.8 f = 1 ~ 120Hz
f = 1 ~ 5kHz 0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
Ambient Temperature Ta [C]
K1V22(W) K1V24(W) K1V26(W)
Transient Thermal Resistance
ja
Mounted on PCB
20mm
100
l jl
Soldering land 3mm l = 2~15mm
10
1
Transient Thermal Resistance ja jl [C/W]
0.1
10-4
10-3
10-2
10-1
100
101
102
103
Duration t [s]
K1V22(W) K1V24(W) K1V26(W)
Breakover Voltage - Junction Temperature
1.1
1.05
1
0.95
0.9
Breakover Voltage Ratio VBO(T) / VBO(Tj=25C)
0.85
0.8 -40 0 20
-20
40
60
80
100
120
140
Junction Temperature Tj [C]


▲Up To Search▲   

 
Price & Availability of K1V26W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X