![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IRF140 Data Sheet March 1999 File Number 2306.3 28A, 100V, 0.077 Ohm, N-Channel Power MOSFET This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17421. Features * 28A, 100V * rDS(ON) = 0.077 * Single Pulse Avalanche Energy Rated * SOA is Power-Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Majority Carrier Device Symbol D Ordering Information PART NUMBER IRF140 PACKAGE TO-204AE BRAND IRF140 G NOTE: When ordering, use the entire part number. S Packaging JEDEC TO-204AE DRAIN (FLANGE) SOURCE (PIN 2) GATE (PIN 1) 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999 IRF140 Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified IRF140 100 100 28 20 110 20 150 1.0 100 -55 to 175 300 260 UNITS V V A A A V W W/oC mJ oC oC oC Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate To Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. TJ = 25oC to 150oC. TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs tD(ON) tr tD(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured between the Contact Screw on the Flange that is Closer to Source and Gate Pins and the Center of Die Measured from the Source Lead, 6mm (0.25in) from the Flange and the Source Bonding Pad Modified MOSFET Symbol Showing the Internal Device Inductances D LD G LS S Electrical Specifications PARAMETER TEST CONDITIONS ID = 250A, VGS = 0V (Figure 10) VDS = VGS, ID = 250A VDS = Rated BVDSS , VGS = 0V VDS = 0.8 x Rated BVDSS , VGS = 0V, TJ = 150oC VDS > ID(ON) x rDS(ON)MAX , VGS = 10V VGS = 20V ID = 17A, VGS = 10V (Figures 8, 9) VDS > ID(ON) x rDS(ON)MAX, ID = 17A (Figure 12) VDD = 50V, ID 28A, RG = 9.1, RL = 1.7 (Figures 17, 18) MOSFET Switching Times are Essentially Independent of Operating Temperature MIN 100 2.0 28 8.7 - TYP 0.07 13 16 27 38 14 38 9 21 1275 550 160 5.0 MAX 4.0 25 250 100 0.077 23 110 60 75 59 - UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current On-State Drain Current (Note 2) Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Drain Inductance VGS = 10V, ID = 28A, VDS = 0.8 x Rated BVDSS Ig(REF) = 1.5mA (Figures 14, 19, 20) Gate Charge is Essentially Independent of Operating Temperature - VDS = 25V, VGS = 0V, f = 1MHz (Figure 11) - Internal Source Inductance LS - 12.5 - nH Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient RJC RJA Free Air Operation - - 1.0 30 oC/W oC/W 2 IRF140 SourceTo Drain Diode Specifications PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Rectifier G D MIN - TYP - MAX 28 110 UNITS A A S Drain to Source Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovery Charge NOTES: VSD trr QRR TJ = 25oC, ISD = 28A, VGS = 0V (Figure 13) TJ = 25oC, ISD = 28A, dISD/dt = 100A/s TJ = 25oC, ISD = 28A, dISD/dt = 100A/s 70 0.44 150 0.9 2.5 300 1.9 V ns C 2. Pulse Test: Pulse Width 300s, Duty Cycle 2%. 3. Repetitive Rating: Pulse width limited by Max junction temperature. See Transient Thermal Impedance Curve (Figure 3). 4. VDD = 25V, starting TJ = 25oC, L = 190H, RG = 25, peak IAS = 28A (Figures 15, 16). Typical Performance Curves 1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 ID, DRAIN CURRENT (A) 30 24 18 12 6 0 125 50 75 100 TC , CASE TEMPERATURE (oC) 150 175 25 50 75 100 125 150 175 TC, CASE TEMPERATURE (oC) FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE 2 1 ZJC , TRANSIENT THERMAL 0.5 IMPEDANCE (oC/W) 0.2 0.1 0.1 0.05 0.02 0.01 10-2 SINGLE PULSE PDM t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC + TC 10-4 0.1 10-3 10-2 t1, RECTANGULAR PULSE DURATION (S) 1 10 10-3 10-5 FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE 3 IRF140 Typical Performance Curves 1000 OPERATION IN THIS AREA LIMITED BY rDS(ON) ID, DRAIN CURRENT (A) ID, DRAIN CURRENT (A) 100 10s 100s (Continued) 50 VGS = 7V 40 VGS = 8V VGS = 10V 80s PULSE TEST VGS = 6V 30 1ms 10 TC = 25oC TJ = MAX RATED 1 1 SINGLE PULSE 100 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 1000 10ms DC 20 VGS = 5V 10 VGS = 4V 0 0 10 20 30 40 50 VDS, DRAIN TO SOURCE VOLTAGE (V) FIGURE 4. FORWARD BIAS SAFE OPERATING AREA FIGURE 5. OUTPUT CHARACTERISTICS 50 PULSE DURATION = 80s VGS = 10V ID, DRAIN CURRENT (A) 40 VGS = 7V 30 VGS = 6V 20 VGS = 5V 10 VGS = 4V 0 0 1.0 2.0 3.0 4.0 5.0 VGS = 8V ISD, SOURCE TO DRAIN CURRENT (A) 102 VDS 50V 80s PULSE TEST 10 1 TJ = 175oC TJ = 25oC 0.1 VDS, DRAIN TO SOURCE VOLTAGE (V) 0 2 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 10 FIGURE 6. SATURATION CHARACTERISTICS FIGURE 7. TRANSFER CHARACTERISTICS 1.0 80s PULSE TEST NORMALIZED DRAIN TO SOURCE ON RESISTANCE rDS(ON), DRAIN TO SOURCE 0.8 ON RESISTANCE 3.0 ID = 17A VGS = 10V 2.4 0.6 VGS = 10V 0.4 1.8 1.2 0.2 VGS = 20V 0.6 0 0 25 50 75 100 125 ID, DRAIN CURRENT (A) 0 -40 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC) FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE 4 IRF140 Typical Performance Curves 1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A 1.15 C, CAPACITANCE (pF) 2400 (Continued) 3000 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD CISS 1.05 1800 0.95 1200 COSS 600 CRSS 0.85 0.75 -40 0 40 80 120 160 0 1 TJ, JUNCTION TEMPERATURE (oC) 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 102 FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE 20 gfs, TRANSCONDUCTANCE (S) 16 TJ = 175oC 12 TJ = 25oC 8 ISD, SOURCE TO DRAIN CURRENT (A) VDS 50V 80s PULSE TEST 103 102 TJ = 175oC 10 TJ = 25oC 4 0 0 10 20 30 ID, DRAIN CURRENT (A) 40 50 1 0 0.6 1.2 1.8 2.4 VSD, SOURCE TO DRAIN VOLTAGE (V) 3.0 FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE 20 VGS, GATE TO SOURCE VOLTAGE (V) ID = 28A 16 VDS = 80V VDS = 50V VDS = 20V 12 8 4 0 0 12 24 36 48 Qg(TOT), TOTAL GATE CHARGE (nC) 60 FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE 5 IRF140 Test Circuits and Waveforms VDS tP IAS VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG + BVDSS L VDS VDD - VDD 0V IAS 0.01 0 tAV FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT FIGURE 16. UNCLAMPED ENERGY WAVEFORMS tON td(ON) tr VDS RL 90% tOFF td(OFF) tf 90% + RG DUT - VDD 0 10% 90% 10% VGS 0 10% 50% PULSE WIDTH 50% VGS FIGURE 17. SWITCHING TIME TEST CIRCUIT FIGURE 18. RESISTIVE SWITCHING WAVEFORMS CURRENT REGULATOR VDS (ISOLATED SUPPLY) VDD Qg(TOT) VGS 12V BATTERY 0.2F 50k 0.3F SAME TYPE AS DUT Qgs Qgd D G DUT 0 VDS Ig(REF) 0 IG CURRENT SAMPLING RESISTOR S VDS ID CURRENT SAMPLING RESISTOR Ig(REF) 0 FIGURE 19. GATE CHARGE TEST CIRCUIT FIGURE 20. GATE CHARGE WAVEFORMS 6 IRF140 All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com Sales Office Headquarters NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029 7 |
Price & Availability of IRF140
![]() |