Part Number Hot Search : 
88523 FRF9150H 2N5962 T1105 TA1370FG T260XW01 S1500 CDB5321
Product Description
Full Text Search
 

To Download HMC578 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC578
v00.0506
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
Typical Applications
Features
High Output Power: +17 dBm Low Input Power Drive: 0 to +6 dBm Fo Isolation: >25 dBc @ Fout= 28 GHz 100 KHz SSB Phase Noise: -132 dBc/Hz Single Supply: +5V@ 81 mA Die Size: 1.18 mm x 1.23 mm x 0.1 mm
2
FREQUENCY MULTIPLIERS - CHIP
The HMC578 is suitable for: * Clock Generation Applications: SONET OC-192 & SDH STM-64 * Point-to-Point & VSAT Radios * Test Instrumentation * Military EW / Radar * Space
Functional Diagram
General Description
The HMC578 die is a x2 active broadband frequency multiplier utilizing GaAs PHEMT technology. When driven by a +3 dBm signal, the multiplier provides +17 dBm typical output power from 24 to 33 GHz. The Fo and 3Fo isolations are >25 dBc and >36 dBc respectively at 28 GHz. The HMC578 is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -132 dBc/Hz at 100 kHz offset helps maintain good system noise performance.
Electrical Specifications, TA = +25 C, Vdd1, Vdd2 = 5.0V, 3 dBm Drive Level
Parameter Frequency Range, Input Frequency Range, Output Output Power Fo Isolation (with respect to output level) 3Fo Isolation (with respect to output level) Input Return Loss Output Return Loss SSB Phase Noise (100 kHz Offset) Supply Current (Idd1 & Idd2) 12 Min. Typ. 12 - 16.5 24 - 33 17 22 30 10 15 -132 81 Max. Units GHz GHz dBm dBc dBc dB dB dBc/Hz mA
2 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC578
v00.0506
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
Output Power vs. Temperature @ 3 dBm Drive Level
25
Output Power vs. Drive Level
25 20
2
FREQUENCY MULTIPLIERS - CHIP
2 - 45
OUTPUT POWER (dBm)
OUTPUT POWER (dBm)
20
15 10 5 0 -5 -10 -15 -20
-6dBm -4dBm -2dBm 0dBm 2dBm 4dBm 6dBm
15
10
+25C +85C -55C
5
0 22 23 24 25 26 27 28 29 30 31 32 33 34 35 OUTPUT FREQUENCY (GHz)
-25 22 23 24 25 26 27 28 29 30 31 32 33 34 35 OUTPUT FREQUENCY (GHz)
Output Power vs. Supply Voltage @ 3 dBm Drive Level
25
Isolation @ 3 dBm Drive Level
20 OUTPUT POWER (dBm)
OUTPUT POWER (dBm)
20
10
Fo 2Fo 3Fo
15
Vdd=4.5V Vdd=5.0V Vdd=5.5V
0
10
-10
5 -20 0 22 23 24 25 26 27 28 29 30 31 32 33 34 35 OUTPUT FREQUENCY (GHz) 22 23 24 25 26 27 28 29 30 31 32 33 34 35
OUTPUT FREQUENCY (GHz)
Output Power vs. Input Power
25 20 OUTPUT POWER (dBm) 15 10 5 0 -5 -10 -15 -20 -10
24GHz 28GHz 33GHz
-8
-6
-4
-2
0
2
4
6
8
10
INPUT POWER (dBm)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC578
v00.0506
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
0 OUTPUT RETURN LOSS (dB) -5 -10 -15 -20 -25 -30
+25C +85C -55C
INPUT RETURN LOSS (dB)
2
FREQUENCY MULTIPLIERS - CHIP
0
-5
+25C +85C -55C
-10
-15
-20 11 11.5 12 12.5 13 13.5 14 14.5 15 15.5 16 16.5 17 17.5 FREQUENCY (GHz)
22
23 24 25
26 27 28
29
30 31 32
33 34
35
FREQUENCY (GHz)
2 - 46
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC578
v00.0506
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
Absolute Maximum Ratings
RF Input (Vdd = +5V) Supply Voltage (Vdd1, Vdd2) Channel Temperature Continuous Pdiss (T= 85 C) (derate 7.8 mW/C above 85 C) Thermal Resistance (channel to die bottom) Storage Temperature Operating Temperature +13 dBm +6.0 Vdc 175 C 703 mW 128 C/W -65 to +150 C -55 to +85 C
Typical Supply Current vs. Vdd
Vdd (Vdc) 4.5 5.0 5.5 Idd (mA) 81 81
2
FREQUENCY MULTIPLIERS - CHIP
2 - 47
81
Note: Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Die Packaging Information [1]
Standard GP-2 Alternate [2] --
[1] Refer to the "Packaging Information" section for die packaging dimensions. [2] Reference this suffix only when ordering alternate die packaging.
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 2. DIE THICKNESS IS .004" 3. TYPICAL BOND PAD IS .004" SQUARE. 4. TYPICAL BOND SPACING IS .006" CENTER TO CENTER. 5. BOND PAD METALIZATION: GOLD 6. BACKSIDE METALIZATION: GOLD 7. BACKSIDE METAL IS GROUND. 8. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC578
v00.0506
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
Pad Description
2
FREQUENCY MULTIPLIERS - CHIP
Pad Number
Function
Description
Interface Schematic
1, 2
Vdd1, Vdd2
Supply voltage 5V 0.5V.
3
RFOUT
Pin is AC coupled and matched to 50 Ohms from 24 - 33 GHz.
4, 5
GND
Die bottom must be connected to RF ground.
6
RFIN
Pin is AC coupled and matched to 50 Ohms from 12 - 16.5 GHz.
Assembly Diagram
2 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC578
v00.0506
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should be brought as close to the die as possible in order to minimize ribbon bond length. Typical die-to-substrate spacing is 0.076mm (3 mils). Gold ribbon of 0.075 mm (3 mil) width and minimal length <0.31 mm (<12 mils) is recommended to minimize inductance on RF, LO & IF ports. An RF bypass capacitor should be used on the Vdd input. A 100 pF single layer capacitor (mounted eutectically or by conductive epoxy) placed no further than 0.762mm (30 Mils) from the chip is recommended.
0.102mm (0.004") Thick GaAs MMIC
Wire 3 mil Ribbon Bond
2
FREQUENCY MULTIPLIERS - CHIP
2 - 49
0.076mm (0.003")
RF Ground Plane
0.127mm (0.005") Thick Alumina Thin Film Substrate Figure 1.
Handling Precautions
Follow these precautions to avoid permanent damage. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes.
0.102mm (0.004") Thick GaAs MMIC
Ribbon Bond 0.076mm (0.003")
RF Ground Plane
0.150mm (0.005") Thick Moly Tab 0.254mm (0.010") Thick Alumina Thin Film Substrate Figure 2.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC578

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X